Part Number Hot Search : 
CP592 TPC810 PM100 AN90B10 LAS2112 MP880106 74HC138D SB24003
Product Description
Full Text Search
 

To Download IRDCIP2003A-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 REFERENCE DESIGN
Overview
This reference design is capable of delivering up to a current of 160A with the enclosed heatsink attached at an ambient temperature of 60C with 400LFM or an ambient temperature of 45C with 200LFM of airflow. Performance graphs and waveforms are provided in figures 1-9. The figures and table in pages 5 - 8 are provided as a reference design to enable engineers to very quickly and easily design a 4-phase converter. Refer to the data sheet for the controller listed in the bill of materials in order to optimize this design to your specific requirements. A variety of other controllers may also be used, but the design will require layout and control circuit modifications.
IRDCIP2003A-C
International Rectifier * 233 Kansas Street, El Segundo, CA 90245 USA
IRDCIP2003A-C: 1MHz, 160A, Synchronous Buck Converter Using iP2003A
Demoboard Quick Start Guide
Initial Settings:
The output is set to 1.3V, but can be adjusted from 0.8V to 3.3V by changing the voltage divider values of R3 and R32 according to the following formula: R3 = R32 = (24.9k x 0.8) / (VOUT - 0.8) The switching frequency per phase is set to 1MHz with the frequency set resistor R4. This creates an effective output frequency of 4MHz. The graph in figure 11 shows the relationship between R4 and the switching frequency per phase. The frequency may be adjusted by changing R4 as indicated; however, extreme changes from the 1MHz set point may require redesigning the control loop and adjusting the values of input and output capacitors. Refer to the SOA graph in the iP2003A datasheet for maximum operating current at different conditions.
Procedure for Connecting and Powering Up Demoboard:
1. Apply input voltage across (+12V) across VIN and PGND. 2. Apply load across VOUT pads and PGND pads. 3. Adjust load to desired level. See recommendations below.
IRDCIP2003A-C Recommended Operating Conditions
(refer to the iP2003A datasheet for maximum operating conditions) 1 Input voltage: 5V - 12V Output voltage: 0.8 - 3.3V Switching Freq: 1MHz per phase, 4MHz effective output frequency. Output current: This reference design is capable of delivering up to 160A with the enclosed heatsink attached, at an ambient temperature of 60C with 400LFM of airflow, or an ambient temperature of 45C with 200LFM of airflow. 1 Note: If Vin = 5V, then connect Vin to test point TP3 and Terminal T1 and remove jumper J1. Refer to schematic for details. Additionally, the threshold of the POR circuit should be adjusted to allow the supply to sequence properly.
12/03/04
IRDCIP2003A-C_ ____
55.0
_____
86% 85% 84% 83% 82% 81% 80%
50.0
45.0
40.0
35.0 Power Loss (W)
VIN = 12V VOUT = 1.3V fSW = 1MHz TA = 25C
Efficiency (%)
30.0
79% 78% 77% 76% 75%
25.0
20.0
15.0
74% 73% 72%
10.0
VIN = 12V VOUT = 1.3V fSW = 1MHz TA = 25C
0 20 40 60 80 Output Current (A) 100 120 140 160
5.0
71% 70%
0 20 40 60 80 Output Current (A) 100 120 140 160
0.0
Fig. 1: Power Loss vs. Current
Fig. 2: Efficiency vs. Current
Phase Margin = 61 Cross-Over Freq. = 106kHz
VIN = 12V VOUT = 1.3V IOUT = 160A fSW = 1MHz TA = 25C
Fig. 3: Bode Plot
VIN = 12V, VOUT = 1.3V IOUT = 160A, fSW = 1MHz TA = 25C VIN = 12V, VOUT = 1.3V IOUT = 160A, fSW = 1MHz TA = 25C
Ripple = 90mVp-p
Ripple = 7.0mVp-p
Fig. 4: Input Voltage Ripple Waveform
Fig. 5: Output Voltage Ripple Waveform
www.irf.com
2
_____________
100.0% 99.8% 99.6% Output Voltage Accuracy (%) 99.4% 99.2% 99.0% 98.8% 98.6% 98.4% 98.2% 98.0% 0 20 40 60 80 Output Current (A)
__IRDCIP2003A-C
VIN = 12V VOUT = 1.3V fSW = 1MHz TA = 25C
100
120
140
160
Fig. 6: Output Voltage Accuracy vs. Current
VIN = 12V VOUT = 1.3V IOUT = 160A fSW = 1MHz TA = 25C
Ch. 1: VIN 2V/div
Ch. 1: VIN 2V/div
VIN = 12V VOUT = 1.3V IOUT = 160A fSW = 1MHz TA = 25C
Ch. 2: VOUT 0.5V/div
Ch. 2: VOUT 0.5V/div
Fig. 7: Power Up Waveform
Fig. 8: Power Down Waveform
Ch. 1: VOUT 1V/div
VIN = 12V VOUT = 1.3V fSW = 1MHz TA = 25C
Hiccups until short circuit is removed
Short circuit at start-up
Ch. 2: IOUT 50A/div
Fig. 9: Short Circuit Condition Waveform
3
www.irf.com
IRDCIP2003A-C_ ____
*>120.0C 120.0 100.0 80.0 60.0 40.0
Airflow direction VIN = 12V VOUT = 1.3V IOUT = 160A fSW = 1MHz TA = 45C Airflow = 200LFM Max 70.7C
_____
Board Temperature @ 1mm from edge of module: TPCB (U2): TPCB (U3): TPCB (U4): TPCB (U5): 83.4C 82.7C 82.3C 79.2C
*<21.3C
*>120.0C 120.0 100.0 80.0 60.0 40.0
VIN = 12V VOUT = 1.3V IOUT = 160A fSW = 1MHz TA = 60C Airflow = 400LFM
Max 78.5C
Board Temperature @ 1mm from edge of module: TPCB (U2): 88.9C TPCB (U3): 87.5C TPCB (U4): 87.3C TPCB (U5): 85.1C
Airflow direction
*<21.3C
Fig. 10: Thermal Images With Board and Heatsink Temperatures
www.irf.com
4
_____________
Adjusting the Over-Current Limit
__IRDCIP2003A-C
R5, R7, R8, and R9 are the resistors used to adjust the over-current trip point. The trip point is a function of the controller and corresponds to the per phase output current indicated on the x-axis of Fig. 11. For example, selecting 3.65k resistors will set the trip point of each phase to 66A. (Note: Fig. 11 is based on iP2003A, TJ = 125C. The trip point will be higher than expected if the reference board is cool and is being used for short circuit testing.)
3.7 3.6 3.5 3.4 3.3 3.2
RISEN (k)
3.1 3.0 2.9 2.8 2.7 2.6 2.5 2.4 43 45 47 49 51 53 55 57 59 61 63 65 67
Over-Current Trip Point (per Phase)
Fig. 11: RISEN vs. Current (per Phase)
100
R4 (k)
10 100 1000
Output Frequency (kHz) (per Phase)
Fig. 12: R4 vs. Frequency (per Phase)
5
www.irf.com
IRDCIP2003A-C_ ____
_____
Fig. 13: Component Placement Top Layer
Heatsink Notes:
1)
2) 3) 4)
Always use the supplied Berquist Gap PadTM A3000 thermal interface material with heatsink. Torque 5 x #2-56 machine screws to 15 +/-1 in-oz. The heatsink is optimized for 400 LFM with unconfined airflow. Performance will improve with more airflow or confined airflow. Airflow direction should be parallel to fins for maximum performance.
Fig. 14: Heatsink Specification
www.irf.com
6
R35
0 499 1% 20k1%
R6
+5V 1 VDD VIN 8
U2 IP2003A
R1 T P13
Vin
VINS
VOUTS
R2
24.9k1% 220pF 15pF 560pF
C26 C25 R22
2.2uF 2.2uF 10uF 10uF 10uF 10uF open
C1
+5V
T 1
VIN
C48 C39
330uF
C49 C3
open
C4 C5 C56
C33
C57
C40
T P1
A open 40.2k1%
B
T P2
PWM
R3 R19
4 3 +5V VCC 1 VSW
3.65k1% 10k1%
R36
open
3
330uF
C41
330uF
T 2
PGND
5
ENA 6 VSW1
2 ENABLE
T P17 R5 T P6
VSW1 PGNDS
FB
COMP
DROOP
C2
VSWS1 VSWS2
10uF
L1
0.3uH
VOUT
T 3
VOUT
PRDY1
4 PRDY
PGND PGND
5 7
9
10
100uF
100uF
100uF
open
ISEN1
14
C15
C16
C42
C64
T 4
VOUT
T 5
VOUT
R31
24.9k1%
PWM1 6 VSEN
U3 IP2003A
13
0
_____________
R10
R32 C47
open 40.2k1%
ISEN2 +5V VDD VIN 8 1
11
+5V
T 6
Vin
PGND
T 7 C50
2.2uF 2.2uF 10uF 10uF
R24 D1
PRDY3 3
CMPD3003A 0
C51 C6
C7
C8
10uF
C30
10uF
C58
open
C59
open
PGND
PWM2 3 PWM
12
R11
open
T 8
PGND
TP5
1
PGOOD
R16
2 PGOOD ISEN3 10 VSW 6
10k1%
0.22uF
C35
PRDY2 2 VSW2
ENA
2 ENABLE
TP7 R7
3.65k1% VSW2
0.22uF
C36
+5V VSWS1 FS/EN PWM3 9 9
R30 R12 R29
10 +5V
open 0
L2
0.3uH
VOUTS VOUTS
TP21
VSWS2
100uF
100uF
100uF
PRDY1 3 1 PWM4 16 2
0 0.22uF CMPD3003A 20k1%
open
2.2uF
2.2uF
10uF
10uF
10uF
10uF
open
PWM
R17
10k1%
ENA
2
ENABLE VSW 6
open
VSWS1
VSWS2
9
10
100uF
100uF
100uF
U6 R40 R38
26.1k1% 301
LM1117DTX -5.0
1
2
1
3
+5V 110k1%
Input
Output
2
Jum per
3
2
2.2uF
2.2uF
10uF
10uF
10uF
10uF
open
1
TP4
PGND 11k1%
R39
PWM
R18
10k1%
ENA
2
ENABLE VSW 6
open
10uF 10uF
Adj/Gnd
VSWS1
VSWS2
9
10
100uF
100uF
100uF
__IRDCIP2003A-C
www.irf.com
open
Fig. 15: Reference Design Schematic
7
open
Vin +5V
Q1 IRLML6402
+5V ENA +5V 1
U5 IP2003A
Vin
J1 TP3 R37
ENA 3
LM431
+5V
VDD
VIN
8
Vin
D3 R41
1k1%
R28
open
C54
3
C55
C12
C13
C14
C32
C62
C63
C27
C28
VSW4
3.65k1%
R9
TP9
VSW4
L4
PRDY4 4 PRDY PGND PGND 5 7
0.3uH
C21
C22
C45
C67
open
7
PRDY2 4 PRDY
PGND PGND
5 7
C17
C18
C43
C65
C34
0.1uF
C46
10uF
R4
PGNDS
TP22 R13
PGNDS
0.22uF
C37
PRDY4
C38
8 GND +5V VDD 1 ISEN4 15 +5V
U4 IP2003A
D2
8 VIN Vin
U1
ISL6558CB
R26
open
C52
3
C53
C9
C10
C11
C31
C60
C61
VSW3
3.65k1%
R8
TP8
VSW3
L3
4 PRDY PGND PGND 5 7
0.3uH
PRDY3
C19
C20
C44
C66
IRDCIP2003A-C_ ____
_____
Table 1: Reference Design Bill of Materials Refer to the following application notes for detailed guidelines and suggestions when implementing iPOWIR Technology products:
AN-1028: Recommended Design, Integration and Rework Guidelines for International Rectifier's iPowIR Technology BGA and LGA and Packages This paper discusses optimization of the layout design for mounting iPowIR BGA and LGA packages on printed circuit boards, accounting for thermal and electrical performance and assembly considerations. Topics discussed includes PCB layout placement, and via interconnect suggestions, as well as soldering, pick and place, reflow, inspection, cleaning and reworking recommendations. AN-1030: Applying iPOWIR Products in Your Thermal Environment This paper explains how to use the Power Loss and SOA curves in the data sheet to validate if the operating conditions and thermal environment are within the Safe Operating Area of the iPOWIR product. AN-1047: Graphical solution for two branch heatsinking Safe Operating Area Detailed explanation of the dual axis SOA graph and how it is derived. Use of this design for any application should be fully verified by the customer. International Rectifier cannot guarantee suitability for your applications, and is not liable for any result of usage for such applications including, without limitation, personal or property damage or violation of third party intellectual property rights. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903
www.irf.com
8


▲Up To Search▲   

 
Price & Availability of IRDCIP2003A-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X