Part Number Hot Search : 
G4BC15U B1201UA4 AM2520 MB9124 170M5668 GC2520 1337M1 MBT440
Product Description
Full Text Search
 

To Download IN75232 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IN75232 EIA-232-D INTERFACE 1 CHIP IC
DESCRIPTION The IN75232 is monolitic device containing 3 independent drivers and 5 receivers. It is designed to interfase between data terminal equipment and data communication equipment by EIA-232-D. FEATURES
* * -- -- -- -- -- * -- -- -- * Meets standard EIA-232-D (Revision of RS-232-C) Drivers Current Limited Output .... 10 mA Typical Power-off Output Impedance .... 300 Min Slew Rate Control by Load Capacitor Flexible Supply Voltage Range Input Compatible with Most TTL and DTL Circuits Receiver Input Resistance ......... 3 k to 7 k Input Signal Range ...... 30 V Built-in Input Hysteresis (Double Threshold) 20 DIP/SOP
V C C+
Block Diagram
1
20
VC C
RA1
2
19
RY1
RA2
3
18
RY2
RA3
4
17
RY3
DY1
5
16
DA1
DY2
6
15
DA2
RA4
7
14
RY4
DY3
8
13
DA3
RA5
9
12
RY5
V C C-
10
11
GND
PIN DESCRIPTION
Name Vcc+ DA1 DA2 DA3 Vcc RA1 RA2 RA3 RA4 RA5 Pin No 1 16 15 13 20 2 3 4 7 9 Function Driver Section Supply Driver Input Receiver Section Supply Name VccDY1 DY2 DY3 GND RY1 RY2 RY3 RY4 RY5 Pin No 10 5 6 8 11 19 18 17 14 12 Function Driver Section Supply -- Driver Output Ground
Receiver Input
Receiver Output
Korzhenevskogo 12, Minsk, 220064, Republic of Belarus Fax: +375 (17) 278 28 22, Phone: +375 (17) 278 07 11, 277 24 70, 277 24 61, 277 69 16 E-mail: belms@belms.belpak.minsk.by URL: www.bms.by
IN75232
ABSOLUTE MAXIMUM RATINGS Symbol Parametr Vcc+ Supply Voltage VccSupply Voltage Vcc Supply Voltage VI (Driver) Input Voltage VI (Receiver) Input Voltage VO (Driver) Output Voltage PT Continuous Power Dissipation (Below 25oC) TSTG Storage Tempetatura TOP Operating Tempetatura ELECTRICAL CHARACTERISTICS Supply Current
Symbol Parameter 1 2 Icc+ Supply Current from Vcc+ Test Condition 3 Vcc+=9V Vin=1.9V No Load Vin=0.8V Vcc+=12V Vin=1.9V No Load Vin=0.8V Vcc+=15V Vin=1.9V No Load Vin=0.8V Vcc+=-9V Vin=1.9V No Load Vin=0.8V Vcc+=-12V Vin=1.9V No Load Vin=0.8V Vcc+=-15V Vin=1.9V No Load Vin=0.8V Vcc=5V Vin=5V
Rating 15 -15 10 -15...+7 30 -15...+15 1.0 -65...+175 0...+75
Unit V V V V V V W
o o
C C
Min 4
Typ 5 11.3 3.4 14.3 4.1
Icc-
Supply Current from Vcc-
-12 -16
Supply Current from Vcc Driver Section VOH High Level Output Voltage
Icc
20
Max 6 15 4.5 19 5.5 25 9 -15 -3.2 -19 -3.2 -25 -3.2 30
Unit 7
mA
mA
mA
VOL
Low Level Output Voltage
IIH IIL IOS(H)
High Level Input Current Low Level Input Current Short Circuit Output Current at High Level
Vcc+=9V Vcc-=-9V Vcc+=13.2V Vcc-=-13.2V VIL=1.9V Vcc+=9 V Vcc-=-9V RL=3 k Vcc+=13.2V Vcc-=-13.2V VI=5V VI=0 VI=0.8V VO=0
VIL=0.8V RL=3 k
6 9
7 10.5 -6 -9 10 -1 -1.6 -12
V
V
A mA mA
-6
-10
Korzhenevskogo 12, Minsk, 220064, Republic of Belarus Fax: +375 (17) 278 28 22, Phone: +375 (17) 278 07 11, 277 24 70, 277 24 61, 277 69 16 E-mail: belms@belms.belpak.minsk.by URL: www.bms.by
IN75232
ELECTRICAL CHARACTERISTICS Supply Current
Symbol Parameter 1 2 IOS(L) Short Circuit Output Current at Low Level RO Output Resistance, Power Off Driver Switching Characteristics tPLH Propogation Delay Time, Low-To-High Level Output tPHL Propogation Time, High -To- Low Level Output tTHL Transition Delay Time, Low-To-High Level Output tTLH Transition Delay Time, High-To-Low Level Output VOH VOL IIH IIL VT+ VTTest Condition 3 VI=1.9V VO=0 Min 4 6 Typ 5 10 Max 6 12 Unit 7 mA
Vcc+=0, Vcc-=0 300 VO= -2V to 2V ( Vcc+=9V, Vcc-=-9V, TA=25oC) 400 RL=3 k CL=15 pF 100
500
ns
175
ns
55
100
bns
45
75
ns
tPLH tPHL tTHL tTLH
High Level Output Voltage Low Level Output Voltage High-Level Input VI=25V Current VI=3V Low-Level Input VI=-25V Current VI=-3V Positive-Going Thrteshold Voltage Negative-Going Thrteshold Voltage Receiver Switching Characteristics Propogation Delay CL=15 pF Time, Low-To-High RL=3.9 k Level Output Propogation Time, CL=15 iO High -To- Low Level RL=390 k Output Transition Delay Time, CL=15 pF Low-To-High Level RL=3.9 k Output Transition Delay Time, CL=15 pF High-To-Low Level RL=390 k Output
Receiver Section VI=0.75V, IOL=-0,5 mA Input Open, IOL=-0,5 mA VI=3V, IOL=10 mA
2.6 2.6
4 4 0.2
5 5 0,45 8.3 -8.3
V V V mA mA V
3.6 0.43 -3.6 -0.43 1.75 0.75
1.9 0.97
2.25 1.25
Vcc=5V 100
150
ns
25
50
ns
120
175
ns
10
20
ns
Korzhenevskogo 12, Minsk, 220064, Republic of Belarus Fax: +375 (17) 278 28 22, Phone: +375 (17) 278 07 11, 277 24 70, 277 24 61, 277 69 16 E-mail: belms@belms.belpak.minsk.by URL: www.bms.by


▲Up To Search▲   

 
Price & Availability of IN75232

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X