Part Number Hot Search : 
TA7668 15111 P2600 HCS05K ALVC16 MDA970G6 DS2762BR NDL5506P
Product Description
Full Text Search
 

To Download ICS674-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ICS674-01
USER CONFIGURABLE DIVIDER
Description
The ICS674-01 consists of two separate configurable dividers. The A Divider is a 7-bit divider and can divide by 3 to 129. The B Divider consists of a 9-bit divider followed by a post divider. The 9-bit divider can divide by 12 to 519. The post divider has eight settings of 1, 2, 4, 5, 6, 7, 8, and 10; giving a maximum total divide of 5190. The A and B Dividers can be cascaded to give a maximum divide of 669510. The ICS674-01 supports the ICS673 PLL Building Block and enables the user to build a full custom PLL synthesizer.
Features
* * * * * * * * * * *
Packaged in 28-pin SSOP (150 mil body) General purpose programmable divider Supports ICS673 PLL Building Block User determines the divide by setting input pins Pull-ups on all select inputs Includes one 7-bit Divider for OUTA Includes one 9-bit Divider and one selectable Post Divider for OUTB Industrial temperature range available 25 mA drive capability at TTL levels Advanced, low power CMOS process Operating voltage of 3.3 V or 5 V
Block Diagram
A6:A0
7
VDD
2
INA
Divider A (7-Bit)
OUTA
INB
Divider B (9-Bit)
3
Post Divider
OUTB
9
B8:B0
GND
3
S2:S0
MDS 674-01 D In te grated Circui t Systems
l
1
5 25 Race Stre et, San Jose, CA 9 5126
l
Revision 050604 te l (4 08) 297 -1201
l
w w w. i c s t . c o m
ICS674-01 USER CONFIGURABLE DIVIDER
Pin Assignment
A5 A6 S0 S1 S2 VDD INA INB GND B0 B1 B2 B3 B4 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 A4 A3 A2 A1 A0 VDD OUTA OUTB GND GND B8 B7 B6 B5
Post Divider Table
S2 Pin 5 0 0 0 0 1 1 1 1 S1 Pin 4 0 0 1 1 0 0 1 1 S0 Pin 3 0 1 0 1 0 1 0 1 Post Divide 10 2 8 4 5 7 1 6
28 pin (150 mil) SSOP
Pin Descriptions
Pin Number 1, 2, 24 - 28 3-5 6, 23 7 8 9, 19 - 20 10 - 18 21 22 Pin Name A5, A6, A0-A4 S0, S1, S2 VDD INA INB GND B0 - B8 OUTB OUTA Pin Type Input Input Power Input Input Power Input Output Output Pin Description Divider A word input pins. Forms a number from 1 to 127. Internal pull-up resistors. See page 3 for details. Select pins for Post Divider. See table above. Internal pull-up resistors. Connect to VDD. Divider A input. Divider B input. Connect to ground. Divider B word input pins. Forms a number from 4 to 511. Internal pull-up resistors. See page 3 for details. Divider B output. Divider A output.
MDS 674-01 D Integrated Ci rcu it Systems
l
2
525 Ra ce St reet, San Jose , CA 9512 6
l
Revision 050604 tel (408 ) 29 7-120 1
l
w w w. i c s t . c o m
ICS674-01 USER CONFIGURABLE DIVIDER
External Components
The ICS674-01 requires a minimum number of external components for proper operation. A 0.01F decoupling capacitor should be connected between each VDD and GND as close to the device as possible. A series termination resistor of 33 should be used in series with OUTA and OUTB pins.
Determining (setting) the Divider
The user has full control in setting the desired divide. The user should connect the appropriate divider select input pins directly to ground (or VDD, although this is not required because of internal pull-ups) during Printed Circuit Board layout, ensuring that the ICS674-01 will automatically produce the correct divide when all components are soldered. It is also possible to connect the inputs to parallel I/O ports in order to change divides. The divides of the ICS674-01 can be determined by the following equations: Divide A = DAW + 2 Where Divider A Word (DAW) = 1 to 127 (0 is not permitted)
Divide B = (DBW+8) x PD Where Divider B Word (DBW) = 4 to 511 (0, 1, 2, 3 are not permitted) Post Divider (PD) = values on page 2 For example, suppose Divide A is desired to be 61 and Divide B is desired to be 284, then DAW = 59, DBW = 276, and PD = 1. This means A6:A0 is 0111011, B8:B0 is 100010100 and S2:S0 is 110. Since all inputs have pull-ups, it is only necessary to ground the zero pins, namely A6, A2, B7, B6, B5, B1, B0, and S0. These configuration pins can be changed at any time during operation.
MDS 674-01 D Integrated Ci rcu it Systems
l
3
525 Ra ce St reet, San Jose , CA 9512 6
l
Revision 050604 tel (408 ) 29 7-120 1
l
w w w. i c s t . c o m
ICS674-01 USER CONFIGURABLE DIVIDER
Using the ICS674-01 with the ICS673-01:
The ICS674-01 may be used with the ICS673-01 to build a frequency synthesizer. The following example shows a typical application when the reference clock is in the MHz range:
Reference Clock
Divide A
REFIN ICS673-01 FBIN Post Divide
CLK1
Ouput Clock
CLK2 Divide B
ICS674-01
If the reference is in the kHz range, for example 8 kHz, the following configuration may be more typical:
Reference Clock
REFIN ICS673-01 FBIN Divide A ICS674-01 Post Divide
CLK1
Ouput Clock
CLK2 Divide B
Note that in both examples, Divide B is connected to the output of the ICS673. This is because Divide B has a higher operating frequency than Divide A.
MDS 674-01 D Integrated Ci rcu it Systems
l
4
525 Ra ce St reet, San Jose , CA 9512 6
l
Revision 050604 tel (408 ) 29 7-120 1
l
w w w. i c s t . c o m
ICS674-01 USER CONFIGURABLE DIVIDER
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS674-01. These ratings, which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended operating temperature range.
Item
Supply Voltage, VDD All Inputs and Outputs CLKIN and FBIN inputs Electrostatic Discharge Ambient Operating Temperature Ambient Operating Temperature (I version) Storage Temperature Junction Temperature Soldering Temperature 7V
Rating
-0.5 V to VDD+0.5 V -0.5 V to 5.5 V 2000 V 0 to +70C -40 to +85C -65 to +150C 150C 260C
Recommended Operation Conditions
Parameter
Ambient Operating Temperature Power Supply Voltage (measured in respect to GND)
Min.
0 +3.0
Typ.
Max.
+70 +5.5
Units
C V
DC Electrical Characteristics
VDD=5 V 10%, Ambient temperature -40 to +85C, unless stated otherwise
Parameter
Operating Voltage Input High Voltage Input Low Voltage Input High Voltage Input Low Voltage Output High Voltage Output Low Voltage Operating Supply Current DivA=DivB=20
Symbol
VDD VIH VIL VIH VIL VOH VOL IDD
Conditions
All A, B, and S pins All A, B, and S pins INA and INB only INA and INB only IOH = -25 mA IOL = 25 mA No load, fin=100 MHz 3.3 V No load, fin=100 MHz 5V
Min.
3.0 2
Typ.
Max.
5.5 0.8
Units
V V V V V V V mA mA
(VDD/2)+1 VDD/2 VDD/2 2.4 0.4 3 5 (VDD/2)-1
MDS 674-01 D Integrated Ci rcu it Systems
l
5
525 Ra ce St reet, San Jose , CA 9512 6
l
Revision 050604 tel (408 ) 29 7-120 1
l
w w w. i c s t . c o m
ICS674-01 USER CONFIGURABLE DIVIDER
Parameter
Short Circuit Current On-Chip Pull-up Resistor Input Capacitance
Symbol
IOS RPU CIN
Conditions
Each output A, B, S select pins A, B, S select pins
Min.
Typ.
70 270 5
Max.
Units
mA k pF
AC Electrical Characteristics
VDD = 5 V, Ambient Temperature -40 to +85C, CLOAD at CLK = 15 pF, unless stated otherwise
Parameter
Input Frequency, Divider A Input Frequency, Divider B Input Frequency, Divider A Input Frequency, Divider B Input Frequency, Divider A (Industrial temperature) Input Frequency, Divider B (Industrial temperature) Input Frequency, Divider A (Industrial temperature) Input Frequency, Divider B (Industrial temperature) Output Rise Time Output Fall Time OUTB Clock Duty Cycle OUTB Clock Duty Cycle odd post dividers OUTA Clock Duty Cycle1 Peak-to-Peak Jitter Cycle-to-Cycle Jitter Propagation Delay, Divider A Propagation Delay, Divider B + Post Divider
1 1
Symbol
fIN 3.3 V 3.3 V 5V 5V fIN
Conditions
Min.
0 0 0 0 0 0 0 0
Typ.
Max. Units
135 180 200 235 125 170 190 220 MHz MHz MHz MHz MHz MHz MHz MHz ns ns 55 60 98.5 400 300 % % % ps ps ns ns ns ns
at 3.3 V, +85C at 3.3 V, +85C at 5 V, +85C at 5 V, +85C
tOR tOF tDC
20% to 80% 80% to 20% at VDD/2 at VDD/2, except PD=1 at VDD/2 15 pF 30 pF loads 45 40 20
1.5 1.5 49 to 51
TPA TPB
VDD = 3.3 V, +25C VDD = 5.0 V, +25C VDD = 3.3 V, +25C VDD = 5.0 V, +25C
6.5 4.5 20 13
The duty cycle of OUTA is dependent on the selected divide. This because OUTA goes low for 2 input clock cycles on INA. For example, if a divide of 20 is selected, the duty cycle will be 90%. Simlarly, if PD=1 is selected for OUTB, the duty cycle will be dependent on the selected divide. In this case, OUTB goes high for approximately 8 input clock cycles on INB.
MDS 674-01 D Integrated Ci rcu it Systems
l
6
525 Ra ce St reet, San Jose , CA 9512 6
l
Revision 050604 tel (408 ) 29 7-120 1
l
w w w. i c s t . c o m
ICS674-01 USER CONFIGURABLE DIVIDER
Package Outline and Package Dimensions (28-pin SSOP, 150 Mil. Body)
Package dimensions are kept current with JEDEC Publication No. 95
28
Millimeters Symbol Min Max
Inches Min Max
E1 INDEX AREA
E
12 D
A A1 A2 b C D E E1 e L
1.35 1.75 0.10 0.25 -1.50 0.20 0.30 0.18 0.25 9.80 10.00 5.80 6.20 3.80 4.00 0.635 Basic 0.40 1.27 0 8
.053 .069 .0040 .010 -.059 0.008 0.012 .007 .010 .386 .394 .228 .244 .150 .157 0.025 Basic .016 .050 0 8
A2 A1
A
c
-Ce
b SEATING PLANE L
.10 (.004)
C
Ordering Information
Part / Order Number
ICS674R-01 ICS674R-01T ICS674R-01I ICS674R-01IT
Marking
674R-01 674R-01 674R-01I 674R-01I
Shipping packaging
Tubes Tape and Reel Tubes Tape and Reel
Package
28-pin SSOP 28-pin SSOP 28-pin SSOP 28-pin SSOP
Temperature
0 to +70 C 0 to +70 C -40 to 85 C -40 to 85 C
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high-reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments.
MDS 674-01 D Integrated Ci rcu it Systems
l
7
525 Ra ce St reet, San Jose , CA 9512 6
l
Revision 050604 tel (408 ) 29 7-120 1
l
w w w. i c s t . c o m


▲Up To Search▲   

 
Price & Availability of ICS674-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X