Part Number Hot Search : 
9162B 4032K130 MV833 TC70EPA SLA7032M MV833 B8224 ICROS
Product Description
Full Text Search
 

To Download HMC240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 v00.0403
MICROWAVE CORPORATION
HMC240
GaAs MMIC SPDT SWITCH DC - 4.0 GHz
Features
Broadband Performance: DC - 4.0 GHz Low Insertion Loss: 0.5 dB @ 2.0 GHz High IIP3: +48 dBm Small Size: 0.70 mm x 0.70 mm x 0.13 mm
Typical Applications
The HMC240 is ideal for: * Telecom Infrastructure * Microwave Radio & VSAT * Military & Space * Test Instrumentation
Functional Diagram
General Description
The HMC240 is a low cost GaAs MESFET SPDT switch chip. Covering DC to 4.0 GHz, this switch offers high isolation and low insertion loss. RF1 and RF2 are reflective shorts when "off". The switch can operate using either two negative control logic inputs of -5/0V or two positive control voltage logic inputs of 0/+5V. All data is tested with the chip in a 50 Ohm test fixture connected via 0.025 mm (1 mil) diameter wire bonds of 0.31 mm (12 mils) length.
7
SWITCHES - CHIP
Pads 3 & 7 are alternate A & B Control Inputs.
Electrical Specifications, TA = +25 C, With 0/-5V Control or +5/0V Control, 50 Ohm System
Parameter Frequency DC - 1.0 GHz DC - 2.0 GHz DC - 3.0 GHz DC - 4.0 GHz DC - 4.0 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 3.0 GHz DC - 4.0 GHz 0.5 - 1.0 GHz 0.5 - 4.0 GHz 0.5 - 1.0 GHz 0.5 - 4.0 GHz DC - 4.0 GHz 3 10 ns ns 25 23 43 40 24 Min. Typ. 0.4 0.5 0.6 0.9 28 22 16 14 11 30 29 48 45 Max. 0.7 0.8 0.9 1.4 Units dB dB dB dB dB dB dB dB dB dBm dBm dBm dBm
Insertion Loss
Isolation
Return Loss
"On State"
Input Power for 1 dB Compression Input Third Order Intercept (Two-Tone Input Power= +7 dBm Each Tone) Switching Characteristics tRISE, tFALL (10/90% RF) tON, tOFF (50% CTL to 10/90% RF)
7-8
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v00.0403
MICROWAVE CORPORATION
HMC240
GaAs MMIC SPDT SWITCH DC - 4.0 GHz
GaAs MMIC SUB-HARMONICALLY Isolation PUMPED Insertion Loss vs. Temperature
0 -0.5 INSERTION LOSS (dB) -1 -1.5 -2 -2.5 -3 0 0.5 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
+25 C +85 C -55 C
MIXER 17 - 25 GHz
0 -5 -10 ISOLATION (dB) -15 -20 -25 -30 -35 -40 -45 -50 0 0.5 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
RF1 RF2
Return Loss
0 -5 RETURN LOSS (dB) -10 -15 -20 -25 -30 0 0.5 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
RFC RF1, RF2, ON
0.1 and 1 dB Input Compression Point
32 31 30 INPUT P1dB (dBm) 29 28 27 26 25 24 23 22 0.5 1 1.5 2 2.5 3 3.5 4
1.0 dB Compression Point 0.1 dB Compression Point
7
SWITCHES - CHIP
7-9
FREQUENCY (GHz)
Input Third Order Intercept Point
60 55 INPUT IP3 (dBm) 50 45 40 35 30 0.5
+25 C +85 C -40 C
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v00.0403
HMC240
GaAs MMIC SPDT SWITCH DC - 4.0 GHz
Absolute Maximum Ratings
RF Input Power Vctrl= 0/+5 (-5)V < 0.5 GHz 0.5 - 4 GHz +27 dBm +34 dBm -0.2 to +10 Vdc -10 to +0.2 Vdc -65 to +150 deg C -55 to +85 deg C
Control Voltage Range (A & B= 0/+5V) Control Voltage Range (A & B= -5/0V) Storage Temperature Operating Temperature
Positive Control Voltage
State Low High Bias Condition 0 Vdc @ 10 uA +3 Vdc @ 10 uA to +8 Vdc @ 70 uA
Negative Control Voltage
State Low High Bias Condition -3 Vdc @ 10 uA to -8 Vdc @ 70 uA 0 Vdc @ 10 uA
Control input voltage tolerences are 0.2 Vdc.
Control input voltage tolerences are 0.2 Vdc.
7
SWITCHES - CHIP
Truth Table: Positive Control Voltage
Control Input A (Vdc) 0 +5 B (Vdc) +5 0 Control Current Ia (uA) -50 50 Ib (uA) 50 -50 Signal Path State RFC to RF1 ON OFF RFC to RF2 OFF ON
Truth Table: Negative Control Voltage
Control Input A (Vdc) -5 0 B (Vdc) 0 -5 Control Current Ia (uA) -50 50 Ib (uA) 50 -50 Signal Path State RFC to RF1 ON OFF RFC to RF2 OFF ON
Note: This part can be controlled with either positive or negative voltages per the above table. DC blocks are required at ports RFC, RF1 and RF2 if positive control voltage is used.
7 - 10
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v00.0403
HMC240
GaAs MMIC SPDT SWITCH DC - 4.0 GHz
Outline Drawing
NOTES: 1. DIMENSIONS IN INCHES [MILLIMETERS]. 2. DIE THICKNESS IS 0.005". 3. TYPICAL BOND PAD IS 0.004" SQUARE. 4. TYPICAL BOND PAD SPACING IS 0.006" CENTER TO CENTER. 5. BOND PAD METALLIZATION: GOLD. 6. PADS 4 AND 6 MUST BE CONNECTED TO RF/DC GROUND.
7
Pad Descriptions
Pad Number Function Description Interface Schematic
1, 7
A, A (alt.)
See truth table and control voltage table. Connect either pad 1 or pad 7 to control logic input.
2, 5, 8
RF1, RFC, RF2
These pads are DC coupled and matched to 50 Ohms. Blocking capacitors are required.
3, 9
B, B (alt.)
See truth table and control voltage table. Connect either pad 3 or pad 9 to control logic input.
4, 6
AC GND
Must be connected to RF/DC ground.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
7 - 11
SWITCHES - CHIP
MICROWAVE CORPORATION
v00.0403
HMC240
GaAs MMIC SPDT SWITCH DC - 4.0 GHz
Assembly Diagram
7
SWITCHES - CHIP
Handling Precautions
Follow these precautions to avoid permanent damage. Cleanliness: Handle the chips in a clean environment. DO NOT attempt to clean the chip using liquid cleaning systems. Static Sensitivity: Follow ESD precautions to protect against > 250V ESD strikes. Transients: Suppress instrument and bias supply transients while bias is applied. Use shielded signal and bias cables to minimize inductive pick-up. General Handling: Handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. The surface of the chip has fragile air bridges and should not be touched with vacuum collet, tweezers, or fingers.
Mounting
The chip is back-metallized and can be die mounted with electrically conductive epoxy. The mounting surface should be clean and flat. Epoxy Die Attach: Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed around the perimeter of the chip once it is placed into position. Cure epoxy per the manufacturer's schedule.
Wire Bonding
Ball or wedge bond with 0.025mm (1 mil) diameter pure gold wire. Thermosonic wirebonding with a nominal stage temperature of 150 deg. C and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recommended. Use the minimum level of ultrasonic energy to achieve reliable wirebonds. Wirebonds should be started on the chip and terminated on the package or substrate. All bonds should be as short as possible <0.31mm (12 mils).
7 - 12
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v00.0403
HMC240
GaAs MMIC SPDT SWITCH DC - 4.0 GHz
Notes:
7
SWITCHES - CHIP
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
7 - 13


▲Up To Search▲   

 
Price & Availability of HMC240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X