Part Number Hot Search : 
BA6124 MPX100 102AA 78R00 PSOT03 M3002 03953 ESD5331N
Product Description
Full Text Search
 

To Download DF30SC4M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Schottky Rectifiers (SBD)
Dual
DF30SC4M
40V 30A
FEATURES
*oe SMT
OUTLINE DIMENSIONS
Case : STO-220 Unit : mm
*oe Tj150*Z *oe PRRSM avalanche guaranteed *oe High current capacity with Small Package APPLICATION *oe Switching power supply *oe DC/DC converter *oe Home Appliances, Office Equipment *oe Telecommunication
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tc=25*Z) Item Symbol Conditions Ratings Unit Storage Temperature Tstg -40*150 *Z Operating Junction Temperature Tj 150 *Z VRM Maximum Reverse Voltage 40 V RRSM Repetitive Peak Surge ReverseV Voltage Pulse width 0.5ms, duty 1/40 45 V Average Rectified Forward Current 50Hz sine wave, R-load, Rating for each diode Io/2, Tc=112*Z IO 30 A Peak Surge Forward Current I FSM50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25*Z 360 A Repetitive Peak Surge ReversePRRSM Power Pulse width 10Es, Rating of per diode, Tj= 25*Z 1000 W *oeElectrical Characteristics (If not specified Tc=25*Z) Item Symbol Conditions Ratings Unit V IF =15A, Pulse measurement, Rating of per diode ax.0.55 V Forward Voltage F M IR V =V , Pulse measurement, Rating of per diode Max.10 mA Reverse Current R RM Junction Capacitance Cj f=1MHz,=10V, Rating of per diode RV Typ.590 pF Thermal Resistance AEjc junction to case Max.1.6 *Z/W
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
DF30SC4M
Forward Voltage
Forward Current IF [A]
10
Tc=150C [MAX] Tc=150C [TYP] Tc=25C [MAX] Tc=25C [TYP]
1
Pulse measurement per diode
0
0.2
0.4
0.6
0.8
1
Forward Voltage VF [V]
DF30SC4M
Junction Capacitance
f=1MHz Tc=25C TYP per diode
Junction Capacitance Cj [pF]
1000
100
0.1
1
10
Reverse Voltage VR [V]
DF30SC4M
10000
Reverse Current
1000 Tc=150C [MAX]
Reverse Current IR [mA]
Tc=150C [TYP] 100 Tc=125C [TYP]
10
Tc=100C [TYP]
Tc=75C [TYP] 1
Pulse measurement per diode
0.1
0
5
10
15
20
25
30
35
40
Reverse Voltage VR [V]
DF30SC4M
50
Reverse Power Dissipation
Reverse Power Dissipation PR [W]
DC D=0.05 40 0.1 0.2 30 0.3
0.5 20
10
SIN 0.8
0
0
10
20
30
40
50
Reverse Voltage VR [V]
Tj = 150C
0 VR tp D=tp /T T
DF30SC4M
30
Forward Power Dissipation
DC
Forward Power Dissipation PF [W]
25 SIN 0.5
D=0.8
20 0.1 15 0.05
0.3 0.2
10
5
0
0
10
20
30
40
50
Average Rectified Forward Current IO [A]
Tj = 150C IO 0 tp D=tp /T T
DF30SC4M
60
Derating Curve
Average Rectified Forward Current IO [A]
50
DC D=0.8
40 0.5 30 SIN 0.3 20 0.2 0.1 10 0.05
0
0
20
40
60
80
100
120
140
160
Case Temperature Tc [C]
VR = 20V 0 0
IO
VR tp D=tp /T T
DF30SC4M
500
Peak Surge Forward Capability
IFSM
10ms 10ms
1 cycle
400
Peak Surge Forward Current IFSM [A]
non-repetitive, sine wave, Tj=25C before surge current is applied
300
200
100
0
1
2
5
10
20
50
100
Number of Cycles [cycles]
SBD
120
Repetitive Surge Reverse Power Derating Curve
100
PRRSM Derating [%]
80
60
40
20
0
0
50
100
150
Junction Temperature Tj [C]
IRP IR 0.5IRP 0 tp PRRSM = IRP x VRP VR VRP
SBD
10
Repetitive Surge Reverse Power Capability
PRRSM p) / PRRSM p=10s) Ratio (t (t
1
0.1
1
10
100
Pulse Width t p [s]
IRP IR 0.5IRP 0 tp PRRSM = IRP x VRP VR VRP


▲Up To Search▲   

 
Price & Availability of DF30SC4M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X