Part Number Hot Search : 
MID4000 S7806 LY62L M8400 CSMA380 126SFL MA2Z360 126SFL
Product Description
Full Text Search
 

To Download CD54ACT1643A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
CD54AC164/3A CD54ACT164/3A
8-Bit Serial-In/Parallel-Out Shift Registers
Functional Diagram
1 DS1 2 DS2 3 4 5 6 10 11 12 13 9 8 GND = 7 VCC = 14 Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
June 1997
COMPLETE DATA SHEET COMING SOON!
Description
The CD54AC164/3A and CD54ACT164/3A are 8-bit serialin/parallel-out shift registers with asynchronous reset that utilize the Harris Advanced CMOS Logic technology. Data are shifted on the positive edge of the clock (CP). A LOW on the Master Reset (MR) pin resets the shift register and all outputs go to the LOW state regardless of the input conditions. Two Serial Data inputs (DS1 and DS2) are provided; either one can be used as a Data Enable control. The CD54AC164/3A and CD54ACT164/3A are supplied in 14 lead dual-in-line ceramic packages (F suffix).
ACT INPUT LOAD TABLE INPUT DS1, DS2 MR CP NOTE: 1. Unit load is ICC limit specified in DC Electrical Specifications Table, e.g., 2.4mA Max at +25oC. UNIT LOAD (NOTE 1) 0.5 0.74 0.71
MR CP
Absolute Maximum Ratings
DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6V DC Input Diode Current, IIK For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .20mA DC Output Diode Current, IOK For VO < -0.5V or VO > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . .50mA DC Output Source or Sink Current, Per Output Pin, IO For VO > -0.5V or VO < VCC + 0.5V . . . . . . . . . . . . . . . . . . . . .50mA DC VCC or GND Current, ICC or IGND For Up to 4 Outputs Per Device, Add 25mA For Each Additional Output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .100mA Power Dissipation Per Package, PD TA = -55oC to +100oC (Package F) . . . . . . . . . . . . . . . . . . 500mW TA = +100oC to +125oC (Package F) . . . . . . . . Derate Linearly at 8mW/ oC to 300mW Operating Temperature Range, TA Package Type F . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC Storage Temperature, TSTG . . . . . . . . . . . . . . . . . . -65oC to +150oC Lead Temperature (During Soldering) At Distance 1/16in. 1/32in. (1.59mm 0.79mm) From Case For 10s Max . . . . . . . . . . . . . . . . . . . . . . . . . . +265oC Unit Inserted Into a PC Board (Min Thickness 1/16in., 1.59mm) With Solder Contacting Lead Tips Only. . . . . . . . . . . . . . . +300oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Recommended Operating Conditions
Supply Voltage Range, VCC Unless Otherwise Specified, All Voltages Referenced to GND TA = Full Package Temperature Range CD54AC Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5V to 5.5V CD54ACT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V DC Input or Output Voltage, VI, VO . . . . . . . . . . . . . . . . . . 0V to VCC Operating Temperature, TA . . . . . . . . . . . . . . . . . . . -55oC to +125oC Input Rise and Fall Slew Rate, dt/dv at 1.5V to 3V (AC Types) . . . . . . . . . . . . . . . . . . . 0ns/V to 50ns/V at 3.6V to 5.5V (AC Types) . . . . . . . . . . . . . . . . . 0ns/V to 20ns/V at 4.5V to 5.5V (AC Types) . . . . . . . . . . . . . . . . . 0ns/V to 10ns/V
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper I.C. Handling Procedures. Copyright
(c) Harris Corporation 1994
File Number
3894
1


▲Up To Search▲   

 
Price & Availability of CD54ACT1643A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X