Part Number Hot Search : 
40T03GH 08M41VSA CX550 HAF1009 RB151 24L15 EPE6210S 3329H203
Product Description
Full Text Search
 

To Download BAT54 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT54 THRU BAT54S
Schottky Diodes
SOT-23
.122 (3.1) .118 (3.0) .016 (0.4) 3
FEATURES These diodes feature very low turn-on
Top View
.056 (1.43) .052 (1.33)
voltage and fast switching.
These devices are protected by a PN
1
2 max. .004 (0.1)
junction guard ring against excessive voltage, such as electrostatic discharges.
.007 (0.175) .005 (0.125)
.037(0.95) .037(0.95)
.045 (1.15) .037 (0.95)
.016 (0.4)
.016 (0.4)
.102 (2.6) .094 (2.4)
MECHANICAL DATA
Case: SOT-23 Plastic Package Weight: approx. 0.008 g
Dimensions in inches and (millimeters)
3 3
Top View
1 2 1 2
BAT54 Marking: L4
3
BAT54A Marking: L42
3
Top View
1 2 1 2
BAT54C Marking: L43
BAT54S Marking: L44
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS FOR ONE DIODE
Ratings at 25 C ambient temperature unless otherwise specified
Symbol Repetitive Peak Reverse Voltage Forward Continuous Current at Tamb = 25 C Repetitive Peak Forward Current at Tamb = 25 C Surge Forward Current at tp < 1 s, Tamb = 25 C Junction Temperature Storage Temperature Range
1)
Value 30 2001) 3001) 6001) 150 -65 to +150
Unit V mA mA mA C C
VRRM IF IFRM IFSM Tj TS
Device on fiberglass substrate, see layout.
4/98
BAT54 THRU BAT54S
ELECTRICAL CHARACTERISTICS
Ratings for one diode at 25 C ambient temperature unless otherwise specified
Symbol Reverse Breakdown Voltage tested with 100 A Pulses Forward Voltage Pulse Test tp < 300 s, < 2% at IF = 0.1 mA at IF = 1 mA at IF = 10 mA at IF = 30 mA at IF = 100 mA Leakage Current Pulse Test tp < 300 s, < 2% at VR = 25 V Capacitance at VF = 1 V, f = 1 MHz Reverse Recovery Time from IF = 10 mA through IR = 10 mA to IR = 1 mA, RL = 100 Thermal Resistance Junction to Ambient Air
1)
Min. 30
Typ. -
Max. -
Unit V
V(BR)R
VF VF VF VF VF IR
- - - - - -
- - - - - -
240 320 400 500 1000 2
mV mV mV mV mV A
Ctot trr
- -
- -
10 5
pF ns
RthJA
-
-
4301)
K/W
Device on fiberglass substrate, see layout
.30 (7.5) .12 (3)
.04 (1)
.08 (2) .04 (1) .08 (2)
.59 (15) .47 (12)
.03 (0.8)
0.2 (5)
.06 (1.5) .20 (5.1)
Dimensions in inches (millimeters)
Layout for RthJA test Thickness: Fiberglass 0.059 in (1.5 mm) Copper leads 0.012 in (0.3 mm)


▲Up To Search▲   

 
Price & Availability of BAT54

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X