Part Number Hot Search : 
ARN30A12 AOTF3N90 KB8821 33001 2SK792 P75N06 AN238 RSFGL
Product Description
Full Text Search
 

To Download BAS20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS 19 ... 21 Surface Mount Silicon Planar Small-Signal Diode Silizium-Planar-Diode fur die Oberflachenmontage
Nominal current - Nennstrom Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. - Gewicht ca.
Dimensions / Mae in mm 1 = anode 2 = n. c. 3 = cathode
200 mA 85 V SOT-23 (TO-236) 0.01 g
Standard packaging taped and reeled see page 18 Standard Lieferform gegurtet auf Rolle siehe Seite 18
Maximum ratings Type Typ BAS 19 BAS 20 BAS 21 Working peak reverse voltage Arbeits-Spitzensperrspannung VRWM [V] 100 150 200
Grenzwerte Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 120 200 250
Max. average forward current Dauergrenzstrom Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current Stostrom-Grenzwert Max. power dissipation Verlustleistung Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Tj = 25/C
tp < 0.3 ms f > 15 Hz tp = 1 :s tp = 1 s TA = 25/C
IFAV IFRM IFSM IFSM Ptot Tj TS
200 mA 1) 625 mA 1) 2.5 A 0.5 A 500 mW 1) - 50...+ 150/C - 50...+ 150/C
) Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschlu 04.02.2003
1
1
BAS 19 ... 21 Characteristics Forward voltage Durchlaspannung Leakage current Sperrstrom Junction capacitance Sperrschichtkapazitat Reverse recovery time Sperrverzug Tj = 25/C Tj = 25/C Tj = 150/C IF = 100 mA IF = 200 mA VR = VRRM VR = VRRM VF = VR = 0 V f = 1 MHz IF = 10 mA uber / through IR = 10 mA bis / to IR = 1 mA, UR = 6 V, RL = 100 S VF VF IR IR Ctot trr Kennwerte < 1.0 mV < 1.25 mV < 100 nA < 100 :A < 5 pF < 50 ns
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft
RthA
< 420 K/W 1)
2
F:\Data\WP\DatBlatt\Einzelblatter\bas21.wpd


▲Up To Search▲   

 
Price & Availability of BAS20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X