Part Number Hot Search : 
ON1403A C1446 254201MR T3324551 COB4015 MC14079B 4EM3T5 LTC3783
Product Description
Full Text Search
 

To Download BAS20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS19 / BAS20 / BAS21
SURFACE MOUNT FAST SWITCHING DIODE Features
* * * * * * * * * * * * * Fast Switching Speed Surface Mount Package Ideally Suited for Automatic Insertion For General Purpose Switching Applications High Conductance Case: SOT-23, Molded Plastic Terminals: Solderable per MIL-STD-202, Method 208 Case material - UL Flammability Rating Classification 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Polarity: See Diagram BAS19 Marking: KA8, KT3, KT2 BAS20 Marking: KT2, KT3 BAS21 Marking: KT3 Weight: 0.008 grams (approx.)
SOT-23 Dim A
A
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.85 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.80 8
B C
B C
Mechanical Data
TOP VIEW
D E G H J
E
D G H K J L M
K L M a
All Dimensions in mm
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Repetitive Peak Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current Average Rectified Output Current Non-Repetitive Peak Forward Surge Current @ t = 1.0ms @ t = 1.0s Repetitive Peak Forward Surge Current Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating and Storage Temperature Range Symbol VRRM VRWM VR VR(RMS) IFM IO IFSM IFRM Pd RqJA Tj , TSTG BAS19 120 100 71 BAS20 200 150 106 400 200 2.5 0.5 625 250 500 -65 to +150 BAS21 250 200 141 Unit V V V mA mA A mA mW C/W C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 2)
@ TA = 25C unless otherwise specified Symbol BAS19 BAS20 BAS21 V(BR)R VFM IRM CT trr Min 3/4 3/4
3/4
Max 120 200 250 1.0 1.25 100 15 5.0 50
Unit V V nA mA pF ns
Test Condition IR = 100mA IF = 100mA IF = 200mA Tj = 25C Tj = 100C VR = 0, f = 1.0MHz IF = IR = 30mA, Irr = 0.1 x IR, RL = 100W
Forward Voltage (Note 2) Reverse Current @ Rated DC Blocking Voltage (Note 2) Total Capacitance Reverse Recovery Time Note:
3/4 3/4
1. Part mounted on FR-4 board with recommended pad layout, which can be found on ourwebsite at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration pulse test used to minimize self-heating effect.
DS12004 Rev. 12 - 2
1 of 2
BAS19 / BAS20 / BAS21
IF, INSTANTANEOUS FORWARD CURRENT (mA)
1000
Tj = 25C
100
IR, LEAKAGE CURRENT (A)
0 1 2
100
10
10
1
1.0
0.1
0.1
0.01 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Forward Characteristics
0.01
0
100
200
Tj, JUNCTION TEMPERATURE (C) Fig. 2 Leakage Current vs Junction Temperature
Ordering Information (Note 3)
Device BAS19-7 BAS20-7 BAS21-7 Notes: Packaging SOT-23 Shipping 3000/Tape & Reel
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX
XXX = Product Type Marking Code (See Page 1) YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
Date Code Key Year Code Month Code Jan 1 1998 J Feb 2 1999 K March 3 Apr 4 2000 L May 5 2001 M Jun 6 Jul 7 2002 N Aug 8 Sep 9 2003 P Oct O Nov N 2004 R Dec D
DS12004 Rev. 12 - 2
YM
2 of 2
BAS19 / BAS20 / BAS21


▲Up To Search▲   

 
Price & Availability of BAS20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X