Part Number Hot Search : 
B160N RF1404Z LF412MH BCR8P SD1411 V859K PESD5V STSR3
Product Description
Full Text Search
 

To Download AP9972GR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP9972GR
Pb Free Plating Product
Advanced Power Electronics Corp.
Low Gate Charge Single Drive Requirement Surface Mount Package G S D
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
60V 18m 60A
Description
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. G D S
TO-262(R)
Absolute Maximum Ratings
Symbol VDS VGS ID@TC=25 ID@TC=100 IDM PD@TC=25 IAR TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current
1
Rating 60 25 60 38 230 89 0.7 30 -55 to 150 -55 to 150
Units V V A A A W W/ A
Total Power Dissipation Linear Derating Factor Avalanche Current
3
Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-c Rthj-a Parameter Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max. Max. Value 1.4 62 Units /W /W
Data and specifications subject to change without notice
200218051
AP9972GR
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance2
Test Conditions VGS=0V, ID=250uA
Min. 60 1 -
Typ. 0.06 55 32 8 20 11 58 45 80 280 230 1.7
Max. Units 18 22 3 10 25 100 51 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON)
VGS=10V, ID=35A VGS=4.5V, ID=25A
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Rg
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=150 C)
o o
VDS=VGS, ID=250uA VDS=10V, ID=35A VDS=60V, VGS=0V VDS=48V ,VGS=0V VGS=25V ID=35A VDS=48V VGS=4.5V VDS=30V ID=35A RG=3.3,VGS=10V RD=0.86 VGS=0V VDS=25V f=1.0MHz f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance
2
3170 5070
Source-Drain Diode
Symbol VSD Parameter Forward On Voltage
2
Test Conditions IS=35A, VGS=0V IS=35A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 50 48
Max. Units 1.2 V ns nC
trr
Qrr
Reverse Recovery Time Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Starting Tj=25oC , VDD=30V , L=1mH , RG=25 , IAS=30A.
AP9972GR
200 150
10V 7.0V
ID , Drain Current (A)
150
10V 7.0V
ID , Drain Current (A)
100
5.0V
100
5.0V 4.5V
4.5V
50
50
T C =25 C
0 0 2 4 6 8 10
o
V G =3.0V
T C = 150 C
o
V G =3.0V
0 12 14 0 2 4 6 8 10 12 14
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
20
1.6
I D = 25 A T C =25 o C
18 1.4
I D =35A V G =10V
Normalized RDS(ON)
2 4 6 8 10
RDS(ON) (m )
1.2
1.0
16
0.8
14
0.6 -50 0 50 100 150
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
1.7
20
15
Normalized VGS(th) (V)
T j =150 o C IS(A)
10
T j =25 o C
1.2
0.7
5
0 0 0.2 0.4 0.6 0.8 1 1.2
0.2 -50 0 50 100 150
V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP9972GR
f=1.0MHz
12 10000
I D = 35 A VGS , Gate to Source Voltage (V)
10
8
V DS =48V V DS =38V V DS =30V C (pF)
1000
C iss
6
4
2
C oss C rss
0 0 20 40 60
100 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
1000
1
Normalized Thermal Response (R thjc)
Duty factor=0.5
100
0.2
ID (A)
100us 1ms
10
0.1
0.1
0.05
PDM
0.02
10ms T C =25 C Single Pulse
o
t T
0.01
100ms DC
10 100 1000
Single Pulse
Duty factor = t/T Peak Tj = PDM x Rthjc + TC
1 0.1 1
0.01 0.00001 0.0001 0.001 0.01 0.1 1 10
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
100
V DS =5V
80
VG
T j =25 o C T j =150 o C
ID , Drain Current (A)
QG 4.5V
60
QGS
40
QGD
20
Charge
0 0 2 4 6 8
Q
V GS , Gate-to-Source Voltage (V)
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform


▲Up To Search▲   

 
Price & Availability of AP9972GR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X