Part Number Hot Search : 
68HC05C5 ON2673 74LCX54 P1240 RT1P24BM TRB6538 DS2703UR MA100
Product Description
Full Text Search
 

To Download ACSL-6300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agilent ACSL-6xx0 Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
Data Sheet
Features * Available in dual, triple and quad channel configurations * Bi-directional Description ACSL-6xx0 are truly isolated, multi-channel and bi-directional, high-speed optocouplers. Integration of multiple optocouplers in monolithic form is achieved through patented process technology. These devices provide full duplex and bi-directional isolated data transfer and communication capability in compact surface mount packages. Available in 15 Mbd speed option and wide supply voltage range. These high channel density make them ideally suited to isolating data conversion devices, parallel buses and peripheral interfaces. They are available in 8-pin and 16-pin narrow-body SOIC package and are specified over the temperature range of -40C to +100 C. Applications * Full duplex communication * Isolated line receiver * Computer-peripheral interfaces * Microprocessor system interfaces * Digital isolation for A/D and D/A conversion * Switching power supply * Instrument input/output isolation * Ground loop elimination * Pulse transformer replacement * Wide supply voltage range 3.0V to 5.5V * High-speed: 15 MBd typical, 10 MBd minimum * 10 kV/s minimum Common Mode Rejection (CMR) at Vcm = 1000 V * LSTTL/TTL compatible * Safety and regulatory approvals (Pending) - 2500Vrms for 1 min per UL1577 - CSA Component Acceptance - IEC/EN/DIN EN 60747-5-2 * 16 Pin narrow-body SOIC package for triple and quad channel * -40 to 100C temperature range
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to prevent damage and/or degradation, which may be induced by ESD.
Device Selection Guide Device Number
ACSL-6210 ACSL-6300* ACSL-6310* ACSL-6400 ACSL-6410* ACSL-6420* * Advanced Information
Channel Configuration
Dual, Bi-Directional Triple, All-in-One Triple, Bi-Directional, 2/1 Quad, All-in-One Quad, Bi-Directional, 3/1 Quad, Bi-Directional, 2/2
Package
8-pin Small Outline 16-pin Small Outline 16-pin Small Outline 16-pin Small Outline 16-pin Small Outline 16-pin Small Outline
Ordering Information
ACSL-6XX0-X Y Z E
Lead Free Option Channel Configuration (Refer to the Device Selection Guide) R = SO-8 Package, 100 units per tube T = SO-16 Package, 50 units per tube 6 = IEC/EN/DIN EN 60747-5-2, VIORM = 560V peak Option 5 = Tape and Reel Packaging Option, 1500 units per reel for SO-8 Package and 1000 units per reel for SO-16 Package
Pin Description Symbol
VDD1 VDD2 ANODEx CATHODEx
Description
Power Supply 1 Power Supply 2 LED Anode LED Cathode
Symbol
GND1 GND2 NC VOX
Description
Power Supply Ground 1 Power Supply Ground 2 Not Connected Output Signal
Truth Table (Positive Logic) LED
ON OFF
OUTPUT
L H
2
Functional Diagrams ACSL-6210 - Dual-Ch, Bi-Dir ACSL-6300 - Triple-Ch, All-in-One*
ACSL-6310 - Triple-Ch, Bi-Dir (2/1)*
ACSL-6400 - Quad-Ch, All-in-One
ACSL-6410 - Quad-Ch, Bi-Dir (3/1)*
ACSL-6420 - Quad-Ch, Bi-Dir (2/2)*
* Advanced Information
3
Package Outline Drawings
ACSL-6210 Small Outline SO-8 Package
0.189 (4.80) 0.197 (5.00) 8 0.228 (5.80) 0.244 (6.20) 7 6 5 0.150 (3.80) 0.157 (4.00)
1
2
3
4
0.013 (0.33) 0.020 (0.51) 0.010 (0.25) 0.020 (0.50) x 45 0.054 (1.37) 0.069 (1.75) 0.040 (1.016) 0.060 (1.524) 0.004 (0.10) 0.010 (0.25) 0 8 0.016 (0.40) 0.050 (1.27)
0.008 (0.19) 0.010 (0.25)
DIMENSIONS: INCHES (MILLIMETERS) MIN MAX
ACSL-6300*, ACSL-6310*, ACSL-6400, ACSL-6410* and ACSL-6420* Small Outline SO-16 Package
0.386 (9.802) 0.394 (9.999)
8 1
0.228 (5.791) 0.244 (6.197)
0.152 (3.861) 0.157 (3.988)
0.013 (0.330) 0.020 (0.508) 0.054 (1.372) 0.068 (1.727) 0.050 (1.270) 0.060 (1.524) 0.040 (1.016) 0.060 (1.524) 0.004 (0.102) 0.010 (0.249) 0.008 (0.191) 0.010 (0.249) 0.010 (0.245) x 45 0.020 (0.508) 0 - 8 TYP
0.016 (0.406) 0.050 (1.270)
DIMENSIONS: INCHES (MIL LIMETERS) MIN MAX
4
Solder Reflow Temperature Profile
300
PREHEATING RATE 3C + 1C/-0.5C/SEC. REFLOW HEATING RATE 2.5C 0.5C/SEC. PEAK TEMP. 245C PEAK TEMP. 240C PEAK TEMP. 230C 2.5C 0.5C/SEC. 160C 150C 140C 3C + 1C/-0.5C 30 SEC. 30 SEC. SOLDERING TIME 200C
200
TEMPERATURE (C)
100
PREHEATING TIME 150C, 90 30 SEC. 50 SEC. TIGHT TYPICAL LOOSE
ROOM TEMPERATURE
0
0
50
100 TIME (SECONDS)
150
200
250
Pb-free IR Profile
5
Regulatory Information Insulation and Safety Related Specifications Parameter
Minimum External Air Gap (Clearance) Minimum Externa l Tracking(Creepage) Minimum Internal Plastic Gap (Internal Clearance) Tracking Resistance (Comparative Tracking Index) CTI Isolation Group
Symbol
L(I01) L(I02)
Value
4.9 4.5 0.08 175 IIIa
Units
mm mm mm Volts
Conditions
Measured from input terminals to output terminals, shortest distance through air Measured from input terminals to output terminals, shortest distance path through body Insulation thickness between emitter and detector; also known as distance through insulation DIN IEC 112/VDE0303 Part 1 Material Group (DIN VDE 0110, 1/89, Table 1)
IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics (Option X6X Only) Description
Installation Classification per DIN VDE 0110/1.89, Table 1 for rated mains voltage 150V rms for rated mains voltage 300V rms Climatic Classification Pollution Degree (DIN VDE 0110/1.89) Maximum Working Insulation Voltage Input to Output Test Voltage, Method b * VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec, Partial Discharge < 5 pC Input to Output Test Voltage, Method a * VIORM x 1.5 = VPR, Type and Sample Test, Tm = 60 sec, Partial Discharge < 5 pC Highest Allowable Overvoltage * (Transient Overvoltage, tini = 10 sec) Safety Limiting Values (Maximum values allowed in the event of a failure) Case Temperature Input Current Output Power Insulation Resistance at TS, VIO = 500V VIORM VPR
Symbol
ACSL-6XX0-X6X
I-IV I-III 55/100/21 2 560 1050
Units
Vpeak Vpeak
VPR
840
Vpeak
VIOTM
4000
Vpeak
TS IS,INPUT PS,OUTPUT RIO
175 150 600 109
C mA mW
*Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section, IEC/EN/DIN EN 60747-5-2, for a detailed description. Note: Isolation characteristics are guaranteed only within the safety maximum ratings, which must be ensured by protective circuits in application.
6
Absolute Maximum Ratings
Parameter
Storage Temperature Operating Temperature Supply Voltage (1 Minute Maximum) Reverse Input Voltage (Per Channel) Output Voltage (Per Channel) Average Forward Input Current [1] (Per Channel) Output Current (Per Channel) Input Power Dissipation[2] (Per Channel) Output Power Dissipation [2] (Per Channel)
Symbol
Ts TA VDD1 , VDD2 VR VO IF IO P1 PO
Min.
-55 -40
Max.
125 100 7 5 7 15 50 27 60
Units
C C V V V mA mA mW mW
Recommended Operating Conditions
Parameter
Operating Temperature Input Current, Low Level [3] Input Current, High Level [4] Supply Voltage Fan Out (at TA= 1k) Output Pull-up Resistor
Symbol
TA IFL IFH VDD1, VDD2 N RL
Min.
-40 0 7 3.0
Max.
100 250 15 5.5 5
Units
C A mA V TTL Loads
330
4k
Notes: 1. Peaking circuits may produce transient input currents up to 50 mA, 50 ns max. pulse width, provided average current does not exceed its max. values. 2. Derate total package power dissipation, PT linearly above +80C free-air temperature at a rate of 5.45 mW/C for the SO8 package. PT=number of channels multiply by (PI+PO). For SO16 package data, contact factory for assistance.
3. The off condition can be guaranteed by ensuring that VFL 0.8V. 4. The initial switching threshold is 7 mA or less. It is recommended that minimum 8 mA be used for best performance and to permit guardband for LED degradation.
7
Electrical Specifications
Over recommended operating range (3.0V VDD1 3.6V, 3.0V VDD2 3.6V, TA = -40C to +100 C) unless otherwise specified. All typical specifications are at TA = +25C , VDD1 = VDD2 = +3.3V.
Parameter
Input Threshold Current High Level Output Current Low Level Output Voltage High Level Supply Current (per channel) Low Level Supply Current (per channel) Input Forward Voltage Input Reverse Breakdown Voltage Input Diode Temperature Coefficient Input Capacitance
Symbol
ITH IOH VOL IDDH IDDL VF BVR VF / TA CIN
Min.
Typ.
2.7 4.7 0.36 3.2 4.6
Max.
7.0 100.0 0.68 5.0 7.5 1.80
Units
mA A V mA mA V V
Test Conditions
IOL(Sinking)=13 mA, VO = 0.6V IF = 250 A, VO = 3.3V IOL(Sinking) = 13 mA, IF = 7mA IF = 0 mA IF = 10 mA IF = 10 mA, TA = 25C IR = 10 A IF = 10 mA f = 1 MHz, VF = 0V
1.25 5.0
1.52
-1.8 80
mV/C pF
Switching Specifications
Over recommended operating range (3.0V VDD1 3.6V, 3.0V VDD2 3.6V, IF = 8.0 mA, TA = -40 C to +100 C) unless otherwise specified. All typical specifications are at TA = +25C , VDD1 = VDD2 = +3.3V.
Parameter
Maximum Data Rate Pulse Width Propagation Delay Time to Logic High Output Level [5] Propagation Delay Time to Logic Low Output Level [6] Pulse Width Distortion |tPHL - tPLH| Propagation Delay Skew[7] Output Rise Time (10 - 90%) Output Fall Time (10 - 90%) Logic High Common Mode Transient Immunity [8]
Symbol
Min.
10
Typ.
15
Max.
Units
MBd ns
Test Conditions
RL = 350, CL = 15 pF RL = 350, CL = 15 pF RL = 350, CL = 15 pF RL = 350, CL = 15 pF RL = 350, CL = 15 pF RL = 350, CL = 15 pF RL = 350, CL = 15 pF RL = 350, CL = 15 pF Vcm = 1000V, IF = 0 mA, VO = 2.0V, RL = 350, TA = 25C Vcm = 1000V, IF = 8 mA, VO = 0.8V, RL = 350, TA = 25C
tPW tPLH tPHL |PWD| tPSK tR tF |CMH|
100 52 44 8 100 100 35 40 35 12 10
ns ns ns ns ns ns kV/s
Logic Low Common Mode Transient Immunity [8]
|CML|
10
kV/s
Notes: 5. tPLH is measured from the 4.0 mA level on the falling edge of the input pulse to the 1.5V level on the rising edge of the output pulse. 6. tPHL is measured from the 4.0 mA level on the rising edge of the input pulse to the 1.5V level on the falling edge of the output pulse. 7. tPSK is equal to the worst case difference in tPHL and/or tPLH that will be seen between units at any given temperature and specified test conditions. 8. CMH is the maximum common mode voltage slew rate that can be sustained while maintaining VO > 2.0V. CML is the maximum common mode voltage slew rate that can be sustained while maintaining VO < 0.8V. The common mode voltage slew rates apply to both rising and falling common mode voltage edges.
8
Electrical Specifications
Over recommended operating range (4.5V VDD1 5.5V, 4.5V VDD2 5.5V, TA = -40C to +100 C) unless otherwise specified. All typical specifications are at TA = +25C, VDD1 = VDD2 = +5.0V.
Parameter
Input Threshold Current High Level Output Current Low Level Output Voltage High Level Supply Current (per channel) Low Level Supply Current (per channel) Input Forward Voltage Input Reverse Breakdown Voltage Input Diode Temperature Coefficient Input Capacitance
Symbol
ITH IOH VOL IDDH IDDL VF BVR VF / TA CIN
Min.
Typ.
2.7 3.8 0.36 4.3 5.8
Max.
7.0 100.0 0.6 7.5 10.5 1.8
Units
mA A V mA mA V V
Test Conditions
IOL(Sinking)=13 mA, VO= 0.6V IF = 250 A, VO= 5.5V IOL(Sinking)=13 mA, IF=7 mA IF = 0 mA IF = 10 mA IF = 10 mA, TA = 25C IR = 10 A IF = 10 mA f = 1 MHz, VF = 0 V
1.25 5.0
1.52
-1.8 80
mV/C pF
Switching Specifications
Over recommended operating range (4.5V VDD1 5.5V, 4.5V VDD2 5.5V, IF = 8.0 mA, TA = -40 C to +100 C) unless otherwise specified. All typical specifications are at TA=+25 C, VDD1 = VDD2 = +5.0V.
Parameter
Maximum Data Rate Pulse Width Propagation Delay Time to Logic High Output Level[5] Propagation Delay Time to Logic Low Output Level[6] Pulse Width Distortion |tPHL - tPLH| Propagation Delay Skew[7] Output Rise Time (10 - 90%) Output Fall Time (10 - 90%) Logic High Common Mode Transient Immunity [8]
Symbol
Min.
10
Typ.
15
Max.
Units
MBd ns
Test Conditions
RL = 350, CL =15 pF RL = 350, CL =15 pF RL = 350, CL =15 pF RL = 350, CL =15 pF RL = 350, CL =15 pF RL = 350, CL =15 pF RL = 350, CL =15 pF RL = 350, CL =15 pF Vcm= 1000V, IF=0 mA, VO = 2.0V, RL=350, TA = 25C Vcm= 1000V, IF= 8 mA, VO = 0.8V, RL= 350, TA = 25C
tPW tPLH tPHL |PWD| tPSK tR tF |CMH|
100 46 43 5 100 100 35 40 30 12 10
ns ns ns ns ns ns kV/s
Logic Low Common Mode Transient Immunity [8]
|CML|
10
kV/s
Notes: 5. tPLH is measured from the 4.0 mA level on the falling edge of the input pulse to the 1.5V level on the rising edge of the output pulse. 6. tPHL is measured from the 4.0 mA level on the rising edge of the input pulse to the 1.5V level on the falling edge of the output pulse. 7. tPSK is equal to the worst case difference in tPHL and/or tPLH that will be seen between units at any given temperature and specified test conditions. 8. CMH is the maximum common mode voltage slew rate that can be sustained while maintaining VO > 2.0V. CML is the maximum common mode voltage slew rate that can be sustained while maintaining VO < 0.8V. The common mode voltage slew rates apply to both rising and falling common mode voltage edges.
9
Package Characteristics
All specifications are at TA=+25C.
Parameter
Input-Output Momentary Withstand Voltage[9] Input-Output Insulation [10] [11] Input-Output Resistance[10] Input-Output Capacitance[10] Input-Input Insulation Leakage Current[12] Input-Input Resistance[12] Input-Input Capacitance[12] SO8 SO16 SO8 SO16 SO8 SO16 SO8 SO16 SO8 SO16 SO8 SO16 SO8 SO16
Symbol
VISO VISO II-O II-O RI-O RI-O CI-O CI-O II-I II-I RI-I RI-I CI-I CI-I
Min.
2500 2500
Typ.
Max.
Units
VRMS
Test Conditions
RH 50%, t = 1 min RH 50%, t = 1 min 45% RH, t=5 sec, VI-O= 3kV DC 45% RH, t=5 sec, VI-O =3kV DC VI-O = 500V DC VI-O = 500V DC f = 1 MHz f = 1 MHz RH 45%, t = 5 sec, VI-I = 500V RH 45%, t = 5 sec, VI-I = 500V RH 45%, t= 5 sec, VI-I = 500V RH 45%, t =5 sec, VI-I =500V f = 1 MHz f = 1 MHz
5 5 109 109 1011 1011 0.7 0.7 0.005 0.005 1011 1011 0.1 0.12
A pF A pF
Electrostatic Discharge Sensitivity This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, Agilent recommends that all integrated circuits be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or storage could range from performance degradation to complete failure.
Notes: 9. VISO is a dielectric voltage rating that should not be interpreted as an input-output continuous voltage rating. For continuous voltage rating, refer to the IEC/EN/DIN EN 60747-5-2 Insulation Characteristics Table (if applicable), the equipment level safety specification or Agilent Application Note 1074 entitled "Optocoupler Input-Output Endurance Voltage." 10. Measured between each input pair shorted together and all output connections for that channel shorted together.
11. In accordance to UL1577, each optocoupler is proof tested by applying an insulation test voltage 3000 Vrms for 1 sec (leakage detection current limit, II-O 5 A). This test is performed before the 100% production test for partial discharge (Method b) shown in the IEC/EN/DIN EN 60747-5-2 Insulation Characteristics Table, if applicable. 12. Measured between inputs with the LED anode and cathode shorted together.
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788-6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (65) 6756 2394 India, Australia, New Zealand: (65) 6755 1939 Japan: (+81 3) 3335-8152(Domestic/International), or 0120-61-1280(Domestic Only) Korea: (65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (65) 6755 2044 Taiwan: (65) 6755 1843 Data subject to change. Copyright (c) 2004 Agilent Technologies, Inc. November 1, 2004 5989-1343EN


▲Up To Search▲   

 
Price & Availability of ACSL-6300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X