Part Number Hot Search : 
ISL59 VT900 TN7278 MB100 0F128 AT45D MBR150 221NA
Product Description
Full Text Search
 

To Download 2N6384 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
NPN DARLINGTON POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/523 Devices 2N6383 2N6384 2N6385 Qualified Level JAN, JANTX JANTXV
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Base Current Collector Current Total Power Dissipation
Symbol 2N6383 2N6384 2N6385 Unit
VCEO VCBO VEBO IB IC PT Top, Tstg 40 40 60 60 5.0 0.25 10 6.0 100 -55 to +175 Max. 1.75 80 80 Vdc Vdc Vdc Adc Adc W W 0 C Unit C/W
@ TA = +250C (1) @ TC = +250C (2) Operating & Storage Temperature
THERMAL CHARACTERISTICS
Characteristics Symbol Thermal Resistance Junction-to-Case RJC 1) Derate linearly 34.2 mW/0C above TA > +250C 2) Derate linearly 571 mW/0C above TC > +250C
TO-3* (TO-204AA)
0
*See Appendix A for package outline
ELECTRICAL CHARACTERISTICS (TC = +250C unless otherwise noted)
Characteristics Symbol Min. Max. Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 200 mAdc 2N6383 2N6384 2N6385 2N6383 2N6384 2N6385 2N6383 2N6384 2N6385 40 60 80 40 60 80 1.0 1.0 1.0 Vdc
V(BR)CEO
Collector-Emitter Breakdown Voltage IC = 200 mAdc, RBB = 100
V(BR)CER
Vdc
Collector-Base Cutoff Current VCE = 40 Vdc VCE = 60 Vdc VCE = 80 Vdc
ICBO
mAdc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N6383, 2N6384, 2N6385, JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Emitter-Base Cutoff Current VEB = 5.0 Vdc Collector-Emitter Cutoff Current VCE = 40 Vdc VCE = 60 Vdc VCE = 80 Vdc Collector-Emitter Cutoff Current VCE = 40 Vdc, VBE = 1.5 Vdc VCE = 60 Vdc, VBE = 1.5 Vdc VCE = 80 Vdc, VBE = 1.5 Vdc Symbol IEBO 2N6383 2N6384 2N6385 2N6383 2N6384 2N6385 Min. Max. 5.0 1.0 1.0 1.0 0.3 0.3 0.3 Unit mAdc
ICEO
mAdc
ICEX
mAdc
ON CHARACTERISTICS (3)
Forward-Current Transfer Ratio IC = 5.0 Adc, VCE = 3.0 Vdc IC = 10 Adc, VCE = 3.0 Vdc Collector-Emitter Saturation Voltage IC = 5.0 Adc, IB = 10 mAdc IC = 10 Adc, IB = 0.1 Adc Base-Emitter Voltage IC = 5.0 Adc, VCE = 3.0 Vdc IC = 10 Adc, VCE = 3.0 Vdc hFE 1,000 100 20,000
VCE(sat)
2.0 3.0 2.8 4.5
Vdc
VBE(on)
Vdc
DYNAMIC CHARACTERISTICS
Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 1.0 Adc, VCE = 5.0 Vdc, f = 1.0 MHz Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz f 1.0 MHz hfe Cobo 20 300 200 pF
SWITCHING CHARACTERISTICS
Turn-On Time VCC = 30 Vdc; IC = 5.0 Adc; IB1 = 20 mAdc Turn-Off Time VCC = 30 Vdc; IC = 5.0 Adc; IB1 = -IB2 = 20 mAdc
t
on
2.5 10
s s
t
off
SAFE OPERATING AREA
DC Tests TC = +250C, 1 Cycle, t = 1.0 s Test 1 VCE = 10 Vdc, IC = 10 Adc All Types Test 2 VCE = 30 Vdc, IC = 3.33 Adc All Types Test 3 VCE = 40 Vdc, IC = 1.5 Adc 2N6383 VCE = 60 Vdc, IC = 0.4 Adc 2N6384 VCE = 80 Vdc, IC = 0.16 Adc 2N6385 (3) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2N6384

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X