Part Number Hot Search : 
LFEC1 TLUR6400 V1N4565 IN74ACT MD100 MAX3902D BUZ110S ENABLE
Product Description
Full Text Search
 

To Download 1N749A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N746A-1 THRU 1N759-1 AVAILABLE IN JAN, JANTX AND JANTXV PER MIL-PRF-19500/127 * 1N4370A-1 THRU 1N4372A-1 AVAILABLE IN JAN, JANTX AND JANTXV PER MIL-PRF-19500/127 * DOUBLE PLUG CONSTRUCTION * METALLURGICALLY BONDED
1N746 thru 1N759A
and
1N746A-1 thru 1N759A-1
and
1N4370 thru 1N4372A
and
1N4370A-1 thru 1N4372A-1
MAXIMUM RATINGS
Operating Temperature: -65C to +175C Storage Temperature: -65C to +175C DC Power Dissipation: 500 mW @ +50C Power Derating: 4 mW / C above +50C Forward Voltage @ 200mA: 1.1 volts maximum
ELECTRICAL CHARACTERISTICS @ 25C
JEDEC TYPE NUMBER (NOTE 1) NOMINAL ZENER VOLTAGE VZ @ 1ZT (NOTE 2) VOLTS 1N4370A 1N4371A 1N4372A 1N746A 1N747A 1N748A 1N749A 1N750A 1N751A 1N752A 1N753A 1N754A 1N755A 1N756A 1N757A 1N758A 1N759A 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10.0 12.0 mA 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 ZENER TEST CURRENT 1ZT MAXIMUM ZENER IMPEDANCE (NOTE 3) ZZT@ 1ZT OHMS 30 30 29 28 24 23 22 19 17 11 7 5 6 8 10 17 30
A
MAXIMUM REVERSE CURRENT IR@ VR
MAXIMUM ZENER CURRENT 1 ZM
VOLTS 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.5 2.0 2.5 3.5 4.0 5.0 6.0 7.0 8.0 9.0
mA 155 140 125 120 110 100 90 85 75 70 65 60 55 50 45 40 35
100 60 30 5 3 2 2 5 5 5 5 2 2 1 1 1 1
FIGURE 1
DESIGN DATA
CASE: Hermetically sealed glass case. DO - 35 outline. LEAD MATERIAL: Copper clad steel. LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 250 C/W maximum at L = .375 inch THERMAL IMPEDANCE: (ZOJX): 35 C/W maximum
NOTE 1 NOTE 2 NOTE 3
Zener voltage tolerance on "A" suffix is +5%. No Suffix denotes + 10% tolerance, "C" suffix denotes + 2% tollerance and "D" suffix denotes + 1% tolerance. Zener voltage is measured with the device junction in thermal equilibrium at an ambient temperature of 25C + 3C. Zener impedance is derived by superimposing on 1ZT A 60Hz rms a.c. current equal to 10% of 1ZT
POLARITY: Diode to be operated with the banded (cathode) end positive. MOUNTING POSITION: Any.
22 COREY STREET, MELROSE, MASSACHUSETTS 02176 PHONE (781) 665-1071 FAX (781) 665-7379 WEBSITE: http://www.cdi-diodes.com E-mail: mail@cdi-diodes.com
1N746
1N4370
Pd, Rated Power Dissipation (mW)
500 400 300 200 100 0 0 25 50
thru and thru1N4372A INCLUDING -1 VERSIONS
1N759A
75
100
125
150
175
TL, Lead temperature (C) 3/8" from body
POWER DERATING CURVE 100
50
ZENER IMPEDANCE ZZT (OHMS)
20
10
5
2
1 4 6 10 20 40 60 100 FIGURE 3 operating current (mA)
ZENER IMPEDANCE VS. OPERATING CURRENT


▲Up To Search▲   

 
Price & Availability of 1N749A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X