Part Number Hot Search : 
0M000 NTXV1 TLMH3101 001544 MAX352 2SC4734 BFT29X PL375SBR
Product Description
Full Text Search
 

To Download 1N6384 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA. U.S.A. 92253 Tel: 760-564-8656 * Fax: 760-564-2414
ICTE5.0 to ICTE15C MPTE-5 to MPTE-45 1N6373 to 1N6381 and 1N6382 to 1N6389
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STANDOFF VOLTAGE- 5.0 to 45.0V 1500 Watt Peak Power
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94 V-O * Glass passivated chip junction in Molded Plastic package * 1500W surge capability at 1ms * Excellent clamping capability * Low zener inpedance * Fast response time: typically less than 1.0 ps from 0 volts to BV min. * Typical IR less than 1A above 10V * High temperature soldering guaranteed: 250C/10 seconds/ .375", (9.5mm) lead length, 5lbs., (2.3kg) tension * Includes 1N6373 thru 1N6385
MECHANICAL DATA
Case: JEDEC DO-201 Molded plastic Terminals: Plated Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denoted positive end (cathode) except Bipolar Mounting Position: Any Weight: 0.045 ounces, 1.2 grams
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
RATING
Peak Pulse Power Dissipation at TA = 25 C, TP = 1ms
(NOTE 1)
SYMBOL Pppm
Ippm
VALUE
Minimum 1500 SEE TABLE 1 5.0 200 3.5 -55 +175
UNITS
Watts Amps Watts Amps Volt C
Peak Pulse Current of on 10/1000 s waveform (Note 1) Steady State Power Dissipation at TL = 75C Lead lengths .375", 9.5mm (Note 2) Peak Forward Surge Current, 8.3ms Single Half Sine-wave Superimposed on Rated Load, (JEDEC Method)(Note 3) Maximum instantaneous forward voltage at 100A for unidirectional only Operatings and Storage Temperature Range
Pm(AV) IFSM
Vf Tj, Tstg
NOTES: 1. Non-repetitive current pulse, per Fig.3 and derated above Ta=25 C per Fig.2. 2. Mounted on Copper Pad area of 0.8x0.8" (20x20mm) per Fig.5. 3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum.
8/6/2002
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA. U.S.A. 92253 Tel: 760-564-8656 * Fax: 760-564-2414
ICTE5.0 tou ICTE15C MPTE-5 to MPTE-45 1N6373 to 1N6381 and 1N6382 to 1N6389
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STANDOFF VOLTAGE- 5.0 to 45.0V 1500 Watt Peak Power
REVERSE MINIMUM STANDOFF BREAKDOWN VOLTAGE VOLTAGE (VRWM) VBR @ 1mA (V) (Volts) MAXIMUM REVERSE LEAKAGE IR @ Vr (A) MAXIMUM MAXIMUM MAXIMUM CLAMPING CLAMPING PEAK VOLTAGE VOLTAGE PULSE (Vc) @ (Vc) @ Ipp=1A CURRENT Ipp=1A (Volts) Ipp (A) (Volts)
Part Numbers
ICTE-5* ICTE-8 ICTE-10 ICTE-12 ICTE-15 ICTE-18 ICTE-22 ICTE-36 ICTE-45 ICTE-8C ICTE-10C ICTE-12C ICTE-15C ICTE-18C ICTE-22C ICTE-36C ICTE-45C
1N6373 1N6374 1N6375 1N6376 1N6377 1N6378 1N6379 1N6380 1N6381 1N6382 1N6383 1N6384 1N6385 1N6386 1N6387 1N6388 1N6389
MPTE-5* MPTE-8 MPTE-10 MPTE-12 MPTE-18 MPTE-18 MPTE-22 MPTE-36 MPTE-45 MPTE-8C MPTE-10C MPTE-12C MPTE-15C MPTE-18C MPTE-22C MPTE-36C MPTE-45C
5* 8.0 10.0 12.0 15.0 18.0 22.0 36.0 45.0 8.0 10.0 12.0 15.0 18.0 22.0 36.0 45.0
6.0 9.4 11.7 14.1 17.6 21.2 25.9 42.4 52.9 9.4 11.7 14.1 17.6 21.2 25.9 42.4 52.9
300.0 25.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 50 2.0 2.0 2.0 2.0 2.0 2.0 2.0
7.1 11.3 13.7 16.1 20.1 24.2 29.8 50.6 63.3 11.4 14.1 16.7 20.8 24.8 30.8 50.6 63.3
7.5 11.5 14.1 16.5 20.6 25.2 32.0 54.3 70.0 11.6 14.5 17.1 21.4 25.5 32.0 54.3 70.0
160.0 100.0 90.0 70.0 60.0 50.0 40.0 23.0 19.0 100.0 90.0 70.0 60.0 50.0 40.0 23.0 19.0
*ICTE-5 is not available in Bi-directional.
Suffix 'C' denotes Bi-directional device.


▲Up To Search▲   

 
Price & Availability of 1N6384

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X