Part Number Hot Search : 
DAC08CN G0838 1001S 160250 DNA100 3502M MMAD1103 MC30A
Product Description
Full Text Search
 

To Download 1N5819 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Schottky Barrier Rectifier
COMCHIP
www.comchiptech.com
1N5817 thru 1N5819
Reverse Voltage: 20 to 40V Forward Current: 1.0A
Features
- Plastic package has Underwriters Laboratory Flammability Classification 94V-0 - Low power loss, high efficiency - For use in low voltage high frequency inverters, free wheeling, and polarity protection applications - Guardring for overvoltage protection
DO-41
1.0 (25.4) Min. 0.107 (2.7) 0.080 (2.0) Dia.
Mechanical Data
- Case: JEDEC DO-41 molded plastic body - Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 - High temperature soldering guaranteed: 250C/10 seconds 0.375" (9.5mm) lead length, 5lbs. (2.3kg) tension - Polarity: Color band denotes cathode end - Mounting Position: Any - Weight: 0.34 g
0.205 (5.2) 0.160 (4.1)
1.0 (25.4) Min. 0.034 (0.86) 0.028 (0.71) Dia.
Dimensions in inches and (millimeters)
Maximum Ratings and Thermal Characteristics (TA = 25C unless otherwise noted)
Parameter * Maximum repetitive peak reverse voltage Maximum RMS voltage * Maximum DC blocking voltage * Maximum non-repetitive peak reverse voltage * Maximum average forward rectified current 0.375" (9.5mm) lead length at TL=90C * Peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) at TL=70C Typical thermal resistance - junction-to-ambient (glass) (Note 2) - junction-to-ambient (plastic) - junction-to-lead (plastic) *Storage temperature range Symbol VRRM VRMS VDC VRSM IF(AV) IFSM RJA RJA RJL TJ, TSTG
(TA = 25C unless otherwise noted)
1N5817 20 14 20 24
1N5818 30 21 30 36 1.0 25 130 50 15 -65 to +125
1N5819 40 28 40 48
Unit V V V V A A
C/W C
Electrical Characteristics
Parameter
Symbol
(Note 1) (Note 1)
1N5817 0.450 0.750
1N5818 0.550 0.875 1.0 10 110
1N5819 0.600 0.900
Unit V V mA pF
* Maximum instantaneous forward voltage at 1.0 * Maximum instantaneous forward voltage at 3.1 * Maximum average reverse current at rated DC blocking voltage (Note 1)
VF VF IR CJ
TA = 25C TA = 100C
Typical junction capacitance at 4.0V, 1.0MHz
*JEDEC registered values Notes: (1) Pulse test: 300s pulse width, 1% duty cycle (2) Thermal resistance from junction to lead vertical P.C.B. mounted, 0.375" (9.5mm) lead length with 1.5 x 1.5" (38 x 38mm) copper pads
MDS0309002A Page 1
Schottky Barrier Rectifier
COMCHIP
www.comchiptech.com
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
30
Fig. 1 - Forward Current Derating Curve
1.0
Peak Forward Surge Current (A)
Average Forward Current (A)
0.75
Resistive or Inductive Load 0.375" (9.5mm) Lead Length
25 20
0.5
15
10 5 0
0.25
0
0
20
40
60
80
100
120
140
1
10
100
Case Temperature (C)
Number of Cycles at 60 HZ
Fig. 3 - Typical Instantaneous Forward Characteristics
50
TJ = 125C
Pulse Width = 300s 1% Duty Cycle
Fig. 4 - Typical Reverse Characteristics
100
10
Instantaneous Reverse Current (mA)
Instantaneous Forward Current (A)
10
TJ = 125C
1.0
1.0
TJ = 25C
0.1
TJ = 75C
0.1
0.01
TJ = 25C
0.01 0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.001 0
20
40
60
80
100
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig. 5 - Typical Junction Capacitance
400
Fig. 6 - Typical Transient Thermal Impedance
100
Transient Thermal Impedance (C/W)
Junction Capacitance (pF)
TJ = 25C f = 1.0 MHZ Vsig = 50mVp-p
100
10
1
10 0.1
1
10
100
0.1 0.01
0.1
1
10
100
Reverse Voltage (V)
t -- Pulse Duration (sec.)
MDS0309002A
Page 2


▲Up To Search▲   

 
Price & Availability of 1N5819

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X