Part Number Hot Search : 
KDS181 SEMP8965 2N6098 MC1403D 2SD2485 KE47A FSA2621M 2N4124
Product Description
Full Text Search
 

To Download XC6405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
October 2, 2003 V6
! Low Power Consumption ! Dropout Voltage ! Maximum Output Current ! ! ! !
Highly Accurate VR Setting Output Voltage Range Detect Voltage Setting Range Low ESR capacitor compatible
: 90 A (TYP.) : 200mV @ 100mA : 400mV @ 200mA
! APPLICATIONS
" " " " " "
CD-ROM, CD-R/RW drive DVD drive HDD drive Cameras, Video recorders Portable AV equipment Battery powered equipment
: more than 500mA (600mA limit)
(2.5V: 2% : 0.9V ~ 5.1V : 0.9V ~ 5.5V (VIN : >2.0V)
! GENERAL DESCRIPTION
The XC6405 series are precise, low noise, high speed, high current, positive voltage low dropout regulators with built-in voltage detector. They are fabricated using Torex's CMOS process. Performance features of the series includes high ripple rejection and low dropout voltage, and the series features a voltage reference, an error amplifier, a current limiter and a phase compensation circuit plus a driver transistor. Detect voltage is selectable in 100mV increments within the range of 0.9V to 5.5V and the LDO output voltage is selectable within a range of 0.9V to 5.1V, also in 100mV increments. The series is also compatible with low ESR ceramic capacitors which give added output stability. This stability can be maintained even during load fluctuations due to the excellent transient response of the series. The current limiter's foldback circuit also operates as a short circuit protection for the output current limiter and the output pin. The series provides options to the user to select from a variety of circuit features, such as detector monitoring, detector output logic, CE and EN pin input logic, internal pull-up / down resistance, and power ready. The IC's internal regulator circuit can be placed in stand-by mode via the EN function (XC6405 A to C series). The whole IC can be put in to stand-by mode via the CE function with the XC6405D series (semicustom). In the stand-by mode, power consumption is greatly reduced. The XC6405 A and B series features the toggle operation function. The regulator output can be OFF when the XC6405B series detects voltage (semi-custom). The XC6405E series can monitor another power source by using the VSEN pin (semi-custom). The XC6405F series can delay the detector output: the delay time can be controlled by the use of an external capacitor (semi-custom).
! FEATURES
Maximum Output Current more than 500mA (600mA limit) (2.5V! TYPICAL APPLICATION CIRCUITS
Rpull-up 200K CIN 1uF Rpull-up 200K 1 2 VIN VSEN VSS VROUT VDOUT 4 5 CIN 1uF 1 2 VROUT 3 VIN VSS VROUT VDOUT VDOUT 4 Cd Cd 5 Rpull-up 200K
CIN 1uF
1 2
VIN EN/CE VSS VROUT VDOUT
5
VROUT 3 CL
4
VROUT 3 CL
XC6405A ~ D Series
XC6405E Series
XC6405F Series
Semiconductor Ltd.
Data Sheet
1
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function ! PIN CONFIGURATION
VROUT 5 VDOUT 4
EN/CE VSEN/Cd
5
VDOUT
4
1 VIN
3 EN/CE VSEN/Cd SOT-25 (TOP VIEW)
2 VSS
1
2
3
VIN VSS VROUT SOT-89-5 (TOP VIEW)
! PIN ASSIGNMENT
PIN NUMBER SOT-25 SOT-89-5 1 2 3 3 3 3 4 5 1 2 5 5 5 5 4 3 PIN NAME VIN VSS EN CE VSEN Cd VDOUT VROUT FUNCTION Power Input Ground VR ON / OFF Control ON / OFF Control VD Monitoring Delay Capacitor Connection VD Output VR Output
! SELECTION GUIDE
1. TOGGLE FUNCTION, VD SELF-SATURATION AS OPTION SERIES TOGGLE FUNCTION (BUILT-IN) XC6405A XC6405B XC6405C ~ F VD with Toggle Function VD with Toggle Function and Self-Saturation VD with no Toggle Function
2. STAND-BY MODE FUNCTION AS OPTION SERIES STAND-BY MODE FUNCTION XC6405A ~ C XC6405D XC6405E, F VR with Stand-by mode function Chip Stand-by mode function No Stand-by mode function
3. CE / EN INPUT LOGIC, INTERNAL PULL-UP/DOWN AS OPTION (* : A ~ D Series) CE INPUT LOGIC SERIES XC6405 * A ~ D XC6405 * E ~ K XC6405 * L ~ P XC6405 * R ~ U 4. VD SENSE AS OPTION SERIES Active HIGH with pull down Active HIGH with no pull down Active LOW with pull up Active LOW with no pull up (* : A ~ D and F Series) VD SENSE PIN VIN VOUT VSEN
XC6405 * A, B, E, F, L, M, R, S, V, X XC6405 * C, D, H, K, N, P, T, U, Y, Z XC6405 E V ~ Z
5. VD OUTPUT LOGIC AS OPTION SERIES VD OUTPUT LOGIC FUNCTION XC6405A ~ F Detect L or Detect H
6. VD DELAY FUNCTION AS OPTION SERIES DELAY FUNCTION XC6405A ~ E XC6405F No Delay Delay time adjustable by connecting Cd
Semiconductor Ltd.
Data Sheet
2
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! ORDERING INFORMATION XC6405 123456
PIN NUMBER Optional Functions : A : Toggle and EN Function (Preliminary *) B : Toggle, EN Function, M : SOT-25 FUNCTION PIN NUMBER Packaging Types: FUNCTION
1
VD signal/VR OFF function (Preliminary *) C : EN Function (Preliminary *) D : CE Function (Preliminary *) E : VSEN Pin (Preliminary *) F : Cd Pin
5
P : SOT-89-5
2
Types : As in the chart below. Internally set sequential number relating to output voltage and detect voltage (refer to the chart on page 4.) Taping Direction:
6
R: Embossed Tape, Standard feed
34
VR Setting Output Voltage Range : 0.9V ~ 5.1V Detect Voltage Setting Range : 0.9V ~ 5.5V 100mV step increments are available L : Embossed Tape, Reverse feed
PIN NUMBER : 2 Types
2
A B C D E F H K L M N P R S T U V X Y Z
EN / CE FUNCTION Function Function Function Function Function Function Function Function Function Function Function Function Function Function Function Function Nonfunctional Nonfunctional Nonfunctional Nonfunctional
EN / CE LOGIC Active HIGH Active HIGH Active HIGH Active HIGH Active HIGH Active HIGH Active HIGH Active HIGH Active LOW Active LOW Active LOW Active LOW Active LOW Active LOW Active LOW Active LOW -
PULL UP/DOWN RESISTANCE Pull-down Function Pull-down Function Pull-down Function Pull-down Function Nonfunctional Nonfunctional Nonfunctional Nonfunctional Pull-up Function Pull-up Function Pull-up Function Pull-up Function Nonfunctional Nonfunctional Nonfunctional Nonfunctional -
VD SENSE PIN VIN VIN VROUT VROUT VIN VIN VROUT VROUT VIN VIN VROUT VROUT VIN VIN VROUT VROUT VIN / VSEN VIN / VSEN VROUT VROUT
VD OUTPUT LOGIC Detect L Detect H Detect L Detect H Detect L Detect H Detect L Detect H
PIN NUMBER 1
A ~ D Series Detect L Detect H Detect L Detect H Detect L Detect H Detect L Detect H Detect L E & F Series Detect H Detect L F Series Detect H
* The XC6405A, XC6405B, XC6405C, XC6405D, XC6405E series are under development. For further detail, please ask your sales contacts.
Semiconductor Ltd.
Data Sheet
3
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! ORDERING INFORMATION
# Pin Number
3, 4
Type
(80 ~ 99 : Standard voltage products)
34
01 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 19 20
VROUT 2.20 3.30 3.30 3.00 3.30 3.30 1.80 3.30 3.30 3.30 2.60 3.30 1.80
VDOUT 1.80 3.80 4.20 2.60 4.00 3.60 2.30 3.10 3.00 2.80 3.90 3.70 3.60
34
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
VROUT
VDOUT
34
VROUT
VDOUT
34
80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99
VROUT 1.80 2.80 1.80 2.50 2.85 3.00 3.50 3.00 3.30
VDOUT 1.60 3.10 2.00 2.80 3.20 3.30 3.80 4.20 4.00
For the other voltages, please ask your sales contacts.
# Ordering Example (Standard Products) PRODUCT NAME PRODUCT DESCRIPTION VOLTAGE VROUT XC6405CH80MR XC6405CE81MR XC6405DE82MR XC6405DE83MR XC6405DE84MR XC6405DE85MR XC6405DE86MR XC6405FV87MR XC6405FV88MR XC6405DE89MR XC6405DE90MR XC6405DE91MR EN function, Active HIGH, VROUT Sense, Detect L EN function, Active HIGH, VIN Sense, Detect L CE function, Active HIGH, VIN Sense, Detect L CE function, Active HIGH, VIN Sense, Detect L CE function, Active HIGH, VIN Sense, Detect L CE function, Active HIGH, VIN Sense, Detect L CE function, Active HIGH, VIN Sense, Detect L Cd function, VIN Sense, Detect L Cd function, VIN Sense, Detect L CE function, Active HIGH, VIN Sense, Detect L CE function, Active HIGH, VIN Sense, Detect L CE function, Active HIGH, VIN Sense, Detect L 1.80 2.80 1.80 2.50 2.85 3.00 3.50 3.00 3.30 1.20 1.30 1.50 VDOUT 1.60 3.10 2.00 2.80 3.20 3.30 3.80 4.20 4.00 2.00 2.00 2.00
Except for the standard products, minimum ordering quantity is 15K.
Semiconductor Ltd.
Data Sheet
4
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! PACKAGING INFORMATION
# SOT-25
# SOT-89-5
Semiconductor Ltd.
Data Sheet
5
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! ABSOLUTE MAXIMUM RATINGS
PARAMETER Input Voltage VR Output Current VR Output Voltage VD Output Current VD Output Voltage VCE / VSEN / Cd Pin Voltage Continuous Power Dissipation SOT-25 SOT-89-5 SYMBOL VIN VRIOUT VROUT VDIOUT VDOUT VCE / VSEN / Cd Pd Topr Tstg RATINGS 7.0 700 VSS -0.3 ~ VIN +0.3 50 VSS -0.3 ~ 7.0 VSS -0.3 ~ VIN + 0.3 250 500 - 40 ~ + 85 - 55 ~ + 125 UNITS V mA V mA V V mW
O O
Operating Temperature Range Storage Temperature Range
C C Ta=25OC
! ELECTRICAL CHARACTERISTICS XC6405 Series
PARAMETER VR Output Voltage (note 2, 3) VR Maximum Output Current (0.9 ~ 2.4V product) VR Maximum Output Current (2.5 ~ 4.9V product) VR Load Regulation VR Dropout Voltage (note 4) Supply Current (No Pull-up Resistor) Supply Current (With Pull-up Resistor) VR Line Regulation Input Voltage VR Output Voltage Temperature Characteristics SYMBOL VROUT(E) IROUTMAX IROUTMAX CONDITIONS IROUT=30mA VIN=VROUT(T)+2.0V MIN x 0.98 400 500 15 E-1 (page 15) E-2 (page 15) 90 100 50 TYP VROUT(T) MAX x 1.02 UNITS V mA mA mV mV mV A A
CIRCUIT
1 1 1 1 1 1 2 2 1 O
VR Ripple Rejection Rate
VIN=VROUT(T)+2.0V When VROUT(T)>4.0V, VIN=6.0V 1mA 4.75V ! VIN=5.75V+0.5Vp-pAC IROUT=50mA, f=10kHz IRlim IRlim IRshort VIN=VROUT(T)+2.0V VIN=VROUT(T)+2.0V When VROUT(T)>4.0V, VIN=6.0V VIN=VROUT(T)+2.0V When VROUT(T)>4.0V, VIN=6.0V
145 165
VOLTAGE REGULATOR
0.01 2.0 100
0.20 6.0
%/V V ppm / C
1
65
dB
3
VR Current Limiter (2.4V or less) VR Current Limiter (2.5V or more) Short-Circuit Current
600 500 600 50
mA mA mA
1 1 1
Semiconductor Ltd.
Data Sheet
6
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! ELECTRICAL CHARACTERISTICS (Continued)
XC6405 Series
PARAMETER VD Detect Voltage (note 7, 8) VD Hysteresis Range (note 7) SYMBOL VDF (E) VHYS VIN = 2.0V VIN = 3.0V VIN = 4.0V VIN = 5.0V VIN = 6.0V VDOUT = 0.5V VIN = 2.0V VD Output Current (note 9) IDOUT VIN = 3.0V VIN = 4.0V VIN = 5.0V VIN = 6.0V VD Detect Voltage Temperature Characteristics SWITCH (NO PULL-UP RESISTOR) CE/EN "High" Level Voltage CE/EN "Low" Level Voltage CE/EN "High" Level Current CE/EN "Low" Level Current OPTION Delay Resistance Rdelay VIN=6.0V
Delay Resistance=6.0V/Delay Current
Ta=25OC CONDITIONS MIN x 0.98 VDF (T) x 0.02 TYP VDF (T) VDF (T) x 0.05 10.0 12.0 14.5 17.5 19.0 6.0 8.0 10.0 12.0 15.0 100 ppm / OC mA MAX x 1.02 VDF (T) x 0.08 19.0 20.0 24.0 26.0 29.0 UNITS V V
CIRCUIT
4 4
VOLTAGE DETECTOR
VD Supply Current
IDDVD
A
2
3.0 4.0 5.0 7.0 10.0
5
VDF / Topr VDF VCE/EN H VCE/EN L ICE/EN H ICE/EN L
-40OC4 1 1 2 2 6
1.60 VCE/EN=VIN=VROUT(T)+1.0V VIN=VROUT(T)+1.0V, VCE/EN=VSS -0.10 -0.10
VIN 0.25 20 0.10
V V A A
300
500
700
k
(NOTE 1) Unless otherwise stated, VIN=VOUT(T)+1.0V (NOTE 2) VROUT(T)=Specified VR Output Voltage (NOTE 3) VOUT(E)=Actual VR Output Voltage. Refer to the E-0 chart on page 15 for VDF(T) values less than 1.5V. (i.e. the VR output voltage when "VROUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IROUT value). (NOTE 4) Vdif={VIN1(NOTE6)-VROUT1(NOTE5)} (NOTE 5) A voltage equal to 98% of the VR Output Voltage whenever a stabilized VROUT1=IROUT{VROUT(T)+1.0V} is input. (NOTE 6) VIN1=The Input Voltage when VOUT1, which appears as Input Voltage is gradually decreased. (NOTE 7) VDF (T) : Specified Detect Voltage value (NOTE 8) VDF (E) : Actual Detect Voltage value. Refer to the E-0 chart on page 15 for VDF(T) values less than 1.5V. (NOTE 9) VD Output Current value of Detect 'L' type equal to current value during detection and that of Detect 'H' type equal to current value before detection.
Semiconductor Ltd.
Data Sheet
7
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function ! ELECTRICAL CHARACTERISTICS (Continued)
XC6405 AA / AD / AE / AH Series PARAMETER
VR Output Voltage (note 2, 3) VR Maximum Output Current (0.9 ~ 2.4V product) VR Maximum Output Current (2.5 ~ 4.9V product) VR Load Regulation VR Dropout Voltage (note 4) Supply Current (AA / AD Series) Supply Current (AE / AH Series) Ta=25OC
SYMBOL
VROUT(E) IROUTMAX IROUTMAX VROUT Vdif1 Vdif2 IDD
CONDITIONS
IROUT=30mA VIN=VROUT(T)+2.0V VIN=VROUT(T)+2.0V, When VROUT(T)>4.0V, VIN=6.0V 1mAMIN
x 0.98 400 500
TYP
VROUT(T)
MAX
x 1.02
UNITS
V mA mA
CIRCUIT
1 1 1 1 1 1 2
15 E-1 (page 15) E-2 (page 15) 90
50
mV mV mV A
145
VOLTAGE REGULATOR
IDD
100
165
A
2
VR Line Regulation
Input Voltage VR Output Voltage Temperature Characteristics
VR Ripple Rejection Rate
VROUT(T)+1.0V 4.75V ! VIN=5.75V+0.5Vp-pAC IROUT=50mA, f=10kHz IRlim IRlim IRshort VDF (E) VHYS VIN = 2.0V VIN = 3.0V VIN = 4.0V VIN = 5.0V VIN = 6.0V VDOUT = 0.5V VIN = 2.0V VIN = 3.0V VIN = 4.0V VIN = 5.0V VIN = 6.0V -40OC4.0V, VIN=6.0V VIN=VROUT(T)+2.0V When VROUT(T)>4.0V, VIN=6.0V
0.01
0.20
%/V
1
2.0 100
6.0
V ppm / OC
1
65
dB
3
VR Current Limiter (2.4V or less) VR Current Limiter (2.5V or more) Short-circuit Current VD Detect Voltage (note 7, 8) VD Hysteresis Range (note 8)
600 500 600 50 x 0.98 VDF (T) x 0.02 VDF (T) VDF (T) x 0.05 6.5 7.0 7.5 8.0 9.0 6.0 8.0 10.0 12.0 15.0 100 x 1.02 VDF (T) x 0.08 19.0 20.0 24.0 26.0 29.0
mA mA mA V V
1 1 1 4 4
VOLTAGE DETECTOR
VD Supply Current (note 9)
IDDVD
A
2
VD Output Current (note 10)
IDOUT
3.0 4.0 5.0 7.0 10.0
mA
5
VD Detect Voltage Temperature Characteristics
VDF / Topr VDF
ppm / OC
4
Semiconductor Ltd.
Data Sheet
8
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function ! ELECTRICAL CHARACTERISTICS (Continued)
XC6405 AA / AD / AE / AH Series
PARAMETER SWITCH EN "High" Level Voltage EN "Low" Level Voltage EN "High" Level Current (AA / AD Series) EN "High" Level Current (AE /AH Series) SYMBOL CONDITIONS MIN TYP MAX UNITS Ta=25OC
CIRCUIT
VEN H VEN L IEN H IEN H VEN=VIN=VROUT(T)+1.0V VEN=VIN=VROUT(T)+1.0V
1.60
VIN 0.25 20 0.10
V V A A A
1 1 2 2 2
-0.10 -0.10
EN "Low" Level Current IEN L -0.10 0.10 VIN=VROUT(T)+1.0V, VEN=VSS (NOTE 1) Unless otherwise stated, VIN=VOUT(T)+1.0V (NOTE 2) VROUT(T)=Specified VR Output Voltage (NOTE 3) VOUT(E)=Actual VR Output Voltage. Refer to the E-0 chart on page 15 for VDF(T) values less than 1.5V. (i.e. the VR output voltage when "VROUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IROUT value). (NOTE 4) Vdif={VIN1(NOTE6)-VROUT1(NOTE5)} (NOTE 5) A voltage equal to 98% of the VR Output Voltage whenever a stabilized VROUT1=IROUT{VROUT(T)+1.0V} is input. (NOTE 6) VIN1=The Input Voltage when VOUT1, which appears as Input Voltage is gradually decreased. (NOTE 7) VDF (T) : Specified Detect Voltage value (NOTE 8) VDF (E) : Actual Detect Voltage value. Refer to the E-0 chart on page 15 for VDF(T) values less than 1.5V. (NOTE 9) VD Supply Current = Supply Current when VEN=VSS (NOTE 10) VD Output Current = Sink Current during detection.
Semiconductor Ltd.
Data Sheet
9
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function ! ELECTRICAL CHARACTERISTICS (Continued)
XC6405 CA / CD / CE / CH Series
PARAMETER VR Output Voltage (note 2, 3) VR Maximum Output Current (0.9 ~ 2.4V product) VR Maximum Output Current (2.5 ~ 4.9V product) VR Load Regulation VR Dropout Voltage (note 4) Supply Current (CA / CD Series) Supply Current (CE / CH Series) SYMBOL VROUT(E) IROUTMAX IROUTMAX VROUT Vdif1 Vdif2 IDD CONDITIONS IROUT=30mA VIN=VROUT(T)+2.0V VIN=VROUT(T)+2.0V, When VROUT(T)>4.0V, VIN=6.0V 1mACIRCUIT
1 1 1 1 1 1 2
145
VOLTAGE REGULATOR
IDD
100
165
A
2
VR Line Regulation
Input Voltage VR Output Voltage Temperature Characteristics
VR Ripple Rejection Rate
VROUT(T)+1.0V 4.75V ! VIN=5.75V+0.5Vp-pAC IROUT=50mA, f=10kHz IRlim IRlim IRshort VDF (E) VHYS VIN = 2.0V VIN = 3.0V VIN = 4.0V VIN = 5.0V VIN = 6.0V VDOUT = 0.5V VIN = 2.0V VIN = 3.0V VIN = 4.0V VIN = 5.0V VIN = 6.0V -40OC4.0V, VIN=6.0V VIN=VROUT(T)+2.0V, When VROUT(T)>4.0V, VIN=6.0V
0.01
0.20
%/V
1
2.0 100
6.0
V ppm / OC
1
65
dB
3
VR Current Limiter (2.4V or less) VR Current Limiter (2.5V or more) Short-Circuit Current VD Detect Voltage (note 7, 8) VD Hysteresis Range (note 8)
600 500 600 50 x 0.98 VDF (T) x 0.02 VDF (T) VDF (T) x 0.05 6.5 7.0 7.5 8.0 9.0 6.0 8.0 10.0 12.0 15.0 100 x 1.02 VDF (T) x 0.08 19.0 20.0 24.0 26.0 29.0
mA mA mA V V
1 1 1 4 4
VOLTAGE DETECTOR
VD Supply Current (note 9)
IDDVD
A
2
VD Output Current (note 10)
IDOUT
3.0 4.0 5.0 7.0 10.0
mA
5
VD Detect Voltage Temperature Characteristics
VDF / Topr VDF
ppm / OC
4
Semiconductor Ltd.
Data Sheet
10
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! ELECTRICAL CHARACTERISTICS (Continued)
XC6405 CA / CD / CE / CH Series
PARAMETER SWITCH EN "High" Level Voltage EN "Low" Level Voltage EN "High" Level Current (CA / CD Series) EN "High" Level Current (CE /CH Series) SYMBOL CONDITIONS MIN TYP MAX UNITS Ta=25OC
CIRCUIT
VEN H VEN L IEN H IEN H VEN=VIN=VROUT(T)+1.0V VEN=VIN=VROUT(T)+1.0V
1.6
VIN 0.25 20 0.10
V V A A A
1 1 2 2 2
-0.10 -0.10
EN "Low" Level Current IEN L VIN=VROUT(T)+1.0V, VEN=VSS -0.10 0.10 (NOTE 1) Unless otherwise stated, VIN=VOUT(T)+1.0V (NOTE 2) VROUT(T)=Specified VR Output Voltage (NOTE 3) VOUT(E)=Actual VR Output Voltage. Refer to the E-0 chart on page 15 for VDF(T) values less than 1.5V. (i.e. the VR output voltage when "VROUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IROUT value). (NOTE 4) Vdif={VIN1(NOTE6)-VROUT1(NOTE5)} (NOTE 5) A voltage equal to 98% of the VR Output Voltage whenever a stabilized VROUT1=IROUT{VROUT(T)+1.0V} is input. (NOTE 6) VIN1=The Input Voltage when VOUT1, which appears as Input Voltage is gradually decreased. (NOTE 7) VDF (T) : Specified Detect Voltage value (NOTE 8) VDF (E) : Actual Detect Voltage value. Refer to the E-0 chart on page 15 for VDF(T) values less than 1.5V. (NOTE 9) VD Supply Current = Supply Current when VEN=VSS (NOTE 10) VD Output Current = Sink Current during detection.
Semiconductor Ltd.
Data Sheet
11
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function ! ELECTRICAL CHARACTERISTICS (Continued)
XC6405 DA / DD / DE / DH Series
PARAMETER VR Output Voltage (note 2, 3) VR Maximum Output Current (0.9 ~ 2.4V product) VR Maximum Output Current (2.5 ~ 4.9V product) VR Load Regulation VR Dropout Voltage (note 4) Supply Current (DA / DD Series) Supply Current (DE / DH Series) Stand-by Current (DA / DD / DE / DH Series) VR Line Regulation Input Voltage VR Output Voltage Temperature Characteristics SYMBOL VROUT(E) IROUTMAX IROUTMAX VROUT Vdif1 Vdif2 IDD CONDITIONS IROUT=30mA VIN=VROUT(T)+2.0V VIN=VROUT(T)+2.0V, When VROUT(T)>4.0V, VIN=6.0V 1mACIRCUIT
1 1 1 1 1 1 2 2 2 1
145
VOLTAGE REGULATOR
IDD IDD
100 0.01
165 0.10
A %/V
VIN=VROUT(T)+1.0V, VCE=0V, When VROUT<0.9V, VIN=2.0V VROUT(T)+1.0VVIN=[VROUT(T)+1.0]V+0.5Vp-pAC When VROUT(T) < 1.25V ! VIN=2.25V+0.5Vp-pAC When VROUT(T) > 4.75V ! VIN=5.75V+0.5Vp-pAC IROUT=50mA, f=10kHz
0.01 2.0 100
0.20 6.0
%/V V ppm / OC
1
VR Ripple Rejection Rate
PSRR
65
dB
3
VR Current Limiter (2.4V or less) VR Current Limiter (2.5V or more) Short-Circuit Current VD Detect Voltage (note 7, 8) VOLTAGE DETECTOR VD Hysteresis Range (note 8)
IRlim IRlim IRshort VDF (E) VHYS
VIN=VROUT(T)+2.0V VIN=VROUT(T)+2.0V, When VROUT(T)>4.0V, VIN=6.0V VIN=VROUT(T)+2.0V, When VROUT(T)>4.0V, VIN=6.0V 500
600 600 50 x 0.98 VDF (T) x 0.02 VDF (T) VDF (T) x 0.05 6.0 8.0 10.0 12.0 15.0 x 1.02 VDF (T) x 0.08
mA mA mA V V
1 1 1 4 4
VD Output Current (note 9)
IDOUT
VDOUT = 0.5V VIN = 2.0V VIN = 3.0V VIN = 4.0V VIN = 5.0V VIN = 6.0V
3.0 4.0 5.0 7.0 10.0
mA
5
VD Detect Voltage VDF / -40OCppm / OC V V A A A
4 1 1 2 2 2
Semiconductor Ltd.
Data Sheet
12
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function ! ELECTRICAL CHARACTERISTICS (Continued)
XC6405 EV / EX Series
PARAMETER VR Output Voltage VR Maximum Output Current (0.9 ~ 2.4V product) VR Maximum Output Current (2.5 ~ 4.9V product) VR Load Regulation VR Dropout Voltage Supply Current (EV / EX Series) VOLTAGE REGULATOR SYMBOL VROUT(E) IROUTMAX IROUTMAX VROUT Vdif1 Vdif2 IDD CONDITIONS IROUT=30mA VIN=VROUT(T)+2.0V VIN=VROUT(T)+2.0V, When VROUT(T)>4.0V, VIN=6.0V 1mACIRCUIT
1 1 1 1 1 1 2
145
VR Line Regulation
Input Voltage VR Output Voltage Temperature Characteristics
Ripple Rejection Rate
VROUT(T)+1.0V 4.75V ! VIN=5.75V+0.5Vp-pAC IROUT=50mA, f=10kHz IRlim IRlim IRshort VDF (E) VHYS VDOUT = 0.5V VIN = 2.0V VIN = 3.0V VIN = 4.0V VIN = 5.0V VIN = 6.0V VIN=VROUT(T)+2.0V VIN=VROUT(T)+2.0V, When VROUT(T)>4.0V, VIN=6.0V VIN=VROUT(T)+2.0V, When VROUT(T)>4.0V, VIN=6.0V
0.01
0.20
%/V
1
2.0 100
6.0
V ppm / OC
1
65
dB
3
VR Current Limiter (2.4V or less) VR Current Limiter (2.5V or more) Short-Circuit Current VD Detect Voltage VOLTAGE DETECTOR VD Hysteresis Range
600 500 600 50 x 0.98 VDF (T) x 0.02 3.0 4.0 5.0 7.0 10.0 VDF (T) VDF (T) x 0.05 6.0 8.0 10.0 12.0 15.0 x 1.02 VDF (T) x 0.08
mA mA mA V V
1 1 1 4 4
VD Output Current (note 9)
IDOUT
mA
5
VDF / -40OCppm / OC
4
Semiconductor Ltd.
Data Sheet
13
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function ! ELECTRICAL CHARACTERISTICS (Continued)
XC6405 FV / FX / FY / FZ Series
PARAMETER VR Output Voltage (note 2, 3) VR Maximum Output Current (0.9 ~ 2.4V product) VR Maximum Output Current (2.5 ~ 4.9V product) VR Load Regulation VR Dropout Voltage (note 4) Supply Current (FV / FX / FY / FZ Series) VOLTAGE REGULATOR SYMBOL VROUT(E) IROUTMAX IROUTMAX VROUT Vdif1 Vdif2 IDD CONDITIONS IROUT=30mA VIN=VROUT(T)+2.0V VIN=VROUT(T)+2.0V, When VROUT(T)>4.0V, VIN=6.0V 1mACIRCUIT
1 1 1 1 1 1 2
145
VR Line Regulation
Input Voltage VR Output Voltage Temperature Characteristics
VROUT(T)+1.0VTopr VROUT
0.01
0.20
%/V
1
2.0 100
6.0
V ppm / OC
Ripple Rejection Rate
PSRR
IROUT=30mA -40OC 4.75V ! VIN=5.75V+0.5Vp-pAC IROUT=50mA, f=10kHz VIN=VROUT(T)+2.0V VIN=VROUT(T)+2.0V, When VROUT(T)>4.0V, VIN=6.0V VIN=VROUT(T)+2.0V, When VROUT(T)>4.0V, VIN=6.0V x 0.98 VDF (T) x 0.02 VDOUT = 0.5V VIN = 2.0V VIN = 3.0V VIN = 4.0V VIN = 5.0V VIN = 6.0V -40OCDelay Resistance=6.0V/Delay Current
1
65
dB
3
VR Current Limiter (2.4V or less) VR Current Limiter (2.5V or more) Short-Circuit Current VD Detect Voltage (note 7, 8) VOLTAGE DETECTOR VD Hysteresis Range (note 8)
IRlim IRlim IRshort VDF (E) VHYS
600 500 600 50 VDF (T) VDF (T) x 0.05 6.0 8.0 10.0 12.0 15.0 100 300 500 700 x 1.02 VDF (T) x 0.08
mA mA mA V V
1 1 1 4 4
VD Output Current (note 9)
IDOUT
3.0 4.0 5.0 7.0 10.0
mA
5
VD Detect Voltage Temperature Characteristics Delay Resistance
VDF / Topr VDF Rdelay
ppm / OC k
4 6
(NOTE 1) Unless otherwise stated, VIN=VOUT(T)+1.0V (NOTE 2) VROUT(T)=Specified VR Output Voltage (NOTE 3) VOUT(E)=Actual VR Output Voltage. Refer to the E-0 chart on page 15 for VDF(T) values less than 1.5V. (i.e. the VR output voltage when "VROUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IROUT value). (NOTE 4) Vdif={VIN1(NOTE6)-VROUT1(NOTE5)} (NOTE 5) A voltage equal to 98% of the VR Output Voltage whenever a stabilized VROUT1=IROUT{VROUT(T)+1.0V} is input. (NOTE 6) VIN1=The Input Voltage when VOUT1, which appears as Input Voltage is gradually decreased. (NOTE 7) VDF (T) : Specified Detect Voltage value (NOTE 8) VDF (E) : Actual Detect Voltage value. Refer to the E-0 chart on page 15 for VDF(T) values less than 1.5V. (NOTE 9) VD Supply Current = Sink Current during detection.
Semiconductor Ltd.
Data Sheet
14
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! VR DROPOUT VOLTAGE
SYMBOL PARAMETER OUTPUT VOLTAGE DETECT VOLTAGE
SPECIFIED DETECT VOLTAGE OUTPUT VOLTAGE
E-0
E-1 DROPOUT VOLTAGE 1 (mV) (IOUT=30mA) Ta=25OC MAX. 0.930 1.030 1.130 1.230 1.330 1.430 1.530 1.632 1.734 1.836 1.938 2.040 2.142 2.244 2.346 2.448 2.550 2.652 2.754 2.856 2.958 3.060 3.162 3.264 3.366 3.468 3.570 3.672 3.774 3.876 3.978 4.080 4.182 4.284 4.386 4.488 4.590 4.692 4.794 4.896 4.998 5.100 5.202 5.304 5.406 5.508 5.610 Vdif1 TYP. 1050 1000 900 800 700 600 500 400 300 200 120 80 80 80 80 80 70 70 70 70 70 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 50 50 Vdif1 MAX. 1100 1100 1000 900 800 700 600 500 400 300 150 120 120 120 120 120 100 100 100 100 100 90 90 90 90 90 90 90 90 90 90 80 80 80 80 80 80 80 80 80 80 70 70 Vdif2 TYP. 1150 1050 950 850 750 650 550 500 400 300 280 240 240 240 240 240 220 220 220 220 220 200 200 200 200 200 200 200 200 200 200 180 180 180 180 180 180 180 180 180 180 160 160
E-1 DROPOUT VOLTAGE 2 (mV) (IOUT=100mA) Ta=25OC Vdif2 MAX. 1200 1200 1100 1000 900 800 700 600 500 400 380 350 330 330 310 310 290 290 290 270 270 270 250 250 250 250 250 250 250 250 250 230 230 230 230 230 230 230 230 230 230 210 210
VROUT(T) VDF(T) 0.90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 3.10 3.20 3.30 3.40 3.50 3.60 3.70 3.80 3.90 4.00 4.10 4.20 4.30 4.40 4.50 4.60 4.70 4.80 4.90 5.00 5.10 5.20 5.30 5.40 5.50
(V) VROUT / VDF MIN. 0.870 0.970 1.070 1.170 1.270 1.370 1.470 1.568 1.666 1.764 1.862 1.960 2.058 2.156 2.254 2.352 2.450 2.548 2.646 2.744 2.842 2.940 3.038 3.136 3.234 3.332 3.430 3.528 3.626 3.724 3.822 3.920 4.018 4.116 4.214 4.312 4.410 4.508 4.606 4.704 4.802 4.900 4.998 5.096 5.194 5.292 5.390
Semiconductor Ltd.
Data Sheet
15
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! TEST CIRCUITS
# Circuit 1 XC6405A ~ C Series
VIN
A
VIN
VROUT CIN=1uF (ceramic) VSS EN CL=**uF (ceramic)
A
V
VDOUT
V V
RL
XC6405D Series
VIN
A
VIN
CIN=1uF (ceramic)
VROUT VSS CE VDOUT CL=**uF (ceramic)
A
V V
V
RL
XC6405E Series
VIN
A
VIN
VROUT CIN= 1uF (Ceramic) VSS VDOUT VSEN CL= **uF (Ceramic)
A
V
RL
XC6405F Series
VIN
A
VIN
CIN=1uF (ceramic) VSS Cd
VROUT
A
CL=**uF (ceramic)
V
VDOUT
RL
Output Capacitor Corresponding Chart
VROUT CL 0.9 ~1.2V more than 4.7F 1.3 ~ 1.7V more than 2.2F 1.8V ~ 5.1V more than 1.0F
Semiconductor Ltd.
Data Sheet
16
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! TEST CIRCUITS (Continued)
# Circuit 2 XC6405A ~ C Series
VIN
A
CIN=1uF (ceramic) VIN VSS EN
VROUT
VDOUT
A
XC6405D Series
VIN
A
CIN=1uF (ceramic) VIN VSS CE
VROUT
VDOUT
A
XC6405E Series
VIN
A
VIN
VROUT CIN=1uF (ceramic) VSS VDOUT VSEN
XC6405F Series
VIN
A
VIN
VROUT CIN=1uF (ceramic) VSS VDOUT Cd
Semiconductor Ltd.
Data Sheet
17
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! TEST CIRCUITS (Continued)
# Circuit 3 XC6405A ~ C Series
VROUT 1.25V VIN={2.25V}VDC +0.5Vp-pAC VIN={VROUT+1.0V}VDC +0.5Vp-pAC VROUT 4.75V VIN={5.75V}VDC +0.5Vp-pAC
VIN VROUT CL=**uF (ceramic) VDOUT
~
V
VSS EN
V
~
IROUT=50mA
XC6405D Series
VROUT 1.25V VIN={2.25V}VDC +0.5Vp-pAC VIN={VROUT+1.0V}VDC +0.5Vp-pAC VROUT 4.75V VIN={5.75V}VDC +0.5Vp-pAC
VIN VROUT VSS CL=**uF (ceramic) VDOUT
V ~
CE
V ~
IROUT=50mA
XC6405E Series
VROUT 1.25V VIN={2.25V}VDC +0.5Vp-pAC VIN={VROUT+1.0V}VDC +0.5Vp-pAC VROUT 4.75V VIN={5.75V}VDC +0.5Vp-pAC
VIN VROUT VSS CL=**uF (ceramic) VDOUT VSEN
~
V
V ~
IROUT=50mA
XC6405F Series
VROUT 0.9V VIN={2.0V}VDC +0.5Vp-pAC VIN={VROUT+1.0V}VDC +0.5Vp-pAC VROUT 4.75V VIN={5.75V}VDC +0.5Vp-pAC
VIN VROUT VSS Cd VDOUT CL=**uF (ceramic)
V ~
V ~
IROUT=50mA
Output Capacitor Corresponding Chart
VROUT CL 0.9 ~1.2V more than 4.7F 1.3 ~ 1.7V more than 2.2F 1.8 ~ 5.1V more than 1.0F
Semiconductor Ltd.
Data Sheet
18
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! TEST CIRCUITS (Continued)
# Circuit 4 XC6405A ~ C Series [VD Sense, VIN type] [VD Sense, VROUT type]
VIN VROUT CL=1uF (ceramic) VIN VSS EN VDOUT 100k
VIN CL=1uF (ceramic)
VIN VROUT VSS EN VDOUT 100k
V
XC6405D Series [VD Sense, VIN type] [VD Sense, VROUT type]
V
VIN VROUT CL=1uF (ceramic) VIN VSS CE VDOUT 100k VIN CL=1uF (ceramic)
VIN VROUT VSS CE VDOUT 100k
V
V
XC6405E Series
VIN VROUT CL=1uF (ceramic) VIN VSS VDOUT VSEN 100k
V
XC6405F Series [VD Sense, VIN type]
VIN VROUT CL=1uF (ceramic) VIN Cd VSS VDOUT CL=1uF (ceramic) VSS VDOUT Cd VDS
[VD Sense, VROUT type]
VIN VROUT
A
VIN
A
VDS
Semiconductor Ltd.
Data Sheet
19
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! TEST CIRCUITS (Continued)
# Circuit 5 XC6405A ~ C Series [VD Sense, VIN type]
VIN VROUT CL=1uF (ceramic) VIN EN VSS VDOUT CL=1uF (ceramic) VSS VDOUT EN VDS
[VD Sense, VROUT type]
VIN VROUT
A
VIN
A
VDS
XC6405D Series [VD Sense, VIN type]
VIN VROUT CL=1uF (ceramic) VIN CE VSS VDOUT CL=1uF (ceramic) VSS VDOUT CE VDS
[VD Sense, VROUT type]
VIN VROUT
A
VIN
A
VDS
XC6405E Series
VIN VROUT CL=1uF (ceramic) VIN VSS VDOUT VSEN
A
VDS
XC6405F Series [VD Sense, VIN type]
VIN VROUT CL=1uF (ceramic) VIN Cd VSS VDOUT CL=1uF (ceramic) VSS VDOUT Cd VDS
[VD Sense, VROUT type]
VIN VROUT
A
VIN
A
VDS
Semiconductor Ltd.
Data Sheet
20
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! TEST CIRCUITS (Continued)
# Circuit 6 XC6405F Series [VD Sense, VIN type]
VIN VROUT CL=1uF (ceramic) VIN VSS VDOUT
A
Cd
[VD Sense, VROUT type]
VIN VROUT CL=1uF (ceramic) VIN VSS VDOUT
A
Cd
Semiconductor Ltd.
Data Sheet
21
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function ! BLOCK DIAGRAMS
Optional:
Active HIGH with Pull-down R Active HIGH with no Pull-down R Active LOW with Pull-up R Active LOW with no Pull-up R
toggle FF
VIN
Optional:
VR circuit
Current Limit
EN
ON / OFF Control
T R
Q
VIN SENSE VROUT SENSE
1 Shot Pulse
Power ON Clear for FF
VROUT
R2 R1
Error Amp. CFB
Voltage Reference
Optional (B Series)
VDOUT
Optional:
Detect H Detect L Comp. VD
R4 R3
VSS
XC6405A, B Series
VIN EN / CE
Optional:
Active HIGH with Pull-down R Active HIGH with no Pull-down R Active LOW with Pull-up R Active LOW with no Pull-up R
ON / OFF Control
VR circuit (C Series) each circuit (D Series)
Current Limit
Optional:
VIN SENSE VROUT SENSE
Error Amp. CFB
Voltage Reference
VROUT
R2 R1
VDOUT
Optional:
Detect H Detect L Comp. VD
R4 R3
VSS
XC6405C, D Series
Semiconductor Ltd.
Data Sheet
22
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! BLOCK DIAGRAMS (Continued)
VIN VSEN
Current Limit
Error Amp. CFB
Voltage Reference
VROUT
R2 R1
VDOUT
Optional:
Detect H Detect L Comp. VD
R4 R3
VSS
XC6405E Series
VIN
Optional:
Current Limit
VIN SENSE VROUT SENSE
Rdelay Error Amp.
VROUT
CFB
Voltage Reference
R2 R1
Rdelay
VDOUT
Optional:
Detect H Detect L Comp. VD
R4 R3
VSS
XC6405F Series
Semiconductor Ltd.
Data Sheet
23
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! OPERATIONAL EXPLANATION
The voltage, divided by resistors R1 & R2 which are connected to the VROUT pin is compared with the internal reference voltage by the error amplifier. The P-Channel MOSFET, which is connected to the VROUT pin, is then driven by the subsequent output signal. The output voltage at the VROUT pin is controlled & stabilized by negative feedback. The current limit circuit and short circuit protection operate in relation to the level of output current. Further, the voltage regulator's internal circuitry can be shutdown via the EN or CE pin's signal. XC6405 series> The series' detector function monitors the voltage divided by resistors R3 & R4 which are connected to the VROUT pin or the VIN pin or the VSEN pin, as well as monitoring the voltage of the internal reference voltage source via the comparator. The VDSEN pin has options (please refer to the Selection Guide, item 4 on page 2). A 'High' or 'Low' signal level can be output from the VDOUT pin when the VD pin voltage level goes below the detect voltage. The VD output logic has options (please refer to the Selection Guide, item 5 on page 2). As VDOUT is an open-drain N-channel output, a pull-up resistor of about 220K is needed to achieve a voltage output. Because of hysteresis at the detector function, output at the VDOUT pin will invert when the detect voltage level increases above the release voltage (105% of the detect voltage). Even when the XC6405A, B, C, series are in stand-by mode, the voltage detector function operates and the output voltage at VDOUT will output according to the voltage level at VDSENSE voltage. For the XC6405A, B, C type, in stand-by, if a voltage of the recovery voltage is present at the VROUT pin (from another power source), the VDOUT pin will be high impedance mode, and the pull up voltage will be output at VDOUT. By connecting the Cdelay pin to a capacitor (Cd), the XC6405F series can apply a delay time to VDOUT voltage when releasing voltage. The delay time can be calculated from the internal resistance, Rdelay (500k fixed) and the value of Cd as per the following equation.
Delay Time = Cdelay x Rdelay x 0.7
Delay Time Cdelay 0.01 F 0.022 F 0.047 F 0.1 F 0.22 F 0.47 F 1 F Rdelay standard : 300 ~ 700k DELAY TIME (TYP.) 3.5 msec 7.7 msec 16.5 msec 35 msec 77 msec 165 msec 350 msec TYP : 500k DELAY TIME (TYP.) 2.1 ~ 4.9 msec 4.62 ~ 10.8 msec 9.87 ~ 23.0 msec 21.0 ~ 49.0 msec 46.2 ~ 108.0 msec 98.7 ~ 230.0 msec 210.0 ~ 490.0 msec
With the XC6405 series regulator, a stable output voltage is achievable even if low ESR capacitors are used, as a phase compensation circuit is built-in to the regulator. In order to ensure the effectiveness of the phase compensation, we suggest that an output capacitor (CL) be connected as close as possible, between the output pin (VROUT) and the VSS pin. Please use an output capacitor (CL) with a capacitance, based on the chart below. We also suggest an input capacitor (CIN) of 1F : this should be connected between VIN and VSS in order to stabilize input power source. Output Capacitor VROUT CL 0.9 ~1.2V more than 4.7F 1.3 ~ 1.7V more than 2.2F 1.8 ~ 5.1V more than 1.0F
The XC6405 series regulator offers a combination of current limit and circuit protection by means of a built-in fixed current limiter circuit and a foldback circuit. When the load current reaches the current limit level, the fixed current limiter circuit operates and output voltage drops. As a result of this drop in output voltage, the foldback circuit operates, the output voltage drops further and output current decreases. When the output pin is shorted, a current of about 50mA flows.
Semiconductor Ltd.
Data Sheet
24
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! OPERATIONAL EXPLANATION (Continued)
The IC's internal regulator circuitry can be shut down via the signal from the EN pin with the XC6405A, B, C series. In shutdown mode, output at the VROUT pin will be pulled down to the VSS level via R1 & R2. The whole IC's circuitry can be shut down via CE pin with the XC6405D series and power consumption can be reduced to around 0 A. While the voltage detector is in shutdown mode, the voltage detector output is in a post-detection state. When choosing Detect L, input current can be set by using the following formula.
Input Current = VIN voltage / Pull Up Resistance
In stand-by mode, the above input current can be reduced by connecting a pull-up resistor between VROUT and VDOUT. Note that as the XC6405*E to K types of the XC6405A to D series are 'Active HIGH / No Pull Down' and XC6405*R to U types of the XC6405A to D series are 'Active LOW / No Pull Up', operations will become unstable with the CE pin open (See the chart below). SERIES XC6405 * A ~ D XC6405 * E ~ K XC6405 * L ~ P XC6405 * R ~ U EN/CE INPUT LOGIC Active HIGH with pull down Active HIGH with no pull down Active LOW with pull up Active LOW with no pull up ( * A ~ D Series)
We suggest that you use this IC with either a VIN voltage or a VSS voltage input at the EN or CE pin. If this IC is used with the correct specifications for the EN or CE pin, the IC will operate normally. However, supply current may increase as a result of through current in the IC's internal circuitry if a voltage other than VIN or VSS is applied.
The XC6405 A and B series have a built-in toggle ON/OFF switch which repeats an on/off operation via the EN pin's leading edge signal when the EN logic is Active HIGH, and via the EN pin's falling edge signal when the EN logic is Active LOW (Please also refer the figure below). The EN input signal duration should be over 500nsec. If the EN input signal is less than 500nsec, it is possible that the circuit fails to respond and the toggle function does not operate. To operate the toggle function properly when the EN pin voltage noise is large, a RC filter should be used to reduce the noise in the signal to the EN pin. In the case where input delay time is required, it is possible to set the time constant by connecting an RC network to the EN pin.
1.5k
VIN EN
CIN 1uF
Rpull
VSS VROUT VDOUT
0.1uF
220k
VIN
CL 1uF
Internal Circuit - Response time apporx. 10usec.
VROUT Voltage
GND
VROUT Voltage
VIN Voltage
GND
EN pin signal
More than 500nsec
EN Logic Active "HIGH"
Semiconductor Ltd.
Data Sheet
25
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! OPERATIONAL EXPLANATION (Continued)
(Continued) For the XC6405B series, there are two types of toggle selection; one is a T-type flip-flop (T-FF) used for toggle operation which can be reset internally by a signal directly from the voltage detector (VIN Sense type only. See also the Selection Guide on page 2). The other type is where the reset is applied internally through a one shot pulse circuit (VIN, VROUT type only. See also the Selection Guide on page 2). The type, which applies the reset directly via the signal from the voltage detector function, applies the voltage detector comparator's output signal (reset signal) to the reset of T-FF reset, and turns the VR output OFF when the input voltage decreases below the detect voltage due to battery consumption, etc.. In order to return the VR output, apply a voltage larger than the release voltage to VIN and input a toggle signal to the T-FF. In the case where input voltage is below the release voltage, the VR output does not return even though the toggle signal is input into the T-FF. The type which applies the reset signal to the T-FF internally via a one-shot pulse circuit changes the voltage detector comparator output signal to a oneshot signal internally. Like the type which applies the reset directly via the signal from voltage detector function, this type also applies the reset to the TFF and sets the VR output to OFF when the input voltage (VIN Sense type) and output voltage (VROUT Sense type) drop below the detect voltage level. This type can return the VR output by inputting a toggle signal, even when the Sense pin voltage (VIN or VROUT pin voltage) is below the release voltage. Please refer to the block diagram below and the timing chart on the following page. Please choose the option suitable to the application.
A
D
toggle FF
T R Q
VIN
VR circuit
EN
ON/OFF control
Toggle Signal T-FF Reset Signal
Current limit B
1 Shot
C Pulse
E
Optional
Optional
Power ON Clear for FF
Error Amp. CFB
R2 R1
VROUT
Voltage Reference F
VDOUT
Comp. VD
R4 R3
VSS
Block Diagram for XC6405B series Timing Chart
Semiconductor Ltd.
Data Sheet
26
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! TIMING CHART
" Using the VD output level signal as the reset signal of T-FF (VD Sense = VIN PIN)
Lithium Ion 4. 2V Voltage
Release Voltage Detect Voltage
A
# VIN PIN
V SS Intrenal VROUT Voltage VS S IC Response Time About 20usec Internal IC Response Time About 20usec Internal IC
Response TIme 20usec
About
E#
VROUT PIN
VIN
D B F
# Toggle Signal
VSS
# T-FF Reset Signal
Reset Signal (VD Comp Output Signal)
# VDOUT PIN Voltage Detect L
VSS
Pull-up
" Changing the VD output level signal into a one shot pulse to use T-FF as the reset signal (VD Sense = VIN PIN)
Lithium Ion 4.2V Voltage
Release Voltage Detect Voltage
A
# VIN PIN
VSS Intrenal IC Response Time About 20usec Internal IC Response Time About 20usec Internal IC Response Time About 20usec
Internal IC Response TIme About 20usec
E
VROUT Voltage
# VROUT PIN
VSS
VIN
D C
# Toggle Signal
VSS
.
# T-FF Reset Signal Reset Signal (1 Shot Pulse)
Pull-up Voltage
F
# VDOUT PIN Detect L
VSS
" Changing the VD output level signal into a one shot pulse to use T-FF as the reset signal (VD Sense = VROUT PIN)
Lithium Ion Voltage 4.2V
A
# VIN PIN
VSS Intrenal IC Response Time VROUT Voltage About 20usec Internal IC Response Time About 20u sec Internal IC Response TIme About 20u sec Internal IC Response TIme About 20u sec
E
# VROUT PIN
VSS
Release Voltage Detect Voltage
D C F
# Toggle Signal
VIN
VSS
# T-FF Reset Signal Reset Signal ( 1 Shot Pulse)
Pull-up Voltage
# VDOUT PIN Detect L VSS
The circled letters correspond to those shown on the block diagram on page 26.
Semiconductor Ltd.
Data Sheet
27
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
!
NOTES ON USE
1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be exceeded. 2. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output current. Please strengthen VIN and VSS wiring in particular. 3. Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible. Should rapid input fluctuation or load fluctuation occur, please increase the capacitor value such as CIN or CL to stabilize the operation.
Semiconductor Ltd.
Data Sheet
28
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! TYPICAL PERFORMANCE CHARACTERISTICS
(1) VR Output Voltage vs. VR Output Current XC6405 Series (VR:1.8V) VIN=3.8V, CIN=1.0uF (ceramic), CL=1.0uF (ceramic) Output Voltage VROUT(V) XC6405 Series (VR:1.8V) CIN=1.0uF (ceramic), CL=1.0uF (ceramic)
2.5 Output Voltage VROUT(V) 2.0 1.5 1.0 0.5 0.0 0
2.5 2.0 1.5 1.0 0.5 0.0
Topr= 25OC Topr= - 40OC Topr= 85OC
VIN= 3.8V VIN= 2.1V VIN= 6.0V 0 100 200 300 400 500 600 700
100
200
300
400
500
600
700
Output Current IROUT(mA)
Output Current IROUT(mA)
XC6405 Series (VR:2.5V) VIN=4.5V, CIN=1.0uF (ceramic), CL=1.0uF (ceramic) Output Voltage VROUT (V)
XC6405 Series (VR:2.5V)
3.0 Output Voltage VROUT(V) 2.5 2.0 1.5 1.0 0.5 0.0 0
3.0 2.5 2.0 1.5 1.0 0.5 0.0
CIN=1.0uF (ceramic), CL=1.0uF (ceramic)
Topr= 25OC Topr= - 40OC Topr= 85OC
VIN= 4.5V VIN= 2.8V VIN= 6.0V
100
200
300
400
500
600
700
0
100
200
300
400
500
600
700
Output Current IROUT(mA)
Output Current IROUT(mA)
XC6405 Series (VR:3.0V) VIN=5.0V, CIN=1.0uF (ceramic), CL=1.0uF (ceramic) Output Voltage VROUT (V)
XC6405 Series (VR:3.0V)
4.0 Output Voltage VROUT(V) 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0
CIN=1.0uF (ceramic), CL=1.0uF (ceramic)
Topr= 25OC Topr= - 40OC Topr= 85OC
VIN= 5.0V VIN= 6.0V
100
200
300
400
500
600
700
0
100
200
300
400
500
600
700
Output Current IROUT(mA)
Output Current IROUT(mA)
Semiconductor Ltd.
Data Sheet
29
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(1) VR Output Voltage vs. VR Output Current (Continued) XC6405 Series (VR:5.0V) VIN=6.0V, CIN=1.0uF (ceramic), CL=1.0uF (ceramic) Output Voltage VROUT (V) XC6405 Series (VR:5.0V) CIN=1.0uF (ceramic), CL=1.0uF (ceramic)
6.0 Output Voltage VROUT(V) 5.0 4.0 3.0 2.0 1.0 0.0 0
6.0 5.0 4.0
Topr= 25OC Topr= - 40OC Topr= 85OC
VIN= 6.0V 3.0 2.0 1.0 0.0
100
200
300
400
500
600
700
0
Output Current IROUT(mA)
100 200 300 400 500 600 Output Current IROUT (mA)
700
XC6405 Series (VR:0.9V) VIN=2.9V, CIN=1.0uF (ceramic), CL=4.7uF (ceramic) Topr= 25OC Topr= - 40OC Topr= 85OC
XC6405 Series (VR:0.9V) CIN=1.0uF (ceramic), CL=4.7uF (ceramic)
1.5 Output Voltage VROUT(V) 1.2 0.9 0.6 0.3 0.0
1.5 Output Voltage VROUT(V) 1.2 0.9 0.6 0.3 0.0
VIN= 2.0V VIN= 2.9V VIN= 6.0V 0 100 200 300 400 500 600 700 Output Current IROUT(mA)
0
100 200 300 400 500 600 700 Output Current IROUT(mA)
Semiconductor Ltd.
Data Sheet
30
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(2) VR Output Voltage vs. Input Voltage XC6405 Series (VR:0.9V) Topr=25OC CIN=1.0uF (ceramic), CL=4.7uF (ceramic) Output Voltage VROUT (V) IOUT=0mA 1mA 30mA 100mA XC6405 Series (VR:0.9V) Topr=25OC CIN=1.0uF (ceramic), CL=4.7uF (ceramic)
1.5 Output Voltage VROUT (V) 1.3 1.1 0.9 0.7 0.5 0.5
1.00
0.80
IOUT=0mA 1mA 30mA 100mA
1.0 1.5 2.0 Input Voltage VIN (V)
2.5
0.60 2.0
3.0
4.0
5.0
6.0
Input Voltage VIN (V)
XC6405 Series (VR:1.8V) Topr=25OC CIN=1.0uF (ceramic), CL=1.0uF (ceramic) Output Voltage VROUT (V) 1.90 1.85 1.80 1.75 1.70 1.65 1.3 1.8 Input Voltage VIN (V) 2.3 3.0 3.5
XC6405 Series (VR:1.8V) Topr=25OC CIN=1.0uF (ceramic), CL=1.0uF (ceramic)
2.0 Output Voltage VROUT (V) 1.8 1.6 1.4 1.2 1.0
IOUT=0mA 1mA 30mA 100mA
IOUT=0mA 1mA 30mA 100mA
4.0
4.5
5.0
5.5
6.0
Input Voltage VIN (V)
XC6405 Series (VR:2.5V) Topr=25OC CIN=1.0uF (ceramic), CL=1.0uF (ceramic) Output Voltage VROUT (V)
XC6405 Series (VR:2.5V) Topr=25OC CIN=1.0uF (ceramic), CL=1.0uF (ceramic)
2.7 Output Voltage VROUT (V) 2.5 2.3 2.1 1.9 1.7 2.0
2.60
2.55
2.50 IOUT=0mA 1mA 30mA 100mA 3.0 3.5 4.0 4.5 5.0 5.5 6.0
IOUT=0mA 1mA 30mA 100mA
2.45
2.40 2.5 Input Voltage VIN (V) 3.0 Input Voltage VIN (V)
Semiconductor Ltd.
Data Sheet
31
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(2) VR Output Voltage vs. Input Voltage (Continued) XC6405 Series (VR:3.0V) XC6405 Series (VR:3.0V) Topr=25OC CIN=1.0uF (ceramic), CL=1.0uF (ceramic)
3.2 Output Voltage VROUT (V) 3.0 2.8 2.6 2.4 2.2 2.5
Topr=25OC CIN=1.0uF (ceramic), CL=1.0uF (ceramic) Output Voltage VROUT (V)
3.10 3.05 3.00 2.95 2.90
IOUT=0mA 1mA 30mA 100mA
IOUT=0mA 1mA 30mA 100mA
3.0
Input Voltage VIN (V)
3.5
2.85 4.0
4.5
5.0
5.5
6.0
Input Voltage VIN (V)
5.2 Output Voltage VROUT (V) 5.0 4.8 4.6 4.4 4.2
XC6405 Series (VR:5.0V) Topr=25OC CIN=1.0uF (ceramic), CL=1.0uF (ceramic)
5.10 Output Voltage VROUT (V) 5.05 5.00 4.95 4.90 4.85 5.2
XC6405 Series (VR:5.0V) Topr=25OC CIN=1.0uF (ceramic), CL=1.0uF (ceramic)
IOUT=0mA 1mA 30mA 100mA
IOUT=0mA 1mA 30mA 100mA
4.5
5.0 Input Voltage VIN (V)
5.5
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6.0
Input Voltage VIN (V)
Semiconductor Ltd.
Data Sheet
32
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(3) Dropout Voltage vs. VR Output Current XC6405 Series (VR:0.9V) CIN=1.0uF (ceramic), CL=4.7uF (ceramic) XC6405 Series (VR:1.8V) CIN=1.0uF (ceramic), CL=1.0uF (ceramic)
1.6 Dropout Voltage Vdif (V) 1.4 1.2 1 0.8 0.6
1 Dropout Voltage Vdif (V) 0.8 0.6 0.4 0.2 0
Topr= 85OC 25OC - 40OC
Topr= 85OC 25OC - 40OC
0
50
100
150
200
0
50
100
150
200
VR Output Current IROUT (mA)
VR Output Current IROUT (mA)
XC6405 Series (VR:2.5V) CIN=1.0uF (ceramic), CL=1.0uF (ceramic) 1 0.8 0.6 0.4 0.2 0 0 50 100 150 200 0
XC6405 Series (VR:3.0V) CIN=1.0uF (ceramic), CL=1.0uF (ceramic)
1 0.8 0.6 0.4 0.2 0
Dropout Voltage Vdif (V)
Dropout Voltage Vdif (V)
Topr= 85OC 25OC - 40OC
Topr= 85OC 25OC - 40OC
50
100
150
200
VR Output Current IROUT (mA)
VR Output Current IROUT (mA)
XC6405 Series (VR:5.0V) 1 CIN=1.0uF (ceramic), CL=1.0uF (ceramic)
Dropout Voltage Vdif (V)
0.8
0.6
0.4
Topr= 85OC 25OC - 40OC
0.2
0 0 50 100 150 200 VR Output Current IROUT (mA)
Semiconductor Ltd.
Data Sheet
33
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(4) Supply Current vs. Input Voltage XC6405 Series (VR:0.9) 120 Supply Current ISS (uA) 100 80 60 40 20 0 0.0 Topr= 85 C 25OC - 40OC
O
XC6403 Series (VR:1.8V) CIN=1.0uF (ceramic), CL=1.0uF (ceramic)
CIN=1.0uF (ceramic), CL=4.7uF (ceramic)
120 Supply Current ISS (uA) 100 80 60 40 20 0 0.0
Topr= 85OC 25OC - 40OC
1.0
2.0
3.0
4.0
5.0
6.0
1.0
2.0
3.0
4.0
5.0
6.0
Input Voltage VIN (V)
Input Voltage VIN (V)
XC6405 Series (VR:2.5V) CIN=1.0uF (ceramic), CL=1.0uF (ceramic)
XC6405 Series (VR:3.0V) CIN=1.0uF (ceramic), CL=1.0uF (ceramic)
120 Supply Current ISS (uA) 100 80 60 40 20
120 Supply Current ISS (uA) 100 80 60 40 20
Topr= 85OC 25OC - 40OC
Topr= 85OC 25OC - 40OC
0 0.0
1.0
2.0
3.0
4.0
5.0
6.0
0 0.0
1.0
2.0
3.0
4.0
5.0
6.0
Input Voltage VIN (V)
Input Voltage VIN (V)
XC6405 Series (VR:5.0V) CIN=1.0uF (ceramic), CL=1.0uF (ceramic)
120 Supply Current ISS (uA) 100 80 60 40 20
Topr= 85OC 25OC - 40OC
0 0.0
1.0
2.0
3.0
4.0
5.0
6.0
Input Voltage VIN (V)
Semiconductor Ltd.
Data Sheet
34
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(5) VR Output Voltage vs. Operating Temperature XC6405 Series (VR:0.9) 1.10 Output Voltage VROUT (V) 1.00 0.90 0.80 0.70 0.60 -50 -25 0 25 50 75 100 Operating Temperature Topr (OC) VIN=2.0V CIN=1.0uF (ceramic), CL=4.7uF (ceramic) Output Voltage VROUT (V) XC6403 Series (VR:1.8V) VIN=2.8V CIN=1.0uF (ceramic), CL=1.0uF (ceramic)
2.00 1.95 1.90 1.85 1.80 1.75 1.70 1.65 1.60
IOUT=0mA =30mA =100mA
IOUT=0mA =30mA =100mA -50 -25 0 25 50 75
O
100
Operating Temperature Topr ( C)
XC6405 Series (VR:2.5V) VIN=3.5V CIN=1.0uF (ceramic), CL=1.0uF (ceramic) Output Voltage VROUT (V)
XC6405 Series (VR:3.0V) VIN=4.0V CIN=1.0uF (ceramic), CL=1.0uF (ceramic)
2.70 Output Voltage VROUT (V) 2.65 2.60 2.55 2.50 2.45 2.40 2.35 2.30
3.20 3.15 3.10 3.05 3.00 2.95 2.90 2.85 2.80
IOUT=0mA =30mA =100mA
IOUT=0mA =30mA =100mA
-50
-25 0 25 50 75 100 Operating Temperature Topr (OC)
-50
-25
0
25
50
75
100
Operating Temperature Topr (OC)
XC6405 Series (VR:5.0V) VIN=6.0V CIN=1.0uF (ceramic), CL=1.0uF (ceramic)
5.20 Output Voltage VROUT (V) 5.15 5.10 5.05 5.00 4.95 4.90 4.85 4.80
IOUT=0mA =30mA =100mA
-50
-25
0
25
50
75
O
100
Operating Temperature Topr ( C)
Semiconductor Ltd.
Data Sheet
35
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(6) Supply Current vs. Operating Temperature XC6405 Series (VR:0.9) VIN=2.0V 110 Supply Current ISS (uA) XC6403 Series (VR:1.8V) VIN=2.8V
100 Supply Current ISS (uA) 90 80 70 60 50 40 -50 -25 0 25 50
90
70
50 75 100 -50 -25 0 25 50 75
O
100
Operating Temperature Topr (OC)
Operating Temperature Topr ( C)
XC6405 Series (VR:2.5V) VIN=3.5V 110
XC6405 Series (VR:3.0V)
110
VIN=4.0V
Supply Current ISS (uA)
Supply Current ISS (uA)
-50 -25 0 25 50 75
O
90
90
70
70
50 100
50 -50 -25 0 25 50 75
O
100
Operating Temperature Topr ( C)
Operating Temperature Topr ( C)
XC6405 Series (VR:5.0V) VIN=6.0V 110 Supply Current ISS (uA)
90
70
50 -50 -25 0 25 50 75 100
Operating Temperature Topr (OC)
Semiconductor Ltd.
Data Sheet
36
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(7) EN/CE Threshold Voltage vs. Operating Temperature
(8) Rdelay vs. Operating Temperature
EN/CE Threshold Voltage VEN/CEH,VEN/CEL (V)
1.10
VIN=VROUT+1.0V, IOUT=30mA CIN=CL=1.0uF (ceramic)
800 700
1.00 Delay(k) 100
600 500 400 300 200 L Level Voltage 100 0 -50 -25 0 25 50 75 -50 -25 0 25 50 75
O
0.90 H Level Voltage 0.80
0.70 Operating Temperature Topr (OC)
100
Operating Temperature Topr ( C)
(9) Output Noise Density VIN=4.0V IOUT=10mA, CIN=CL=10uF (ceramic)
Output Noise Density (uV/RootHz)
10
1
0.1
0.01 0.1 1 10 100 Frequency f (kHz)
Semiconductor Ltd.
Data Sheet
37
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(10) VD Supply Current vs. Input Voltage (For A to C Series only) XC6405 Series (VD:2.0V) 50 Supply Current ISS (uA) 40 30 20 10 0 0 1 2 3 4 5 6 Input Voltage VIN (V) Supply Current ISS (uA) 50 40 30 20 10 0 0 1 2 3 4 5 6 Input Voltage VIN (V) XC6405 Series (VD:2.7V)
Topr= 85OC 25OC - 40OC
Topr= 85OC 25OC - 40OC
XC6405 Series (VD:3.6V)
XC6405 Series (VD:5.0V)
50 40 30 20 10 0 0 1 2 3 4 5 6 Input Voltage VIN (V) Topr= 85OC 25OC - 40OC
50 40 30 20 10 0 0 1 2 3 4 5 6 Input Voltage VIN (V)
Supply Current ISS (uA)
Supply Current ISS (uA)
Topr= 85OC 25OC - 40OC
Semiconductor Ltd.
Data Sheet
38
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(11) Detect Voltage & Release Voltage vs. Operating Temperature XC6405 Series (VD:2.0V) Detect Voltage, Release Voltage VDF,VDR (V) 2.20 2.15 2.10 2.05 2.00 1.95 VDF 1.90 -50 -25 0 25 50 75
O
XC6405 Series (VD:2.7V) Detect Voltage, Release Voltage VDF,VDR (V)
2.90 2.85 2.80 2.75 2.70 2.65 2.60 -50 -25 0 25 50 75
O
VDR
VDR
VDF
100
100
Operating Temperature Topr ( C)
Operating Temperature Topr ( C)
XC6405 Series (VD:3.6V)
XC6405 Series (VD:5.0V) Detect Voltage, Release Voltage VDF,VDR (V)
Detect Voltage, Release Voltage VDF,VDR (V)
3.80 3.75
VDR
5.40 5.30 5.20 5.10 5.00 VDF 4.90 -50 -25 0 25 50 75 100
3.70 3.65 3.60 3.55 3.50 -50 -25 0 25 50 75 100
VDF
VDR
Operating Temperature Topr (OC)
Operating Temperature Topr (OC)
Semiconductor Ltd.
Data Sheet
39
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(12) VD N-ch Driver Tr. Output Current vs. VDS XC6405 Series (VD:2.0V) Topr=25OC Output Current IOUT (mA) XC6405 Series (VD:2.7V)
8 Output Current IOUT (mA) 7 6 5 4 3 2 1 0 0 0.5 1 1.5
16 14 12 10 8 6 4 2 0 0 0.5 1 VIN=1.5V VIN=1.0V 1.5 VDS (V) 2 2.5 3 VIN=2.0V VIN=2.5V
VIN=2.0V
2
2.5
VDS (V)
XC6405 Series (VD:3.6V) Topr=25OC
XC6405 Series (VD:5.0V) Topr=25OC
24 Output Current IOUT (mA) 21 18 15 12 9 6 3 0 0 1 2 VDS (V) VIN=2.0V VIN=1.5V
32 Output Current IOUT (mA) 28 24 20 16 12 8 VIN=2.0V 4 0 VIN=1.5V 0 1 2 VDS (V)
VIN=4.5V
VIN=3.0V
VIN=3.5V VIN=2.5V
VIN=2.5V
3
4
3
4
Semiconductor Ltd.
Data Sheet
40
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(13) VD N-ch Driver Tr. Output Current vs. Input Voltage XC6405 Series (VD:2.0V) 8 Output Current IOUT (mA) VDS=0.5V 6 25OC 4 Output Voltage IOUT (mA) -40OC 15 VDS=0.5V 12 9 6 3 85OC 0 0 0.5 1 1.5 2 2.5 0 1 2 3 4 Input Voltage VIN (V) Input Voltage VIN (V) 25OC -40OC XC6405 Series (VD:2.7V)
2 85OC 0
XC6405 Series (VD:3.6V) 20 Output Current IOUT (mA) 16 12 8 4 85OC 0 0 1 2 Input Voltage VIN (V) 3 4 0 0 Output Current IOUT (mA) VDS=0.5V -40 C 25OC
O
XC6405 Series (VD:5.0V) 25 20 15 10 5 VDS=0.5V -40OC
25OC
85OC
1
2
3
4
5
6
Input Voltage VIN (V)
Semiconductor Ltd.
Data Sheet
41
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(14) Input Transient Response XC6405 Series (VR:0.9V) IOUT=1mA, tr=tf=5.0usec, CL=4.7uF (ceramic), Topr=25OC Input Voltage Output Voltage VOUT (V) Input Voltage VIN (V) Input Voltage VIN (V) 3 2 1 0 -1 Time (40usec/div) Output Voltage 1.1 1.0 0.9 0.8 0.7 3 2 1 0 -1 Time (40usec/div) Output Voltage XC6405 Series (VR:0.9V) IOUT=30mA, tr=tf=5.0usec, CL=4.7uF (ceramic), Topr=25OC Input Voltage 1.1 1.0 0.9 0.8 0.7 Output Voltage VOUT (V) Output Voltage VOUT (V) Output Voltage VOUT (V)
4
1.2
4
1.2
XC6405 Series (VR:0.9V) IOUT=100mA, tr=tf=5.0usec, CL=4.7uF (ceramic), Topr=25OC Input Voltage Input Voltage VIN (V) Input Voltage VIN (V) 3 2 1 0 -1 Time (40usec/div) Output Voltage 1.1 1.0 0.9 0.8 0.7 Output Voltage VOUT (V) 4 3
XC6405 Series (VR:1.8V) IOUT=1mA, tr=tf=5.0usec, CL=1.0uF (ceramic), Topr=25OC
4
1.2
5
1.88 1.86 1.84
Input Voltage 2 1 0 Output Voltage -1 Time (40usec/div) 1.76 1.82 1.80 1.78
XC6405 Series (VR:1.8V) IOUT=30mA, tr=tf=5.0usec, CL=1.0uF (ceramic), Topr=25OC 1.88 Output Voltage VOUT (V) 1.86 1.84 Input Voltage 2 1 0 Output Voltage -1 Time (40usec/div) 1.76 -1 1.82 1.80 1.78
XC6405 Series (VR:1.8V) IOUT=100mA, tr=tf=5.0usec, CL=1.0uF (ceramic), Topr=25OC
5 4 Input Voltage VIN (V) 3
5 4 Input Voltage VIN (V) 3
1.88 1.86 1.84
Input Voltage 2 1 0 1.82 1.80 1.78 1.76 Time (40usec/div)
Output Voltage
Semiconductor Ltd.
Data Sheet
42
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(14) Input Transient Response (Continued) XC6405 Series (VR:2.5V) IOUT=1mA, tr=tf=5.0usec, CL=1.0uF (ceramic), Topr=25OC XC6405 Series (VR:2.5V) IOUT=30mA, tr=tf=5.0usec, CL=1.0uF (ceramic), Topr=25OC
6 5 Input Voltage VIN (V) 4
2.58 Output Voltage VOUT (V) 2.56 2.54
6 5 Input Voltage VIN (V) 4
2.58 2.56 2.54 Output Voltage VOUT (V) Output Voltage VOUT (V) Output Voltage VOUT (V)
Input Voltage 3 2 1 0 Time (40usec/div) Output Voltage 2.52 2.50 2.48 2.46
Input Voltage 3 2 1 Output Voltage 0 Time (40usec/div) 2.46 2.52 2.50 2.48
XC6405 Series (VR:2.5V) IOUT=100mA, tr=tf=5.0usec, CL=1.0uF (ceramic), Topr=25OC
XC6405 Series (VR:3.0V) IOUT=1mA, tr=tf=5.0usec, CL=1.0uF (ceramic), Topr=25OC
6 5 Input Voltage VIN (V) 4
2.58 Input Voltage VIN (V) 2.56 2.54 Output Voltage VOUT (V)
6 5 4
3.08 3.06 3.04
Input Voltage 3 2 Output Voltage 1 0 Time (40usec/div) 2.48 2.46 2.52 2.50
Input Voltage 3 2 1 Output Voltage 0 Time (40usec/div) 2.96 3.02 3.00 2.98
XC6405 Series (VR:3.0V) IOUT=30mA, tr=tf=5.0usec, CL=1.0uF (ceramic), Topr=25OC
XC6405 Series (VR:3.0V) IOUT=100mA, tr=tf=5.0usec, CL=1.0uF (ceramic), Topr=25OC
6 Input Voltage VIN (V) 5 4
3.08 Output Voltage VOUT (V) 3.06 3.04
6 5 Input Voltage VIN (V) 4
3.08 3.06 3.04
Input Voltage 3 2 1 Output Voltage 0 Time (40usec/div) 2.96 3.02 3.00 2.98
Input Voltage 3 2 1 0 Time (40usec/div) 3.02 3.00 2.98 2.96
Output Voltage
Semiconductor Ltd.
Data Sheet
43
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(14) Input Transient Response (Continued) XC6405 Series (VR:5.0V) 8 7 Input Voltage VIN (V) 6 5 4 3 Output Voltage 2 Time (40usec/div) 4.96 2 Time (40usec/div) 4.96 IOUT=1mA, tr=tf=5.0usec, CL=1.0uF (ceramic), Topr=25OC Input Voltage 5.08 Output Voltage VOUT (V) 5.06 5.04 5.02 5.00 4.98 XC6405 Series (VR:5.0V) IOUT=30mA, tr=tf=5.0usec, CL=1.0uF (ceramic), Topr=25OC
8 7 Input Voltage VIN (V) 6 5 4 3
5.08 Output Voltage VOUT (V) 5.06 5.04 5.02
Input Voltage
Output Voltage
5.00 4.98
XC6405 Series (VR:5.0V) IOUT=100mA, tr=tf=5.0usec, CL=1.0uF (ceramic), Topr=25OC 5.08 Input Voltage Output Voltage VOUT (V) 5.06 5.04 5.02 5.00 Output Voltage 4.98 4.96 Time (40usec/div)
8 7
Input Voltage VIN (V)
6 5 4 3 2
Semiconductor Ltd.
Data Sheet
44
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(15) Load Transient Response XC6405 Series (VR:0.9V) VIN=2.0V, tr=tf=5.0usec, Topr=25OC CIN=1.0uF (ceramic), CL=4.7uF (ceramic) 300 Output Current IOUT (mA) Output Voltage VOUT (V) Output Voltage 250 200 150 100 Output Current 0.75 0.70 Time (20usec/div) 50 0 XC6405 Series (VR:0.9V) VIN=2.0V, tr=tf=5.0usec, Topr=25OC CIN=1.0uF (ceramic), CL=4.7uF (ceramic) Output Voltage
1.00 Output Voltage VOUT (V) 0.95 0.90 0.85 0.80
1.00 0.95 0.90 0.85 0.80
300 250 200 150 100 Output Current IOUT (mA) Output Current IOUT (mA) Output Current IOUT (mA)
Output Current 0.75 0.70 Time (20usec/div) 50 0
XC6405 Series (VR:0.9V) VIN=2.0V, tr=tf=5.0usec, Topr=25 C CIN=1.0uF (ceramic), CL=4.7uF (ceramic) 300 Output Current IOUT (mA) Output Voltage VOUT (V) Output Voltage 250 200 150 100 Output Current 0.75 0.70 Time (20usec/div) 50 0
O
XC6405 Series (VR:1.8V) VIN=2.8V, tr=tf=5.0usec CIN=CL=1.0uF (ceramic), Topr=25OC Output Voltage
1.00 Output Voltage VOUT (V) 0.95 0.90 0.85 0.80
1.85 1.80 1.75 1.70
250 200 150 100
Output Current 1.65 1.60 Time (20usec/div) 50 0
XC6405 Series (VR:1.8V) VIN=2.8V, tr=tf=5.0usec CIN=CL=1.0uF (ceramic), Topr=25OC 250 Output Current IOUT (mA) Output Voltage VOUT (V) Output Voltage Output Voltage VOUT (V) 1.80 1.75 1.70 1.65 1.60 Time (20usec/div) Output Current 200 150 100 50 0
XC6405 Series (VR:1.8V) VIN=2.8V, tr=tf=5.0usec CIN=CL=1.0uF (ceramic), Topr=25OC Output Voltage 1.80 1.75 1.70 1.65 1.60 Time (20usec/div) Output Current 200 150 100 50 0
1.85
1.85
250
Semiconductor Ltd.
Data Sheet
45
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(15) Load Transient Response (Continued) XC6405 Series (VR:2.5V) VIN=2.5V, tr=tf=5.0usec CIN=CL=1.0uF (ceramic), Topr=25OC Output Voltage Output Current IOUT (mA) Output Voltage VOUT (V) Output Voltage VOUT (V) 2.50 2.45 2.40 2.35 2.30 Time (20usec/div) 200 150 100 50 0 2.50 2.45 2.40 2.35 Output Current 2.30 Time (20usec/div) 0 XC6405 Series (VR:2.5V) VIN=2.5V, tr=tf=5.0usec CIN=CL=1.0uF (ceramic), Topr=25OC Output Voltage 200 150 100 50 Output Current IOUT (mA) Output Current IOUT (mA) Output Current IOUT (mA)
2.55
250
2.55
250
Output Current
XC6405 Series (VR:2.5V) VIN=2.5V, tr=tf=5.0usec CIN=CL=1.0uF (ceramic), Topr=25OC 250 Output Voltage Output Current IOUT (mA) Output Voltage VOUT (V) 2.50 2.45 2.40 2.35 Output Current 2.30 Time (20usec/div) 0 200 150 100 50 Output Voltage VOUT (V) 3.00 2.95 2.90
XC6405 Series (VR:3.0V) VIN=4.0V, tr=tf=5.0usec CIN=CL=1.0uF (ceramic), Topr=25OC Output Voltage 200 150 100 Output Current 2.85 2.80 Time (20usec/div) 50 0
2.55
3.05
250
XC6405 Series (VR:3.0V) VIN=4.0V, tr=tf=5.0usec CIN=CL=1.0uF (ceramic), Topr=25OC 250 Output Current IOUT (mA) Output Voltage VOUT (V) Output Voltage Output Voltage VOUT (V) 3.00 2.95 2.90 2.85 2.80 Time (20usec/div) 200 150 100 50 0
XC6405 Series (VR:3.0V) VIN=4.0V, tr=tf=5.0usec CIN=CL=1.0uF (ceramic), Topr=25OC Output Voltage 3.00 2.95 2.90 2.85 Output Current 2.80 Time (20usec/div) 0 200 150 100 50
3.05
3.05
250
Output Current
Semiconductor Ltd.
Data Sheet
46
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(15) Load Transient Response (Continued) XC6405 Series (VR:5.0V) VIN=6.0V, tr=tf=5.0usec CIN=CL=1.0uF (ceramic), Topr=25OC Output Voltage Output Voltage VOUT (V) 5.00 4.95 4.90 4.85 4.80 Time (20usec/div) 200 150 100 50 0 XC6405 Series (VR:5.0V) VIN=6.0V, tr=tf=5.0usec CIN=CL=1.0uF (ceramic), Topr=25OC Output Voltage 5.00 4.95 4.90 Output Current 4.85 4.80 Time (20usec/div) 50 0 200 150 100
5.05
250 Output Current IOUT (mA) Output Voltage VOUT (V)
5.05
250 Output Current IOUT (mA)
Output Current
XC6405 Series (VR:5.0V) VIN=6.0V, tr=tf=5.0usec CIN=CL=1.0uF (ceramic), Topr=25OC 250 200 150 100 Output Current 50 0 Time (20usec/div) Output Current IOUT (mA) Output Voltage 5.00 4.95 4.90 4.85 4.80
5.05 Output Voltage VOUT (V)
Semiconductor Ltd.
Data Sheet
47
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(16) Ripple Rejection Rate XC6405 Series (VR:0.9V) VIN=2.25VDC+0.5Vp-pAC, IOUT=50mA, CL=4.7uF (ceramic) Ripple Rejection Rate RR (dB) XC6405 Series (VR:1.8V) VIN=2.8VDC+1.0Vp-pAC, IOUT=50mA, CL=1.0uF (ceramic)
90 Ripple Rejection Rate RR (dB) 80 70 60 50 40 30 20 10 0 0.01
90 80 70 60 50 40 30 20 10 0 0.01
0.1
1
10
100
0.1
1
10
100
Ripple Frequency f (kHz)
Ripple Frequency f (kHz)
XC6405 Series (VR:2.5V) VIN=3.5VDC+1.0Vp-pAC, IOUT=50mA, CL=1.0uF (ceramic) Ripple Rejection Rate RR (dB)
XC6405 Series (VR:3.0V) VIN=4.0VDC+1.0Vp-pAC, IOUT=50mA, CL=1.0uF (ceramic)
90 Ripple Rejection Rate RR (dB) 80 70 60 50 40 30 20 10 0 0.01
90 80 70 60 50 40 30 20 10 0 0.01
0.1 1 10 Ripple Frequency f (kHz)
100
0.1
1
10
100
Ripple Frequency f (kHz)
XC6405 Series (VR:5.0V) VIN=5.75VDC+0.5Vp-pAC, IOUT=50mA, CL=1.0uF (ceramic)
90 Ripple Rejection Rate RR (dB) 80 70 60 50 40 30 20 10 0 0.01
0.1
1
10
100
Ripple Frequency f (kHz)
Semiconductor Ltd.
Data Sheet
48
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(17) Rising Response Time XC6405 Series (VR:0.9V) IOUT=1mA, tr=5.0usec VIN=0!2.0V, CL=4.7uF (ceramic) XC6405 Series (VR:0.9V) IOUT=30mA, tr=5.0usec VIN=0!2.0V, CL=4.7uF (ceramic)
4
Input Voltage VIN (V)
5
Output Voltage VOUT (V) Input Voltage VIN (V)
4 2
5 4 Output Voltage VOUT (V) Output Voltage VOUT (V) Output Voltage VOUT (V)
2
Input Voltage
4 3 2
Output Voltage
Input Voltage 0 -2 Output Voltage -4 -6 Time (20usec/div) 1 0 3 2
0 -2 -4 -6
Time (20usec/div)
1 0
XC6405 Series (VR:0.9V) IOUT=100mA, tr=5.0usec VIN=0!2.0V, CL=4.7uF (ceramic) 5 4 Input Voltage 3 2 Output Voltage 1 0 Time (20usec/div) Output Voltage VOUT (V)
XC6405 Series (VR:1.8V) IOUT=1mA, tr=5.0usec VIN=0!2.8V, CL=1.0uF (ceramic)
4 2 0 -2 -4 -6
4 2
5 4
Input Voltage VIN (V)
Input Voltage VIN (V)
Input Voltage 0 -2 -4 -6 Time (20usec/div) 3 2 1 0
Output Voltage
XC6405 Series (VR:1.8V) IOUT=30mA, tr=5.0usec VIN=0!2.8V, CL=1.0uF (ceramic)
XC6405 Series (VR:1.8V) IOUT=100mA, tr=5.0usec VIN=0!2.8V, CL=1.0uF (ceramic)
4 2
5 4 Output Voltage VOUT (V)
4 2
5 4
Input Voltage VIN (V)
Input Voltage 0 -2 -4 -6 Time (20usec/div) 3 2 1 0
Input Voltage VIN (V)
Input Voltage 0 -2 -4 -6 Time (20usec/div) 3 2 1 0
Output Voltage
Output Voltage
Semiconductor Ltd.
Data Sheet
49
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(17) Rising Response Time (Continued) XC6405 Series (VR:2.5V) IOUT=1mA, tr=5.0usec VIN=0!3.5V, CL=4.7uF (ceramic) XC6405 Series (VR:2.5V) IOUT=30mA, tr=5.0usec VIN=0!3.5V, CL=4.7uF (ceramic) 5 4 Input Voltage 1 -1 Output Voltage -3 -5 Time (20usec/div) 1 0 3 2 Output Voltage VOUT (V) Output Voltage VOUT (V) Output Voltage VOUT (V)
5 3
5 Output Voltage VOUT (V) 4
5 3
Input Voltage VIN (V)
Input Voltage 1 -1 Output Voltage -3 -5 Time (20usec/div) 1 0 3 2
XC6405 Series (VR:2.5V) IOUT=100mA, tr=5.0usec VIN=0!3.5V, CL=4.7uF (ceramic)
Input Voltage VIN (V)
XC6405 Series (VR:3.0V) IOUT=1mA, tr=5.0usec VIN=0!4.0V, CL=1.0uF (ceramic)
5 Input Voltage VIN (V) 3
5 Output Voltage VOUT (V) 4
5 3
5 4
Input Voltage VIN (V)
Input Voltage 1 -1 Output Voltage -3 -5 Time (20usec/div) 1 0 3 2
Input Voltage 1 -1 -3 -5 Time (20usec/div) 3 2 1 0
Output Voltage
XC6405 Series (VR:3.0V) IOUT=30mA, tr=5.0usec VIN=0!4.0V, CL=1.0uF (ceramic)
XC6405 Series (VR:3.0V) IOUT=100mA, tr=5.0usec VIN=0!4.0V, CL=1.0uF (ceramic)
5 3 1 -1 -3 -5
5 Output Voltage VOUT (V) 4 3
5 3 1 -1
5 4 3 2
Input Voltage VIN (V)
Input Voltage
Input Voltage VIN (V)
Input Voltage
Output Voltage
2 1 0
Output Voltage -3 -5 Time (20usec/div) 1 0
Time (20usec/div)
Semiconductor Ltd.
Data Sheet
50
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(18) EN/CE Rising Response Time XC6405 Series (VR:5.0V) IOUT=1mA, tr=5.0usec VIN=0!6.0V, CL=1.0uF (ceramic) XC6405 Series (VR:5.0V) IOUT=30mA, tr=5.0usec VIN=0!6.0V, CL=1.0uF (ceramic)
7 5 3 1 -1
10 Output Voltage VOUT (V) 8 6 4 2
7 5 3 1 -1
10 8 6 4 2 Output Voltage VOUT (V)
Input Voltage VIN (V)
Input Voltage VIN (V)
Input Voltage
Input Voltage
Output Voltage -3 Time (20usec/div) 0 -3
Output Voltage 0 Time (20usec/div)
XC6405 Series (VR:5.0V) IOUT=100mA, tr=5.0usec VIN=0!6.0V, CL=1.0uF (ceramic)
7 Input Voltage VIN (V) 5 3 1
10 8 6 4 Output Voltage VOUT (V)
Input Voltage
Output Voltage -1 -3 Time (20usec/div) 2 0
Semiconductor Ltd.
Data Sheet
51
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(18) EN/CE Rising Response Time (Continued) XC6405 Series (VR:0.9V) VIN=2.0V, IOUT=1mA, tr=5.0usec VEN/CE=0!2.0V, CL=4.7uF (ceramic) XC6405 Series (VR:0.9V) VIN=2.0V, IOUT=30mA, tr=5.0usec VEN/CE=0!2.0V, CL=4.7uF (ceramic)
4 2 0 -2 -4 -6
5 Output Voltage VOUT (V) 4
4 2 0 -2 -4 -6
5 4 Output Voltage VOUT (V) Output Voltage VOUT (V) Output Voltage VOUT (V)
Input Voltage VIN (V)
EN/CE Input Voltage
Input Voltage VIN (V)
3 2 1 0
EN/CE Input Voltage
3 2 1 0
Output Voltage
Output Voltage
Time (20usec/div)
Time (20usec/div)
XC6405 Series (VR:0.9V) VIN=2.0V, IOUT=100mA, tr=5.0usec VEN/CE=0!2.0V, CL=4.7uF (ceramic) 5 4 EN/CE Input Voltage 3 2 Output Voltage 1 0 Time (20usec/div) Output Voltage VOUT (V)
XC6405 Series (VR:1.8V) VIN=2.8V, IOUT=1mA, tr=5.0usec VEN/CE=0!2.8V, CL=1.0uF (ceramic)
4 2 0 -2 -4 -6
4 2
5 4
Input Voltage VIN (V)
Input Voltage VIN (V)
EN/CE Input Voltage 0 -2 -4 -6 Time (20usec/div) 3 2 1 0
Output Voltage
XC6405 Series (VR:1.8V) VIN=2.8V, IOUT=30mA, tr=5.0usec VEN/CE=0!2.8V, CL=1.0uF (ceramic)
XC6405 Series (VR:1.8V) VIN=2.8V, IOUT=100mA, tr=5.0usec VEN/CE=0!2.8V, CL=1.0uF (ceramic) 5 4 EN/CE Input Voltage 0 -2 -4 -6 Time (20usec/div) 3 2 1 0
4 2
5 4 Output Voltage VOUT (V)
4 2
Input Voltage VIN (V)
EN/CE Input Voltage 0 -2 -4 -6 Time (20usec/div) 3 2 1 0
Output Voltage
Input Voltage VIN (V)
Output Voltage
Semiconductor Ltd.
Data Sheet
52
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(18) EN/CE Rising Response Time (Continued) XC6405 Series (VR:2.5V) VIN=3.5V, IOUT=1mA, tr=5.0usec VEN/CE=0!3.5V, CL=1.0uF (ceramic) XC6405 Series (VR:2.5V) VIN=3.5V, IOUT=30mA, tr=5.0usec VEN/CE=0!3.5V, CL=1.0uF (ceramic)
5 3
5 Output Voltage VOUT (V) 4
5 3
5 4 Output Voltage VOUT (V) Output Voltage VOUT (V) Output Voltage VOUT (V)
Input Voltage VIN (V)
Input Voltage VIN (V)
EN/CE Input Voltage 1 -1 Output Voltage -3 -5 Time (20usec/div) 1 0 3 2
EN/CE Input Voltage 1 -1 Output Voltage -3 -5 Time (20usec/div) 1 0 3 2
XC6405 Series (VR:2.5V) VIN=3.5V, IOUT=100mA, tr=5.0usec VEN/CE=0!3.5V, CL=1.0uF (ceramic)
XC6405 Series (VR:3.0V) VIN=4.0V, IOUT=1mA, tr=5.0usec VEN/CE=0!4.0V, CL=1.0uF (ceramic)
5 3
5 4 Output Voltage VOUT (V)
5 3 1 -1
5 4 3 2
Input Voltage VIN (V)
EN/CE Input Voltage 1 -1 Output Voltage -3 -5 Time (20usec/div) 1 0 3 2
Input Voltage VIN (V)
EN/CE Input Voltage
Output Voltage -3 -5 Time (20usec/div) 1 0
XC6405 Series (VR:3.0V) VIN=4.0V, IOUT=30mA, tr=5.0usec VEN/CE=0!4.0V, CL=1.0uF (ceramic)
XC6405 Series (VR:3.0V) VIN=4.0V, IOUT=100mA, tr=5.0usec VEN/CE=0!4.0V, CL=1.0uF (ceramic)
5 3 1 -1
5 Output Voltage VOUT (V) 4 3 2
5 3 1 -1
5 4 3 2
Input Voltage VIN (V)
Input Voltage VIN (V)
EN/CE Input Voltage
EN/CE Input Voltage
Output Voltage -3 -5 Time (20usec/div) 1 0
Output Voltage -3 -5 Time (20usec/div) 1 0
Semiconductor Ltd.
Data Sheet
53
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
(18) EN/CE Rising Response Time (Continued) XC6405 Series (VR:5.0V) VIN=6.0V, IOUT=1mA, tr=5.0usec VEN/CE=0!6.0V, CL=1.0uF (ceramic) XC6405 Series (VR:5.0V) VIN=6.0V, IOUT=30mA, tr=5.0usec VEN/CE=0!6.0V, CL=1.0uF (ceramic)
7 5 3 1 -1
10 Output Voltage VOUT (V) 8 6 4 2
7 5 3 1 -1
10 8 6 4 2 Output Voltage VOUT (V)
Input Voltage VIN (V)
Input Voltage VIN (V)
EN/CE Input Voltage
EN/CE Input Voltage
Output Voltage -3 Time (20usec/div) 0 -3
Output Voltage 0 Time (20usec/div)
XC6405 Series (VR:5.0V) VIN=6.0V, IOUT=100mA, tr=5.0usec VEN/CE=0!6.0V, CL=1.0uF (ceramic)
7 5 3 1 -1
10 8 6 4 2 Output Voltage VOUT (V)
Input Voltage VIN (V)
EN/CE Input Voltage
Output Voltage -3 Time (20usec/div) 0
Semiconductor Ltd.
Data Sheet
54


▲Up To Search▲   

 
Price & Availability of XC6405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X