Part Number Hot Search : 
MD0100 GA3220 TU402 MC33972T 25AA01 MLX90247 N3009 DTC143EE
Product Description
Full Text Search
 

To Download VSC9186 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TIMESTREAMTM PRODUCT FAMILY
VSC9186
VSC9186 Killington - Quad STS-48/STM-16 and STS-192/STM-64 Line Interface
S P E C I F I C AT I O N S : 2.5V I/O and 1.8V Core Power Supplies 0.18 CMOS Technology 720-pin CCGA /1.0mm Column Pitch 10W Maximum Power Consumption
SPLITTER/COMBINER MODE (DWDM): Four independently-timed 2.5Gb/s SONET/SDH signals are received, terminated, and monitored at the line level. They are pointer processed to the local time domain, passed through an STS-1 level crossconnect, and are multiplexed to a STS-192/STM-64 signal. A STS-192/STM-64 is received in the opposite direction and pointer processed to a local clock. The signal is crossconnected at the STS-1 level and then demultiplexed to four STS-48/STM-16 signals. Full section and line termination are performed at all five SONET Tx and Rx interfaces. Overhead transparency is supported through an external interface for maximum customer flexibility. Two Killington devices may to be used in an East/West ring configuration forming a logical 40Gb/s crossconnect. Two bidirectional interfaces allow loopback of all four STS-48/STM-16 and the STS-192/ STM-64 interfaces simultaneously.
F E AT U R E S : Bidirectional Quad STS-48/STM-16 or STS-192/ STM-64 Section and Line Termination Device with Pointer Processing and Time Slot Interchange Accommodates a +/- 300ppm Difference Between Incoming and Local System Clock and Performs Pointer Processing on Quad Independent STS-48/ STM-16 or a Single STS-192/STM-64 Pointer Processing of all Concatenation Levels Including STS-192c, STS-48c, STS-12c, STS-3c, and STS-1 Three ports featuring 16 Serial 622Mb/s Timestream Backplane Interfaces with Integrated CDR to Other Line Interfaces or Switch ICs Section/Line OH Drop/Insertion with External Interfaces on All Channels Supports Section/Line Overhead Transparency Protection Interface Allows Full STS-1/STM-0 Hairpinning and Drop/Continue on Both Tributary and Ring Traffic Two Integrated Bidirectional 768 x 288 STS-1 Level Crossconnects Embedded Hardware UPSR Compliant with SONET and SDH Requirements as Stated in ANSI T1.105, Bellcore GR-253-CORE and ITU-T G.707 Provides JTAG TAP Controller Conforming to the IEEE 1149.1 Standard Bidirectional Path Monitoring
A D D / D R O P M U LT I P L E X I N G ( A D M ) M O D E : Four independently-timed 2.5Gb/s signals or a single 10Gb/s SONET/SDH signal are received, terminated, and monitored at the line level. The incoming 192 STS-1 signals are sent through a 768 x 288 STS-1 TSI switch that allows ring loopback or hairpinning of tributaries from either the line interface or the backplane interface. B1 parity is supported on both interfaces for backplane integrity monitoring. The backplane receive circuitry has built-in data recovery and realignment of +/- 100 ns on all 16 working and protection LVDS inputs. These signals are then crossconnected again at the STS-1 level through a 768 x 288 TSI and transmitted to either four STS-48/STM-16 or one STS-192/STM-64 interface.
PB-VSC9186-001
VSC9186
VSC9186 Killington - Quad STS-48/STM-16 and STS-192/STM-64 Line Interface
GENERAL DESCRIPTION: The VSC9186 is a bidirectional quad STS-48/STM-16 or OC-192/STM-64 framer and pointer processor. In addition to full path overhead monitoring, section and line termination are available on line inputs and outputs. A bidirectional protection interface allows both line and tributary traffic to be looped back simultaneously through a companion device. The UPSR is implemented entirely in hardware driven by the STE/LTE logic, pointer interpreter and path overhead monitor. The VSC9186 supports TOH transparency off-chip using the XILINX Virtex II (XC2V1000-4FG256C). A verified reference design is available with purchase. The VSC9186 can be used in SONET/SDH applications such as Time Slot Interchange (TSI) switches, digital crossconnects, add/drop multiplexers, and DWDM terminal multiplexer applications.
VSC9186 BLOCK DIAGRAM:
TOH Interface RefSync OC-192 TOH 4xOC-48 PP
Ptr Interpreter Pre-Buffer
External Switch Control
APS
768x288 TSI
Data HSI Clock(s) Quad OC-48 TOH
1 x RSLOP-192 4 x RSLOP-48
Ptr Generator
Elastic Store
High Speed Interface
Data Clock PHY Clock
Path Overhead Processor OC-192 TOH Data Clock PHY Clock Quad OC-48 TOH External Switch Control HSI 4 x TSLOP-48 1 x TSLOP-192
Ptr Generator
768x288 TSI
CPU
OC-192 PP
Ptr Interpreter Elastic Store Pre-Buffer
High Speed Interface
Data Clock
SouthRx
NorthRx
SouthTx
NorthTx
RefClk BACKPLANE/OC-192 LINE INTERFACE
4 x OC-48 / 1 x OC-192 LINE INTERFACE
Your Partner for Success.
For more information on Vitesse Products visit the Vitesse web site at www.vitesse.com or contact Vitesse Sales at (800) VITESSE or sales@vitesse.com
741 Calle Plano Camarillo, CA 93012, USA Tel: +1 805.388.3700 Fax: +1 805.987.5896 www.vitesse.com
(c)2002 Vitesse Semiconductor Corporation


▲Up To Search▲   

 
Price & Availability of VSC9186

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X