Part Number Hot Search : 
H7680 71308 KBP206G 1235F 1N5812R IRF520 N275CH04 USB22
Product Description
Full Text Search
 

To Download SUB60N06-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUP/SUB60N06-18
Vishay Siliconix
N-Channel 60-V (D-S), 175_C MOSFET
PRODUCT SUMMARY
V(BR)DSS (V)
60
rDS(on) (W)
0.018
ID (A)
60
TO-220AB
D
TO-263
DRAIN connected to TAB
G
GDS Top View SUP60N06-18
G
DS S
Top View SUB60N06-18
N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 175_C) Pulsed Drain Current Avalanche Current Repetitive Avalanche Energya Power Dissipation L = 0.1 mH TC = 25_C (TO-220AB and TO-263) TA = 25_C (TO-263)c TC = 25_C TC = 100_C
Symbol
VDS VGS ID IDM IAR EAR PD TJ, Tstg
Limit
60 "20 60 39
Unit
V
A 120 60 180 120b W 3.7 -55 to 175 _C mJ
Operating Junction and Storage Temperature Range
THERMAL RESISTANCE RATINGS
Parameter
PCB Mount (TO-263)c Junction-to-Ambient Junction to Ambient Free Air (TO-220AB) Junction-to-Case Notes: a. Duty cycle v 1%. b. See SOA curve for voltage derating. c. When mounted on 1" square PCB (FR-4 material). For SPICE model information via the Worldwide Web: http://www.vishay.com/www/product/spice.htm Document Number: 70290 S-57253--Rev. D, 24-Feb-98 www.vishay.com S FaxBack 408-970-5600 RthJA hJA RthJC
Symbol
Limit
40 62.5 1.25
Unit
_C/W
2-1
SUP/SUB60N06-18
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VGS = 0 V, ID = 250 mA VDS = VGS, IDS = 1 mA VDS = 0 V, VGS = "20 V VDS = 60 V, VGS = 0 V Zero Gate Voltage Drain Current Z G Vl DiC IDSS VDS = 60 V, VGS = 0 V, TJ = 125_C VDS = 60 V, VGS = 0 V, TJ = 175_C On-State Drain Currenta ID(on) VDS = 5 V, VGS = 10 V VGS = 10 V, ID = 30 A Drain-Source On-State Resistancea DiS OS Ri rDS(on) VGS = 10 V, ID = 30 A, TJ = 125_C VGS = 10 V, ID = 30 A, TJ = 175_C Forward Transconductancea gfs VDS = 15 V, ID = 30 A 60 0.014 0.024 0.031 49 0.018 0.030 0.036 S W 60 V 2.0 4.0 "100 1 50 150 A mA A nA
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Input Capacitance Output Capacitance Reversen Transfer Capacitance Total Gate Chargec Gate-Source Chargec Gate-Drain Chargec Turn-On Delay Timec Rise Timec Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf VDD = 30 V, RL = 0.5 W , ID ] 60 A, VGEN = 10 V, RG = 2.5 W V, VDS = 30 V VGS = 10 V, ID = 60 A V VGS = 0 V, VDS = 25 V f = 1 MH V V, MHz 2000 400 115 39 12 10 12 11 25 15 30 30 ns 50 30 60 nC C pF F
Turn-Off Delay Timec Fall Timec
Source-Drain Diode Ratings and Characteristics (TC =
Continuous Current Pulsed Current Forward Voltagea Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge Is ISM VSD trr IRM(REC) Qrr
25_C)b
60 A 120 IF = 60 A, VGS = 0 V 60 IF = 60 A, di/dt = 100 A/ms A di/d A/ 6.0 0.4 1.6 V ns A mC
Notes: a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing. c. Independent of operating temperature.
www.vishay.com S FaxBack 408-970-5600
2-2
Document Number: 70290 S-57253--Rev. D, 24-Feb-98
SUP/SUB60N06-18
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
100 VGS = 10, 9, 8, 7 V 75 I D - Drain Current (A) 6V 50 I D - Drain Current (A) 60 100
Transfer Characteristics
80
40 TC = 125_C 20 25_C -55_C 0
25
5V 4V
0 0 2 4 6 8 10
0
2
4
6
8
10
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Transconductance
70 60 g fs - Transconductance (S) 50 125_C 40 30 20 10 0 0 10 20 30 40 50 TC = -55_C 25_C r DS(on) - On-Resistance ( ) 0.016 0.020
On-Resistance vs. Drain Current
VGS = 10 V
0.012
0.008
0.004
0 0 20 40 60 80 100
VGS - Gate-to-Source Voltage (V)
ID - Drain Current (A)
Capacitance
3000 10
Gate Charge
V GS - Gate-to-Source Voltage (V)
2500 Ciss C - Capacitance (pF) 2000
8
VGS = 10 V ID = 60 A
6
1500
4
1000 Coss 500 Crss
2
0 0 10 20 30 40
0 0 10 20 30 40
VDS - Drain-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
Document Number: 70290 S-57253--Rev. D, 24-Feb-98
www.vishay.com S FaxBack 408-970-5600
2-3
SUP/SUB60N06-18
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Junction Temperature
2.4 VGS = 10 V ID = 30 A I S - Source Current (A) TJ = 150_C TJ = 25_C 10 100
Source-Drain Diode Forward Voltage
2.0 r DS(on) - On-Resistance ( ) (Normalized)
1.6
1.2
0.8
0.4
0 -50
1 -25 0 25 50 75 100 125 150 175 0.3 0.6 0.9 1.2 1.5 TJ - Junction Temperature (_C) VSD - Source-to-Drain Voltage (V)
THERMAL RATINGS
Maximum Avalanche and Drain Current vs. Case Temperature
70 60 50 40 30 20 10 0 0 20 40 60 80 100 120 140 160 180 Limited by rDS(on) I D - Drain Current (A) 10 1 ms 100 ms 200 100 10 ms
Safe Operating Area
I D - Drain Current (A)
10 ms 1 TC = 25_C Single Pulse 100 ms dc
0.1 0.1 1 10 100 VDS - Drain-to-Source Voltage (V)
TC - Case Temperature (_C) 2 1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance
Normalized Thermal Transient Impedance, Junction-to-Case
0.2
0.1
0.1 Single Pulse
0.05 0.01 10-5 10-4
0.02
10-3
10-2
10-1
1
3
Square Wave Pulse Duration (sec) www.vishay.com S FaxBack 408-970-5600 Document Number: 70290 S-57253--Rev. D, 24-Feb-98
2-4


▲Up To Search▲   

 
Price & Availability of SUB60N06-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X