Part Number Hot Search : 
SST39 MT8962 KIA7245P 33TQCN SST503 XXXWX 14D781K 800000
Product Description
Full Text Search
 

To Download SIL30E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIL30E Series
12 Vin Single Output
DC-DC CONVERTERS * * * * * * * Non-isolated POL Converter NEW Product 1 30 A current rating Input voltage range: 8 Vdc to 14 Vdc Output voltage range: 0.8 Vdc to 3.63 Vdc Ultra high efficiency: 93% @ 12 Vin and 3.3 Vout Extremely low internal power dissipation Minimal thermal design concerns Designed in reliability: MTBF of 4,435,000 hours per Telcordia SR-332 * Ideal solution where board space is at a premium or tighter card pitch is required * Available RoHS compliant
The SIL30E series are non-isolated dc-dc converters packaged in a single-in-line footprint giving designers a cost effective solution for conversion from a 12 V source. The SIL30E has a wide input range (8 Vdc to 14 Vdc) and offers a wide 0.8 Vdc to 3.63 Vdc output voltage range with a 30 A load, which allows for maximum design flexibility and a pathway for future upgrades. The SIL30E is designed for applications that include distributed power, workstations, optical network and wireless applications. Implemented using state of the art surface-mount technology and automated manufacturing techniques, the SIL30E offers compact size and efficiencies of up to 93%.
2 YEAR WARRANTY All specifications are typical at 12 Vin and 1.5 Vout, full load at 25 C unless otherwise stated Cout = 100 F OUTPUT SPECIFICATIONS Voltage adjustability Setpoint accuracy Line regulation Load regulation Total error band Minimum load Overshoot/undershoot Ripple and noise Temperature coefficient Transient response Slew rate = 0.5 A/s Vout = 1.5 V 5 Hz to 20 MHz 0.8-3.63 Vdc 1.3% typ. 0.2% typ. 1.5% typ. 3.0% typ. 0A None 50 mV pk-pk 25 mV rms 0.01%/C 50% to 75% load step 3% max. deviation 10 s recovery to within 1.0% 10% Vo compensation GENERAL SPECIFICATIONS Efficiency Insulation voltage Switching frequency Approvals and standards Material flammability Dimensions Pin length Weight MTBF INPUT SPECIFICATIONS Input voltage range Input current Input current (max.) Input reflected ripple Remote ON/OFF Start-up time International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. EI74104 UL 60950 File No. EI74104 TUV Product Service (EN60950) Certificate No. B05 06 38572 055 CB report and certificate to IEC60950
File Name: SIL30E_12.pdf Rev (02): 16 Dec 2005
SPECIFICATIONS
EMC CHARACTERISTICS Electrostatic discharge Conducted immunity Radiated immunity EN61000-4-2, IEC801-2 EN61000-4-6 EN61000-4-3
@ 12 Vin, 3.3 Vout
93% typ. Non-isolated
Fixed
1.3 MHz typ. EN60950-1 UL/cUL60950-1 UL94V-0
(LxWxH)
50.84 x 7.80 x 12.70 mm 2.000 x 0.307 x 0.500 inches 0.140 in (3.56 mm) 7.0 g (0.25 oz)
Remote sense
Telcordia SR-332
4,435,000 hours
8-14 Vdc No load (max.) 250 mA 9.2 A max. @ Io max. and Vout = 3.3 V 220 mA rms (See Note 1) 20 ms
ENVIRONMENTAL SPECIFICATIONS Thermal performance Operating ambient, temperature Non-operating -40 C to +85 C -40 C to +125 C
PROTECTION Short-circuit Thermal Continuous Automatic recovery
SIL30E Series
12 Vin Single Output
DC-DC CONVERTERS Non-isolated POL Converter NEW Product 2 For the most current data and application support visit www.artesyn.com/powergroup/products.htm
OUTPUT POWER (MAX.) 99 W OUTPUT CURRENT (MIN.) 0A OUTPUT CURRENT (MAX.) 30 A INPUT VOLTAGE 8-14 Vdc OUTPUT VOLTAGE 0.8-3.63 Vdc EFFICIENCY (TYP.) 93% REGULATION LINE 0.2% LOAD 1.5% MODEL NUMBER (2,3) SIL30E-12W3V3-VJ
Part Number System with Options
SIL30E-12W3V3-VJ
Packaging Options J = Pb-free (RoHS 6/6 compliant) (2) Mounting Option V = Vertical Output Voltage 0.8 Vdc to 3.63 Vdc Type of Output W = Wide Input Voltage 12 = 8 Vdc to 14 Vdc
Product Family SIL = Single In Line Rated Output Current 30 = 30 Amps Performance E = Enhanced Performance
Output Voltage Adjustment of the SIL30E-12W3V3 Series
The ultra-wide output voltage trim range offers major advantages to users who select the SIL30E-12W3V3. It is no longer necessary to purchase a variety of modules in order to cover different output voltages. The output voltage can be trimmed in a range of 0.8 Vdc to 3.63 Vdc. When the SIL30E-12W3V3 converter leaves the factory the output has been adjusted to the default voltage of 0.8 V.
Notes
1 The SIL30E features a `Positive Logic' Remote ON/OFF operation. If not using the Remote ON/OFF pin, leave the pin open (the converter will be on). The Remote ON/OFF pin is referenced to ground. The following conditions apply for the SIL30E: Configuration Remote pin open circuit Remote pin pulled low [Von/off < 0.8 V] Remote pin pulled high [Von/off >2.8 V] Converter Operation Unit is ON Unit is OFF Unit is ON
Notes
A The derating curve represents the condition at which internal components are within the Artesyn derating guidelines. B Characteristic data has been developed from actual products tested at 25 C. This data is considered typical data for the converter.
2 3
A `Negative Logic' Remote ON/OFF version is also possible with this converter. Please consult the factory for details. TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special request, please contact your local sales representative for details. NOTICE: Some models do not support all options. Please contact your local Artesyn representative or use the on-line model number search tool at http://www.artesyn.com/powergroup/products.htm to find a suitable alternative.
File Name: SIL30E_12.pdf Rev (02): 16 Dec 2005
SIL30E Series
12 Vin Single Output
DC-DC CONVERTERS Non-isolated POL Converter NEW Product 3 For the most current data and application support visit www.artesyn.com/powergroup/products.htm
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
40
40
30 0m s 1m s 2m s
30 0ms 1ms 2ms
20
20
10
10
0 0 20 40 60 80 100
0 0 20 40 60 80 100
AMBIENT TEMPERATURE (C)
Figure 1 - Derating Curve Vin = 12 V, Output Voltage = 1.5 V (See Note A)
AMBIENT TEMPERATURE (C)
Figure 2 - Derating Curve Vin = 12 V, Output Voltage = 1.8 V (See Note A)
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
40
40
30 0ms 1ms 2ms
30 0ms 1ms 2ms
20
20
10
10
0 0 20 40 60 80 100
0 0 20 40 60 80 100
AMBIENT TEMPERATURE (C)
Figure 3 - Derating Curve Vin = 12 V, Output Voltage = 2.5 V (See Note A)
AMBIENT TEMPERATURE (C)
Figure 4 - Derating Curve Vin = 12 V, Output Voltage = 3.3 V (See Note A)
100 EFFICIENCY (%) 80 60 40 20 0 0 5 10 15 20 25 30
Vout = 1V0 Vout = 1V5 Vout = 1V8 Vout = 2V0 Vout = 2V5 Vout = 3V3
Remote sense + Vin SIL30E Remote ON/OFF Cin 47F Gnd Trim Load RTRIM Cout 100F (Required) Vout
OUTPUT CURRENT (A)
Figure 5 - Efficiency vs Load Current
Vin = 12 V (See Note B)
Figure 6 - Standard Application
File Name: SIL30E_12.pdf Rev (02): 16 Dec 2005
SIL30E Series
12 Vin Single Output
DC-DC CONVERTERS Non-isolated POL Converter NEW Product 4 For the most current data and application support visit www.artesyn.com/powergroup/products.htm
SIDE VIEW 0.3070.008 (7.800.20) PCB FRONT VIEW 0.5000.020 (12.70.50)
0.140 (3.56)
12
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18
20
0.050 (1.27) 0.132 (3.36) 0.1000.005 (2.540.127) typ. 0.025 (0.64) x 0.025 (0.64) Connector 19 Places
1.900 (48.26) 2.0000.020 (50.840.50) All dimensions in inches (mm) All tolerance 0.010in (0.25mm) unless otherwise stated
PIN CONNECTIONS PIN NO. 1 2 3 4 5 6 7 8 9 10 FUNCTION Vin Vin Ground Ground Trim Remote Sense+ Ground Ground Vout Vout PIN NO. 11 12 13 14 15 16 17 18 19 20 FUNCTION Vout Vout Remote ON/OFF Ground Ground Ground Ground Vin N/C Vin
Figure 7 - Mechanical Drawing and Pinout Table
Datasheet (c) Artesyn Technologies(R) 2005 The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items: Application Note
www.artesyn.com
File Name: SIL30E_12.pdf Rev (02): 16 Dec 2005


▲Up To Search▲   

 
Price & Availability of SIL30E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X