Part Number Hot Search : 
GL310 001M0 XN04401 NSPB310B UA79MG BCM43 240NSR40 001M0
Product Description
Full Text Search
 

To Download SIL30C-00SADJ-HJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIL20C2 Series
DC-DCCONVERTERS * * * * * * * C Class Non-isolated
4.5 Vin to 13.8 V Single Output
PRELIMINARY DATA SHEET
February 19, 2005
Preliminary Data - subject to change without notice 1 NEW Product
* *
20 a current rating Input voltage range: 4.5-13.8 V Output voltage: 0.59-5.1 V Industry leading value * Cost optimized design excellent transient response Output enable Output voltage adjustability * Pathway for future upgrades * Supports silicon voltage migration * resulting in reduced design-in and qual time Current sink capability roHS compliant
The SIL20C2 series is a new high density, open frame, non-isolated converter for space sensitive applications. This model has a wide input range (4.513.8 Vdc) and offers a wide 0.59-5.1 V output voltage range with 20 A load capability. An external resistor adjusts the output voltage from its pre-set value of 0.59 V to any value up to the 5 V maximum. Typical efficiencies for the models are 93% for the 12 V input version. The SIL20C2 series offers remote ON/OFF and over-current protection as standard.
All specifications are typical at nominal input, full load at 25 C, unless otherwise stated OUTPUT SPECIFICATIONS Output voltage Output setpoint accuracy Line regulation Load regulation Min/max load Overshoot Undershoot Ripple and noise 5 Hz to 20 MHz Transient response At turn-on At turn-off (See Note 1) (See Notes 1, 2) (See Note 5) 0.1% trim resistors Low line to high line Full load to min. load 0.59-5.1 V 1.0% 0.2% 0.5% 0 A/20 A 0.5% max. 100 mV max. 30 mV Vin = 5 V, Vout = 2.5 V 130 mV max. deviation 50 s recovery within regulation band Coplanarity GENERAL SPECIFICATIONS Efficiency Switching frequency Approvals and standards (pending) Material flammability Weight MTBF 12 V @ 40 C 100% load Bellcore 332
2 year warranty
SPECIFICATIONS
Vin=5 V, Vo=2.5 V, lo=20 A Fixed
90% 750 kHz EN60950 UL/cUL6950 UL94V-0 8.50 g/0.3 oz. 6,721,853 hours
150 m
ENVIRONMENTAL SPECIFICATIONS Thermal performance (See Note 5) Operating ambient, temperature Non-operating 0 C to +70 C -40 C to +125 C
INPUT SPECIFICATIONS Input voltage range Input current Input current (max.) Start-up time Minimum load Remote OFF (See Note 3) Remote ON/OFF 4.5-13.8 Vdc 50 mA 5 mA 18 A @ Io max. 3 ms
PROTECTION Short-circuit Overvoltage protection RECOMMENDED SYSTEM CAPACITANCE Input capacitance (See Note 6) (See Note 7) 0 F 0 F Output capacitance Hiccup, non-latching Hiccup, non-latching
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. E139421 UL60950 File No. TBD TUV Product Service (EN60950) Certificate No. TBD CB report and certificate to IEC60950
File Name: sil20c2.pdf Rev: 19 Feb 2006
SIL20C2 Series
DC-DC CONVERTERS C Class Non-isolated
OUTPUT POWER (MAX.) 00 W 1 INPUT VOLTAGE 4.5-13.8 Vdc OVP N/A OUTPUT VOLTAGE 0.59-5.1 V
4.5 Vin to 13.8 V Single Output
PRELIMINARY DATA SHEET
February 19, 2005
Preliminary Data - subject to change without notice 2 NEW Product
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
OUTPUT CURRENT (MIN.) 0A OUTPUT CURRENT (MAX.) 20 A
REGULATION EFFICIENCY (TYP.) LINELOAD 93% 0.2% 0.5%
MODEL NUMBER(8,9) SIL20C2-00SADJ-VJ
Part Number System with Options
SIL20C2-00SADJ-VJ
RoHSCompliance(8) J = Pb-free (RoHS 6/6 compliant) MountingOption V = Vertical H = Horizontal OutputVoltage Single Adjustable Output InputVoltage 00 = 4.5-13.8 V
ProductFamily SIL = Single In Line SMT = Surface Mount RatedOutputCurrent 06 = 6 A 15 = 15 A 20 = 20 A 30 = 30 A 40 = 40 A Performance C = Cost Optimized Generation Blank = Standard Part 2 = Increased Current Density
OutputVoltageAdjustmentoftheSIL20C2Series
The ultra-wide output voltage trim range offers major advantages to users who select the SIL20C2. It is no longer necessary to purchase a variety of modules in order to cover different output voltages. The output voltage can be trimmed in a range of 0.59-5.1 V. When the SIL20C2 converter leaves the factory, the ouput has been adjusted to the default voltage of 0.59 V.
Notes
1 2 3 4 5 6 7 8 9 Measured as per recommended system capacitance. di/dt = 10 A/s, Vin = Nom, Tc = 25 C, load change = 0.75 lo to full lo and full lo to 0.75. External input fusing is recommended. Additional part numbers may be available with different output voltages. Airflow dependent, 100 LFM minimum required. No capacitor needed for ripple current capability. No capacitor needed for stability. TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special request, please contact your local sales representative for details. NOTICE: Some models may not support all options. Please contact your local Artesyn representative or use the on-line model number search tool at http://www.artesyn.com/powergroup/ products.htm to find a suitable alternative.
Power Good
4 Enable 5 SIL20C2
Vin
1 7
Vout +Rsense
6
Cin
Cout
3
2
8
R L O A D
-Rsense
Rtrim (for trim down)
GND
Figure1:StandardApplicationDrawing
File Name: sil20c2.pdf Rev: 19 Feb 2006
SIL20C2 Series
DC-DC CONVERTERS C Class Non-isolated
PINCONNECTIONS PINNO. 1 2 3 4 5 6 7 8 9 10 FUNCTION Vout Trim Ground Power good Enable Vin Remote Sense (+) Remote Sense (-) *Mech Support *Mech Support
0.050 (1.27) REF 0.462 (11.73) 0.062 (1.57) PCB REF 0.105 (2.67)
4.5 Vin to 13.8 V Single Output
PRELIMINARY DATA SHEET
February 19, 2005
Preliminary Data - subject to change without notice 3 NEW Product
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
0.295 (7.49) 0.610 (15.49)
1.200 (30.48)
0.150 (3.81) TYP
PIN 8 0 (0) 0.100 (2.54) 0.200 (5.08) 0.600 (15.24) 0.700 (17.78) 0.800 (20.32) 0.900 (22.86) 1.050 (26.67) 1.150 (29.21)
PIN 1
0.025 (0.64) .001 SQ PIN TYP 8 PLACES
* Horizontal and SMT version only
Dimensions in Inches (mm) Tolerances (unless otherwise specified) 2 Places 0.030 (0.76) 3 Places 0.010 (0.25)
Figure2:VerticalMountMechanicalDrawing
0.482 (12.24) 1.200 (30.48) PIN 9 0.025 (0.64) .001 SQ PINS TYP 9 PLACES 0.295 (7.49) 0.062 (1.57) REF
0.610 (15.49)
0.535 (13.59) 0.040 (1.02) REF PIN 1
0.600 (15.24) 0.700 (17.78) 0.800 (20.32) 0.900 (22.86) 1.050 (26.67) 1.150 (29.21) 1.165 (29.59)
0.000 (0) 0.100 (2.54) 0.200 (5.08)
0.120 (3.05) TYP 0.125 (3.18) TYP
Dimensions in Inches (mm) Tolerances (unless otherwise specified) 2 Places 0.030 (0.76) 3 Places 0.010 (0.25)
Figure3:HorizontalMountMechanicalDrawing
File Name: sil20c2.pdf Rev: 19 Feb 2006
SIL20C2 Series
DC-DC CONVERTERS C Class Non-isolated
PINCONNECTIONS PINNO. 1 2 3 4 5 6 7 8 9 10 FUNCTION Vout Trim Ground
0.065 (1.65) PIN 8 0.535 (13.59) PIN 10
4.5 Vin to 13.8 V Single Output
PRELIMINARY DATA SHEET
February 19, 2005
Preliminary Data - subject to change without notice 4 NEW Product
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
0.015 (0.38)
1.200 (30.48)
PIN 1
0.610 (15.49)
0 (0) 0.100 (2.54) 0.200 (5.08)
Enable Vin Remote Sense (+) Remote Sense (-) *Mech Support *Mech Support
Dimensions in Inches (mm) Tolerances (unless otherwise specified) 2 Places 0.030 (0.76) 3 Places 0.010 (0.25)
0.025 (0.64) .002 PIN WIDTH TYP
0.482 (12.24) 0.295 (7.49) 0.062 (1.57) PCB REF
0.040 (1.02)
0.125 (3.18) TYP
Figure4:SurfaceMountMechanicalDrawing
Datasheet (c) Artesyn Technologies(R) 2005 The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items:
Application Note
Longform Datasheet
www.artesyn.com
File Name: sil20c2.pdf Rev: 19 Feb 2006
0.600 (15.24) 0.700 (17.48) 0.800 (20.32) 0.900 (22.86) 1.050 (26.67) 1.150 (29.21)
Power good
PIN 9


▲Up To Search▲   

 
Price & Availability of SIL30C-00SADJ-HJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X