Part Number Hot Search : 
1N581 76309 IDT72 ISL3685 GF30AH GRM155 84067441 UR18650F
Product Description
Full Text Search
 

To Download SIL15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIL15 Series
DC/DC CONVERTERS * * * * * * * * * *
Single output
1 NEW Product
15A Non-Isolated DC/DC Converters
Ultra-wide trim range (0.9V to 3.3V/5V) Current sink capable for termination applications Horizontal and vertical models available High power density design means reduced board space requirement Power good output signal (open collector) Operating ambient temperature up to +80C with suitable derating and forced air cooling Remote ON/OFF (active high) 0A minimum load Input undervoltage lockout Over-current and short-circuit protection
The SIL15 Series is a new high density open frame non-isolated converter for spacesensitive applications. Each model has a wide input range (4.5V to 5.5V or 10.2V to 13.8V) and offer a wide 0.9V to 3.3V/5V output voltage range with a 15A load. An external resistor adjusts the output voltage from its pre-set value of 0.9V to any value up to the maximum allowed value for that model. Typical efficiencies are 89% for the 5V input version and 91% for the 12V input version. The SIL15 series offers remote ON/OFF and over-current protection as standard. With full international safety approval including EN60950 and UL/cUL60950, the SIL15 reduces compliance costs and time to market. All specifications are typical at nominal input, full load at 25C unless otherwise stated
2 YEAR WARRANTY
SPECIFICATIONS
OUTPUT SPECIFICATIONS Voltage adjustability (See Note 5) 5V input models 12V input models 0.9V to 3.3V 0.9V to 5.0V 2.5% 0.2% max.
INPUT SPECIFICATIONS Contd. Turn ON threshold Turn OFF threshold 5V input model 12V input model 5V input model 12V input model 4.5V 9.0V 4.3V 7.5V
Output setpoint accuracy With 1.0% trim resistors Line regulation Load regulation Min/max load Overshoot (at turn on) Undershoot Ripple and noise 5Hz to 20MHz Transient response (See Note 2) (See Note 1) Deviation 5V input models 12V input models Low line to high line Full load to min. load
GENERAL SPECIFICATIONS 0.5% max. Efficiency 0A/15A Switching frequency 3% max. 1% max. 100mV max. See table 100mV 200s recovery to within regulation band Approvals and standards (See Note 7) Material flammability Weight MTBF Representative model: Fixed 200kHz typ. TUV Product Service IEC60950, UL/cUL60950 UL94V-0 14.2g (0.5oz) MIL-HDBK-217F 468,803 hours 12V model @ 40C 100% load, ground benign Bellcore 332 7,817,294 hours See table
INPUT SPECIFICATIONS Input voltage range Input current Input current (max.) (See Note 3) Input reflected ripple (See Note 4) Remote ON/OFF Logic compatibility ON OFF Start-up time (See Note 9) Power up Remote ON/OFF 5V input model 12V input model Minimum load Remote OFF 5V input model 12V input model 5V input model 12V input model 4.5 to 5.5VDC 10.2 to 13.8VDC 65mA 20mA 11.5A @ Io max. 8.1A @ Io max. 200mA (pk-pk) 200mA (pk-pk) Active high >2.4VDC <0.8VDC <20ms <20ms ENVIRONMENTAL SPECIFICATIONS Thermal performance (See Note 10) Altitude derating (above sea level) Operating ambient, temperature Non-operating 3,000m (9,843 ft.) 10,000m (32,808 ft.) 0C to +80C -40C to +125C 20% 50%
File Name: SIL15.PDF Rev: 10 Dec 2002
SIL15 Series
DC/DC CONVERTERS
OUTPUT POWER (MAX.) 50W 75W Notes INPUT VOLTAGE 4.5 - 5.5VDC 10.2 - 13.8VDC OVP N/A N/A
Single output
2 NEW Product
15A Non-Isolated DC/DC Converters
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
OUTPUT OUTPUT CURRENT VOLTAGE (12) (MIN.) 0.9V - 3.3V 0.9V - 5.0V 0A 0A OUTPUT CURRENT (MAX.) 15A 15A
EFFICIENCY (TYP.) 89% 91%
REGULATION LINE 0.2% 0.2% LOAD 0.5% 0.5%
MODEL NUMBER (8) SIL15-05SADJ-V SIL15-12SADJ-V
Ripple and Noise Specification Model 5V input models 12V input models Output Voltage 0.9 to 2.5V 3.3V 0.9 to 2.5V 3.3V to 5V Pk - Pk 30mV 40mV 50mV 50mV RMS 15mV 15mV 20mV 20mV
Measured as per recommended set-up. Cin = 270F (20m esr max, Cout = 680F (10m esr max). 2 di/dt = 10A/s, Vin = Nom, Tc = 25C, load change = 0.50 lo max. to 0.75 lo max. and 0.75 lo max. to 0.50 lo max. 3 External input fusing is recommended. 4 Measured with external filter. See Application Note 131 for details. 5 Uses external resistor from trim pin to output ground. Min value = 485 for 5V model, 280 for 12V model. See Application Note 131 for details. 6 Signal line assumed <3m in length 7 This product is only for inclusion by professional installers within other equipment and must not be operated as a stand alone product. 8 The standard unit with the suffix '-V' is for vertical mounting. To order a unit with horizontal mounting, please add the suffix '-H' to the model number, e.g. SIL15-05SADJ-H. 9 Power-up is the time from application of DC input to Power Good enabled. Remote ON/OFF is from ON/OFF asserted high to power good enabled. 10 See Application Note 131 for operation above 50C. 11 See Application Note 131 for ripple current requirements. 12 These models have a wide trim output. 5Vin has an output of 0.9V to 3.3V and 12 Vin has an output of 0.9V to 5V. An external resistor adjusts the output voltage.
1
PROTECTION Short-circuit protection RECOMMENDED SYSTEM CAPACITANCE Input capacitance Output capacitance (See Note 11) (See Note 11) 270F/20m esr max. 680F/10m esr max. Hiccup, non-latching
PIN CONNECTIONS PIN NUMBER 1 2 3 4 5 6 7 8 9 10 11 12 13 FUNCTION Vout Vout Vout Trim Remote ON/OFF Power Good Ground Ground Reserved Vin Vin Mechanical support (horizontal version only) Mechanical support (horizontal version only)
CAUTION: High internal temperatures. Ensure that unit is not user accessible.
International Safety Standard Approvals (pending)
TUV
File Name: SIL15.PDF Rev: 10 Dec 2002
SIL15 Series
DC/DC CONVERTERS
Single output
3 NEW Product
15A Non-Isolated DC/DC Converters
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
0.475 0.025 (12.08 0.64) 1.200 (30.48) Mechanical Support Pin 2 places 0.062 (1.57) Ref 0.260 0.015 (6.70 0.40) 1.100 (27.94)
0.64 (0.025) typ
1.100 (27.94)
Pin 11
Pin 1 0.025 (0.64) Typ 0.120 (3.05) 13 places
0.150 (3.81) Ref
0.150 (3.81) 0.100 (2.54) 9 places 1.050 (26.67)
All dimensions in inches (mm) General tolerance 0.01in (0.25mm) except where specified otherwise
Figure 1: Mechanical Drawing - Horizontal Mount Version
0.075 (1.91)
0.40 0.025 (10.186 0.635) 0.26 0.015 (6.704 0.381) 0.062 (1.57) Ref
All dimensions in inches (mm) General tolerance 0.01in (0.25mm) except where specified otherwise
1.200 (30.48)
0.140 (3.56) 11 Places
1.10 (27.940)
0.050 (1.27) Ref
0.050 (1.27) Typ
Pin 11 0.025 (0.64) Typ Pin 1
0.025 (0.64) Typ 0.100 (2.54) 9 Places 1.050 (26.67)
Figure 2: Mechanical Drawing - Vertical Mount Version
Data Sheet (c) Artesyn Technologies(R) 2002 The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items: Application Note Longform Data Sheet
0.050 (1.27) Ref 0.050 (1.27) 2 places 0.050 (1.27) 3.81 (0.150)
www.artesyn.com
File Name: SIL15.PDF Rev: 10 Dec 2002
1.000 (25.40) 2 places


▲Up To Search▲   

 
Price & Availability of SIL15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X