Part Number Hot Search : 
55520 BCM5315 A1870 FSDM0565 NCP1336A 3076E 040N06 GEME4U
Product Description
Full Text Search
 

To Download RP30-2405SE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWERLINE - DC/DC-Converter
E-Series, 30 Watt, 1.6 kV Isolation & Wide Input Range (Single Output) Features

Ideal for Telecom/Networking Application 2:1 Input Range Efficiency up to 91% Six-Sided Shield On/Off Control

Small Package 50.8 x 40.6 x 10.2 mm Over Current Protection International Safety Standard Approvals UL 1950 Component Recognised
Selection Guide 24V and 48V Input Types
Part Number RP30-2418SE RP30-2433SE RP30-2405SE RP30-2412SE RP30-4818SE RP30-4825SE RP30-4833SE RP30-4805SE RP30-4812SE RP30-4815SE Input Range 18-36 VDC 18-36 VDC 18-36 VDC 18-36 VDC 36-75 VDC 36-75 VDC 36-75 VDC 36-75 VDC 36-75 VDC 36-75 VDC Output Voltage 1.8 VDC 3.3 VDC 5 VDC 12 VDC 1.8 VDC 2.5 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC Output Current 6.00 A 6.00 A 6.00 A 2.50 A 6.00 A 6.00 A 6.00 A 6.00 A 2.50 A 2.00 A Ripple & noise 50 mVp-p 50 mVp-p 50 mVp-p 75 mVp-p 50 mVp-p 50 mVp-p 50 mVp-p 50 mVp-p 75 mVp-p 75 mVp-p Efficiency (%) 82 86 88 91 83 85 87 89 91 91
Maximum Capacitive Load
RP30-xx05SE RP30-xx1.8SE RP30-xx3.3SE RP30-xx05SE RP30-xx12SE RP30-xx15SE 10200F 6500F 19500F 10200F 3300F 1100F
PO 58
August 2002
www.recom-international.com
POWERLINE - DC/DC-Converter
E-Series, 30 Watt, 1.6 kV Isolation & Wide Input Range (Single Output) Specifications (typical at nominal input and 25C unless otherwise noted) Input Voltage Range 24V nominal 48V nominal
Input Filter Voltage Accuracy Ripple and Noise, 20MHz BW Line Regulation, HL-LL Load Regulation, 100% to 10% Full Load Efficiency Temperature Coefficient Short Circuit Protection Transient Response Recovery Time, 25% Load Step Change Transit voltage peak deviation Control voltage referenced to negativ(-)input Compatibility On-control Off-control Switching frequency Isolation Voltage Isolation Resistance Maximum Case Temperature Operating Temperature Range Storage temperature range Cooling EMI/RFI Case Material Dimensions MTBF (MIL-HDBK-217F TA = 25C full load) 18-36VDC 36-75VDC LC Type 1% See Table 0.2% See Table 0.02%/C Continuous 400msec 150mV max. CMOS, TTL 4.8V min. or open 0.4V max. or short 300kHz, typ. 1600VDC min. 109 , min +100C -25C to +71C -55C to +105C Free-air convection Six-sided Continuos Shield Nickel-Coated Copper with Non-Conductive Base 50.8 x 40.6 x 10.2 mm 2 x 106 Hours
Output Power (%) 80 60 40 20 0 75 62 69 Ambient Temperature C -25 25 50 100 125 Natural Convection Cooling 120 100
590 LFM
0.5%
Package Style and Pinning (mm)
40.60 15.20 10.20 5.10
4 3 2 1
17.80 10.20
Pin Connections Pin # 1 2 3 4 5 6 7 8 Single +Vin -Vin No Pin Ctrl No Pin +Vout -Vout Trim
dia. 1.0
Bottom View
50.80
45.70
Pin Pitch Tolerance 0.5 mm
8
7
6
5
10.20 17.80
10.20 12.70
5.6
www.recom-international.com
August 2002
PO 59


▲Up To Search▲   

 
Price & Availability of RP30-2405SE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X