Part Number Hot Search : 
12S15 M37516 20432 CS842 00X00 RF2001 AT24C08 T1209N
Product Description
Full Text Search
 

To Download RGL34G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
RGL34A THRU RGL34J
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
VOLTAGE RANGE - 50 to 600 Volts CURRENT -0.5 Ampere
FEATURES
* * * * Ideal for surface mounted applications Low leakage current Fast switching Glass passivated junction
SM-2(DO-213AA)
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant *Terminals: Solder plated solderable per MIL-STD-202E, Method 208 guaranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.036 gram
.150(3.81) .130(3.33)
.022(.56) .016(.41) .068(1.77) .060(1.52)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current TA = 55o C Peak Forward Surge Current IFM (surge): 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage at 0.5A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Maximum Reverse Recovery Time (Note 3) Maximum Thermal Resistance (Note 2) Typical Junction Capacitance (Note 1) Operating and Storage Temperature Range @TA = 25 o C @TA = 125 C
o
VRRM VRMS VDC IO IFSM VF IR trr RJL CJ TJ, TSTG
RGL34A 50 35 50
RGL34B 100 70 100
RGL34D 200 140 200 0.5 10 1.3 5.0 100 150 70 4.0 -65 to + 175
RGL34G 400 280 400
RGL34J 600 420 600
UNITS Volts Volts Volts Amps Amps Volts uAmps
250
nSec
0
C/ W pF
0
C
NOTES : 1. Measured at 1.0 MHz and applied reverse voltage of 4.0VDC 2. Thermal resistance (Junction to Ambient) .24in2 (6.0mm2) copper pads to each terminal. 3. Test Conditions: IF = 0.5A, IR=1.0A, IRR=0.25A
304
NEXT
BACK NEXT
EXIT BACK
RATING AND CHARACTERISTIC CURVES ( RGL34A THRU RGL34J )
0.5 .4 .3 .2 .1
10 8 6 4 2
DC COMPONENTS CO., LTD.
R
305
NEXT NEXT
BACK BACK
EXIT EXIT


▲Up To Search▲   

 
Price & Availability of RGL34G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X