Part Number Hot Search : 
KBP06 00BZXC SMK12 PRODUC SP45001 1673C11B 4S640 370BN
Product Description
Full Text Search
 

To Download RGL34G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
l l l l l
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
RGL34A THRU RGL34M
0.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
MINIMELF
High Current Capability Extremely Low Thermal Resistance For Surface Mount Application Higher Temp Soldering: 250 C for 10 Seconds At Terminals Minimelf Package
o
Maximum Ratings
l l l
Operating Temperature: -55 C to +150 C Storage Temperature: -55 C to +150 C Maximum Thermal Resistance: 150 C/W Junction to Ambient Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V
o o o
o
o
MCC Catalog Number
Device Marking
Maximum RMS Voltage
Maximum DC Blocking Voltage
Cathode Mark
C
RGL34A RGL34B RGL34D RGL34G RGL34J RGL34K RGL34M
----------------------
35V 70V 140V 280V 420V 560V 700V
50V 100V 200V 400V 600V 800V 1000V
DIM A B C INCHES MIN .134 .008 .055 MAX .142 .016 .059 MIN 3.40 .20 1.40 DIMENSION MM MAX 3.60 .40 1.50 NOTE
A B
Electrical Characteristics @ 25oC Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage Maximum DC Reverse Current At Rated DC Blocking Voltage Maximum Reverse Recovery Times RGL34A-G RGL34J RGL34K-M Typical Junction Capacitance IF(AV) IFSM VF 0.5A 10.0A 1.3V T A =55 oC 8.3ms half sine IFM =0.5A T A =25 C T A =25 oC TA= 1 2 5 C
o o
SUGGESTED SOLDER PAD LAYOUT
0.105
IR
5.0uA 50uA
0.075"
trr
150ns 250ns 500ns 4pF
Cj
IF =0.5A IR =1.0A, Irr =0.25A Measured at 1.0MHz V R =4.0V
0.030"
www.mccsemi.com
RGL34A thru RGL34K
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
0.5 12
MCC
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Peak Forward Surge Current (A)
TJ = TJ max. 8.3ms Single Half Sine-Wave (JEDEC Method)
Average Forward Rectified Current (A)
Resistive or Inductive Load 0.4
10 8.0
0.3
6.0 4.0
0.2
0.1
2.0 0
0 0 25 50 75 100 125 150 175
1
10
100
Terminal Temperature (C)
Number of Cycles at 60HZ
Fig. 3 - Typical Instantaneous Forward Characteristics
10 10
Fig. 4 - Typical Reverse Characteristics
Instantaneous Reverse Current (A)
Instantaneous Forward Current (A)
TJ = 25C 1
1 TJ = 100C
0.1
Pulse Width = 300s 1% Duty Cycle
0.1
TJ = 25C 0 20 40 60 80 100
0.01 0.2
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig. 5 - Typical Junction Capacitance
10 TJ = 25C f = 1.0 MHZ Vsig = 50mVp-p
Junction Capacitance (pF)
1 1 10
100
Reverse Voltage (V)
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of RGL34G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X