Part Number Hot Search : 
XU308 MJD112T4 GS204U 6545AIBZ AN502 CM1431 S20K275 HN4065CG
Product Description
Full Text Search
 

To Download PM534 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PM500 and VM500 SERIES
Single, dual and triple output
Recommended for new design-ins
* * * * * * *
OVP on 5V outputs Split bobbin wound PCB mounting UL and CSA approved 115, 220 and 240VAC input Short circuit protection The VM500 Series has EN60950 approval
[ 2 YEAR WARRANTY ]
VM500 Series only
These encapsulated, PC-mountable linear power modules feature 23 single output, 14 dual output and 13 triple output models for a wide variety of printed circuit board applications. The 5V output of all models have overvoltage crowbar protection as a standard feature. For maximum safety, all power transformers are split bobbin wound, rather than layer wound, to give total isolation with low coupling capacitance between primary and secondary. Conservative design and rating of these modules results in reliable operation and long life. Standard input voltage is 115VAC; other optional inputs are 220 and 240VAC. Most models are available in standard and alternate pin configurations for second sourcing applications. This series includes 5 subminiature modules for lower power applications where minimum circuit board space is available.
SPECIFICATION
OUTPUT SPECIFICATIONS Voltage accuracy Voltage adjustability Line regulation Load regulation Temperature coefficient Overvoltage protection Output power limit Short circuit protection
All specifications are typical at nominal input, full load at 25C unless otherwise stated GENERAL SPECIFICATIONS 1.0% max. Efficiency Isolation voltage PM series, no suffix PM series, suffix D PM series, suffix K VM534D 40% typical 700VAC 2500VAC 2500VAC 3000VAC Linear Safety VM534D IEC950 Safety PM5xx CSA22.2-143/-154, UL478 Non-conductive black plastic Case Case Case Case Case A 181g (6.4oz) B1 (incl. VM534D) 340g (12oz) B2 408g (14.4oz) B3 635g (22.4oz) H 227g (8oz) 710,000 hours
PM529 and PM563 only
Yes See table See table
Switching frequency 0.02%/C See table on facing page for relevant models Typical Switch off/on 6.2V typical Approvals and standards Case material 130% to 200% FL 100% to 200% FL Weight
INPUT SPECIFICATIONS Input voltage range Input frequency range Safety ground leakage current PM500, See Note 3 VM500 See tables below 47Hz to 400Hz 47Hz to 63Hz Less than 3.5mA @ 50Hz MTBF
See Note 4
ENVIRONMENTAL SPECIFICATIONS Thermal performance Operating amb. -25C to +71C Non-operating amb. -25C to +85C Derating, 50C to 71C 2.5%/C Cooling Free-air convection Non-condensing 20% to 95% RH Encapsulated
Relative Humidity Vibration
PM500 INPUT VOLTAGE 11510VAC 22020VAC 24020VAC
SUFFIX (NONE) D K
VM534D INPUT VOLTAGE 200 to 233VAC
SUFFIX D
PAGE 1
AC/DC POWER SUPPLIES
|
1.0-10.5W AC
1 to 10.5 Watt AC/DC encapsulated modules
OUTPUT VOLTAGE OUTPUT CURRENT OVP REGULATION LINE LOAD RIPPLE AND NOISE CASE AVAILABLE MODELS 110VAC 220VAC 240VAC
SINGLE OUTPUT 5VDC 5VDC 5VDC 5VDC 5VDC 12VDC 12VDC 12VDC 24VDC 24VDC 24VDC 250mA 500mA 500mA 1000mA 2000mA 240mA 400mA 600mA 100mA 200mA 400mA Yes Yes Yes Yes Yes No No No No No No 0.02% 0.02% 0.02% 0.02% 0.02% 0.02% 0.02% 0.02% 0.02% 0.02% 0.02% 0.04% 0.04% 0.04% 0.04% 0.05% 0.02% 0.02% 0.02% 0.02% 0.02% 0.02% 1mV rms 1mV rms 2.8mV rms 1mV rms 1mV rms 0.5mV rms 1mV rms 1mV rms 0.5mV rms 0.5mV rms 1mV rms
(1)
B1 B1 B1 B2 B3 B2 B3 B3 B2 B3 B3 PM542 PM545 PM515 PM534
PM533D PM534D VM534D PM542D PM545D PM515D PM516D PM517D PM566D PM567D PM568D PM542K PM545K PM534K
SUB MINIATURE SINGLE OUTPUT SERIES 5VDC 12VDC 250mA 100mA No No 0.05% 0.02% 0.05% 0.02% DUAL OUTPUT 12VDC 12VDC 12VDC 15VDC 15VDC 15VDC 15VDC 120mA 240mA 400mA 25mA 100mA 200mA 350mA No No No No No No No 0.02% 0.02% 0.02% 0.20% 0.02% 0.02% 0.02% 0.02% 0.02% 0.02% 0.20% 0.02% 0.02% 0.02% TRIPLE OUTPUT 5V/12VDC 5V/12VDC 300/180mA 500/120mA No No Yes Yes Yes Yes 0.02% 0.02% 0.02% 0.05% 0.05% 0.02% .05%/.02% .05%/.02% .01%/.02% .10%/.05% .10%/.05% .01%/.02% 0.5mV rms 0.5mV rms 0.5mV rms 2mV rms 0.5mV rms 0.5mV rms 1mV rms
(2)
0.5mV rms 0.5mV rms
H A
PM529 PM563
PM529D PM563D
PM529K
B1 B2 B3 B1 B1 B2 B3
PM536
PM536D PM537D
PM597 PM538 PM505 PM565 PM501
PM597D
PM597K
PM505D PM565D PM501D PM501K
0.5mV rms 0.5mV rms 1.0/0.5mV rms 0.5mV rms 0.5mV rms 1.0/0.5mV rms
B2 B2 B3 B2 B2 B3
PM595S
PM595DS PM591D
5V/12VDC 1000/150mA 5V/15VDC 5V/15VDC 300/150mA 500/100mA
PM592 PM594 PM590 PM593
PM592D PM594DS PM590D PM593D PM590K PM593K
5V/15VDC 1000/150mA
Notes
1 Trim connection on all sub-miniature series modules provides a means of externally adjusting a units output voltage precisely to its labelled value. To raise the output voltage, connect a resistance (20k, min.) between the trim terminal and the positive (+) output terminal. To lower the output voltage, connect a resistance (20k, min.) between the trim terminal and the negative (-) output terminal. Triple output models only: on standard pin-out models the 5V output common is isolated from the 12VDC or 15VDC common. Some units should be derated for operation at 400Hz. Please contact the factory for details. M.T.B.F. figures are based on actual product performance. Consult factory for details. All models are only for inclusion by professional installers within other equipment and must not be operated as a stand alone product.
0.50 (12.7) 0.60 (15.2)
VM534D
2.50 (63.5)
0.50 (12.7) 0.60 (15.2)
0.15 (3.8) 0.88 (22.4)
2 3 4 5
NC
- OUT
OUT
+
1.60 (40.6) 3.50 (88.9) 1.60 (40.6)
AC CASE B1
INSERTS 4.40 THREAD 0.125 (3.2) DEEP
AC
2.20 (55.9)
0.040 (1.0) DIA. PINS
0.20 (5.1) MIN.
SINGLE OUTPUT MODEL
ALL DIMENSIONS IN INCHES (mm)
http://www.artesyn.com
PAGE 2
AC/DC POWER SUPPLIES
|
1.0-10.5W AC
1 to 10.5 Watt AC/DC encapsulated modules
Single output PM500 series
CASE A
1.75 (44.5) 1.20 (30.5) 0.275 (7.1) 0.20 (5.1) 0.60 (15.2) 1.00 (25.4) 2.00 (50.8)
CASE H
1.60 (40.6)
CASE B
2.50 (63.5)
1.00 (25.4)
0.50 (12.7) 0.50 (12.7)
0.20 (5.1)
0.50 (12.7) 0.60 (15.2)
0.50 (12.7) 0.60 (15.2)
0.15 (3.8)
0.20 (5.1)
- OUT - OUT OUT +
1.62 (41.1) 1.25 (31.8) 0.88 (22.4)
NC
- OUT
TRIM
0.80 (20.3) 2.25 (57.2) 1.80 (45.7)
TRIM
0.40 (10.2)
1.55 (39.4) 3.00 (76.2) 2.60 (66.0)
OUT
+
1.60 (40.6) 3.50 (88.9) 1.60 (40.6)
AC B1 B2 B3
+ OUT
INSERT 4.40 THREAD 0.12 (3.0) DEEP
AC
INSERT 4.40 THREAD 0.12 (3.0) DEEP
AC
AC
INSERT 4.40 THREAD 0.125 (3.2) DEEP
AC
AC
0.040 (1.0) DIA. PINS
0.20 (5.1) MIN.
0.040 (1.0) DIA. PINS
0.20 (5.1) MIN.
2.20 (55.9)
0.040 (1.0) DIA. PINS
0.20 (5.1) MIN.
ALL DIMENSIONS IN INCHES (mm)
R1 (20K MIN.)
OR
R2 (20K MIN.)
- OUT
+ OUT
TRIM SUB-MINIATURE SERIES
Dual and triple output PM500 series
CASE B
DUAL OUTPUT MODELS
2.50 (63.5)
0.60 (15.2) 0.50 (12.7) 0.50 (12.7) 0.60 (15.2) 0.60 (15.2)
CASE B
TRIPLE OUTPUT MODELS STANDARD PINOUT
2.50 (63.5)
0.50 (12.7) 0.50 (12.7) 0.60 (15.2)
CASE B
TRIPLE OUTPUT MODELS ALTERNATE PINOUT SUFFIX '-S'
2.50 (63.5)
0.55 (14.0) 0.55 (14.0) 0.55 (14.0)
SIDE VIEW
0.15 (3.8)
+ OUT
0.15 (3.8)
COM 5V +
0.55 (14.0)
0.15 (3.8)
+
1.62 (41.1) 1.25 (31.8) 0.88 (22.4)
- OUT
COM
COM 5V
COM
+ 5V
1.60 (40.6) 3.50 (88.9)
1.60 (40.6) 3.50 (88.9)
COM
+ 5V
-
-
1.60 (40.6) 3.50 (88.9)
INSERTS 4.40 THREAD 0.125 (3.2) DEEP
AC AC
1.60 (40.6)
AC
INSERTS 4.40 THREAD 0.125 (3.2) DEEP
AC
1.60 (40.6)
AC
INSERTS 4.40 THREAD 0.125 (3.2) DEEP
AC
1.60 (40.6)
B1 B2 B3
2.20 (55.9)
2.20 (55.9)
2.00 (50.8) 0.040 (1.0) DIA. PINS
ALL DIMENSIONS IN INCHES (mm)
0.20 (5.1) MIN.
International Safety Standard Approvals
IEC950 Certificate No. IDP080 (VM534D only) UL478 Reg. File No. E131987 CSA22.2-143 and -154 Reg. File No. LR59996
PAGE 3


▲Up To Search▲   

 
Price & Availability of PM534

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X