Part Number Hot Search : 
53200 SMBJ75A 1431C SMBJ75A 00SERI S1033 NCV2901 TC153
Product Description
Full Text Search
 

To Download NTE6094 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE6094 Silicon Rectifier Schottky Barrier
Description: The NTE6094 is a Schottky Barrier Rectifier in a DO5 type package designed for use as a rectifier in low-voltage, high-frequency inverters, freewheeling diodes, and polarity-protection diodes. Features: D Guaranteed Reverse Avalanche D Extremely Low vF D Low Stored Charge, majority Carrier Conduction D Guardring for Stress Protection D Low Power Loss/High Efficiency D +150C Operating Junction Temperature Capability D High Surge Capacity Absolute Maximum Ratings: Peak Repetitive Reverse Voltage, VRRM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45V Working Peak Reverse Voltage, VRWM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45V DC Blocking Voltage, VR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45V Peak Repetitive Forward Current, IFRM (VR = 45V, TC = +90C, Square Wave, 20kHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120A Non-Repetitive Peak Surge Current, IFSM (Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60Hz) . . . . . . . . . . 800A Peak Repetitive Reverse Surge Current (Note 1, 2.0s, 1.0kHz), IRRM . . . . . . . . . . . . . . . . . . . . . 2A Voltage Rate of Change (VR = 45V), dv/dt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 700V/s Operating Junction Temperature Range (Reverse Voltage Applied), TJ . . . . . . . . . . -65 to +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +165C Maximum Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0C/W Note 1. Pulse Test: Pulse Width = 300s, Duty Cycle = 2%.
Electrical Characteristics: (TC = +25C unless otherwise specified)
Parameter Maximum Instantaneous Forward Voltage Symbol vF Test Conditions iF = 60A, Note 1 iF = 60A, TC = +125C, Note 1 iF = 120A, TC = +125C, Note 1 Maximum Instantaneous Reverse Current DC Reverse Current Maximum Capacitance iR IR Ct VR = 45V, TC = +25C, Note 1 VR = 45V, TC = +125C, Note 1 VR = 45V, TC = +115C VR = 5V, 100kHz f 1MHz Min Typ Max Unit - - - - - - - - - - - - - - 0.70 0.60 0.84 50 200 250 4000 V V V mA mA mA pF
Note 1. Pulse Test: Pulse Width = 300s, Duty Cycle = 2%.
.687 (17.4) Max
.667 (16.9) Dia Max .375 (9.55) Max
1.288 (32.71) Max
.140 (3.65) Dia Max
.450 (11.4) Max .200 (5.08) Max
.453 (11.5) Max
1/4-28 UNF-2A


▲Up To Search▲   

 
Price & Availability of NTE6094

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X