Part Number Hot Search : 
1R1001 MDU1513 ACE432A PT9250 STJF500Q CHUMA2PT 78R05F SST44
Product Description
Full Text Search
 

To Download MRF6S21050L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Technical Data
Document Number: MRF6S21050L Rev. 1, 5/2006
RF Power Field Effect Transistors
N - Channel Enhancement - Mode Lateral MOSFETs
Designed for W - CDMA base station applications with frequencies from 2110 to 2170 MHz. Suitable for TDMA, CDMA and multicarrier amplifier applicat i o n s . To b e u s e d i n C l a s s A B f o r P C N - P C S / c e l l u l a r r a d i o a n d W L L applications. * Typical 2 - carrier W - CDMA Performance: VDD = 28 Volts, IDQ = 450 mA, Pout = 11.5 Watts Avg., Full Frequency Band, Channel Bandwidth = 3.84 MHz, PAR = 8.5 dB @ 0.01% Probability on CCDF. Power Gain -- 16 dB Drain Efficiency -- 27.7% IM3 @ 10 MHz Offset -- - 37 dBc in 3.84 MHz Channel Bandwidth ACPR @ 5 MHz Offset -- - 40 dBc in 3.84 MHz Channel Bandwidth * Capable of Handling 10:1 VSWR, @ 28 Vdc, 2140 MHz, 50 Watts CW Output Power Features * Characterized with Series Equivalent Large - Signal Impedance Parameters * Internally Matched for Ease of Use * Qualified Up to a Maximum of 32 VDD Operation * Integrated ESD Protection * Designed for Lower Memory Effects and Wide Instantaneous Bandwidth Applications * Low Gold Plating Thickness on Leads, 40 Nominal. * RoHS Compliant * In Tape and Reel. R3 Suffix = 250 Units per 32 mm, 13 inch Reel.
MRF6S21050LR3 MRF6S21050LSR3
2110 - 2170 MHz, 11.5 W AVG., 28 V 2 x W - CDMA LATERAL N - CHANNEL RF POWER MOSFETs
CASE 465E - 04, STYLE 1 NI - 400 MRF6S21050LR3
CASE 465F - 04, STYLE 1 NI - 400S MRF6S21050LSR3
Table 1. Maximum Ratings
Rating Drain- Source Voltage Gate- Source Voltage Total Device Dissipation @ TC = 25C Derate above 25C Storage Temperature Range Case Operating Temperature Operating Junction Temperature Symbol VDSS VGS PD Tstg TC TJ Value - 0.5, +68 - 0.5, +12 151 0.86 - 65 to +150 150 200 Unit Vdc Vdc W W/C C C C
(c) Freescale Semiconductor, Inc., 2006. All rights reserved.
MRF6S21050LR3 MRF6S21050LSR3 1
RF Device Data Freescale Semiconductor
Table 2. Thermal Characteristics
Characteristic Thermal Resistance, Junction to Case Case Temperature 80C, 50 W CW Case Temperature 76C, 12 W CW Symbol RJC Value (1,2) 1.16 1.28 Unit C/W
Table 3. ESD Protection Characteristics
Test Methodology Human Body Model (per JESD22 - A114) Machine Model (per EIA/JESD22 - A115) Charge Device Model (per JESD22 - C101) Class 1C (Minimum) A (Minimum) III (Minimum)
Table 4. Electrical Characteristics (TC = 25C unless otherwise noted)
Characteristic Off Characteristics Zero Gate Voltage Drain Leakage Current (VDS = 68 Vdc, VGS = 0 Vdc) Zero Gate Voltage Drain Leakage Current (VDS = 28 Vdc, VGS = 0 Vdc) Gate- Source Leakage Current (VGS = 5 Vdc, VDS = 0 Vdc) On Characteristics Gate Threshold Voltage (VDS = 10 Vdc, ID = 200 Adc) Gate Quiescent Voltage (VDS = 28 Vdc, ID = 450 mAdc) Drain- Source On - Voltage (VGS = 10 Vdc, ID = 1.1 Adc) Forward Transconductance (VDS = 10 Vdc, ID = 1 Adc) Dynamic Characteristics (3) Reverse Transfer Capacitance (VDS = 28 Vdc 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc) Crss -- 0.75 -- pF VGS(th) VGS(Q) VDS(on) gfs 1 2 -- -- 2 2.9 0.21 5.3 3 4 0.3 -- Vdc Vdc Vdc S IDSS IDSS IGSS -- -- -- -- -- -- 10 1 1 Adc Adc Adc Symbol Min Typ Max Unit
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ = 450 mA, Pout = 11.5 W Avg., f1 = 2112.5 MHz, f2 = 2122.5 MHz and f1 = 2157.5 MHz, f2 = 2167.5 MHz, 2 - carrier W - CDMA, 3.84 MHz Channel Bandwidth Carriers. ACPR measured in 3.84 MHz Channel Bandwidth @ 5 MHz Offset. IM3 measured in 3.84 MHz Bandwidth @ 10 MHz Offset. PAR = 8.5 dB @ 0.01% Probability on CCDF. Power Gain Drain Efficiency Intermodulation Distortion Adjacent Channel Power Ratio Input Return Loss Gps D IM3 ACPR IRL 15 26 -- -- -- 16 27.7 - 37 - 40 - 15 18 -- - 35 - 38 -9 dB % dBc dBc dB
1. MTTF calculator available at http://www.freescale.com/rf. Select Tools/Software/Application Software/Calculators to access the MTTF calculators by product. 2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf. Select Documentation/Application Notes - AN1955. 3. Part is internally matched both on input and output.
MRF6S21050LR3 MRF6S21050LSR3 2 RF Device Data Freescale Semiconductor
B1 VBIAS + C7 + C6 C5
R1 VSUPPLY C4 C3 C8 C9 C10 C11 + C12 + C13 + C14
Z6 RF INPUT
Z7
Z8
Z9 C2
Z10
RF OUTPUT
Z1
Z2 C1
Z3
Z4
Z5
DUT
Z1, Z10 Z2 Z3 Z4 Z5
0.750 x 0.084 Microstrip 0.905 x 0.084 Microstrip 0.435 x 0.173 Microstrip 0.073 x 0.333 Microstrip 0.070 x 0.333 Microstrip
Z6 Z7 Z8 Z9 PCB
0.113 x 0.590 Microstrip 0.325 x 0.590 Microstrip 0.214 x 0.150 Microstrip 0.723 x 0.084 Microstrip Arlon GX - 0300- 5022, 0.030, r = 2.5
Figure 1. MRF6S21050LR3(LSR3) Test Circuit Schematic
Table 5. MRF6S21050LR3(LSR3) Test Circuit Component Designations and Values
Part B1 C1, C2, C3, C8 C4 C5, C11 C6 C7 C9, C10 C12 C13, C14 R1 Description Bead, Surface Mount 6.8 pF Chip Capacitors 0.01 F Chip Capacitor (1825) 2.2 F, 50 V Chip Capacitors (1825) 22 F, 25 V Tantalum Capacitor 47 F, 16 V Tantalum Capacitor 10 F, 50 V Chip Capacitors (2220) 47 F, 50 V Electrolytic Capacitor 220 F, 50 V Electrolytic Capacitors 3.3 W, 1/4 W Chip Resistor (1210) Part Number 2743019447 100B6R8CP500X C1825C103J1RAC C1825C225J5RAC ECS - T1ED226R T491D476K016AS GRM55DR61H106KA88B MVK50VC47RM8X10TP MVY50VC221MJ10TP ERJ - 14YJ3R3U Manufacturer Fair- Rite ATC Kemet Kemet Panasonic TE Series Kemet Murata Nippon Nippon Dale/Vishay
MRF6S21050LR3 MRF6S21050LSR3 RF Device Data Freescale Semiconductor 3
C11 C10 C3 B1
C12
C13
R1
C8 C9
C4, C5* C7 C6 C14
CUT OUT AREA
C1
C2
MRF6S21050L Rev. 1
* C4 on bottom, C5 on top.
Figure 2. MRF6S21050LR3(LSR3) Test Circuit Component Layout
MRF6S21050LR3 MRF6S21050LSR3 4 RF Device Data Freescale Semiconductor
TYPICAL CHARACTERISTICS
16.4 16.3 16.2 Gps, POWER GAIN (dB) VDD = 28 Vdc, Pout = 11.5 W (Avg.) 16.1 I = 450 mA, 2-Carrier W-CDMA DQ 16 10 MHz Carrier Spacing, 3.84 MHz Channel Bandwidth, PAR = 8.5 dB @ 0.01% 15.9 Probability (CCDF) 15.8 15.7 15.6 15.5 ACPR IM3 Gps D, DRAIN EFFICIENCY (%) IM3 (dBc), ACPR (dBc) -10 -20 -30 -40 -50 -60 D, DRAIN EFFICIENCY (%) IM3 (dBc), ACPR (dBc) -10 -15 -20 -25 -30 -35 675 mA -30 IDQ = 225 mA -40 335 mA 450 mA -60 0.1 1 10 100 0.1 1 10 100 Pout, OUTPUT POWER (WATTS) PEP Pout, OUTPUT POWER (WATTS) PEP 560 mA IRL, INPUT RETURN LOSS (dB) IRL, INPUT RETURN LOSS (dB) D 30 28 26 24 22 -32 IRL -34 -36 -38 -40
15.4 -42 2100 2110 2120 2130 2140 2150 2160 2170 2180 2190 2200 f, FREQUENCY (MHz)
Figure 3. 2 - Carrier W - CDMA Broadband Performance @ Pout = 11.5 Watts
16 15.9 15.8 Gps, POWER GAIN (dB) 15.7 15.6 15.5 15.4 15.3 15.2 15.1 IM3 IRL VDD = 28 Vdc, Pout = 23 W (Avg.) IDQ = 450 mA, 2-Carrier W-CDMA 10 MHz Carrier Spacing, 3.84 MHz Channel Bandwidth, PAR = 8.5 dB @ 0.01% Probability (CCDF) D
41 40 39 38 Gps 37 -24 -26 -28 -30
-32 ACPR 15 -34 2100 2110 2120 2130 2140 2150 2160 2170 2180 2190 2200 f, FREQUENCY (MHz)
Figure 4. 2 - Carrier W - CDMA Broadband Performance @ Pout = 23 Watts
17.5 17 560 mA Gps, POWER GAIN (dB) 16.5 16 15.5 15 14.5 225 mA 14 13.5 VDD = 28 Vdc, f1 = 2135 MHz f2 = 2145 MHz, Two-Tone Measurements, 10 MHz Tone Spacing 450 mA 335 mA IMD, THIRD ORDER INTERMODULATION DISTORTION (dBc) IDQ = 675 mA
-10 VDD = 28 Vdc, f1 = 2135 MHz, f2 = 2145 MHz Two-Tone Measurements, 10 MHz Tone Spacing -20
-50
Figure 5. Two - Tone Power Gain versus Output Power
Figure 6. Third Order Intermodulation Distortion versus Output Power
MRF6S21050LR3 MRF6S21050LSR3 RF Device Data Freescale Semiconductor 5
TYPICAL CHARACTERISTICS
IMD, INTERMODULATION DISTORTION (dBc)
-10 VDD = 28 Vdc, Pout = 60 W (PEP), IDQ = 450 mA Two-Tone Measurements (f1 + f2)/2 = Center Frequency of 2140 MHz 3rd Order 5th Order -40 7th Order
52 51 Pout, OUTPUT POWER (dBm) 50 P1dB = 47.89 dBm (61.52 W) 49 48 47 46 45 VDD = 28 Vdc, IDQ = 450 mA Pulsed CW, 8 sec(on), 1 msec(off) f = 2140 MHz 29 30 31 32 33 34 35 36 Actual P3dB = 48.66 dBm (73.43 W) Ideal
-20
-30
-50
-60 0.01
0.1
1 TWO-TONE SPACING (MHz)
10
100
44 28
Pin, INPUT POWER (dBm)
Figure 7. Intermodulation Distortion Products versus Tone Spacing
D, DRAIN EFFICIENCY (%), Gps, POWER GAIN (dB) 40 35 30 25
Figure 8. Pulse CW Output Power versus Input Power
-20
-35 ACPR Gps -40 -45 -50 D 0.2 1 10 30 -55 -60 Pout, OUTPUT POWER (WATTS) AVG. W-CDMA
20 15 10 5 0
Figure 9. 2 - Carrier W - CDMA ACPR, IM3, Power Gain and Drain Efficiency versus Output Power
16.5 16 Gps, POWER GAIN (dB) 15.5 15 14.5 14 13.5 13 3 10 Pout, OUTPUT POWER (WATTS) CW 100 D VDD = 28 Vdc IDQ = 450 mA f = 2140 MHz Gps 64 56 D, DRAIN EFFICIENCY (%) 48 40 32 24 16 8 Gps, POWER GAIN (dB) 17 16.5 16 15.5 15 14.5 14 13.5 13 12.5 12 0 10 20 30 40 50 60 70 80 90 100 Pout, OUTPUT POWER (WATTS) CW 16 V VDD = 12 V 20 V 24 V 28 V 32 V IDQ = 450 mA f = 2140 MHz
Figure 10. Power Gain and Drain Efficiency versus CW Output Power MRF6S21050LR3 MRF6S21050LSR3 6
Figure 11. Power Gain versus Output Power
IM3 (dBc), ACPR (dBc)
VDD = 28 Vdc, IDQ = 450 mA, f1 = 2135 MHz f2 = 2145 MHz, 2 x W-CDMA, 10 MHz @ 3.84 MHz Channel Bandwidth, PAR = 8.5 dB @ 0.01% Probability (CCDF)
IM3 -25 -30
RF Device Data Freescale Semiconductor
TYPICAL CHARACTERISTICS
109 MTTF FACTOR (HOURS x AMPS2)
108
107
106 90 100 110 120 130 140 150 160 170 180 190 200 210 TJ, JUNCTION TEMPERATURE (C) This above graph displays calculated MTTF in hours x ampere2 drain current. Life tests at elevated temperatures have correlated to better than 10% of the theoretical prediction for metal failure. Divide MTTF factor by ID2 for MTTF in a particular application.
Figure 12. MTTF Factor versus Junction Temperature
W - CDMA TEST SIGNAL
100 10 PROBABILITY (%) 1 (dB) 0.1 0.01 0.001 0.0001 0 2 4 6 8 10 PEAK-TO-AVERAGE (dB) +20 +30 0 -10 -20 -30 -40 -50 -60 -70 -ACPR in +ACPR in 3.84 MHz BW 3.84 MHz BW -IM3 in 3.84 MHz BW -15 -10 -5 0 5 10
3.84 MHz Channel BW
W-CDMA. ACPR Measured in 3.84 MHz Channel Bandwidth @ 5 MHz Offset. IM3 Measured in 3.84 MHz Bandwidth @ 10 MHz Offset. PAR = 8.5 dB @ 0.01% Probability on CCDF
+IM3 in 3.84 MHz BW 15 20 25
-80 -25 -20
f, FREQUENCY (MHz)
Figure 13. CCDF W - CDMA 3GPP, Test Model 1, 64 DPCH, 67% Clipping, Single - Carrier Test Signal
Figure 14. 2-Carrier W-CDMA Spectrum
MRF6S21050LR3 MRF6S21050LSR3 RF Device Data Freescale Semiconductor 7
f = 2200 MHz Zload f = 2080 MHz f = 2200 MHz
Zo = 25
Zsource
f = 2080 MHz
VDD = 28 Vdc, IDQ = 450 mA, Pout = 11.5 W Avg. f MHz 2080 2090 2100 2110 2120 2130 2140 2150 2160 2170 2180 2190 2200 Zsource 4.09 3.74 3.95 4.44 5.03 5.55 5.76 5.57 4.86 4.04 3.69 3.91 4.41 j14.65 j13.95 j13.36 j13.00 j12.89 j13.05 j13.26 j13.70 j13.92 j13.61 j12.91 j12.44 j12.32 Zload 2.36 2.25 2.40 2.68 2.99 3.26 3.32 3.20 2.82 2.44 2.33 2.49 2.77 j7.52 j7.11 j6.78 j6.59 j6.52 j6.64 j6.68 j6.87 j6.93 j6.70 j6.29 j6.05 j5.96
Zsource = Test circuit impedance as measured from gate to ground. Zload = Test circuit impedance as measured from drain to ground. Device Under Test Output Matching Network
Input Matching Network
Z
source
Z
load
Figure 15. Series Equivalent Source and Load Impedance MRF6S21050LR3 MRF6S21050LSR3 8 RF Device Data Freescale Semiconductor
NOTES
MRF6S21050LR3 MRF6S21050LSR3 RF Device Data Freescale Semiconductor 9
NOTES
MRF6S21050LR3 MRF6S21050LSR3 10 RF Device Data Freescale Semiconductor
PACKAGE DIMENSIONS
2X G SEE NOTE 4 1 2X K 2 2X D bbb N (LID) ccc
M M
Q
M
bbb B 3
TB
M
A
M NOTES: 1. CONTROLLING DIMENSION: INCH. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. 3. DIMENSION H IS MEASURED 0.030 (0.762) AWAY FROM PACKAGE BODY. 4. INFORMATION ONLY: CORNER BREAK (4X) TO BE .060.005 (1.520.13) RADIUS OR .06.005 (1.520.13) x 45 CHAMFER. INCHES MIN MAX .795 .805 .380 .390 .125 .163 .275 .285 .035 .045 .004 .006 .600 BSC .057 .067 .092 .122 .395 .405 .395 .405 .120 .130 .395 .405 .395 .405 .005 BSC .010 BSC .015 BSC MILLIMETERS MIN MAX 20.19 20.44 9.65 9.9 3.17 4.14 6.98 7.24 0.89 1.14 0.10 0.15 15.24 BSC 1.45 1.7 2.33 3.1 10 10.3 10 10.3 3.05 3.3 10 10.3 10 10.3 0.127 BSC 0.254 BSC 0.381 BSC
B
TA
M
B
M
TA
M
B E
M
ccc C
M
TA
M
B
M
R (LID) F
aaa
M
TA
M
B
M
M (INSULATOR) A
T
SEATING PLANE
S (INSULATOR) aaa
M
H B
M
DIM A B C D E F G H K M N Q R S aaa bbb ccc
TA
M
A
STYLE 1: PIN 1. DRAIN 2. GATE 3. SOURCE
CASE 465E - 04 ISSUE F NI - 400 MRF6S21050LR3
2X D bbb M T A
1
M
B
M
NOTES: 1. CONTROLLING DIMENSION: INCH. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M-1994. 3. DIMENSION H IS MEASURED 0.030 (0.762) AWAY FROM PACKAGE BODY. DIM A B C D E F H K M N R S aaa bbb ccc INCHES MIN MAX .395 .405 .395 .405 .125 .163 .275 .285 .035 .045 .004 .006 .057 .067 .092 .122 .395 .405 .395 .405 .395 .405 .395 .405 .005 REF .010 REF .015 REF MILLIMETERS MIN MAX 10.03 10.29 10.03 10.29 3.18 4.14 6.98 7.24 0.89 1.14 0.10 0.15 1.45 1.70 2.34 3.10 10.03 10.29 10.03 10.29 10.03 10.29 10.03 10.29 0.127 REF 0.254 REF 0.38 REF
2
2X K R C
3 (LID)
ccc E
M
TA
M
B
M
N
ccc
M
TA
M
B
M
(LID)
F
A
(FLANGE)
A
T M
SEATING PLANE
H
S
(INSULATOR)
aaa
(FLANGE)
M
TA
M
B
M
(INSULATOR)
B
B
aaa
M
TA
M
B
M
STYLE 1: PIN 1. DRAIN 2. GATE 3. SOURCE
CASE 465F - 04 ISSUE E NI - 400S MRF6S21050LSR3
MRF6S21050LR3 MRF6S21050LSR3 RF Device Data Freescale Semiconductor 11
How to Reach Us:
Home Page: www.freescale.com E - mail: support@freescale.com USA/Europe or Locations Not Listed: Freescale Semiconductor Technical Information Center, CH370 1300 N. Alma School Road Chandler, Arizona 85224 +1 - 800- 521- 6274 or +1 - 480- 768- 2130 support@freescale.com Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) support@freescale.com Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1 - 8 - 1, Shimo - Meguro, Meguro - ku, Tokyo 153 - 0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor Hong Kong Ltd. Technical Information Center 2 Dai King Street Tai Po Industrial Estate Tai Po, N.T., Hong Kong +800 2666 8080 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1 - 800- 441- 2447 or 303 - 675- 2140 Fax: 303 - 675- 2150 LDCForFreescaleSemiconductor@hibbertgroup.com
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. Freescalet and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc. 2006. All rights reserved.
MRF6S21050LR3 MRF6S21050LSR3
Rev. 12 1, 5/2006 Document Number: MRF6S21050L
RF Device Data Freescale Semiconductor


▲Up To Search▲   

 
Price & Availability of MRF6S21050L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X