Part Number Hot Search : 
NSC5008D SB830 ASM5I RMPA2 SHD12 82C55A 012A3 NY0102Y
Product Description
Full Text Search
 

To Download MPS2907 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MPS2907 MPS2907A
PNP General Purpose Transistors
2 BASE
COLLECTOR 3
TO-92
1 EMITTER
1
2
3
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base VOltage Collector Current-Continuous Symbol VCEO VCBO VEBO IC 2907 -40 -60 -5.0 -600 2907A -60 Unit Vdc Vdc Vdc mAdc
THERMAL CHARACTERISTICS
Characteristics Total Device Dissipation FR-5 Board (1) TA=25 C Derate above 25 C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate, (2) TA=25 C Derate above 25 C Thermal Resistance, Junction to Ambient Junction and Storage, Temperature Symbol PD R JA PD R JA TJ,Tstg Max 225 1.8 556 300 2.4 417 -55 to +150 Unit mW mW/ C C/W mW mW/ C C/W C
ELECTRICAL CHARACTERISTICS
Characteristics Symbol Min Max Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC= -10 mAdc, IB=0) MPS2907 MPS2907A Collector-Base Breakdown Voltage (IC= -10 Adc, IE=0) Emitter-Base Breakdown Voltage (IE= -10 Adc, IC=0) Collector Cutoff Current (VCE= -30 Vdc, VEB (0ff)= -0.5Vdc) Collector Cutoff Current (VCB= -50 Vdc, IE=0) (VCB= -50Vdc, IE=0, TA=125 C) Base Cutoff Current (VCE= -30Vdc, VEB(off)= -0.5Vdc) 1.FR-5=1.0 x 0.75 x 0.062 in 2.Alumina=0.4 x 0.3 x 0.024 in. 99.5% alumina MPS2907 MPS2907A MPS2907 MPS2907A MPS2907A V(BR)CEO V(BR)CBO V(BR)EBO ICEX ICBO IB -40 -60 -60 -5.0 -50 -0.020 -0.010 -20 -10 -50 Vdc Vdc Vdc nAdc
nAdc
nAdc
WEITRON
http://www.weitron.com.tw
MPS2907 MPS2907A
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
Characteristics Symbol Min Max Unit
ON CHARACTERISTICS
DC Current Gain (IC= -0.1 mAdc, VCE= -10 Vdc) (IC= -1.0 mAdc, VCE= -10 Vdc) (IC= -10 mAdc, VCE= -10 Vdc) (IC= -150 mAdc, VCE= -10 Vdc) (IC= -500 mAdc, VCE= -10 Vdc) Collector-Emitter Saturation Voltage (IC= -150 mAdc, IB= -15mAdc) (IC= -500 mAdc, IB= -50mAdc) Base-Emitter Saturation Voltage (IC= -150 mAdc, IB= -15mAdc) (IC= -500 mAdc, IB= -50mAdc) MPS2907 MPS2907A MPS2907 MPS2907A MPS2907 MPS2907A MPS2907 MPS2907A MPS2907 MPS2907A VCE(sat) hFE 35 75 50 100 75 100 100 30 50 300 -0.4 -1.6 -1.3 -2.6 Vdc
VBE(sat)
Vdc
SMALL-SIGNAL CHARACTERISTICS
Current-Gain-Bandwidth Product (1),(2) (IC= -50 mAdc, VCE -=20 Vdc, f=100MHz) Output Capacitance (VCB= -10 Vdc, IE=0, f=1.0MHz) Input Capacitance (VEB= -2.0 Vdc, IC=0, f=1.0MHz) 1.Pulse Test:Pulse Width < 300 s, Duty Cycle < 2.0%. 2.fT is defined as the frequency at which Ihfe extrapolates to unity. fT Cobo Cibo 200 8.0 30 MHz pF pF
WEITRON
http://www.weitron.com.tw
MPS2907 MPS2907A Typical Characteristics
hFE NCRMALIZED CURRENT GAIN
3.0 2.0
TJ=125 C 25 C
1.0 0.7 0.5 0.3 0.2 -0.1 -0.2 -0.3 -0.5 -0.7 -1.0 -2.0 -3.0 -5.0 -7.0 -10
-55 C
VCE=-1.0V VCE=-10V
-20 -30 -50 -60 -100 -100 -300 -500
IC, COLLECTOR CURRENT(mA)
DC Current Gain
f T,CURRENT-GAIN-BANDWIDTH PRODUCT(MHz)
-1.0
400 300 200
TJ=25 C V VOLTAGE (VOLTS)
-0.8 -0.6 -0.4
VBE(sat)@IC/IB=1C VBE(on)@VCE= -10V
100 80 60 40 30 20 -1.0 -2.0 -5.0 -10
VCE=20V TJ=25 C
-0.2
VCE(sat)@IC/IB=10
-2.0 -5.0 -10 -20 -50 -100 -200 -500
0 -0.1 -0.2 -0.5 -1.0
-20
-50
-100 -200
-500 -1000
IC, COLLECTOR CURRENT(mA)
"On"Voltage
IC, COLLECTOR CURRENT(mA)
Current-Gain-Bandwidth Product
WEITRON
http://www.weitron.com.tw
MPS2907 MPS2907A
TO-92 Outline Dimensions
E
unit:mm
TO-92
H
C
J K
G
Dim A B C D E G H J K L
Min Max 3.70 3.30 1.40 1.10 0.55 0.38 0.51 0.36 4.70 4.40 3.43 4.70 4.30 1.270TYP 2.44 2.64 14.10 14.50
B
L
WEITRON
http://www.weitron.com.tw
D
A


▲Up To Search▲   

 
Price & Availability of MPS2907

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X