Part Number Hot Search : 
0HD33 CEE124 E0052S2 AW56W AW56W CD3206BB OSW5DK 2SK544E
Product Description
Full Text Search
 

To Download MMDT2227 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMDT2227
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR Features
* * * * * Complementary Pair Epitaxial Planar Die Construction Ultra-Small Surface Mount Package One 2222A-Type NPN, One 2907A-Type PNP Ideal for Low Power Amplification and Switching
SOT-363
A
C2 B1 E1
Dim A B C D F H J
M
Min 0.10 1.15 2.00 0.30 1.80 3/4 0.90 0.25 0.10
Max 0.30 1.35 2.20 0.40 2.20 0.10 1.00 0.40 0.25
KXX
E2 B2 C1
BC
Mechanical Data
* * * * Case: SOT-363, Molded Plastic Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking: K27 Weight: 0.006 grams (approx.)
0.65 Nominal
H K
K L M
J
D
F
L
All Dimensions in mm Note: E1, B1, and C1 = PNP2907A Section, E2, B2, and C2 = NPN2222A Section. Type marking indicates orientation.
Maximum Ratings, NPN2222A Section
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current - Continuous (Note 1) Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient (Note 1) Operating and Storage and Temperature Range
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC Pd RqJA Tj, TSTG NPN2222A 75 40 6.0 600 200 625 -55 to +150 Unit V V V mA mW K/W C
Maximum Ratings, PNP2907A Section
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current - Continuous (Note 1) Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient (Note 1) Operating and Storage and Temperature Range Note:
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC Pd RqJA Tj, TSTG PNP2907A -60 -60 -5.0 -600 200 625 -55 to +150 Unit V V V mA mW K/W C
1. Valid provided that terminals are kept at ambient temperature. 2. Pulse test: Pulse width 300ms, duty cycle 2%.
DS30122 Rev. B-2
1 of 4
MMDT2227
Electrical Characteristics, NPN2222A Section
Characteristic OFF CHARACTERISTICS (Note 2) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current Base Cutoff Current ON CHARACTERISTICS (Note 2) V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEX IEBO IBL Symbol
@ TA = 25C unless otherwise specified Min 75 40 6.0 3/4 3/4 3/4 3/4 35 50 75 100 40 50 35 3/4 0.6 3/4 3/4 -- 300 3/4 Max 3/4 3/4 3/4 10 10 10 20 3/4 3/4 3/4 300 3/4 3/4 3/4 0.3 1.0 1.2 2.0 8 25 3/4 4.0 Unit V V V nA mA nA nA nA Test Condition IC = 10mA, IE = 0 IC = 10mA, IB = 0 IE = 10mA, IC = 0 VCB = 60V, IE = 0 VCB = 60V, IE = 0, TA = 150C VCE = 60V, VEB(OFF) = 3.0V VEB = 3.0V, IC = 0 VCE = 60V, VEB(OFF) = 3.0V IC = 100mA, VCE = 10V IC = 1.0mA, VCE = 10V IC = 10mA, VCE = 10V IC = 150mA, VCE = 10V IC = 500mA, VCE = 10V IC = 10mA, VCE = 10V, TA = -55C IC = 150mA, VCE = 1.0V IC = 150mA, IB = 15mA IC = 500mA, IB = 50mA IC = 150mA, IB = 15mA IC = 500mA, IB = 50mA VCB = 10V, f = 1.0MHz, IE = 0 VEB = 0.5V, f = 1.0MHz, IC = 0 VCE = 20V, IC = 20mA, f = 100MHz VCE = 10V, IC = 100mA, RS = 1.0kW, f = 1.0kHz
DC Current Gain
hFE
3/4
Collector-Emitter Saturation Voltage Base- Emitter Saturation Voltage SMALL SIGNAL CHARACTERISTICS Output Capacitance Input Capacitance Current Gain-Bandwidth Product Noise Figure SWITCHING CHARACTERISTICS Delay Time Rise Time Note:
VCE(SAT) VBE(SAT)
V V
Cobo Cibo fT NF
pF pF MHz dB
td tr
3/4 3/4
10 25
ns ns
VCC = 30V, IC = 150mA, VBE(off) = - 0.5V, IB1 = 15mA
1. Valid provided that terminals are kept at ambient temperature. 2. Pulse test: Pulse width 300ms, duty cycle 2%.
DS30122 Rev. B-2
2 of 4
MMDT2227
Electrical Characteristics, PNP2907A Section
Characteristic OFF CHARACTERISTICS (Note 2) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Collector Cutoff Current Base Cutoff Current ON CHARACTERISTICS (Note 2) V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEX IBL Symbol
@ TA = 25C unless otherwise specified Min -60 -60 -5.0 3/4 3/4 3/4 75 100 100 100 50 3/4 3/4 Max 3/4 3/4 3/4 -10 -50 -50 3/4 3/4 3/4 300 3/4 -0.4 -1.6 -1.3 -2.6 8.0 30 3/4 Unit V V V nA mA nA nA Test Condition IC = -10mA, IE = 0 IC = -10mA, IB = 0 IE = -10mA, IC = 0 VCB = -50V, IE = 0 VCB = -50V, IE = 0, TA = 125C VCE = -30V, VEB(OFF) = -0.5V VCE = -30V, VEB(OFF) = -0.5V IC = -100A, VCE = IC = -1.0mA, VCE = IC = -10mA, VCE = IC = -150mA, VCE = IC = -500mA, VCE = -10V -10V -10V -10V -10V
DC Current Gain
hFE
3/4
Collector-Emitter Saturation Voltage Base- Emitter Saturation Voltage SMALL SIGNAL CHARACTERISTICS Output Capacitance Input Capacitance Current Gain-Bandwidth Product SWITCHING CHARACTERISTICS Turn-On Time Delay Time Rise Time Note:
VCE(SAT) VBE(SAT)
V V
IC = -150mA, IB = -15mA IC = -500mA, IB = -50mA IC = 150mA, IB = 15mA IC = 500mA, IB = 50mA VCB = -10V, f = 1.0MHz, IE = 0 VEB = -2.0V, f = 1.0MHz, IC = 0 VCE = -20V, IC = -50mA, f = 100MHz IC = -150mA, VCC = -30V, IB1= -15mA VCC = -30V, IC = -150mA, IB1 = -15mA
Cobo Cibo fT
3/4 -- 200
pF pF MHz
ton td tr
3/4 3/4 3/4
45 10 40
ns ns ns
1. Valid provided that terminals are kept at ambient temperature. 2. Pulse test: Pulse width 300ms, duty cycle 2%.
DS30122 Rev. B-2
3 of 4
MMDT2227
VCE COLLECTOR-EMITTER VOLTAGE (V)
30 20 10
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0.001
IC = 1mA IC = 10mA IC = 100mA IC = 30mA IC = 300mA
Cibo
CAPACITANCE (pF)
5.0
Cobo
1.0
0.1
1.0
10
50
0.01
0.1
1
10
100
REVERSE VOLTS (V) Fig. 1 (2222A) Capacitances (Typical)
IB BASE CURRENT (mA) Fig. 4 (2907A) Typical Collector Saturation Region
30 20
VCE COLLECTOR-EMITTER VOLTAGE (V)
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0.001
IC = 1mA IC = 10mA IC = 100mA IC = 30mA IC = 300mA
C, CAPACITANCE (pF)
Cibo
10
5.0
Cobo
1.0 -0.1
-1.0
-10
-30
0.01
0.1
1
10
100
REVERSE VOLTS (V) Fig. 3 (2907A) Capacitances (Typical)
IB BASE CURRENT (mA) Fig. 4 (2907A) Typical Collector Saturation Region
DS30122 Rev. B-2
4 of 4
MMDT2227


▲Up To Search▲   

 
Price & Availability of MMDT2227

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X