Part Number Hot Search : 
01E104 14D431K 13009 LCFS1055 90130 HI1276Y TA8061 FN4575
Product Description
Full Text Search
 

To Download MLX90109 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MLX90109
125kHz RFID Integrated Transceiver Features and Benefits
Highly Integrated transmitter-receiver for 125kHz ASK transponders Parallel antenna gives factor of Qreader improved power efficiency over serial antenna implementations Minimum reader PCB size with SO8 reader IC and minimum external components Integrated hardwired decoding for Biphase and Manchester ASK, 2kbit and 4kbit transponders. Direct amplitude modulation on the reader antenna for downlink to transponder. Power down mode with Brown out protection Optimized system cost Fast design-in, ease of implementation.
Applications
Car Immobilizers, portable readers, battery powered door locks, house held appliances, ...
Ordering Information
Part No. MLX90109 Temperature Range 25oC -40oC to 85oC Package SO: 150mils 8pins SOIC
Production parts available Q1 2001
Functional Diagram
Description
The MLX90109 is a single chip inductive RFID transmitter-receiver for the 125kHz range. It has been conceived for minimum system cost, and minimum power consumption, whilst offering all required flexibility for a state of the art AM ReadWrite base station. An external L and C are connected as a parallel resonant circuit, which will determine the carrier frequency and the oscillator frequency of the reader. This eliminates zero modulation effects, and avoids the need for an external oscillator. DATA The antenna amplitude can be adjusted CLOCK externally on the fly. This allows straightforward modulation of the antenna amplitude to write to the transponder. The reader IC can easily be switched to power down by switching the antenna amplitude to zero. The MLX90109 can be configured to decode the transponder signal on-chip. In this case the decoded signal is available through a 2-wire interface of clock and data. For minimum interface wiring, the undecoded transponder signal can also be made available on a single wire interface.
VDD
VDD Peak Det. Clock Loop Gain+ Osc. GND MODU SPEED Digital demod. SC filt
MLX90109 Comparator
COIL
Dataout Clockout
MODE
MLX90109 Parallel Resonant transceiver
Page 1 of 9
Rev 1.4 19-Dec-00
MLX90109
125kHz RFID Integrated Transceiver
MLX90109 Electrical Specifications
DC Operating Parameters TA = -40oC to 85oC, VDD = 5V (unless otherwise specified) General test conditions (see test set up blockdiagram) Creader= 21pF, Qreader=17, Lreader =75uH, Zant=1kOhm T: 100% tested, C: guaranteed by Design & Characterization Parameter Symbol Test Conditions Min Typ Max Units Supply Voltage Operating Resonance Freq. Fres Temperature detuning Quality factor Antenna Antenna Impedance Power down Current Max. Operating Current Coil pin clamping Voltage Max Antenna Driver Current MODU power up current MODU power down voltage MODU minimum voltage VDD Fres
(T)Fres
4.5 100 -1 See footnote 1 10 1 MODU = 5V MODU = 1V, excluding antenna driver current 0.6 21 DC equivalent, See footnote 2 See footnote 3 See footnote 4 See footnote 5 MODU = 1V MODU switched between 0.5 and 1.5V, 4.2 0.8 8.0 1.4 5
5
5.5 150 +1 50 10 1 1.5 26 8.5 60
V kHz %
T C T C
Qant Zant IDDsleep IDDmax Vclamp Idrivemax Imodupor Vmodupd Vmodumin
k uA mA V mA uA V V
C T T T C C C C T T
4.35
4.5
Max. Antenna Voltage swing Vantmax Modulation depth
Vant
8.6 2 2.6
Vpp V
1
A minimum Quality factor is required in order for the reader to recover the transponder signal. The maximum quality factor is not limited, since the transponder signal is picked up even. Antenna driver current is dimensioned, so as to guarantee that for Zant, within the specified range, the antenna driver can act as a perfect current source to drive the resonant circuit. For a typical Zant~L*Q = 1kOhm (e.g. L= 67uH, Q=19), and MODU at 1V, MLX90109 will force 4V antenna amplitude, therefore should supply 4mA current amplitude on the first harmonic sine wave. Duty cycle is 50%, therefore the equivalent DC current consumption for such a system is 1.3mA.
3 2
Power up is realized by forcing a current into MODU through the external correction network. This will release an internal strap to VDD of the MODU pin.
4
The MLX90109 goes in power down mode when the MODU pin is brought to VDD.
5
Voltages below Vmodumin, may cause the antenna Voltage to drop below VSS+0.3V. This will degrade the performance of the current driver. There is always a slight overshoot of the antenna voltage due to the antenna resonance.
6
Since the modulation is realized by altering (duty )the duty cycle around the 50% value, the driver current setting influences directly the modulation depth, as Moddepth=Zant*Idrive*duty.
MLX90109 Parallel Resonant transceiver
Page 2 of 9
Rev 1.4 19-Dec-00
MLX90109
125kHz RFID Integrated Transceiver
See footnote 6 Modulation depth range White Noise rejection Sensitivity Filter Gain Filter ripple Filter 3db BW slow Filter 3db BW fast Output voltage DATA and CLOCK pin Start up time AM demodulation Delay time MODU-IN ANTENNA-OUT AM demodulation Delay time Antenna input to Data output 2kHz square wave modulation Falling edge on antenna MODE= floating (See footnote 8) AM demodulation Delay time Antenna input to Data output 2kHz square wave modulation Rising edge on antenna MODE= floating (See footnote 8) Modulation pulse width deviation Antenna input to Data output Antenna pulse width versus output pulse width. MODE= floating (See footnote 8) -4 0 +4 periods C 29 periods C Vout SPEED = 1 SPEED = 0 Isink = 2.5mA MODU = 5V to 1V 0 25 Vsens See footnote 7 Schmitt trigger hysteresis 5 40 28 3 400 - 3.6k 800 - 7.2k 0.4 8 3 3 68 % mV mV dB dB Hz Hz V ms us periods C C T C C C C C C C C
Test set up Block diagram
7
Modulation on the reader antenna is limited towards maximum modulation depth, to prevent the reader from going into power down. Modudepth = (VPPmax-VPPmin)/( VPPmax+VPPmin) Since Vppmin (Vmodu=4.2V)=1.6V, and Vppmax (Vmodu=0.8V)=8.4, modudepthmax=68%.
8
VDD
VDD
Rdamp
8 7 6 5
The data slicer samples every 4 clock periods(=1/Fres), therefore any pulse on the output can be 4 periods off.
90109
1 2 3 4
CR
Rpar
LR
Ltag
MLX90109 Parallel Resonant transceiver
Page 3 of 9
Rev 1.4 19-Dec-00
MLX90109
125kHz RFID Integrated Transceiver
General Description
The MLX90109 is designed for use with a parallel antenna. This set up requires Qantenna times less current compared to traditional serial antennas, for building up the same magnetic field strength. Draw back is that the voltage swing (Vpp) is limited by the applied supply voltage. Vppmax ~ 2* VDD. In practice the antenna driver on the COIL pin limits the voltage swing some more. The MODU pin can regulate Vpp. The voltage level on MODU defines the reference level of the antenna voltage, as follows Vpp ~ 2*(VDD-VMODU) See specifications for VMODU values.
Amplitude detection
The amplitude demodulator of the transceiver detects the AM signal generated by the tag. This signal is filtered and amplified by an on-chip switched capacitor filter before feeding it to the digital decoder. The same signal is used to control the antenna voltage.
Filter settings
By setting the SPEED pin to VDD or to GND the filtering characteristics are optimized for either 2kbaud or 4kbaud respectively.
Digital decoding
The MODE pin allows to define whether to issue directly the filtered data stream on the DATA pin (MODE floating), or to have the MLX90109 decoding Manchester (MODE = VDD) or biphase (MODE = VSS) data. In the decoding mode, the digital receiver gets the filtered data stream and issues the tag data on the DATA pin at the rising edge of the clock, which is issued on the CLOCK pin. Both CLOCK and DATA are open drain outputs and require external pull-ups. Remark that the clockwidth and duty cycle can vary from bit to bit, between a half and one and a half bit periods on the tag coil especially in manchester mode.
Oscillator
The oscillator frequency is locked on the antenna frequency. The clock of the filter is derived from the oscillator. In this way the filter characteristics are locked to the transmission frequency. Consequently the MLX90109 is not sensitive to zero modulation.
Power Down
By setting VMODU = VDD, Antenna Voltage will fade to 0. At that moment MLX90109 stops oscillations, setting the device in power down mode. Wake up time depends on Qantenna, such that increased Q, will lead to increased wake up time. VSS SPEED MODE 4kBaud Biphase FLOAT (*) No decoding VDD 2kBaud Manchester
(*) Internally strapped to VDD/2
Write operation
Not only is the MODU pin used to set the carrier amplitude, it can also be used to put modulation on the carrier for write operations. Taking into account the transfer function of the regulation mechanism, a correction network is required to compensate for the system poles and zeroes. These poles and zero depend not only on internal parameters, but also on the antenna parameters. See annex for calculating the correction network.
Noise cancellation
Capacitance C2 should always be connected to VDD. Noise on VDD is coupled through to MODU, optimizing the power supply rejection ration (PSRR) through internal cancellation. This improves sensitivity in noisy environments. Maximum precautions should however be taken to minimize noise level, to benefit from the reader sensitivity, and obtain the maximum reading distances.
MLX90109 Parallel Resonant transceiver
Page 4 of 9
Rev 1.4 19-Dec-00
MLX90109
125kHz RFID Integrated Transceiver
Correction network
For a typical application, where 2kbaud date has to be sent to a transponder using a Manchester or Biphase encoding scheme, the most important harmonics lie in a bandwidth between 400Hz and 3.6kHz. As can be seen from the graphs below, the antenna parameters can significantly reduce the available bandwidth [FL, FH]. With a suitable correction network, the 3dB points can be shifted to extend the possibilities. Important system parameters are data rate, antenna inductance (Lreader) and antenna quality factor (Qreader). In the time domain we optimize the shape of the amplitude modulation on the reader antenna by applying that correction network.
Calculation
In the graph below the transfer function of the MLX90109 is given. * The first Zero (Fi) is determined the by the MLX90109 and is typically 70Hz. * The Poles (FL and FH) are set by the Open loop Gain (G=2mA/V) of the MLX90109 and the Antenna Impedance Zant, which is system dependent. In the graphs below the dependency of both poles on applied inductance and for 2 quality factors are reflected. It is clear that the bandwidth reduces significantly with increase of Qreader. Remark: Amax = G*Zant A correction network with a single pole/zero couple can increase the bandwidth by moving FH to FHH. A more complex correction network with 2 pole/zero couples can also improve the signal loss in case of important low frequency harmonics (DC like signals). In the Frequency domain this means FL is shifted towards Fi
dB(Vampl/Vmodu)
MLX90109
Amax 0
FH -> F HH
fi
fL
fH FL -> F i
Correction network with ... single pole/zero: ... double pole/zero:
0
fi
fL
fH
fHH
-Amax MLX90109 + different correction networks Amax 0 fi fL fH fHH
Frequency Domain
Time Domain
MLX90109 Parallel Resonant transceiver
Page 5 of 9
Rev 1.4 19-Dec-00
MLX90109
125kHz RFID Integrated Transceiver
Bandwidth graphs
2.5
MLX90109 FHH
2.5
MLX90109
2.0
2.0
FH Freq [kHz]
1.5
FH Freq [kHz]
Q = 30
1.5
1.0
1.0
Q = 40
0.5
0.5
FL
0 0 2.5 2.0 1.5 20 40 60 80 100 120 140 0 0
FL
20 40 60 80 100 120 140
L [uH]
L [uH]
MLX90109 FHH
2.5
MLX90109
2.0
FH Freq [kHz]
FH Freq [kHz]
Q = 30
1.5
1.0
1.0
Q = 40
0.5
0.5
FL
0 0 20 40 60 80 100 120 140 0 0
FL
20 40 60 80 100 120 140
L [uH]
L [uH]
MLX90109 Parallel Resonant transceiver
Page 6 of 9
Rev 1.4 19-Dec-00
MLX90109
125kHz RFID Integrated Transceiver
Applications Information
Rpar
VDD
CD=100nF Rr, Lr, Cr VDD 100k DataIN 2 MLX 90109 3 39k 47k 4 7 6 5 MODE SPEED uctrl ClockIN 1 100k 8 100k
C2=68nF C1=47nF uctrl Read/ Write
MLX90109 Read/Write demokit:
Above schematic is used in a demokit which allows to * read and write * the MLX90111 with 2cm diameter aircoils * at 2 and 4kbaud, using Manchester and Biphase encoding * up to 7cm whilst consuming only 5mA, inlcuding antenna current. An Atmel microcontroller (AT90S8515) was used to have enough ports to drive a ledbar. Antenna parameters: - Lr= 89uH, Cr= 18nF - Qr=30 - Rpar= Optional parallel resistance
The field of the coil is proportional to the number of windings and to the current flowing through it: H ~ N.I = N.V/(.L) with V the ac voltage across the coil, and .L the impedance of the coil. Furthermore the inductance of the coil is proportional to the square of the number of windings. L = Lo*N2 With Lo the inductance of 1 turn. So H ~ V/(.Lo.N) Reducing the number of turns on the coil is good for improving the field strength as well as for making the construction of the coil easier. Antenna impedance specification is determined by the current that the antenna driver can supply. Outside the specification, the feedback loop will not operate as designed for, and functionality will deteriorate drastically. Zant = Zr // Rpar with Zr = Lr/(Rl*Cr)
Coil design considerations
Let's start from an operation frequency of 120 kHz. In order for the antenna not to get detuned by stray capacitance to ground, it is good not to have a high L value. In this way C is big and the detuning is minimal.
MLX90109 Parallel Resonant transceiver
Page 7 of 9
Rev 1.4 19-Dec-00
MLX90109
125kHz RFID Integrated Transceiver
Unique Features
Use of a parallel antenna offers multiple advantages: - maximum power efficiency. - minimum system components Ease of use thanks to: - self resonating principle avoids zero modulation - flexible system configuration with higher Q's - High level of integration. A complete reader can be integrated on an ultra small PCB thanks to: - small body (150mills) SOIC8 package - limited amount of external components - Integrated decoding minimize demands on microcontroller side.
FAQ
1. Since the MLX90109 under the specified working conditions does not influence the antenna resonance frequency, the spread and temperature drift are determined by the discrete antenna components only. 2. The same feature allows significantly detuned transponders to change the resonance frequency in case of good coupling. This can be used to tune the MLX90111 after assembly, to allow use of high Q factors at minimum assembly cost. 3. Q = quality factor of the antenna reflects the ratio between the stored electromagnetic energy vs. the ohmic dissipated energy. Without degrading Rpar: Qreader = (2*pi*Fres*Lr)/Rr Else Rr can often be neglected resulting in: Qreader = Rpar*sqrt(Cr/Lr) 4. Zero Modulation Due to mistuning of the resonance frequency of transponder and reader antennas compared to an external oscillator frequency, the amplitude modulation induced by the transponder on the reader antenna is a mixture of amplitude and phase modulation. At special combinations of the three frequencies a pure phase modulation, or zero (amplitude) modulation occurs. Since the MLX90109 clock is extracted from the antenna resonance frequency it is not susceptible to this phenomenon. 5. The MLX90109 magnetic levels. 6. Modudepth = (VPPmax+VPPmin) is insensitive to DC
Cross Reference
The MLX90109 can replace any integrated frontend base station chip for read write operation to 125kHz transponders in the 125kHz range. All competitive products are with serial antenna, e.g. Marin p4092, or TEMIC U2270B.
Absolute Maximum Ratings
Supply Voltage, VDD (Overvoltage) Storage Temperature Range, TS ESD Sensitivity VSS-0.3V to VSS+6V [-55, 125]C 2kV
ESD Precautions
Electronic semiconductor products are sensitive to Electro Static Discharge (ESD). Always observe Electro Static Discharge control procedures whenever handling semiconductor products.
(VPPmax-VPPmin)/
Disclaimer
Melexis reserves the right to periodically make modifications to product specifications. The information included herein is believed to be accurate and reliable. However, Melexis assumes no responsibility for its use; nor for any infringements of patents or other rights of third parties which may result from its use. Melexis
Glossary of Terms
1. Base station = reader IC + microcontroller 2. Transceiver = Write (Transmitter) and read (receiver) unit 3. Q = antenna quality factor. 4. Modulation depth = ratio between the antenna amplitudes that are used for sending data with amplitude modulation.
MLX90109 Parallel Resonant transceiver
Page 8 of 9
Rev 1.4 19-Dec-00
MLX90109
125kHz RFID Integrated Transceiver
SO8 Pinout
Pin 1 2 3 4 5 6 7 8 Name COIL VSS SPEED MODU MODE CLOCK DATA VDD Function Antenna connection: pull down NMOSFET Ground Digital input, strapped to VSS or VDD. Modulation input Digital input, strapped to VSS or VDD. Clock output Data output Supply
1 MLX 90109 2 3 4
8 7 6 5
For the latest version of this document, Go to our website at:
www.melexis.com
Or for additional information contact Melexis Direct:
USA
Melexis Inc. 41 Locke Road, Concord, NH 03301 Phone: +1 603 223 2362 Fax: +1 603 223 9614 E-mail: sales_usa@melexis.com
United Kingdom
Silicon Concepts PCB Lynchborough Road, Hampshire GU30 7SB, United Kingdom Phone: +44 1428 751 617 Fax: +44 1428 751 603 E-mail: sales_uk@melexis.com
Germany
Melexis/Thesys Am Seestern 8, 40547 Dusseldorf, Germany Phone: +49 211 5360212 Fax: +49 211 5360250 E-mail: sales_de@melexis.com
France
Melexis France Tour Arago, 5 rue Bellini, 92806 Puteaux-La-Defense, France. Phone: +33 1 47 78 11 34 Fax: +33 1 47 78 06 35 E-mail: sales_france@melexis.com
Italy
Dimacred IRL Via Papa Giovanni XXIII no. 25, 20046 Biassono, Italy Phone: +39 039 249 4856 Fax: +39 039 491773 E-mail: sales_italy@melexis.com
Japan
Satori Electric Co., LTD 1-14-10 Shiba, Minato-Ku, Tokyo, Japan Phone: +81 3 3452 7171 Fax: +81 3 3769 2197 E-mail: sales_japan@melexis.com
Taiwan
Beechwood Int'l Taiwan Co. Room 8, 17F, No. 189, Taipei, Taiwan Phone: +886 2 2739 3322 Fax: +886 2 2739 3090 E-mail: sales_taiwan@melexis.com
Melexis is QS 9000/ VDA6.1 / ISO14000 Certified
MLX90109 Parallel Resonant transceiver
Page 9 of 9
Rev 1.4 19-Dec-00


▲Up To Search▲   

 
Price & Availability of MLX90109

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X