Part Number Hot Search : 
FR16C100 EE08686 EV9800 PST9244 P1000 MBT2222 NCV33 S1308M
Product Description
Full Text Search
 

To Download MIT-5A116-U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SLOTTED PHOTOINTERRUPTER
Description
The MIT-5A116-U consists of a Gallium Arsenide infrared emitting diode and a NPN silicon phototransistor built in a black plastic housing . It is a transmissive subminiature photointerrupter.
2 14.00(.551) 0.50 0.10 (.020.004) 5.00 0.20 B A (.197.008) 1
MIT-5A116-U
Package Dimensions
4
3
0.50 0.10 (.020.004)
10.00(.394)
2.50(.098)
0.70(.028)
Features
l l l l l
(.146.008)
3.70 0.20
B'
A'
For- direct pc board Dual - in - line socket mounting Fast switching speed Choice of mounting configuration.
A-A' SECTION 2.54 NOM (.100)
0.50TYP (.020)
(.394)
Non -contact switching
10.00MIN
7.50 0.30 (.295.012)
9.00 0.30 (.406.012) 2- 0.70 0.10 (.028004) 2.35 0.10 (.038.004) 6.60 0.10 (.260.004) (.205.004) 5.20 0.10 1.00(.040) MIN B-B' SECTION
2.54 (.100)
1.50(.059)
1.70 (.067)
0.90 (.035)
6.00 (.236)
5.20(.205)
NOTE
1. Tolerance is 0.25 mm (.006") unless otherwise noted.
Absolute Maximum Ratings
@TA =25oC Parameter Continuous Forward Current INPUT Reverse Voltage Power Dissipation Collector-emitter breakdown voltage OUTPUT Emitter-Collector breakdown voltage Collector power dissipation Total power dissipation Operating Temperature Range Storage Temperature Range Symbol IF VR Pad V(BR)CEO V(BR)ECO PC PTOT Topr Tstg Maximum Rating 50 5 75 30 5 75 100 -25 C to + 85 C -40oC to + 100oC
o o
Unit mA V mW V V mW mW
Unity Opto Technology Co., Ltd.
04/01/2002
0.70 (.027)
6.00 0.10 (.236.004)
MIT-5A116-U
Optical-Electrical Characteristics
Parameter Input Output Forward Voltage Reverse Current symbol VF IR Min. 0.4 Typ. 1.2 20 20 Max. 1.4 10 100 0.4 4 100 100 Unit. V nA V mA S S @TA =25oC Test Conditions IF =20mA Vce =10V Ic=0.1mA,Ee=0.1mW/cm2 IF =20mA, Vce =5V Ic=100A, Vce =5V RL =1k, d =1mm
A VR =5V
Collector Dark Current Iceo Collector Emitter Saturation Voltage VCE(SAT) Collector Current Ic (on) tr tf
Transfer Cha- Response Time (RISE) racteristics Response Time (FALL)
Typical Optical-Electrical Characteristic Curves
Forward Current IF (mA)
50 40 30 20 10 0 -25 0 25 50 75 100
Power Dissipation (mW)
60
120 100 80 60 40 20 0 -25 0 25 50 75 100 PD , PC PTOT
Ambient Temperature TA Fig.1 forward Current VS. Ambient Temperature Forward Current IF (mA) Collector Current Ic (A)
100 80 60 40 20 0 0.8 1.2 1.6 2.0 2.4 2.8 700 600 500 400 300 200 100 0 0
Ambient Temperature TA (oC ) Fig.2 Power Dissipation vs Ambient Temperature
Vce=2V Ta=25o C
5
10
15
20
25
30
Collector Current Ic (A)
700 600 500 400 300 200 100 0 0
Relative Collector Current (%)
Forward Voltage VF (V) Fig.3 Forward Current VS Forward Voltage
Ta=25o C 20mA
Forward Current IF (mA) Fig.4 Collector Current vs Forward Voltage
120 100 80 60 40 20 0 -25 0 25 50 75 100
IF=15mA 10mA 4mA
2
4
6
8
10
12
Collector-Emitter Voltage Vce (V) Fig.5 Collector Current vs. Vce
Ambient Temperature TA ( oC ) Fig.6 Relative Collector Current VS. TA
Unity Opto Technology Co., Ltd.
04/01/2002
MIT-5A116-U
Typical Optical-Electrical Characteristic Curves
Collector Dark Current ICEO
10-6 10
-7
1000
Response Time (s)
VCE=20V
100 10 1
V CE =2V I C =100mA Ta=25 o C
4
10-8 10-9 10-10 0
Ambient Temperature TA (o C ) Fig.7 Collector Dark Current vs. Ambient Temperature
25
50
75
100
0.1 0.01
0.1
1
10
100
Load Resistance Rt (K) Fig.8 Response Time vs. Load Resistance
100
Relative Sensitivity (%)
Ta=25 o C
Response Time Measurement Circuit
80 60 40 20 0 700 Input Input Output tr
90 % 10 %
t t tf IL VR Output VCC
800
900
1000
1100
1200
Wavelength (nm) Fig.9 Spectral Sensitivity (Detecting side)
Sensing Position Characteristics (Typical)
X Y
I F =20mA V CE =5V I F =20mA V CE =5V Ta=25 o C
Relative light current IL (%)
100
Ta=25 o C
(Center of optical axis) 50 X Y 0 0 -2 -1 0 +1 +2 (mm) -2 -1 0 +1 +2 (mm) 0 + +
Distance d (mm)
Unity Opto Technology Co., Ltd.
04/01/2002


▲Up To Search▲   

 
Price & Availability of MIT-5A116-U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X