Part Number Hot Search : 
LA7577 S6020 50KHZ AN5870K SM100 UVTOP310 25001 SKL13B
Product Description
Full Text Search
 

To Download MCR69-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCR69-2, MCR69-3 Silicon Controlled Rectifiers
Reverse Blocking Thyristors
* Glass-Passivated Junctions for Greater Parameter Stability and * Center-Gate Geometry for Uniform Current Spreading Enabling * Small Rugged, Thermowatt Package Constructed for Low Thermal * *
Resistance and Maximum Power Dissipation and Durability High Capacitor Discharge Current, 750 Amps Device Marking: Logo, Device Type, e.g., MCR69-2, Date Code High Discharge Current Reliability
http://onsemi.com
Designed for overvoltage protection in crowbar circuits.
SCRs 25 AMPERES RMS 50 thru 100 VOLTS
G A K
MAXIMUM RATINGS (TJ = 25C unless otherwise noted)
Rating Peak Repetitive Off-State Voltage(1) (TJ = to +125C, Gate Open) MCR69-2 MCR69-3 Symbol VDRM, VRRM 50 100 ITM IT(RMS) IT(AV) ITSM 750 25 16 300 Amps Amps Amps Value Unit Volts
*40
4
Peak Discharge Current(2) On-State RMS Current (180 Conduction Angles; TC = 85C) Average On-State Current (180 Conduction Angles; TC = 85C) Peak Non-Repetitive Surge Current (1/2 Cycle, Sine Wave, 60 Hz, TJ = 125C) Circuit Fusing Considerations (t = 8.3 ms) Forward Peak Gate Current (t 1.0 s, TC = 85C) Forward Peak Gate Power (t 1.0 s, TC = 85C) Forward Average Gate Power (t = 8.3 ms, TC = 85C) Operating Junction Temperature Range Storage Temperature Range Mounting Torque
1 Amps
2
3
I2t IGM PGM PG(AV) TJ Tstg --
375 2.0 20 0.5 - 40 to +125 - 40 to +150 8.0
A2s Amps 1 Watts Watt C 2 3 4
TO-220AB CASE 221A STYLE 3
PIN ASSIGNMENT
Cathode Anode Gate Anode
ORDERING INFORMATION
C in. lb. Device MCR69-2 MCR69-3 Package TO220AB TO220AB Shipping 500/Box 500/Box
(1) VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; however, positive gate voltage shall not be applied concurrent with negative potential on the anode. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded. (2) Ratings apply for tw = 1 ms. See Figure 1 for ITM capability for various duration of an exponentially decaying current waveform, t w is defined as 5 time constants of an exponentially decaying current pulse. (3) Test Conditions: IG = 150 mA, VD = Rated VDRM, ITM = Rated Value, TJ = 125C.
(c) Semiconductor Components Industries, LLC, 1999
1
February, 2000 - Rev. 0
Publication Order Number: MCR69/D
MCR69-2, MCR69-3
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Maximum Lead Temperature for Soldering Purposes 1/8 from Case for 10 Seconds Symbol RJC RJA TL Max 1.5 60 260 Unit C/W C/W C
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted.)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Peak Repetitive Forward or Reverse Blocking Current (VAK = Rated VDRM or VRRM, Gate Open) IDRM, IRRM TJ = 25C TJ = 125C -- -- -- -- 10 2.0 A mA
ON CHARACTERISTICS
Peak Forward On-State Voltage (ITM = 50 A)(1) (ITM = 750 A, tw = 1 ms)(2) Gate Trigger Current (Continuous dc) (VD = 12 V, RL = 100 ) Gate Trigger Voltage (Continuous dc) (VD = 12 V, RL = 100 ) Gate Non-Trigger Voltage (VD = 12 Vdc, RL = 100 , TJ = 125C) Holding Current (VD = 12 V, Initiating Current = 200 mA, Gate Open) Latching Current (VD = 12 Vdc, IG = 150 mA) Gate Controlled Turn-On Time(3) (VD = Rated VDRM, IG = 150 mA) (ITM = 50 A Peak) VTM -- -- IGT VGT VGD IH IL tgt 2.0 -- 0.2 3.0 -- -- -- 6.0 7.0 0.65 0.40 15 -- 1.0 1.8 -- 30 1.5 -- 50 60 -- mA Volts Volts mA mA s Volts
DYNAMIC CHARACTERISTICS
Critical Rate-of-Rise of Off-State Voltage (VD = Rated VDRM, Gate Open, Exponential Waveform, TJ = 125C) Critical Rate-of-Rise of On-State Current IG = 150 mA TJ = 125C dv/dt di/dt 10 -- -- -- -- 100 V/s A/s
(1) Pulse duration 300 s, duty cycle 2%. (2) Ratings apply for tw = 1 ms. See Figure 1 for ITM capability for various durations of an exponentially decaying current waveform. tw is defined as 5 time constants of an exponentially decaying current pulse. (3) The gate controlled turn-on time in a crowbar circuit will be influenced by the circuit inductance.
p
p
http://onsemi.com
2
MCR69-2, MCR69-3
Voltage Current Characteristic of SCR
+ Current Anode + VTM on state IRRM at VRRM IH
Symbol
VDRM IDRM VRRM IRRM VTM IH
Parameter
Peak Repetitive Off State Forward Voltage Peak Forward Blocking Current Peak Repetitive Off State Reverse Voltage Peak Reverse Blocking Current Peak On State Voltage Holding Current Reverse Blocking Region (off state) Reverse Avalanche Region Anode -
+ Voltage IDRM at VDRM Forward Blocking Region (off state)
I TM, PEAK DISCHARGE CURRENT (AMPS)
NORMALIZED PEAK CURRENT
1000
300 200 100 50 20 0.5 ITM tw tw = 5 time constants 1.0 2.0 5.0 10 20 50
1.0 0.8 0.6 0.4 0.2 0 25 50 75 100 125 TC, CASE TEMPERATURE (C)
tw, PULSE CURRENT DURATION (ms)
Figure 1. Peak Capacitor Discharge Current
Figure 2. Peak Capacitor Discharge Current Derating
TC , MAXIMUM ALLOWABLE CASE TEMPERATURE ( C)
P(AV) , AVERAGE POWER DISSIPATION (WATTS)
125 120 115 110 dc
32 Half Wave 24
105 100 95 90 85 80 75 4.0 8.0 12
dc 16
Half Wave
8.0 TJ = 125C 0 0 4.0 8.0 12 16 20 IT(AV), AVERAGE ON-STATE CURRENT (AMPS)
16
20
IT(AV), AVERAGE ON-STATE CURRENT (AMPS)
Figure 3. Current Derating
Figure 4. Maximum Power Dissipation
http://onsemi.com
3
MCR69-2, MCR69-3
r(t), TRANSIENT THERMAL RESISTANCE (NORMALIZED) 1 0.7 0.5 0.3 0.2 0.1 0.07 0.05 0.03 0.02 0.01 0.1 0.2 0.3 0.5 1 2 3 5 10 20 30 50 100 200 300 500 1k 2k 3k 5k 10 k ZJC(t) = RJC * r(t)
t, TIME (ms)
Figure 5. Thermal Response
10 NORMALIZED GATE TRIGGER CURRENT NORMALIZED GATE TRIGGER VOLTAGE 1.4 VD = 12 Volts RL = 100 5.0 3.0 2.0 1.0 0.5 0.3 0.2 -60 -40 -20 0 20 40 60 80 100 TJ, JUNCTION TEMPERATURE (C) 120 140 VD = 12 Volts RL = 100
1.2
1.0
0.8
0.5 -60
-40
-20
0
20
40
60
80
100
120
140
TJ, JUNCTION TEMPERATURE (C)
Figure 6. Gate Trigger Current
Figure 7. Gate Trigger Voltage
3.0 NORMALIZED HOLD CURRENT 2.0 VD = 12 Volts ITM = 100 mA 1.0 0.8
0.5
0.3 -60
-40
-20
0
20
40
60
80
100
120
140
TJ, JUNCTION TEMPERATURE (C)
Figure 8. Holding Current
http://onsemi.com
4
MCR69-2, MCR69-3
PACKAGE DIMENSIONS
TO-220AB CASE 221A-07 ISSUE Z
-T- B F C
SEATING PLANE
T
S
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION Z DEFINES A ZONE WHERE ALL BODY AND LEAD IRREGULARITIES ARE ALLOWED. DIM A B C D F G H J K L N Q R S T U V Z INCHES MIN MAX 0.570 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.095 0.105 0.110 0.155 0.014 0.022 0.500 0.562 0.045 0.060 0.190 0.210 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 0.045 --- --- 0.080 CATHODE ANODE GATE ANODE MILLIMETERS MIN MAX 14.48 15.75 9.66 10.28 4.07 4.82 0.64 0.88 3.61 3.73 2.42 2.66 2.80 3.93 0.36 0.55 12.70 14.27 1.15 1.52 4.83 5.33 2.54 3.04 2.04 2.79 1.15 1.39 5.97 6.47 0.00 1.27 1.15 --- --- 2.04
4
Q
123
A U K
H Z L V G D N J R
STYLE 3: PIN 1. 2. 3. 4.
http://onsemi.com
5
MCR69-2, MCR69-3
Notes
http://onsemi.com
6
MCR69-2, MCR69-3
Notes
http://onsemi.com
7
MCR69-2, MCR69-3
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
NORTH AMERICA Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com Fax Response Line: 303-675-2167 or 800-344-3810 Toll Free USA/Canada N. American Technical Support: 800-282-9855 Toll Free USA/Canada EUROPE: LDC for ON Semiconductor - European Support German Phone: (+1) 303-308-7140 (M-F 1:00pm to 5:00pm Munich Time) Email: ONlit-german@hibbertco.com French Phone: (+1) 303-308-7141 (M-F 1:00pm to 5:00pm Toulouse Time) Email: ONlit-french@hibbertco.com English Phone: (+1) 303-308-7142 (M-F 12:00pm to 5:00pm UK Time) Email: ONlit@hibbertco.com EUROPEAN TOLL-FREE ACCESS*: 00-800-4422-3781 *Available from Germany, France, Italy, England, Ireland CENTRAL/SOUTH AMERICA: Spanish Phone: 303-308-7143 (Mon-Fri 8:00am to 5:00pm MST) Email: ONlit-spanish@hibbertco.com ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Toll Free from Hong Kong & Singapore: 001-800-4422-3781 Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-8549 Phone: 81-3-5740-2745 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com
For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MCR69/D


▲Up To Search▲   

 
Price & Availability of MCR69-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X