Part Number Hot Search : 
XLR700 FMBN16BE KBU10 TA1414A 00006 HV518 ST37001 01V9A
Product Description
Full Text Search
 

To Download MBR4060PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR4035PT-MBR4060PT
MBR4035PT - MBR4060PT
Features * * * * * *
Low power loss, high efficiency. High surge capacity. For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications. Metal silicon junction, majority carrier conduction. High current capacity, low forward voltage drop. Guard ring for over voltage protection.
PIN 1 + PIN 3 CASE PIN 2
1
2
3
TO-3P/TO-247AD
Schottky Rectifiers
Absolute Maximum Ratings*
Symbol
VRRM IF(AV) IFSM Tstg TJ
TA = 25C unless otherwise noted
Parameter
4035PT Maximum Repetitive Reverse Voltage Average Rectified Forward Current .375 " lead length @ TA = 125C Non-repetitive Peak Forward Surge Current 8.3 ms Single Half-Sine-Wave Storage Temperature Range Operating Junction Temperature 35 45
Value
4045PT 4050PT 50 40 400 -65 to +175 -65 to +150 4060PT 60
Units
V A A C C
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics
Symbol
PD RJL Power Dissipation Thermal Resistance, Junction to Lead
Parameter
Value
3.0 1.2
Units
W C/W
Electrical Characteristics
Symbol
VF
TA = 25C unless otherwise noted
Parameter
4035PT Forward Voltage IF = 20 A, TC = 25C IF = 20 A, TC = 125C IF = 40 A, TC = 25C IF = 40 A, TC = 125C Reverse Current @ rated VR TA = 25C TA = 125C Peak Repetitive Reverse Surge Current 2.0 us Pulse Width, f = 1.0 KHz 0.70 0.60 0.80 0.75
Device
4045PT 4050PT 4060PT 0.72 0.62 1.0 100 2.0 1.0
Units
V V V V mA mA A
IR IRRM
2001 Fairchild Semiconductor Corporation
MBR4035PT - MBR4060PT, Rev. C
MBR4035PT-MBR4060PT
Schottky Rectifier
(continued)
Typical Characteristics
Average Rectified Forward Current, IF [A]
60 50 40 30 20 10 0
SINGLE PHASE HALF WAVE 60HZ RESISTIVE OR INDUCTIVE LOAD .375" (9.00mm) LOAD LENGTHS
Peak Forward Surge Current, IFSM [A]
400
300
200
0
25
50 75 100 125 Ambient Temperature [C]
150
175
100
1
2
5 10 20 50 Number of Cycles at 60Hz
100
Figure 1. Forward Current Derating Curve
Figure 2. Non-Repetitive Surge Current
50
T A = 150 C TA = 25 C
50
MBR4035PT-MBR4045PT
Reverse Current, IR [mA]
Forward Current, IF [A]
10
MBR4035PT-MBR4045PT
10
T A = 125 C MBR4050PT-MBR4060PT
1
1
MBR4050PT-MBR4060PT
TA = 75 C
0.1
MBR4035PT-MBR4045PT
0.1
Pulse Width = 300S 2% Duty Cycle
0.01
TA = 25 C MBR4050PT-MBR4060PT
0.01
0
0.2
0.4 0.6 0.8 Forward Voltage, VF [V]
1
1.2
0.001
0 20 40 60 80 100 120 140 Percent of Rated Peak Reverse Voltage [%]
Figure 3. Forward Voltage Characteristics
Figure 4. Reverse Current vs Reverse Voltage
2000 1000 500
MBR4050PT-MBR4060PT
MBR4035PT-MBR4045PT
Transient Thermal Impedance [C/W] 100
5000
100
Total Capacitance, CT [pF]
10
1
200 100 0.1
1 10 Reverse Voltage, VR [V]
0.1 0.01
0.1
1 10 Pulse Duration [s]
100
Figure 5. Total Capacitance
Figure 6. Thermal Impedance Characteristics
2001 Fairchild Semiconductor Corporation
MBR4035PT - MBR4060PT, Rev. C
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
DISCLAIMER
FAST (R) FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM
OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench (R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER (R)
SMART STARTTM STAR*POWERTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET (R)
VCXTM
STAR*POWER is used under license
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life systems which, (a) are intended for surgical implant into support device or system whose failure to perform can the body, or (b) support or sustain life, or (c) whose be reasonably expected to cause the failure of the life failure to perform when properly used in accordance support device or system, or to affect its safety or with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. H4


▲Up To Search▲   

 
Price & Availability of MBR4060PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X