Part Number Hot Search : 
5A222 2SA812M7 APL0760 TSM3460 5807M CM8537 2A20112 H8S2245
Product Description
Full Text Search
 

To Download MA3100W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zener Diodes Composite Elements
MA111
MA3100W
Silicon planer type
Constant voltage, constant current, waveform cripper and surge absorption circuit s Features
2.9 -0.05
Unit : mm
2.8 -0.3 0.650.15
+0.2 +0.25
1.5 -0.05
0.650.15
0.5R
0.95
4
1
q Mini
type package (4-pin) wiring in parallel of MA3100
1.90.2
+0.2
0.95
0.5
0.4 -0.05
+0.1
q Two-element
2 3
0.2 1.1 -0.1
Parameter Average forward current Instanious forward current Total power dissipation Single Double Single Double Single Double
Symbol IF(AV) IF(AV) IFRM IFRM Ptot *1 Ptot *1 PZSM*2 Tj Tstg
Rating 100 75 200 150 150 110 15 125 - 55 to + 125
Unit mA mA mA mA mW mW W C C
0.40.2
1 : Cathode 1 2 : Cathode 2 3 : Anode 2 4 : Anode 1 Mini Type Package (4-pin)
s Internal Connection
4 3 1 2
Non-repetitive reverse surge power dissipation Junction temperature Storage temperature
*1 With a printed-circuit board *2 t=100 s, Tj=125C
s Electrical Characteristics (Ta= 25C)*
Parameter Forward voltage Zener voltage Operating resistance Reverse current Temperature coefficient of zener voltage Terminal capacitance Symbol VF VZ*2 RZK RZ IR1 IR2 SZ*3 Ct
1 Condition min 9.4 typ 0.8 10.0 8 max 0.9 10.6 130 20 0.2 60 4.5 6.4 70 8.0 90 Unit V V A A mV/C pF
IF=10mA IZ= 5mA IZ= 0.5mA IZ= 5mA VR= 7V VR= 8.9V IZ= 5mA VR= 0V, f=1MHz
Note 1. Rated input/output frequency : 5MHz 2. * 1 : The VZ value is for the temperature of 25C. In other cases, carry out the temperature compensation. * 2 : Guaranteeed at 20ms after power application * 3 : Tj= 25 to 125C
s Marking
10W
0 to 0.1
0.1 to 0.3
0.8
s Absolute Maximum Ratings (Ta= 25C)
0.16 -0.06
+0.2
+0.1
0.6 -0
+0.1
0.4 -0.05 1.45
+0.1
Zener Diodes Composite Elements
MA3100W
IF - V F
1
VF - Ta
1.6 1.4
10-8
IR - V R
Ta=150C
10-1
100C 25C
10-9
100C
IF (mA)
VF (V)
IR (A)
Ta=150C 10-2
-20C
1.2
25C 10-10
1.0 0.8 0.6 0.4 IF=100mA 10mA 3mA
Forward voltage
Reverse current
Forward curren
10-3
10-11
10-4
10-12
0.2
10-5 0 0.2 0.4 0.6 0.8 1.0 1.2 Forward voltage VF (V)
0 -40
10-13
0
40
80
120 Ta
160 (C)
200
0
2
4
6
8
10
12
Ambient temperature
Reverse voltage
VR (V)
IR - Ta
10000 VR=7V 3V 1V IZ (A)
IZ - VZ
10-1 25C 100C Ta=-20C 150C
RZ (R)
RZ - IZ
103
1000
10-2
IR (nA)
102
Operating resistance
100
10-3
Reverse current
Zener current
10
10
10-4
1
1
10-5
0.1 -40
10-6
0 40 80 120 160 200
7
8
9
10
11 VZ (V)
12
13
10-1 10-4
10-3 Zener current
10-2 IZ (A)
10-1
Ambient temperature
Ta (C)
Zener voltage
Ct - VR
100
1000
PZSM - tW
Ta=25C
PZSM (W)
PZSM t
Ct (pF)
80
100
Non-repetitive reverse surge power dissipation
Terminal capacitance
60
40
Breakdown point (typ) 10
20
0 0 2 4 6 8 10 12 Reverse voltage VR (V)
1 0.01
0.1
1
10 tW (ms)
100
Pulse width


▲Up To Search▲   

 
Price & Availability of MA3100W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X