Part Number Hot Search : 
L1008A LC751 B4150 2412Z TDA8745H CDR21 V360A03 ACE100
Product Description
Full Text Search
 

To Download LNP120021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PANEL DISPLAY UNITS
320 x 320 mm 18 mm 16 x 16 Dots
Outline Drawing
LNP120021
Absolute Maximum Ratings (Ta = 25C) Item Supply Voltage for Logic Supply Voltage for LED Input Voltage Operating Ambient Temperature Storage Temperature Main Specifications (Ta = 25C) Item Display Colors Dot Diameter Dots Pitch Dot Total Number Display Surface Size Brightness (when lighting all lamps) Operating Method Clock Frequency for Logic Supply Voltage Supply Current Supply Voltage for LED Supply Current Viewing Angle (50 % Luminouse) Weight 364 CLK VCC ICC VLED ILED 2 1/2 B Symbol Ratings Red, Green, Amber 18 x 18 19.9 256 (16 x 16) 320 x 320 R e d : 2,000 Green : 2,000 Controllable Static lighting Max 5 5.0 0.25 Max 1.5 7.5 0.2 Max 12 when two colors are all turned "ON" Min 40 2,400 MHz V mA V A g mm cd/m2 mm mm Unit Symbol VCC VLED Vin Topr Tstg Ratings - 0.3 + 5.5 Max 8.0 - 0.3 VCC + 0.3 - 20 + 45 - 30 + 85 Unit V V V C C


▲Up To Search▲   

 
Price & Availability of LNP120021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X