Part Number Hot Search : 
D232G UPD16687 FQT7N10L ON0975 BA25BC0 TP1120 USL1601 BUW81A
Product Description
Full Text Search
 

To Download LM317LD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LM217L LM317L
LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
s s s s s s s
s
OUTPUT VOLTAGE RANGE: 1.2 TO 37V OUTPUT CURRENT IN EXCESS OF 100 mA LINE REGULATION TYP. 0.01% LOAD REGULATION TYP. 0.1% THERMAL OVERLOAD PROTECTION SHORT CIRCUIT PROTECTION OUTPUT TRANSISTOR SAFE AREA COMPENSATION FLOATING OPERATION FOR HIGH VOLTAGE APPLICATIONS
TO-92 SO-8
DESCRIPTION The LM217L/LM317L are monolithic integrated circuit in SO-8 and TO-92 packages intended for use as positive adjustable voltage regulators. They are designed to supply until 100 mA of load current with an output voltage adjustable over a 1.2 to 37V range. The nominal output voltage is selected by means of only a resistive divider, making the device
exceptionally easy to use and eliminating the stocking of many fixed regulators
SCHEMATIC DIAGRAM
February 2003
1/10
LM217L/LM317L
ABSOLUTE MAXIMUM RATINGS
Symbol VI - VO Pd Topr Tstg Power Dissipation Operating Junction Temperature for LM217L Range for LM317L Storage Temperature Range Parameter Input-Output Differential Voltage Value 40 Internally Limited -40 to 125 0 to 125 -55 to 150 C C Unit V
CONNECTION DIAGRAM (top view)
PIN 1 = ADJUST PIN 2 = IN PIN 3 = OUT
BOTTOM VIEW
SO-8
TO-92
ORDERING CODES
TYPE LM217L LM317L SO-8 LM217LD LM317LD TO-92 LM217LZ LM317LZ
TEST CIRCUIT
2/10
LM217L/LM317L
ELECTRICAL CHARACTERISTICS OF LM217L (refer to the test circuits, TJ = - 40 to 125C, VI - VO = 5 V, IO = 40 mA, unless otherwise specified).
Symbol VO VO Parameter Line Regulation Load Regulation Test Conditions VI - VO = 3 to 40 V IL < 20 mA VO 5 V IO = 5 to 100 mA VO 5 V IO = 5 to 100 mA IADJ IADJ VREF Adjustment Pin Current Adjustment Pin Current Reference Voltage VI - VO = 3 to 40 V IO = 5 to 100 mA Pd < 625 mW VI - VO = 3 to 40 V IO = 10 to 500 mA Pd < 625 mW 1.2 TJ = 25C TJ = 25C TJ = 25C Min. Typ. 0.01 0.02 5 20 0.1 0.3 50 0.2 1.25 0.7 VI - VO = 40 V VI - VO = 3 to 13 V VI - VO = 40 V eN SVR Output Noise Voltage B = 10 Hz to 10 KHzTJ = 25C CADJ = 0 CADJ = 10 F 66 Supply Voltage Rejection (*) TJ = 25C f = 120 Hz 100 3.5 200 50 0.003 65 80 % dB 5 Max. 0.02 0.05 15 50 0.3 1 100 5 1.3 Unit %/V mV % A A V % mA mA
VO/VO Output Voltage Temperature Stability IO(min) Minimum Load Current IO(max) Maximum Output Current
(*) CADJ is connected between Adjust pin and Ground.
ELECTRICAL CHARACTERISTICS OF LM317L (refer to the test circuits, TJ = 0 to 125C, VI - VO = 5 V, IO = 40 mA, unless otherwise specified).
Symbol VO VO Parameter Line Regulation Load Regulation Test Conditions VI - VO = 3 to 40 V IL < 20 mA VO 5 V IO = 5 to 100 mA VO 5 V IO = 5 to 100 mA IADJ IADJ VREF Adjustment Pin Current Adjustment Pin Current Reference Voltage VI - VO = 3 to 40 V IO = 5 to 100 mA Pd < 625 mW VI - VO = 3 to 40 V IO = 5 to 100 mA Pd < 625 mW 1.2 TJ = 25C TJ = 25C TJ = 25C Min. Typ. 0.01 0.02 5 20 0.1 0.3 50 0.2 1.25 0.7 VI - VO = 40 V VI - VO = 3 to 13 V VI - VO = 40 V eN SVR Output Noise Voltage B = 10 Hz to 10 KHzTJ = 25C CADJ = 0 CADJ = 10 F 66 Supply Voltage Rejection (*) TJ = 25C f = 120 Hz 100 3.5 200 50 0.003 65 80 % dB 5 Max. 0.04 0.07 25 70 0.5 1.5 100 5 1.3 Unit %/V mV % A A V % mA mA
VO/VO Output Voltage Temperature Stability IO(min) Minimum Load Current IO(max) Maximum Output Current
(*) CADJ is connected between Adjust pin and Ground.
3/10
LM217L/LM317L
Figure 1 : Current Limit Figure 2 : Minimum Operating Current
APPLICATION INFORMATION The LM317L provides an internal reference voltage of 1.25V between the output and adjustments terminals. This is used to set a constant current flow across an external resistor divider (see fig. 4), giving an output voltage VO of: VO = VREF (1 + R2/R1) + IADJ R2 The device was designed to minimize the term IADJ (100A max) and to maintain it very constant with line and load changes. Usually, the error term IADJ x R2 can be neglected. To obtain the previous requirement, all the regulator quiescent current is returned to the output terminal, imposing a minimum load current condition. If the load is insufficient, the output voltage will rise. Since the LM317L is a floating regulator and "sees" only the input-to-output differential voltage, supplies of very high voltage with respect to ground can be regulated as long as the maximum input-to-output differential is not exceeded. Furthermore, programmable regulator are easily obtainable and, by connecting a fixed resistor between the adjustment and output, the device can be used as a precision current regulator. In order to optimize the load regulation, the current set resistor R1 (see fig. 4) should be tied as close as possible to the regulator, while the ground terminal of R2 should be near the ground of the load to provide remote ground sensing. Figure 3 : Basic Adjustable Regulator
4/10
LM217L/LM317L
Figure 4 : Voltage Regulator with Protection Diodes
Figure 5 : Slow Turn-on 15V Regulator
Figure 6 : Current Regulator
Vref 1.25V IO = + IADJ R1 R1
5/10
LM217L/LM317L
Figure 7 : 5V Electronic Shut-down Regulator
Figure 8 : Digitally Selected Outputs
(R2 = sets maximum VO)
6/10
LM217L/LM317L
SO-8 MECHANICAL DATA
DIM. A A1 A2 B C D E e H h L k ddd 0.1 5.80 0.25 0.40 mm. MIN. 1.35 0.10 1.10 0.33 0.19 4.80 3.80 1.27 6.20 0.50 1.27 8 (max.) 0.04 0.228 0.010 0.016 TYP MAX. 1.75 0.25 1.65 0.51 0.25 5.00 4.00 MIN. 0.053 0.04 0.043 0.013 0.007 0.189 0.150 0.050 0.244 0.020 0.050 inch TYP. MAX. 0.069 0.010 0.065 0.020 0.010 0.197 0.157
0016023/C
7/10
LM217L/LM317L
TO-92 MECHANICA DATA
mm. DIM. MIN. A b D E e e1 L R S1 W 4.32 0.36 4.45 3.30 2.41 1.14 12.7 2.16 0.92 0.41 TYP MAX. 4.95 0.51 4.95 3.94 2.67 1.40 15.49 2.41 1.52 0.56 MIN. 170.1 14.2 175.2 129.9 94.9 44.9 500.0 85.0 36.2 16.1 TYP. MAX. 194.9 20.1 194.9 155.1 105.1 55.1 609.8 94.9 59.8 22.0 mils
0102782/C
8/10
LM217L/LM317L
Tape & Reel SO-8 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 8.1 5.5 2.1 3.9 7.9 12.8 20.2 60 22.4 8.5 5.9 2.3 4.1 8.1 0.319 0.216 0.082 0.153 0.311 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.335 0.232 0.090 0.161 0.319 MIN. TYP. MAX. 12.992 0.519 inch
9/10
LM217L/LM317L
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
10/10


▲Up To Search▲   

 
Price & Availability of LM317LD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X