Part Number Hot Search : 
MAPDCT PN8383 ADR440B UPC1031H C1124 TPS651 AM29L UA1458
Product Description
Full Text Search
 

To Download LM2574DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LM2574 0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
The LM2574 series of regulators are monolithic integrated circuits ideally suited for easy and convenient design of a step-down switching regulator (buck converter). All circuits of this series are capable of driving a 0.5 A load with excellent line and load regulation. These devices are available in fixed output voltages of 3.3 V, 5.0 V, 12 V, 15 V, and an adjustable output version. These regulators were designed to minimize the number of external components to simplify the power supply design. Standard series of inductors optimized for use with the LM2574 are offered by several different inductor manufacturers. Since the LM2574 converter is a switch-mode power supply, its efficiency is significantly higher in comparison with popular three-terminal linear regulators, especially with higher input voltages. In most cases, the power dissipated by the LM2574 regulator is so low, that the copper traces on the printed circuit board are normally the only heatsink needed and no additional heatsinking is required. The LM2574 features include a guaranteed 4% tolerance on output voltage within specified input voltages and output load conditions, and 10% on the oscillator frequency (2% over 0C to +125C). External shutdown is included, featuring 60 A (typical) standby current. The output switch includes cycle-by-cycle current limiting, as well as thermal shutdown for full protection under fault conditions.
Features http://onsemi.com
16 1
SO-16W DW SUFFIX CASE 751G
8 1
PDIP-8 N SUFFIX CASE 626
PIN CONNECTIONS
* * FB Sig Gnd ON/OFF Pwr Gnd * *
1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9
* 3.3 V, 5.0 V, 12 V, 15 V, and Adjustable Output Versions * Adjustable Version Output Voltage Range, 1.23 to 37 V 4% max * * * * * * * * * * * * * *
over Line and Load Conditions Guaranteed 0.5 A Output Current Wide Input Voltage Range: 4.75 to 40 V Requires Only 4 External Components 52 kHz Fixed Frequency Internal Oscillator TTL Shutdown Capability, Low Power Standby Mode High Efficiency Uses Readily Available Standard Inductors Thermal Shutdown and Current Limit Protection Simple and High-Efficiency Step-Down (Buck) Regulators Efficient Pre-regulator for Linear Regulators On-Card Switching Regulators Positive to Negative Converters (Buck-Boost) Negative Step-Up Converters Power Supply for Battery Chargers
* * Output * Vin * * *
(Top View)
FB Sig Gnd ON/OFF Pwr Gnd
1 2 3 4
8 7 6 5
* Output * Vin
(Top View)
* No internal connection, but should be soldered to * PC board for best heat transfer.
Applications ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 24 of this data sheet.
DEVICE MARKING INFORMATION
See general marking information in the device marking section on page 24 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2002
1
February, 2002 - Rev. 5
Publication Order Number: LM2574/D
LM2574
Typical Application (Fixed Output Voltage Versions)
7.0 - 40 V Unregulated DC Input (3) LM2574 (14) 2 (4) Sig Gnd 4 (6) Pwr 3 Gnd (5) Feedback 1 Output L1 330 H D1 1N5819 Cout 220 F
+Vin Cin 22 F 5 (12)
7 ON/OFF
5.0 V Regulated Output 0.5 A Load
Representative Block Diagram and Typical Application
+Vin Cin 5 1 Feedback R2 Fixed Gain Error Amplifier Comparator Freq Shift 18 kHz 52 kHz Oscillator (12) (3) Current Limit Driver Latch 1.0 Amp Switch Output 7 (14) Pwr Gnd 4 (6) D1 L1 Cout Load Vout ON/OFF 3 (5)
Unregulated DC Input
3.1 V Internal Regulator
ON/OFF
Output Voltage Versions 3.3 V 5.0 V 12 V 15 V For adjustable version R1 = open, R2 = 0
R2 () 1.7 k 3.1 k 8.84 k 11.3 k
R1 1.0 k Sig Gnd 2 (4)
1.235 V Band-Gap Reference
Reset
Thermal Shutdown
NOTE: Pin numbers in ( ) are for the SO-16W package.
Figure 1. Block Diagram and Typical Application
ABSOLUTE MAXIMUM RATINGS (Absolute Maximum Ratings indicate limits beyond which damage to the device may occur).
Rating Maximum Supply Voltage ON/OFF Pin Input Voltage Output Voltage to Ground (Steady State) DW Suffix, Plastic Package Case 751G Max Power Dissipation Thermal Resistance, Junction-to-Air N Suffix, Plastic Package Case 626 Max Power Dissipation Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case Storage Temperature Range Minimum ESD Rating (Human Body Model: C = 100 pF, R = 1.5 k) Lead Temperature (Soldering, 10 seconds) Maximum Junction Temperature NOTE: ESD data available upon request. - TJ 260 150 C C Symbol Vin - - PD RJA PD RJA RJC Tstg - Value 45 -0.3 V V +Vin -1.0 Internally Limited 145 Internally Limited 100 5.0 -65C to +150C 2.0 Unit V V V W C/W W C/W C/W C kV
http://onsemi.com
2
LM2574
OPERATING RATINGS (Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee
specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics). Rating Operating Junction Temperature Range Supply Voltage Symbol TJ Vin Value -40 to +125 40 Unit C V
SYSTEM PARAMETERS ([Note 1] Test Circuit Figure 16)
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, Vin = 12 V for the 3.3 V, 5.0 V, and Adjustable
version, Vin = 25 V for the 12 V version, Vin = 30 V for the 15 V version. ILoad = 100 mA. For typical values TJ = 25C, for min/max values TJ is the operating junction temperature range that applies [Note 2], unless otherwise noted). Characteristic LM2574-3.3 ([Note 1] Test Circuit Figure 16) Output Voltage (Vin = 12 V, ILoad = 100 mA, TJ = 25C) Output Voltage (4.75 V Vin 40 V, 0.1 A ILoad 0.5 A) TJ = 25C TJ = -40 to +125C Efficiency (Vin = 12 V, ILoad = 0.5 A) LM2574-5 ([Note 1] Test Circuit Figure 16) Output Voltage (Vin = 12 V, ILoad = 100 mA, TJ = 25C) Output Voltage (7.0 V Vin 40 V, 0.1 A ILoad 0.5 A) TJ = 25C TJ = -40 to +125C Efficiency (Vin = 12 V, ILoad = 0.5 A) LM2574-12 ([Note 1] Test Circuit Figure 16) Output Voltage (Vin = 25 V, ILoad = 100 mA, TJ = 25C) Output Voltage (15 V Vin 40 V, 0.1 A ILoad 0.5 A) TJ = 25C TJ = -40 to +125C Efficiency (Vin = 15 V, ILoad = 0.5 A) LM2574-15 ([Note 1] Test Circuit Figure 16) Output Voltage (Vin = 30 V, ILoad = 100 mA, TJ = 25C) Output Voltage (18 V < Vin < 40 V, 0.1 A < ILoad < 0.5 A) TJ = 25C TJ = -40 to +125C Efficiency (Vin = 18 V, ILoad = 0.5 A) LM2574 ADJUSTABLE VERSION ([Note 1] Test Circuit Figure 16) Feedback Voltage Vin = 12 V, ILoad = 100 mA, Vout = 5.0 V, TJ = 25C Feedback Voltage 7.0 V Vin 40 V, 0.1 A ILoad 0.5 A, Vout = 5.0 V TJ = 25C TJ = -40 to +125C Efficiency (Vin = 12 V, ILoad = 0.5 A, Vout = 5.0 V) VFB VFBT 1.193 1.18 - 1.23 77 1.267 1.28 - % 1.217 1.23 1.243 V V Vout Vout 14.4 14.25 - 15 88 15.6 15.75 - % 14.7 15 15.3 V V Vout Vout 11.52 11.4 - 12 - 88 12.48 12.6 - % 11.76 10 12.24 V V Vout Vout 4.8 4.75 - 5.0 77 5.2 5.25 - % 4.9 5.0 5.1 V V Vout Vout 3.168 3.135 - 3.3 - 72 3.432 3.465 - % 3.234 3.3 3.366 V V Symbol Min Typ Max Unit
1. External components such as the catch diode, inductor, input and output capacitors can affect the switching regulator system performance. When the LM2574 is used as shown in the Figure 16 test circuit, the system performance will be as shown in the system parameters section of the Electrical Characteristics. 2. Tested junction temperature range for the LM2574: Tlow = -40C Thigh = +125C.
http://onsemi.com
3
LM2574
SYSTEM PARAMETERS ([Note 3] Test Circuit Figure 16)
ELECTRICAL CHARACTERISTICS (continued) (Unless otherwise specified, Vin = 12 V for the 3.3 V, 5.0 V, and Adjustable version, Vin = 25 V for the 12 V version, Vin = 30 V for the 15 V version. ILoad = 100 mA. For typical values TJ = 25C, for min/max values TJ is the operating junction temperature range that applies [Note 4], unless otherwise noted).
Characteristic ALL OUTPUT VOLTAGE VERSIONS Feedback Bias Current Vout = 5.0 V (Adjustable Version Only) TJ = 25C TJ = -40 to +125C Oscillator Frequency (Note 5) TJ = 25C TJ = 0 to +125C TJ = -40 to +125C Saturation Voltage (Iout = 0.5 A, [Note 6]) TJ = 25C TJ = -40 to +125C Max Duty Cycle ("on") (Note 7) Current Limit Peak Current (Notes 5 and 6) TJ = 25C TJ = -40 to +125C Output Leakage Current (Notes 8 and 9), TJ = 25C Output = 0 V Output = - 1.0 V Quiescent Current (Note 8) TJ = 25C TJ = -40 to +125C Standby Quiescent Current (ON/OFF Pin = 5.0 V ("off")) TJ = 25C TJ = -40 to +125C ON/OFF Pin Logic Input Level Vout = 0 V TJ = 25C TJ = -40 to +125C Nominal Output Voltage TJ = 25C TJ = -40 to +125C ON/OFF Pin Input Current ON/OFF Pin = 5.0 V ("off"), TJ = 25C ON/OFF Pin = 0 V ("on"), TJ = 25C Ib - - fO - 47 42 Vsat - - DC ICL 0.7 0.65 IL - - IQ - - Istby - - VIH 2.2 2.4 VIL - - IIH IIL - - 1.2 - 15 0 1.0 0.8 A 30 5.0 1.4 - - - 60 - 200 400 V 5.0 - 9.0 11 A 0.6 10 2.0 30 mA 1.0 - 1.6 1.8 mA 93 1.0 - 98 1.2 1.4 - % A 52 52 - - 58 63 V 25 - 100 200 kHz nA Symbol Min Typ Max Unit
3. External components such as the catch diode, inductor, input and output capacitors can affect the switching regulator system performance. When the LM2574 is used as shown in the Figure 16 test circuit, the system performance will be as shown in the system parameters section of the Electrical Characteristics. 4. Tested junction temperature range for the LM2574: Tlow = -40C Thigh = +125C. 5. The oscillator frequency reduces to approximately 18 kHz in the event of an output short or an overload which causes the regulated output voltage to drop approximately 40% from the nominal output voltage. This self protection feature lowers the average power dissipation of the IC by lowering the minimum duty cycle from 5% down to approximately 2%. 6. Output (Pin 2) sourcing current. No diode, inductor or capacitor connected to the output pin. 7. Feedback (Pin 4) removed from output and connected to 0 V. 8. Feedback (Pin 4) removed from output and connected to 12 V for the Adjustable, 3.3 V, and 5.0 V versions, and 25 V for the 12 V and 15 V versions, to force the output transistor OFF. 9. Vin = 40 V.
http://onsemi.com
4
LM2574
TYPICAL PERFORMANCE CHARACTERISTICS (Circuit of Figure 16)
1.0 Vout , OUTPUT VOLTAGE CHANGE (%) 0.8 0.6 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 -50 -25 0 25 60 75 100 125 Vin = 20 V ILoad = 100 mA Normalized at TJ = 25C Vout , OUTPUT VOLTAGE CHANGE (%) 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -0.2 -0.4 -0.6 0 5.0 10 15 20 25 30 35 40 12 V and 15 V 3.3 V, 5.0 V and ADJ ILoad = 100 mA TJ = 25C
TJ, JUNCTION TEMPERATURE (C)
Vin, INPUT VOLTAGE (V)
Figure 2. Normalized Output Voltage
Figure 3. Line Regulation
2.0 INPUT - OUTPUT DIFFERENTIAL (V) L = 300 H 1.5 ILoad = 500 mA I O, OUTPUT CURRENT (A)
1.4 1.3 1.2 1.1 1.0 0.9 0.8 Vin = 25 V
1.0 ILoad = 100 mA 0.5
0 -50
-25
0
25
60
75
100
125
0.7 -50
-25
0
25
60
75
100
125
TJ, JUNCTION TEMPERATURE (C)
TJ, JUNCTION TEMPERATURE (C)
Figure 4. Dropout Voltage
Figure 5. Current Limit
IQ , QUIESCENT CURRENT (mA)
18 16 14 12 10 8.0 6.0 4.0 0 5.0 10 15 20 25 ILoad = 100 mA ILoad = 500 A
Vout = 5.0 V Measured at Ground Pin TJ = 25C
Istby , STANDBY QUIESCENT CURRENT ( A)
20
200 180 160 140 120 100 80 60 40 20 0 -50 Vin = 12 V Vin = 40 V VON/OFF = 5.0 V
30
35
40
-25
0
25
60
75
100
125
Vin, INPUT VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (C)
Figure 6. Quiescent Current
Figure 7. Standby Quiescent Current
http://onsemi.com
5
LM2574
TYPICAL PERFORMANCE CHARACTERISTICS (Circuit of Figure 16) (continued)
8.0 Vsat , SATURATION VOLTAGE (V) NORMALIZED FREQUENCY (%) 6.0 4.0 2.0 0 -2.0 -4.0 -6.0 -8.0 10 -50 -25 0 25 50 75 100 125 Vin = 12 V Normalized at 25C 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 125C -40C 25C
0
0.1
0.2
0.3
0.4
0.5
TJ, JUNCTION TEMPERATURE (C)
SWITCH CURRENT (A)
Figure 8. Oscillator Frequency
Figure 9. Switch Saturation Voltage
5.0 IFB , FEEDBACK PIN CURRENT (nA) 4.5 V in , INPUT VOLTAGE (V) 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 -50 Vin = 1.23 V ILoad = 100 mA -25 0 25 50 75 100 125 Adjustable Version Only
100 80 60 40 20 0 -20 -40 -60 -80 -25 0 25 50 75 100 125 Adjustable Version Only
-100 -50
TJ, JUNCTION TEMPERATURE (C)
TJ, JUNCTION TEMPERATURE (C)
Figure 10. Minimum Operating Voltage
Figure 11. Feedback Pin Current
20 V A 10 V 0 0.6 A B 0.4 A 0.2 A 0 C 20 mV AC 5 s/DIV A: Output Pin Voltage, 10 V/DIV. B: Inductor Current, 0.2 A/DIV. C: Output Ripple Voltage, 20 mV/DIV, AC-Coupled C B A
20 V 10 V 0 0.6 A 0.4 A 0.2 A 0 20 mV AC 5 s/DIV A: Output Pin Voltage, 10 V/DIV. B: Inductor Current, 0.2 A/DIV. C: Output Ripple Voltage, 20 mV/DIV, AC-Coupled
Figure 12. Continuous Mode Switching Waveforms Vout = 5.0 V, 500 mA Load Current, L = 330 H
Figure 13. Discontinuous Mode Switching Waveforms Vout = 5.0 V, 100 mA Load Current, L = 100 H
http://onsemi.com
6
LM2574
TYPICAL PERFORMANCE CHARACTERISTICS (Circuit of Figure 16) (continued)
A
50 mV AC A 50 mV AC
B
500 mA 0 B
200 mA 100 mA 0 200 s/DIV A: Output Voltage, 50 mV/DIV, AC Coupled B: 100 mA to 500 mA Load Pulse 200 s/DIV A: Output Voltage, 50 mV/DIV, AC Coupled B: 50 mA to 250 mA Load Pulse
Figure 14. 500 mA Load Transient Response for Continuous Mode Operation, L = 330 H, Cout = 300 F
Figure 15. 250 mA Load Transient Response for Discontinuous Mode Operation, L = 68 H, Cout = 470 F
http://onsemi.com
7
LM2574
Fixed Output Voltage Versions
(3) Vin 1 (12) 7.0 - 40 V Unregulated DC Input 4 Cin 22 F LM2574 Fixed Output (14) Pwr 2 Gnd (6) Sig 3 Gnd (4) Feedback 1 Output L1 330 H
Vout
7 ON/OFF (5) D1 1N5819
Cout 220 F
Load
Cin Cout D1 L1 R1 R2
- - - - - -
22 F, 60 V, Aluminium Electrolytic 220 F, 25 V, Aluminium Electrolytic Schottky, 1N5819 330 H, (For 5.0 Vin, 3.3 Vout, use 100 H) 2.0 k, 0.1% 6.12 k, 0.1%
Adjustable Output Voltage Versions
(3) Vin 1 (12) 7.0 V - 40 V Unregulated DC Input 4 Cin 22 F LM2574 Adjustable (14) Pwr 2 Gnd (6) Sig 3 Gnd (4) Feedback 1 Output L1 330 H R2 6.12 k D1 1N5819 1.0 ) R2 R1 1.0 Cout 220 F Load R1 2.0 k
Vout 5.0 V
7 ON/OFF (5)
V out + V R2 + R1
ref
V out V ref
Where Vref = 1.23 V, R1 between 1.0 k and 5.0 k NOTE: Pin numbers in ( ) are for the SO-16W package.
Figure 16. Test Circuit and Layout Guidelines
PCB LAYOUT GUIDELINES As in any switching regulator, the layout of the printed circuit board is very important. Rapidly switching currents associated with wiring inductance, stray capacitance and parasitic inductance of the printed circuit board traces can generate voltage transients which can generate electromagnetic interferences (EMI) and affect the desired operation. As indicated in the Figure 16, to minimize inductance and ground loops, the length of the leads indicated by heavy lines should be kept as short as possible. For best results, single-point grounding (as indicated) or ground plane construction should be used. On the other hand, the PCB area connected to the Pin 7 (emitter of the internal switch) of the LM2574 should be kept to a minimum in order to minimize coupling to sensitive circuitry. Another sensitive part of the circuit is the feedback. It is important to keep the sensitive feedback wiring short. To assure this, physically locate the programming resistors near to the regulator, when using the adjustable version of the LM2574 regulator.
http://onsemi.com
8
LM2574
PIN FUNCTION DESCRIPTION
Pin SO-16W 12 PDIP-8 5 Symbol Vin Description (Refer to Figure 1) This pin is the positive input supply for the LM2574 step-down switching regulator. In order to minimize voltage transients and to supply the switching currents needed by the regulator, a suitable input bypass capacitor must be present (Cin in Figure 1). This is the emitter of the internal switch. The saturation voltage Vsat of this output switch is typically 1.0 V. It should be kept in mind that the PCB area connected to this pin should be kept to a minimum in order to minimize coupling to sensitive circuitry. Circuit signal ground pin. See the information about the printed circuit board layout. Circuit power ground pin. See the information about the printed circuit board layout. This pin senses regulated output voltage to complete the feedback loop. The signal is divided by the internal resistor divider network R2, R1 and applied to the non-inverting input of the internal error amplifier. In the Adjustable version of the LM2574 switching regulator, this pin is the direct input of the error amplifier and the resistor network R2, R1 is connected externally to allow programming of the output voltage. It allows the switching regulator circuit to be shut down using logic level signals, thus dropping the total input supply current to approximately 80 A. The input threshold voltage is typically 1.5 V. Applying a voltage above this value (up to +Vin) shuts the regulator off. If the voltage applied to this pin is lower than 1.5 V or if this pin is left open, the regulator will be in the "on" condition.
14
7
Output
4 6 3
2 4 1
Sig Gnd Pwr Gnd Feedback
5
3
ON/OFF
DESIGN PROCEDURE
Buck Converter Basics
The LM2574 is a "Buck" or Step-Down Converter which is the most elementary forward-mode converter. Its basic schematic can be seen in Figure 17. The operation of this regulator topology has two distinct time periods. The first one occurs when the series switch is on, the input voltage is connected to the input of the inductor. The output of the inductor is the output voltage, and the rectifier (or catch diode) is reverse biased. During this period, since there is a constant voltage source connected across the inductor, the inductor current begins to linearly ramp upwards, as described by the following equation:
I L(on) + V - V out t on in L
current loop. This removes the stored energy from the inductor. The inductor current during this time is:
I L(off) + V out - V L D t off
This period ends when the power switch is once again turned on. Regulation of the converter is accomplished by varying the duty cycle of the power switch. It is possible to describe the duty cycle as follows:
t d + on , where T is the period of switching. T
For the buck converter with ideal components, the duty cycle can also be described as:
V d + out V in
During this "on" period, energy is stored within the core material in the form of magnetic flux. If the inductor is properly designed, there is sufficient energy stored to carry the requirements of the load during the "off" period.
Power Switch L
Figure 18 shows the buck converter idealized waveforms of the catch diode voltage and the inductor current.
Von(SW)
Diode Voltage
Vin
D
Cout
RLoad
Power Switch Off VD(FWD)
Power Switch On
Power Switch Off
Power Switch On Time
Figure 17. Basic Buck Converter
The next period is the "off" period of the power switch. When the power switch turns off, the voltage across the inductor reverses its polarity and is clamped at one diode voltage drop below ground by the catch diode. Current now flows through the catch diode thus maintaining the load
Inductor Current
Ipk Imin Diode Power Switch Power Switch
ILoad(AV)
Diode
Time
Figure 18. Buck Converter Idealized Waveforms http://onsemi.com
9
LM2574
Procedure (Fixed Output Voltage Version) In order to simplify the switching regulator design, a step-by-step design procedure and example is provided.
Procedure Given Parameters: Vout = Regulated Output Voltage (3.3 V, 5.0 V, 12 V or 15 V) Vin(max) = Maximum Input Voltage ILoad(max) = Maximum Load Current 1. Controller IC Selection According to the required input voltage, output voltage and current, select the appropriate type of the controller IC output voltage version. 2. Input Capacitor Selection (Cin) To prevent large voltage transients from appearing at the input and for stable operation of the converter, an aluminium or tantalum electrolytic bypass capacitor is needed between the input pin +Vin and ground pin Gnd. This capacitor should be located close to the IC using short leads. This capacitor should have a low ESR (Equivalent Series Resistance) value. 3. Catch Diode Selection (D1) A. Since the diode maximum peak current exceeds the regulator maximum load current, the catch diode current rating must be at least 1.2 times greater than the maximum load current. For a robust design the diode should have a current rating equal to the maximum current limit of the LM2574 to be able to withstand a continuous output short. B. The reverse voltage rating of the diode should be at least 1.25 times the maximum input voltage. 4. Inductor Selection (L1) A. According to the required working conditions, select the correct inductor value using the selection guide from Figures 19 to 23. B. From the appropriate inductor selection guide, identify the inductance region intersected by the Maximum Input Voltage line and the Maximum Load Current line. Each region is identified by an inductance value and an inductor code. C. Select an appropriate inductor from the several different manufacturers part numbers listed in Table 2. The designer must realize that the inductor current rating must be higher than the maximum peak current flowing through the inductor. This maximum peak current can be calculated as follows: Given Parameters: Vout = 5.0 V Vin(max) = 15 V ILoad(max) = 0.4 A 1. Controller IC Selection According to the required input voltage, output voltage, current polarity and current value, use the LM2574-5 controller IC. 2. Input Capacitor Selection (Cin) A 22 F, 25 V aluminium electrolytic capacitor located near to the input and ground pins provides sufficient bypassing. Example
3. Catch Diode Selection (D1) A. For this example the current rating of the diode is 1.0 A.
B. Use a 20 V 1N5817 Schottky diode, or any of the suggested fast recovery diodes shown in Table 1. 4. Inductor Selection (L1) A. Use the inductor selection guide shown in Figure 20.
B. From the selection guide, the inductance area intersected by the 15 V line and 0.4 A line is 330. C. Inductor value required is 330 H. From Table 2, choose an inductor from any of the listed manufacturers.
I p(max) + I Load(max) )
V in * V out t on 2L
where ton is the "on" time of the power switch and
V t on + out x 1.0 V in f osc
For additional information about the inductor, see the inductor section in the "EXTERNAL COMPONENTS" section of this data sheet.
http://onsemi.com
10
LM2574
Procedure (Fixed Output Voltage Version) (continued) In order to simplify the switching regulator design, a step-by-step design procedure and example is provided.
Procedure 5. Output Capacitor Selection (Cout) A. Since the LM2574 is a forward-mode switching regulator with voltage mode control, its open loop 2-pole-1-zero frequency characteristic has the dominant pole-pair determined by the output capacitor and inductor values. For stable operation and an acceptable ripple voltage, (approximately 1% of the output voltage) a value between 100 F and 470 F is recommended. B. Due to the fact that the higher voltage electrolytic capacitors generally have lower ESR (Equivalent Series Resistance) numbers, the output capacitor's voltage rating should be at least 1.5 times greater than the output voltage. For a 5.0 V regulator, a rating at least 8.0 V is appropriate, and a 10 V or 16 V rating is recommended. Example 5. Output Capacitor Selection (Cout) A. Cout = 100 F to 470 F standard aluminium electrolytic.
B. Capacitor voltage rating = 20 V.
Procedure (Adjustable Output Version: LM2574-ADJ)
Procedure Given Parameters: Vout = Regulated Output Voltage Vin(max) = Maximum DC Input Voltage ILoad(max) = Maximum Load Current 1. Programming Output Voltage To select the right programming resistor R1 and R2 value (see Figure 2) use the following formula: R2 1.0 ) V out + V ref R1 where Vref = 1.23 V R2 + R1 V out V ref Given Parameters: Vout = 24 V Vin(max) = 40 V ILoad(max) = 0.4 A 1. Programming Output Voltage (selecting R1 and R2) Select R1 and R2 : Vout = 1.23 1.0 ) R2 R1 Select R1 = 1.0 k Example
Resistor R1 can be between 1.0 k and 5.0 k. (For best temperature coefficient and stability with time, use 1% metal film resistors). R2 + R1 V out V ref * 1.0
* 1.0
+ 1.0 k
10 V * 1.0 1.23 V
R2 = 18.51 k, choose a 18.7 k metal film resistor.
2. Input Capacitor Selection (Cin) To prevent large voltage transients from appearing at the input and for stable operation of the converter, an aluminium or tantalum electrolytic bypass capacitor is needed between the input pin +Vin and ground pin Gnd. This capacitor should be located close to the IC using short leads. This capacitor should have a low ESR (Equivalent Series Resistance) value. For additional information see input capacitor section in the "EXTERNAL COMPONENTS" section of this data sheet. 3. Catch Diode Selection (D1) A. Since the diode maximum peak current exceeds the regulator maximum load current the catch diode current rating must be at least 1.2 times greater than the maximum load current. For a robust design, the diode should have a current rating equal to the maximum current limit of the LM2574 to be able to withstand a continuous output short. B. The reverse voltage rating of the diode should be at least 1.25 times the maximum input voltage.
2. Input Capacitor Selection (Cin) A 22 F aluminium electrolytic capacitor located near the input and ground pin provides sufficient bypassing.
3. Catch Diode Selection (D1) A. For this example, a 1.0 A current rating is adequate.
B. Use a 50 V MBR150 Schottky diode or any suggested fast recovery diodes in Table 1.
http://onsemi.com
11
LM2574
Procedure (Adjustable Output Version: LM2574-ADJ)
Procedure 4. Inductor Selection (L1) A. Use the following formula to calculate the inductor Volt x microsecond [V x s] constant: 6 E x T + (V * V out) x 10 V x ms in V F[Hz] in B. Match the calculated E x T value with the corresponding number on the vertical axis of the Inductor Value Selection Guide shown in Figure 23. This E x T constant is a measure of the energy handling capability of an inductor and is dependent upon the type of core, the core area, the number of turns, and the duty cycle. C. Next step is to identify the inductance region intersected by the E x T value and the maximum load current value on the horizontal axis shown in Figure 27. D. From the inductor code, identify the inductor value. Then select an appropriate inductor from Table 2. The inductor chosen must be rated for a switching frequency of 52 kHz and for a current rating of 1.15 x ILoad. The inductor current rating can also be determined by calculating the inductor peak current: V out Example 4. Inductor Selection (L1) A. Calculate E x T V x ms constant : E x T + (40 * 24) x 24 x 1000 + 105 V x ms 52 40
B. E x T + 185 V x ms
C. ILoad(max) = 0.4 A Inductance Region = 1000 D. Proper inductor value = 1000 H Choose the inductor from Table 2.
I p(max) + I Load(max) )
V in * V out t on 2L
where ton is the "on" time of the power switch and
V t on + out x 1.0 V in f osc
For additional information about the inductor, see the inductor section in the "External Components" section of this data sheet. 5. Output Capacitor Selection (Cout) A. Since the LM2574 is a forward-mode switching regulator with voltage mode control, its open loop 2-pole-1-zero frequency characteristic has the dominant pole-pair determined by the output capacitor and inductor values. For stable operation, the capacitor must satisfy the following requirement: V in(max) mF C out w 13, 300 V out x L mH B. Capacitor values between 10 F and 2000 F will satisfy the loop requirements for stable operation. To achieve an acceptable output ripple voltage and transient response, the output capacitor may need to be several times larger than the above formula yields. C. Due to the fact that the higher voltage electrolytic capacitors generally have lower ESR (Equivalent Series Resistance) numbers, the output capacitor's voltage rating should be at least 1.5 times greater than the output voltage. For a 5.0 V regulator, a rating of at least 8.0 V is appropriate, and a 10 V or 16V rating is recommended. 5. Output Capacitor Selection (Cout) A. 40 C out w 13, 300 x + 22.2 mF 24 x 1000 To achieve an acceptable ripple voltage, select Cout = 100 F electrolytic capacitor.
http://onsemi.com
12
LM2574
LM2574 Series Buck Regulator Design Procedures (continued)
Indicator Value Selection Guide (For Continuous Mode Operation)
60 20 15 12 10 9.0 8.0 7.0 6.0 60 470 330 220 150 100 5.0 0.1 Vin , MAXIMUM INPUT VOLTAGE (V) 30 20 15 12 10 9.0 8.0 7.0 0.1
Vin , MAXIMUM INPUT VOLTAGE (V)
680
1000 680 470 330 220
150 0.15 0.2 0.3 0.4 0.5 IL, MAXIMUM LOAD CURRENT (A)
0.15
0.2
0.3
0.4
0.5
IL, MAXIMUM LOAD CURRENT (A)
Figure 19. LM2574-3.3
Figure 20. LM2574-5
60 Vin , MAXIMUM INPUT VOLTAGE (V) 40 30 25 20 18 17 16 15 14 0.1
1500 1000 680 470 330 220 0.15 0.2 0.3 0.4 0.5 IL, MAXIMUM LOAD CURRENT (A)
Vin , MAXIMUM INPUT VOLTAGE (V)
2200
60 40 30 25 22 20 19 18 17 0.1 220 0.15 0.2 0.3 0.4 0.5 IL, MAXIMUM LOAD CURRENT (A) 2200 1500 1000 680 470 330
Figure 21. LM2574-12
Figure 22. LM2574-15
ET, VOLTAGE TIME (V s)
250 200 150 100 80 60 50 40 30 20 15 10 0.1
2200 1500 1000 680 470 330 220 150 100 68 0.15 0.2 0.3 0.4 0.5 IL, MAXIMUM LOAD CURRENT (A)
Figure 23. LM2574-ADJ
http://onsemi.com
13
LM2574
Table 1. Diode Selection Guide gives an overview about through-hole diodes for an effective design. Device listed in bold are available from ON Semiconductor
1.0 Amp Diodes VR Schottky 1N5817 MBR120P 1N5818 MBR130P 1N5819 MBR140P MUR110 (rated to 100 V) Fast Recovery
20 V
30 V
40 V
50 V 60 V
MBR150 MBR160
Table 2. Inductor Selection Guide
Inductor Value 68 H 100 H 150 H 220 H 330 H 470 H 680 H 1000 H 1500 H 2200 H
* : Contact Manufacturer
Pulse Engineering * * 52625 52626 52627 52628 52629 52631 * *
Tech 39 55 258 SN 55 308 SN 55 356 SN 55 406 SN 55 454 SN * 55 504 SN 55 554 SN * *
Renco RL-1284-68 RL-1284-100 RL-1284-150 RL-1284-220 RL-1284-330 RL-1284-470 RL-1284-680 RL-1284-1000 RL-1284-1500 RL-1284-2200
NPI NP5915 NP5916 NP5917 NP5918/5919 NP5920/5921 NP5922 NP5923 * * *
Table 3. Example of Several Inductor Manufacturers Phone/Fax Numbers
Pulse Engineering Inc. Phone Fax Phone Fax Phone Fax Phone Fax Phone Fax + 1-619-674-8100 + 1-619-674-8262 + 353-9324-107 + 353-9324-459 + 1-516-645-5828 + 1-516-586-5562 + 33-1-4115-1681 + 33-1-4709-5051 + 44-634-290-588
Pulse Engineering Inc. Europe
Renco Electronics Inc.
Tech 39
NPI/APC
http://onsemi.com
14
LM2574
EXTERNAL COMPONENTS
Input Capacitor (Cin) The Input Capacitor Should Have a Low ESR
voltage ratings may be needed to provide low ESR values, that are required for low output ripple voltage.
The Output Capacitor Requires an ESR Value that has an Upper and Lower Limit
For stable operation of the switch mode converter a low ESR (Equivalent Series Resistance) aluminium or solid tantalum bypass capacitor is needed between the input pin and the ground pin, to prevent large voltage transients from appearing at the input. It must be located near the regulator and use short leads. With most electrolytic capacitors, the capacitance value decreases and the ESR increases with lower temperatures. For reliable operation in temperatures below -25C larger values of the input capacitor may be needed. Also paralleling a ceramic or solid tantalum capacitor will increase the regulator stability at cold temperatures.
RMS Current Rating of Cin
As mentioned above, a low ESR value is needed for low output ripple voltage, typically 1% to 2% of the output voltage. But if the selected capacitor's ESR is extremely low (below 0.03 ), there is a possibility of an unstable feedback loop, resulting in oscillation at the output. This situation can occur when a tantalum capacitor, that can have a very low ESR, is used as the only output capacitor.
At Low Temperatures, Put in Parallel Aluminium Electrolytic Capacitors with Tantalum Capacitors
The important parameter of the input capacitor is the RMS current rating. Capacitors that are physically large and have large surface area will typically have higher RMS current ratings. For a given capacitor value, a higher voltage electrolytic capacitor will be physically larger than a lower voltage capacitor, and thus be able to dissipate more heat to the surrounding air, and therefore will have a higher RMS current rating. The consequences of operating an electrolytic capacitor beyond the RMS current rating is a shortened operating life. In order to assure maximum capacitor operating lifetime, the capacitor's RMS ripple current rating should be:
I rms u 1.2 x d x I Load
Electrolytic capacitors are not recommended for temperatures below -25C. The ESR rises dramatically at cold temperatures and typically rises 3 times at -25C and as much as 10 times at -40C. Solid tantalum capacitors have much better ESR spec at cold temperatures and are recommended for temperatures below -25C. They can be also used in parallel with aluminium electrolytics. The value of the tantalum capacitor should be about 10% or 20% of the total capacitance. The output capacitor should have at least 50% higher RMS ripple current rating at 52 kHz than the peak-to-peak inductor ripple current.
Catch Diode Locate the Catch Diode Close to the LM2574
where d is the duty cycle, for a continuous mode buck regulator
V t d + on + out V T in
The LM2574 is a step-down buck converter, it requires a fast diode to provide a return path for the inductor current when the switch turns off. This diode must be located close to the LM2574 using short leads and short printed circuit traces to avoid EMI problems.
Use a Schottky or a Soft Switching Ultra-Fast Recovery Diode
and
|V out| t d + on + |V out| ) V T
for a buck-boost regulator.
in
Output Capacitor (Cout)
For low output ripple voltage and good stability, low ESR output capacitors are recommended. An output capacitor has two main functions: it filters the output and provides regulator loop stability. The ESR of the output capacitor and the peak-to-peak value of the inductor ripple current are the main factors contributing to the output ripple voltage value. Standard aluminium electrolytics could be adequate for some applications but for quality design, low ESR types are recommended. An aluminium electrolytic capacitor's ESR value is related to many factors, such as the capacitance value, the voltage rating, the physical size and the type of construction. In most cases, the higher voltage electrolytic capacitors have lower ESR value. Often capacitors with much higher
Since the rectifier diodes are very significant source of losses within switching power supplies, choosing the rectifier that best fits into the converter design is an important process. Schottky diodes provide the best performance because of their fast switching speed and low forward voltage drop. They provide the best efficiency especially in low output voltage applications (5.0 V and lower). Another choice could be Fast-Recovery, or Ultra-Fast Recovery diodes. It has to be noted, that some types of these diodes with an abrupt turnoff characteristic may cause instability or EMI troubles. A fast-recovery diode with soft recovery characteristics can better fulfill some quality, low noise design requirements. Table 1 provides a list of suitable diodes for the LM2574 regulator. Standard 50/60 Hz rectifier diodes, such as the 1N4001 series or 1N5400 series are NOT suitable.
http://onsemi.com
15
LM2574
Inductor
The magnetic components are the cornerstone of all switching power supply designs. The style of the core and the winding technique used in the magnetic component's design have a great influence on the reliability of the overall power supply. Using an improper or poorly designed inductor can cause high voltage spikes generated by the rate of transitions in current within the switching power supply, and the possibility of core saturation can arise during an abnormal operational mode. Voltage spikes can cause the semiconductors to enter avalanche breakdown and the part can instantly fail if enough energy is applied. It can also cause significant RFI (Radio Frequency Interference) and EMI (Electro-Magnetic Interference) problems.
Continuous and Discontinuous Mode of Operation
current increases. This discontinuous mode of operation is perfectly acceptable for this type of switching converter. Any buck regulator will be forced to enter discontinuous mode if the load current is light enough.
Selecting the Right Inductor Style
The LM2574 step-down converter can operate in both the continuous and the discontinuous modes of operation. The regulator works in the continuous mode when loads are relatively heavy, the current flows through the inductor continuously and never falls to zero. Under light load conditions, the circuit will be forced to the discontinuous mode when inductor current falls to zero for certain period of time (see Figure 24 and Figure 25). Each mode has distinctively different operating characteristics, which can affect the regulator performance and requirements. In many cases the preferred mode of operation is the continuous mode. It offers greater output power, lower peak currents in the switch, inductor and diode, and can have a lower output ripple voltage. On the other hand it does require larger inductor values to keep the inductor current flowing continuously, especially at low output load currents and/or high input voltages. To simplify the inductor selection process, an inductor selection guide for the LM2574 regulator was added to this data sheet (Figures 19 through 23). This guide assumes that the regulator is operating in the continuous mode, and selects an inductor that will allow a peak-to-peak inductor ripple current to be a certain percentage of the maximum design load current. This percentage is allowed to change as different design load currents are selected. For light loads (less than approximately 0.2 A) it may be desirable to operate the regulator in the discontinuous mode, because the inductor value and size can be kept relatively low. Consequently, the percentage of inductor peak-to-peak
Some important considerations when selecting a core type are core material, cost, the output power of the power supply, the physical volume the inductor must fit within, and the amount of EMI (Electro-Magnetic Interference) shielding that the core must provide. There are many different styles of inductors available, such as pot core, E-core, toroid and bobbin core, as well as different core materials such as ferrites and powdered iron from different manufacturers. For high quality design regulators the toroid core seems to be the best choice. Since the magnetic flux is contained within the core, it generates less EMI, reducing noise problems in sensitive circuits. The least expensive is the bobbin core type, which consists of wire wound on a ferrite rod core. This type of inductor generates more EMI due to the fact that its core is open, and the magnetic flux is not contained within the core. When multiple switching regulators are located on the same printed circuit board, open core magnetics can cause interference between two or more of the regulator circuits, especially at high currents due to mutual coupling. A toroid, pot core or E-core (closed magnetic structure) should be used in such applications.
Do Not Operate an Inductor Beyond its Maximum Rated Current
Exceeding an inductor's maximum current rating may cause the inductor to overheat because of the copper wire losses, or the core may saturate. Core saturation occurs when the flux density is too high and consequently the cross sectional area of the core can no longer support additional lines of magnetic flux. This causes the permeability of the core to drop, the inductance value decreases rapidly and the inductor begins to look mainly resistive. It has only the dc resistance of the winding. This can cause the switch current to rise very rapidly and force the LM2574 internal switch into cycle-by-cycle current limit, thus reducing the dc output load current. This can also result in overheating of the inductor and/or the LM2574. Different inductor types have different saturation characteristics, and this should be kept in mind when selecting an inductor.
http://onsemi.com
16
LM2574
VERTRICAL RESOLUTION 200 mADV
0.5 A Inductor Current Waveform 0A 0.5 A Power Switch Current Waveform 0A HORIZONTAL TIME BASE: 5.0 s/DIV
Inductor 0.1 A Current Waveform 0 A
Power Switch 0.1 A Current 0A Waveform HORIZONTAL TIME BASE: 5.0 s/DIV
Figure 24. Continuous Mode Switching Current Waveforms
Figure 25. Continuous Mode Switching Current Waveforms
GENERAL RECOMMENDATIONS
Output Voltage Ripple and Transients Source of the Output Ripple
Minimizing the Output Ripple
Since the LM2574 is a switch mode power supply regulator, its output voltage, if left unfiltered, will contain a sawtooth ripple voltage at the switching frequency. The output ripple voltage value ranges from 0.5% to 3% of the output voltage. It is caused mainly by the inductor sawtooth ripple current multiplied by the ESR of the output capacitor.
Short Voltage Spikes and How to Reduce Them
The regulator output voltage may also contain short voltage spikes at the peaks of the sawtooth waveform (see Figure 26). These voltage spikes are present because of the fast switching action of the output switch, and the parasitic inductance of the output filter capacitor. There are some other important factors such as wiring inductance, stray capacitance, as well as the scope probe used to evaluate these transients, all these contribute to the amplitude of these spikes. To minimize these voltage spikes, low inductance capacitors should be used, and their lead lengths must be kept short. The importance of quality printed circuit board layout design should also be highlighted.
Voltage spikes caused by switching action of the output switch and the parasitic inductance of the output capacitor VERTRICAL RESOLUTION 20 mV/DIV
In order to minimize the output ripple voltage it is possible to enlarge the inductance value of the inductor L1 and/or to use a larger value output capacitor. There is also another way to smooth the output by means of an additional LC filter (20 H, 100 F), that can be added to the output (see Figure 35) to further reduce the amount of output ripple and transients. With such a filter it is possible to reduce the output ripple voltage transients 10 times or more. Figure 26 shows the difference between filtered and unfiltered output waveforms of the regulator shown in Figure 34. The upper waveform is from the normal unfiltered output of the converter, while the lower waveform shows the output ripple voltage filtered by an additional LC filter.
Heatsinking and Thermal Considerations
Unfiltered Output Voltage
Filtered Output Voltage
HORIZONTAL TIME BASE: 5.0 s/DIV
The LM2574 is available in both 8-pin DIP and SO-16L packages. When used in the typical application the copper lead frame conducts the majority of the heat from the die, through the leads, to the printed circuit copper. The copper and the board are the heatsink for this package and the other heat producing components, such as the catch diode and inductor. For the best thermal performance, wide copper traces should be used and all ground and unused pins should be soldered to generous amounts of printed circuit board copper, such as a ground plane. Large areas of copper provide the best transfer of heat to the surrounding air. One exception to this is the output (switch) pin, which should not have large areas of copper in order to minimize coupling to sensitive circuitry. Additional improvement in heat dissipation can be achieved even by using of double sided or multilayer boards which can provide even better heat path to the ambient. Using a socket for the 8-pin DIP package is not recommended because socket represents an additional thermal resistance, and as a result the junction temperature will be higher.
Figure 26. Output Ripple Voltage Waveforms
http://onsemi.com
17
VERTICAL RESOLUTION 100 mADV
LM2574
Since the current rating of the LM2574 is only 0.5 A, the total package power dissipation for this switcher is quite low, ranging from approximately 0.1 W up to 0.75 W under varying conditions. In a carefully engineered printed circuit board, the through-hole DIP package can easily dissipate up to 0.75 W, even at ambient temperatures of 60C, and still keep the maximum junction temperature below 125C.
Thermal Analysis and Design
TJ = (RJA)(PD) + TA
where (RJA)(PD) represents the junction temperature rise caused by the dissipated power and TA is the maximum ambient temperature.
Some Aspects That can Influence Thermal Design
The following procedure must be performed to determine the operating junction temperature. First determine: 1. PD(max) - maximum regulator power dissipation in the application. 2. TA(max) - maximum ambient temperature in the application. 3. TJ(max) - maximum allowed junction temperature (125C for the LM2574). For a conservative design, the maximum junction temperature should not exceed 110C to assure safe operation. For every additional +10C temperature rise that the junction must withstand, the estimated operating lifetime of the component is halved. 4. RJC - package thermal resistance junction-case. 5. RJA - package thermal resistance junction-ambient. (Refer to Absolute Maximum Ratings on page 2 of this data sheet or RJC and RJA values). The following formula is to calculate the approximate total power dissipated by the LM2574:
PD = (Vin x IQ) + d x ILoad x Vsat
It should be noted that the package thermal resistance and the junction temperature rise numbers are all approximate, and there are many factors that will affect these numbers, such as PC board size, shape, thickness, physical position, location, board temperature, as well as whether the surrounding air is moving or still. At higher power levels the thermal resistance decreases due to the increased air current activity. Other factors are trace width, total printed circuit copper area, copper thickness, single- or double-sided, multilayer board, the amount of solder on the board or even color of the traces. The size, quantity and spacing of other components on the board can also influence its effectiveness to dissipate the heat. Some of them, like the catch diode or the inductor will generate some additional heat. ADDITIONAL APPLICATIONS
Inverting Regulator
where d is the duty cycle and for buck converter
V t d + on + O , V T in
IQ (quiescent current) and Vsat can be found in the LM2574 data sheet, Vin is minimum input voltage applied, VO is the regulator output voltage, ILoad is the load current.
8.0 to 25 V Unregulated DC Input +Vin Cin 22 F 5 4 (12) (3) LM2574-12 (14) Sig 3 Gnd (4) Feedback 1 Output L1 68 H D1 MBR150 Cout 680 F
Pwr 2 Gnd (6)
7 ON/OFF (5)
-12 V @ 100 mA Regulated Output
Figure 27. Inverting Buck-Boost Develops -12 V
The dynamic switching losses during turn-on and turn-off can be neglected if a proper type catch diode is used. The junction temperature can be determined by the following expression:
An inverting buck-boost regulator using the LM2574-12 is shown in Figure 27. This circuit converts a positive input voltage to a negative output voltage with a common ground by bootstrapping the regulators ground to the negative output voltage. By grounding the feedback pin, the regulator senses the inverted output voltage and regulates it. In this example the LM2574-12 is used to generate a -12 V output. The maximum input voltage in this case cannot exceed 28 V because the maximum voltage appearing across the regulator is the absolute sum of the input and output voltages and this must be limited to a maximum of 40 V. This circuit configuration is able to deliver approximately 0.1 A to the output when the input voltage is 8.0 V or higher. At lighter loads the minimum input voltage required drops to approximately 4.7 V, because the buck-boost regulator topology can produce an output voltage that, in its absolute value, is either greater or less than the input voltage. Since the switch currents in this buck-boost configuration are higher than in the standard buck converter topology, the available output current is lower. This type of buck-boost inverting regulator can also require a larger amount of startup input current, even for light loads. This may overload an input power source with a current limit less than 0.6 A. Because of the relatively high startup currents required by this inverting regulator topology, the use of a delayed startup or an undervoltage lockout circuit is recommended. While using a delayed startup arrangement, the input capacitor can charge up to a higher voltage before the switch-mode regulator begins to operate.
http://onsemi.com
18
LM2574
The high input current needed for startup is now partially supplied by the input capacitor Cin.
Design Recommendations:
The inverting regulator operates in a different manner than the buck converter and so a different design procedure has to be used to select the inductor L1 or the output capacitor Cout. The output capacitor values must be larger than what is normally required for buck converter designs. Low input voltages or high output currents require a large value output capacitor (in the range of thousands of F). The recommended range of inductor values for the inverting converter design is between 68 H and 220 H. To select an inductor with an appropriate current rating, the inductor peak current has to be calculated.
12 to 25 V Unregulated DC Input Cin C1 22 F /50 V 0.1 F Feedback 1 Output 7 Sig Gnd (4) L1 68 H
by the fact, that the ground pin of the converter IC is no longer at ground. Now, the ON/OFF pin threshold voltage (1.3 V approximately) has to be related to the negative output voltage level. There are many different possible shutdown methods, two of them are shown in Figures 29 and 30.
+Vin Cin R1 22 F 47 k
+Vin
LM2574-XX 5 (12) 3 ON/OFF 2 (5) and 4 R2 47 k Gnds Pins (4) and (6) -Vout
5.0 V 0 On
Shutdown Input Off R3 470
+Vin 5 (12) 3 R1 47 k
(3) LM2574-12 (14) Pwr 2 Gnd (6)
MOC8101
ON/OFF 4 (5) R2 47 k
NOTE: This picture does not show the complete circuit.
D1 MBR150
Cout 680 F /16 V
Figure 29. Inverting Buck-Boost Regulator Shutdown Circuit Using an Optocoupler
-12 V @ 100 mA Regulated Output
+V 0 On
Off R2 5.6 k
Shutdown Input
Figure 28. Inverting Buck-Boost Regulator with Delayed Startup
+Vin
+Vin 5
The following formula is used to obtain the peak inductor current:
I I where peak [ Load V ) |V | V x t on in O ) in 2L 1 V in
(12) LM2574-XX
Cin 22 F Q1 2N3906 3
t on +
, and fosc = 52 kHz. |V | O x 1.0 V ) |V | f osc in O
ON/OFF 2 (5) and 4 R1 12 k
Gnds (4) Pins and (6) -Vout
Under normal continuous inductor current operating conditions, the worst case occurs when Vin is minimal. It has been already mentioned above, that in some situations, the delayed startup or the undervoltage lockout features could be very useful. A delayed startup circuit applied to a buck-boost converter is shown in Figure 28. Figure 34 in the "Undervoltage Lockout" section describes an undervoltage lockout feature for the same converter topology. With the inverting configuration, the use of the ON/OFF pin requires some level shifting techniques. This is caused
NOTE: This picture does not show the complete circuit.
Figure 30. Inverting Buck-Boost Regulator Shutdown Circuit Using a PNP Transistor Negative Boost Regulator
This example is a variation of the buck-boost topology and it is called negative boost regulator. This regulator experiences relatively high switch current, especially at low input voltages. The internal switch current limiting results in lower output load current capability.
http://onsemi.com
19
LM2574
The circuit in Figure 31 shows the negative boost configuration. The input voltage in this application ranges from -5.0 to -12 V and provides a regulated -12 V output. If the input voltage is greater than -12 V, the output will rise above -12 V accordingly, but will not damage the regulator. When a high 50 Hz or 60 Hz (100 Hz or 120 Hz respectively) ripple voltage exists, a long delay time can cause some problems by coupling the ripple into the ON/OFF pin, the regulator could be switched periodically on and off with the line (or double) frequency.
+Vin 5 (12) Cin 22 F 4
(3) LM2574-12 (14) Pwr 2 Gnd (6) L1 330 H Sig 3 Gnd (4)
1 Feedback Output D1 1N5817
+Vin Cout 1000 F
+Vin 5 C1 0.1 F
LM2574-XX (12) 3 ON/OFF 2 (5) and 4 R2 47 k Gnds (4) Pins and (6)
7 ON/OFF (5)
Cin 22 F Vout = -12 V
R1 47 k
Vin -5.0 to -12 V
Load Current 60 mA for Vin = -5.2 V 120 mA for Vin = -7.0 V
NOTE: This picture does not show the complete circuit.
Figure 31. Negative Boost Regulator
Figure 32. Delayed Startup Circuitry Undervoltage Lockout
Design Recommendations:
The same design rules as for the previous inverting buck-boost converter can be applied. The output capacitor Cout must be chosen larger than what would be required for a standard buck converter. Low input voltages or high output currents require a large value output capacitor (in the range of thousands of F). The recommended range of inductor values for the negative boost regulator is the same as for inverting converter design. Another important point is that these negative boost converters cannot provide any current limiting load protection in the event of a short in the output so some other means, such as a fuse, may be necessary to provide the load protection.
Delayed Startup
Some applications require the regulator to remain off until the input voltage reaches a certain threshold level. Figure 33 shows an undervoltage lockout circuit applied to a buck regulator. A version of this circuit for buck-boost converter is shown in Figure 34. Resistor R3 pulls the ON/OFF pin high and keeps the regulator off until the input voltage reaches a predetermined threshold level, which is determined by the following expression:
V th [V Z1 ) 1.0 ) R2 V (Q1) R1 BE
+Vin
+Vin 5
LM2574-XX (12) 3 ON/OFF 2 (5) and 4 Gnds (4) Pins and (6)
There are some applications, like the inverting regulator already mentioned above, which require a higher amount of startup current. In such cases, if the input power source is limited, this delayed startup feature becomes very useful. To provide a time delay between the time when the input voltage is applied and the time when the output voltage comes up, the circuit in Figure 32 can be used. As the input voltage is applied, the capacitor C1 charges up, and the voltage across the resistor R2 falls down. When the voltage on the ON/OFF pin falls below the threshold value 1.3 V, the regulator starts up. Resistor R1 is included to limit the maximum voltage applied to the ON/OFF pin. It reduces the power supply noise sensitivity, and also limits the capacitor C1 discharge current, but its use is not mandatory.
R1 10 k Z1 1N5242B
R3 47 k
Cin 22 F
Q1 2N3904 R2 10 k
NOTE: This picture does not show the complete circuit.
Figure 33. Undervoltage Lockout Circuit for Buck Converter
http://onsemi.com
20
LM2574
Adjustable Output, Low-Ripple Power Supply
+Vin +Vin LM2574-XX 5 (12) 3 ON/OFF 2 (5) and 4 Gnds (4) Pins and (6)
R2 15 k Z1 1N5242
R3 68 k
Cin 22 F
A 0.5 A output current capability power supply that features an adjustable output voltage is shown in Figure 35. This regulator delivers 0.5 A into 1.2 to 35 V output. The input voltage ranges from roughly 3.0 to 40 V. In order to achieve a 10 or more times reduction of output ripple, an additional L-C filter is included in this circuit.
Q1 2N3904 R1 15 k -Vout
NOTE: This picture does not show the complete circuit (see Figure 27).
Figure 34. Undervoltage Lockout Circuit for Buck-Boost Converter
40 V Max Unregulated DC Input
(3) +Vin 5 LM2574-ADJ (12) (14) 4 Pwr 2 Gnd (6) Sig 3 Gnd (4)
Feedback 1 Output L1 150 H R2 50 k D1 1N5819 Cout 1000 F C1 100 F L2 20 H Output Voltage 1.2 to 35 V @ 0.5 A
Cin 22 F
7 ON/OFF (5)
R1 1.1 k
Optional Output Ripple Filter
Figure 35. 1.2 to 35 V Adjustable 500 mA Power Supply with Low Output Ripple
http://onsemi.com
21
LM2574
The LM2574-5 Step-Down Voltage Regulator with 5.0 V @ 0.5 A Output Power Capability. Typical Application With Through-Hole PC Board Layout
(3) Unregulated DC Input +Vin = 7.0 to 40 V +Vin 5 (12) 4 C1 22 F LM2574-5 (14) Pwr 2 Gnd (6) Sig 3 Gnd (4) Output 7 ON/OFF (5) D1 1N5819 C2 220 F Gnd
22 F, 63 V, Aluminium Electrolytic 220 F, 16 V, Aluminium Electrolytic 1.0 A, 40 V, Schottky Rectifier, 1N5819 330 H, RL-1284-330, Renco Electronics
Feedback 1 L1 330 H
Regulated Output +Vout = 5.0 V @ 0.5 A
Gnd
C1 C2 D1 L1
- - - -
Figure 36. Schematic Diagram of the LM2574-5 Step-Down Converter
LM2574-5.0 +Vin + C1 D1 L1 Gnd
NOTE: Not to scale. NOTE: Not to scale.
U1
C2
Gnd + Vout
Figure 37. PC Board Layout Component Side
Figure 38. PC Board Layout Copper Side
http://onsemi.com
22
LM2574
The LM2574-ADJ Step-Down Voltage Regulator with 5.0 V @ 0.5 A Output Power Capability Typical Application With Through-Hole PC Board Layout
Unregulated DC Input +Vin = 7.0 to 40 V (3) +Vin 5 (12) 4 C1 22 F LM2574-ADJ (14) Pwr Gnd (6) 2 Sig 3 Gnd (4) Output 7 ON/OFF (5) D1 1N5819 C2 220 F Feedback 1 L1 330 H L2 22 H Regulated Output Filtered Vout = 5.0 V @ 0.5 A R2 6.12 k R1 2.0 k Gnd
C1 C2 C3 D1 L1 L2 R1 R2 - - - - - - - - 22 F, 63 V, Aluminium Electrolytic 220 F, 16 V, Aluminium Electrolytic 100 F, 16 V Aluminium Electrolytic 1.0 A, 40 V, Schottky Rectifier, 1N5819 330 H, RL-1284-330, Renco Electronics 25 H, SFT52501, TDK 2.0 k, 0.1%, 0.25 W 6.12 k, 0.1%, 0.25 W
C3 100 F
Gnd Output Ripple Filter
Figure 39. Schematic Diagram of the 5.0 V @ 0.5 A Step-Down Converter Using the LM2574-ADJ (An additional LC filter is included to achieve low output ripple voltage)
+Vin
+
LM2574 C1 D1 U1 R1 R2 L2 L1 Vout C2 + C3 + Gnd
Gnd
NOTE: Not to scale.
NOTE: Not to scale.
Figure 40. PC Board Layout Component Side
Figure 41. PC Board Layout Copper Side
References * Marty Brown "Practical Switching Power Supply Design", Academic Press, Inc., San Diego 1990 * Ray Ridley "High Frequency Magnetics Design", Ridley Engineering, Inc. 1995
http://onsemi.com
23
LM2574
ORDERING INFORMATION
Device LM2574DW-ADJ LM2574DW-ADJR2 LM2574N-ADJ LM2574N-3.3 LM2574N-5 LM2574N-12 LM2574N-15 3.3 V 5.0 V 12 V 15 V TJ = -40 to +125C 1.23 V to 37 V Nominal Output Voltage Operating Junction Temperature Range Package SO-16W SO-16W PDIP-8 PDIP-8 PDIP-8 PDIP-8 PDIP-8 Shipping 47 Units/Rail 1000 Units/Tape & Reel 50 Units/Rail 50 Units/Rail 50 Units/Rail 50 Units/Rail 50 Units/Rail
MARKING DIAGRAMS
SO-16W DW SUFFIX CASE 751G 16 2574DW-ADJ AWL YYWW 1
PDIP-8 N SUFFIX CASE 626 8 2574-ADJ AWL YYWW 1 1 8 2574-3.3 AWL YYWW 1 8 LM2574N-5 AWL YYWW 1 8 2574-12 AWL YYWW 1 8 2574-15 AWL YYWW
A WL YY WW
= Assembly Location = Wafer Lot = Year = Work Week
http://onsemi.com
24
LM2574
PACKAGE DIMENSIONS
SO-16W DW SUFFIX CASE 751G-03 ISSUE B
D
16 M 9
A
q
NOTES: 1. DIMENSIONS ARE IN MILLIMETERS. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. 3. DIMENSIONS D AND E DO NOT INLCUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L q MILLIMETERS MIN MAX 2.35 2.65 0.10 0.25 0.35 0.49 0.23 0.32 10.15 10.45 7.40 7.60 1.27 BSC 10.05 10.55 0.25 0.75 0.50 0.90 0_ 7_
H
B
1 16X
8
B TA
S
B B
S
0.25
M
A
h X 45 _
SEATING PLANE
M
8X
0.25
E
A1
14X
e
T
C
PDIP-8 N SUFFIX CASE 626-05 ISSUE L
NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. DIM A B C D F G H J K L M N MILLIMETERS MIN MAX 9.40 10.16 6.10 6.60 3.94 4.45 0.38 0.51 1.02 1.78 2.54 BSC 0.76 1.27 0.20 0.30 2.92 3.43 7.62 BSC --10_ 0.76 1.01 INCHES MIN MAX 0.370 0.400 0.240 0.260 0.155 0.175 0.015 0.020 0.040 0.070 0.100 BSC 0.030 0.050 0.008 0.012 0.115 0.135 0.300 BSC --10_ 0.030 0.040
8
5
-B-
1 4
F
NOTE 2
-A- L
C -T-
SEATING PLANE
L J M B
M
N D K
M
H
G 0.13 (0.005) TA
M
http://onsemi.com
25
LM2574
Notes
http://onsemi.com
26
LM2574
Notes
http://onsemi.com
27
LM2574
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-0031 Phone: 81-3-5740-2700 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
http://onsemi.com
28
LM2574/D


▲Up To Search▲   

 
Price & Availability of LM2574DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X