Part Number Hot Search : 
20M250 BFT44 SB860 CM3110 LB1955 PRODUCTS 2SB64 L113611
Product Description
Full Text Search
 

To Download KTA1040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
GENERAL PURPOSE APPLICATION. DPAK FOR SVRFACE MOUNT APPLICATIONS.
A
KTA1040D/L
EPITAXIAL PLANAR PNP TRANSISTOR
I J
FEATURES
Low Collector Saturation Voltage : VCE(sat)=-1.0V(Max.) at IC=-2A, IB=-0.2A. Straight Lead (IPAK, "L" Suffix)
H F 1
C
P F 2 3 L
MAXIMUM RATING (Ta=25
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current Collector Power Dissipation Junction Temperature Storage Temperature Range Ta=25 Tc=25
)
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg RATING -60 -60 -7 -3 -0.5 1.0 20 150 -55 150 UNIT V V V A A W
Q
1. BASE 2. COLLECTOR 3. EMITTER
DPAK
A C
I J
D
O
Complementary to KTC2020D/L.
DIM A B C D E F H I J K L M O P Q
MILLIMETERS _ 6.60 + 0.2 _ 6.10 + 0.2 _ 5.0 + 0.2 _ 0.2 1.10 + _ 2.70 + 0.2 _ 2.30 + 0.1 1.00 MAX _ 2.30 + 0.2 _ 0.5 + 0.1 _ 2.00 + 0.20 _ 0.50 + 0.10 _ 0.91+ 0.10 _ 0.90 + 0.1 _ 1.00 + 0.10 0.95 MAX
B K E M Q
D
H G
P
F
F
L
1
2
3
DIM A B C D E F G H I J K L P Q
MILLIMETERS _ 6.60 + 0.2 _ 6.10 + 0.2 _ 5.0 + 0.2 _ 1.10 + 0.2 _ 9.50 + 0.6 _ 2.30 + 0.1 _ 0.76 + 0.1 1.0 MAX _ 2.30 + 0.2 _ 0.5 + 0.1 _ 2.0 + 0.2 _ 0.50 + 0.1 _ 1.0 + 0.1 0.90 MAX
K
1. BASE 2. COLLECTOR 3. EMITTER
E
B
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Collector Cut-off Current Emitter Cut-off Current Collector-Emitter Breakdown Voltage DC Current Gain Collector Emitter Saturation Voltage Base-Emitter Voltage Transition Frequency Collector Output Capacitance Turn-on Time Switching Time Storage Time Fall Time Note : hFE(1) Classification 2003. 3. 27 Y:100~200,
)
TEST CONDITION VCB=-60V, IE=0 VEB=-7V, IC=0 IC=-50mA, IB=0 VCE=-5V, IC=-0.5A VCE=-5V, IC=-3A IC=-2A, IB=-0.2A VCE=-5V, IC=-0.5A VCE=-5V, IC=-0.5A VCB=-10V, IE=0, f=1MHz
OUTPUT 0 I B2 INPUT I B1 I B2 15
IPAK
SYMBOL ICBO IEBO V(BR)CEO hFE(1)(Note) hFE(2) VCE(sat) VBE fT Cob ton tstg tf GR:150~300.
IB1
MIN. -60 100 20 -
TYP. -0.25 -0.7 30 45 0.4 1.7 0.5
MAX. -100 -100 300 -1.0 -1.0 -
UNIT A A V
V V MHz pF
S
20sec -IB1 =IB2=0.2A DUTY CYCLE < 1% =
VCC =-30V
Revision No : 5
1/2
KTA1040D/L
I C - V CE
COLLECTOR-EMITTER SATURATION VOLTAGE V CE(sat) (V) -4 COLLECTOR CURRENT I C (A)
-80 -60 COMMON EMITTER Tc=25 C -50 -40 -30 -20 IB =-10mA
VCE(sat) - I C
-1 -0.5 -0.3
00 =1 Tc C
Tc=25 C Tc=-25 C COMMON EMITTER IC /I B =10
-3
-70
-2
-0.1 -0.05 -0.02 -0.02
-1
0
0
-1
-2
-3
-4
-5
-6
-0.1
-0.3
-1
-3
-5
COLLECTOR-EMITTER VOLTAGE VCE (V)
COLLECTOR CURRENT I C (A)
SAFE OPERATING AREA h FE - I C
1k DC CURRENT GAIN h FE 500 300 COLLECTOR CURRENT I C (A)
COMMON EMITTER VCE =-5V Tc=100 C Tc=25 C Tc=-25 C
-10 -5 -3
I C MAX. (PULSED) * I C MAX. (CONTINUOUS)
1mS
10 0m
10
*
* mS S*
DC
-1 -0.5 -0.3
O Tc PE =2 RA 5 TI C ON
100 50 20 -0.02
-0.1
-0.3
-1
-3
CURVES MUST BE DERATED LINEARLY WITH INCREASE IN TEMPERATURE
-0.1
COLLECTOR CURRENT I C (A)
-1
-3
-5
-10
-30 -50
COLLECTOR-EMITTER VOLTAGE VCE (V)
R th(t) - t
TRANSIENT THERMAL RESISTANCE R th(t) ( C/W)
(1) WITHOUT HEAT SINK (2) INFINITE HEAT SINK
Pc - Ta
COLLECTOR POWER DISSIPATION PC (W) 32 28 24 20 16 12 8 4 0 0 25
Ta=25 C
Tc =2 5
1k
100
(1) Ta=25 C (2) Tc=25 C
10
C
1
0.1 10
-3
10
-2
10
-1
1
10
10
2
50
75
100
125
150
175 200
TIME t (sec)
AMBIENT TEMPERATURE Ta ( C)
2003. 3. 27
Revision No : 5
VCEO MAX.
* SINGLE NONREPETITIVE PULSE Tc=25 C
-100
2/2


▲Up To Search▲   

 
Price & Availability of KTA1040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X