Part Number Hot Search : 
02900 0DC12 AD813 ES3GB E3634S HI1276Y 31006 4HC404
Product Description
Full Text Search
 

To Download HDSP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Current Seven Segment Displays Technical Data
HDSP-335x Series HDSP-555x Series HDSP-751x Series HDSP-A10x Series HDSP-A80x Series HDSP-A90x Series HDSP-E10x Series HDSP-F10x Series HDSP-G10x Series HDSP-H10x Series HDSP-K12x, K70x Series HDSP-N10x Series HDSP-N40x Series
Features
* * * * Low Power Consumption Industry Standard Size Industry Standard Pinout Choice of Character Size 7.6 mm (0.30 in), 10 mm (0.40 in), 10.9 mm (0.43 in), 14.2 mm (0.56 in), 20 mm (0.80 in) Choice of Colors AlGaAs Red, High Efficiency Red (HER), Yellow, Green Excellent Appearance Evenly Lighted Segments 50 Viewing Angle Design Flexibility Common Anode or Common Cathode Single and Dual Digit Left and Right Hand Decimal Points 1. Overflow Character Categorized for Luminous Intensity Yellow and Green Categorized for Color Use of Like Categories Yields a Uniform Display Excellent for Long Digit String Multiplexing
Description
These low current seven segment displays are designed for applications requiring low power consumption. They are tested and selected for their excellent low current characteristics to ensure that the segments are matched at low currents. Drive currents as low as 1 mA per segment are available. Pin for pin equivalent displays are also available in a standard current or high light ambient design. The standard current displays are available in all colors and are ideal for most applications. The high light ambient displays are ideal for sunlight ambients or long string lengths. For additional information see the 7.6 mm Micro Bright Seven Segment Displays, 10 mm Seven Segment Displays, 7.6 mm/10.9 mm Seven Segment Displays, 14.2 mm Seven Segment Displays, 20 mm Seven Segment Displays, or High Light Ambient Seven Segment Displays data sheets.
*
*
*
*
*
2
Devices
AlGaAs HDSPA101 A103 A107 A108 F101 F103 F107 F108 G101 G103 E100 E101 E103 E106 H101 H103 H107 H108 K121 K123 N100 N101 N103 N105 N106 HER HDSP7511 7513 7517 7518 Yellow HDSPA801 A803 A807 A808 Green HDSPA901 A903 A907 A908 Description 7.6 mm Common Anode Right Hand Decimal 7.6 mm Common Cathode Right Hand Decimal 7.6 mm Common Anode 1. Overflow 7.6 mm Common Cathode 1. Overflow 10 mm Common Anode Right Hand Decimal 10 mm Common Cathode Right Hand Decimal 10 mm Common Anode 1. Overflow 10 mm Common Cathode 1. Overflow 10 mm Two Digit Common Anode Right Hand Decimal 10 mm Two Digit Common Cathode Right Hand Decimal 10.9 mm Common Anode Left Hand Decimal 10.9 mm Common Anode Right Hand Decimal 10.9 mm Common Cathode Right Hand Decimal 10.9 mm Universal 1. Overflow[1] 14.2 mm Common Anode Right Hand Decimal 14.2 mm Common Cathode Right Hand Decimal 14.2 mm Common Anode 1. Overflow 14.2 mm Common Cathode 1. Overflow 14.2 mm Two Digit Common Anode Right Hand Decimal 14.2 mm Two Digit Common Cathode Right Hand Decimal 20 mm Common Anode Left Hand Decimal 20 mm Common Anode Right Hand Decimal 20 mm Common Cathode Right Hand Decimal 20 mm Common Cathode Left Hand Decimal 20 mm Universal 1. Overflow[1] Package Drawing A B C D E F G H X Y I J K L M N O P R S Q T U V W
3350 3351 3353 3356 5551 5553 5557 5558 K701 K703 N401 N403 N406
Note: 1. Universal pinout brings the anode and cathode of each segment's LED out to separate pins. See internal diagrams L or W.
3
Part Numbering System
5082 - x xx x - x x x xx HDSP - x xx x - x x x xx Mechanical Options[1] 00: No mechanical option
Color Bin Options[1,2] 0: No color bin limitation
Maximum Intensity Bin[1,2] 0: No maximum intensity bin limitation Minimum Intensity Bin[1,2] 0: No minimum intensity bin limitation Device Configuration/Color[1] G: Green
Device Specific Configuration[1] Refer to respective datasheet Package[1] Refer to Respective datasheet
Notes: 1. For codes not listed in the figure above, please refer to the respective datasheet or contact your nearest Agilent representative for details. 2. Bin options refer to shippable bins for a part-number. Color and Intensity Bins are typically restricted to 1 bin per tube (exceptions may apply). Please refer to respective datasheet for specific bin limit information.
4
Package Dimensions
5
Package Dimensions (cont.)
6
Package Dimensions (cont.)
*The Side View of package indicates Country of Origin.
7
Package Dimensions (cont.)
8
Package Dimensions (cont.)
9
Package Dimensions (cont.)
10
Internal Circuit Diagram
11
Internal Circuit Diagram (cont.)
Absolute Maximum Ratings
AlGaAs Red - HDSPHER A10X/E10X/H10X HDSP-751X/ K12X/N10X/N40X 335X/555X/ F10X, G10X Series K70X Series 37 45 15[1] -20 to +100 -55 to +100 3.0 15[2] -40 to +100 52 Yellow HDSP-A80X Series Green HDSP-A90X Series 64
Description Average Power per Segment or DP Peak Forward Current per Segment or DP DC Forward Current per Segment or DP Operating Temperature Range Storage Temperature Range Reverse Voltage per Segment or DP Wave Soldering Temperature for 3 Seconds (1.60 mm [0.063 in.] below seating body)
Units mW mA mA C C V
250
C
Notes: 1. Derate above 91C at 0.53 mA/C. 2. Derate HER/Yellow above 80C at 0.38 mA/C and Green above 71C at 0.31 mA/C.
12
Electrical/Optical Characteristics at TA = 25C
AlGaAs Red
Device Series HDSP-
Parameter
Symbol
Min. 315
Typ. 600 3600
Max.
Units
Test Conditions IF = 1 mA IF = 5 mA IF = 1 mA IF = 5 mA IF = 1 mA
A10x
330 F10x, G10x
650 3900
390 E10x Luminous Intensity/Segment[1,2] (Digit Average) IV
650 cd 3900
IF = 5 mA IF = 1 mA IF = 5 mA IF = 1 mA IF = 5 mA IF = 1 mA V 2.2 nm nm V mV/C IR = 100 A IF = 5 mA IF = 20 mA Pk
400 H10x, K12x
700 4200
270 N10x, N40x
590 3500 1.6
Forward Voltage/Segment or DP
VF
1.7 1.8
All Devices
Peak Wavelength Dominant Wavelength[3] Reverse Voltage/Segment or DP[4] Temperature Coefficient of VF /Segment or DP
PEAK d VR VF/C 3.0
645 637 15 -2 mV
A10x F10x, G10x E10x H10x, K12x N10x, N40x Thermal Resistance LED Junction-to-Pin RJ-PIN
255 320 340 C/W/Seg 400 430
13
High Efficiency Red
Device Series HDSP-
Parameter
Symbol
Min. 160
Typ. 270 1050
Max.
Units
Test Conditions IF = 2 mA IF = 5 mA IF = 2 mA
751x
200 Luminous Intensity/Segment[1,2] (Digit Average) 335x, 555x, K70x IV
300 mcd 1200
IF = 5 mA IF = 2 mA IF = 5 mA IF = 2 mA V 2.5 nm nm V mV/C IR = 100 A IF = 5 mA IF = 20 mA Pk
270
370 1480 1.6
Forward Voltage/Segment or DP
VF
1.7 2.1
All Devices
Peak Wavelength Dominant Wavelength[3] Reverse Voltage/Segment or DP[4] Temperature Coefficient of VF /Segment or DP
PEAK d VR VF /C 3.0
635 626 30 -2
751x 335x 555x, K70x Thermal Resistance LED Junction-to-Pin RJ-PIN
200 280 345 C/W
14
Yellow
Device Series HDSP-
Parameter Luminous Intensity/Segment[1,2] (Digit Average)
Symbol
Min. 250
Typ. 420
Max.
Units
Test Conditions IF = 4 mA
IV 1300 1.7
mcd IF = 10 mA IF = 4 mA V 2.5 nm 592.5 nm V mV/C IR = 100 A IF = 5 mA IF = 20 mA Pk
Forward Voltage/Segment or DP A80x
VF
1.8 2.1
Peak Wavelength Dominant Wavelength[3,5] Reverse Voltage/Segment or DP[4] Temperature Coefficient of VF /Segment or DP Thermal Resistance LED Junction-to-Pin
PEAK d VR VF /C RJ-PIN 581.5 3.0
583 585 30 -2
200
C/W
Green
Device Series HDSP-
Parameter Luminous Intensity/Segment[1,2] (Digit Average)
Symbol
Min. 250
Typ. 475
Max.
Units
Test Conditions IF = 4 mA
IV 1500 1.9
mcd IF = 10 mA IF = 4 mA V 2.5 nm 577 nm V mV/C IR = 100 A IF = 10 mA IF = 20 mA Pk
Forward Voltage/Segment or DP A90x
VF
2.0 2.1
Peak Wavelength Dominant Wavelength[3,5] Reverse Voltage/Segment or DP[4] Temperature Coefficient of VF /Segment or DP Thermal Resistance LED Junction-to-Pin
PEAK d VR VF /C RJ-PIN 3.0
566 571 30 -2
200
C/W
Notes: 1. Device case temperature is 25C prior to the intensity measurement. 2. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package. 3. The dominant wavelength, d, is derived from the CIE chromaticity diagram and is the single wavelength which defines the color of the device. 4. Typical specification for reference only. Do not exceed absolute maximum ratings. 5. The yellow (HDSP-A800) and Green (HDSP-A900) displays are categorized for dominant wavelength. The category is designated by a number adjacent to the luminous intensity category letter.
15
AlGaAs Red
Figure 1. Maximum Allowable Average or DC Current vs. Ambient Temperature.
Figure 2. Forward Current vs. Forward Voltage.
Figure 3. Relative Luminous Intensity vs. DC Forward Current.
Figure 4. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak Current.
16
HER, Yellow, Green
Figure 5. Maximum Allowable Average or DC Current vs. Ambient Temperature.
Figure 6. Forward Current vs. Forward Voltage.
Figure 7. Relative Luminous Intensity vs. DC Forward Current.
Figure 8. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak Current.
17
Intensity Bin Limits (mcd) AlGaAs Red
IV Bin Category E F G H I J K L HDSP-A10x Min. 0.315 0.428 0.621 0.945 1.40 2.10 3.14 4.70 Max. 0.520 0.759 1.16 1.71 2.56 3.84 5.75 8.55
HDSP-E10x/F10x/G10x IV Bin Category Min. D 0.391 E 0.532 F 0.755 G 1.13 H 1.70
Max. 0.650 0.923 1.39 2.08 3.14
HDSP-H10x/K12x IV Bin Category Min. C 0.415 D 0.565 E 0.810 F 1.20 G 1.80 H 2.73 I 4.09
Max. 0.690 0.990 1.50 2.20 3.30 5.00 7.50
HDSP-N10x IV Bin Category Min. A 0.270 B 0.325 C 0.415 D 0.565 E 0.810 F 1.20 G 1.80 H 2.73 I 4.09
Max. 0.400 0.500 0.690 0.990 1.50 2.20 3.30 5.00 7.50
18
Intensity Bin Limits (mcd), continued HER
IV Bin Category B C D E F G HDSP-751x Min. 0.160 0.200 0.250 0.315 0.428 0.621 Max. 0.240 0.300 0.385 0.520 0.759 1.16
IV Bin Category B C D E F G H
HDSP-751x Min. 0.240 0.300 0.391 0.532 0.755 1.13 1.70
Max. 0.366 0.477 0.650 0.923 1.39 2.08 3.14
HDSP-555x/K70x IV Bin Category Min. A 0.270 B 0.325 C 0.415 D 0.565 E 0.810 F 1.20 G 1.80 H 2.73 I 4.09
Max. 0.400 0.500 0.690 0.990 1.50 2.20 3.30 5.00 7.50
19
Intensity Bin Limits (mcd), continued Yellow
IV Bin Category D E F G H I J K L M N O P Q HDSP-A80x Min. 0.250 0.315 0.425 0.625 0.940 1.40 2.10 3.14 4.71 7.07 10.60 15.90 23.90 35.80 Max. 0.385 0.520 0.760 1.14 1.70 2.56 3.84 5.76 8.64 13.00 19.40 29.20 43.80 65.60
Green
HDSP-A90x IV Bin Category Min. E 0.315 F 0.425 G 0.625 H 0.940 I 1.40 J 2.10 K 3.14 L 4.71 M 7.07 N 10.60 O 15.90 P 23.90 Q 35.80 Max. 0.520 0.760 1.14 1.70 2.56 3.84 5.76 8.64 13.00 19.40 29.20 43.80 65.60
Color Categories
Color Yellow Bin 1 3 2 4 2 3 4 5 Dominant Wavelength (nm) Min. Max. 581.50 585.00 584.00 587.50 586.50 590.00 589.00 592.50 573.00 577.00 570.00 574.00 567.00 571.00 564.00 568.00
Green
Note: All categories are established for classification of products. Products may not be available in all categories. Please contact your local Agilent representatives for further clarification/information.
Electrical/Optical
For more information on electrical/optical characteristics, please see Application Note 1005.
Contrast Enhancement
For information on contrast enhancement, please see Application Note 1015.
chorinated hydrocarbon family (methylene chloride, trichloroethylene, carbon tetrachloride, etc.) are not recommended for cleaning LED parts. All of these various solvents attack or dissolve the encapsulating epoxies used to form the package of plastic LED parts. For information on soldering LEDs, please refer to Application Note 1027.
Soldering/Cleaning
Cleaning agents from the ketone family (acetone, methyl ethyl ketone, etc.) and from the
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788 6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6271 2451 India, Australia, New Zealand: (+65) 6271 2394 Japan: (+81 3) 3335-8152(Domestic/International), or 0120-61-1280(Domestic Only) Korea: (+65) 6271 2194 Malaysia, Singapore: (+65) 6271 2054 Taiwan: (+65) 6271 2654 Data subject to change. Copyright (c) 2005 Agilent Technologies, Inc. Obsoletes 5988-8412EN January 19, 2005 5989-0080EN


▲Up To Search▲   

 
Price & Availability of HDSP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X