Part Number Hot Search : 
2SB891 24LC32AP ER1002 Q6704 VC2G0 24006 2SC4466Y 1N4735A
Product Description
Full Text Search
 

To Download HBAT54X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6854 Issued Date : 1997.04.28 Revised Date : 2004.08.26 Page No. : 1/4
HBAT54 Series
Description
Silicon Schottky Barrier Double Diodes * HBAT54: Single Diode, also available as double diodes. * HBAT54A: Common Anode. * HBAT54C: Common Cathode. * HBAT54S: Series Connected.
Diagram:
3 3
SOT-23
1
2
1
2
HBAT54
3
HBAT54A
3
Features
These diodes feature very low turn-on voltage and fast switching. There is a PN junction guard ring against excessive voltage such as electronics attic discharges protects these devices.
1 2 1 2
HBAT54C
HBAT54S
Absolute Maximum Ratings
* Maximum Temperatures Storage Temperature ............................................................................................................................. -65~+125 C Junction Temperature .................................................................................................................................... +125 C * Maximum Power Dissipation Total Power Dissipation (TA=25C) ............................................................................................................... 230 mW * Maximum Voltages and Currents (TA=25C) Repetitive Peak Reverse Voltage ....................................................................................................................... 30 V Forward Continuous Current ......................................................................................................................... 200 mA Repetitive Peak Forward Current ................................................................................................................. 300 mA Surge Forward Current (tp<1s)...................................................................................................................... 600 mA
Electrical Characteristics (TA=25C)
Characteristic Reverse breakdown Voltage Symbol V(BR) VF(1) VF(2) Forward Voltage VF(3) VF(4) VF(5) Reverse Current Total Capacitance Reverse Recovery Time IR CT Trr IR=10uA IF=0.1mA IF=1mA IF=10mA IF=30mA IF=100mA VR=25V VR=1V, f=1MHz IF=IR=10mA, RL=100, measured at IR=1mA Condition Min. 30 Max. 240 320 400 500 1000 2.0 10 5 Unit V mV mV mV mV mV uA pF nS
HBAT54, HBAT54A, HBAT54C, HBAT54S
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Forward Current & Forward Voltage
250
Spec. No. : HE6854 Issued Date : 1997.04.28 Revised Date : 2004.08.26 Page No. : 2/4
Diode Capacitance & Reverse-Biased Voltage
100
200
150
Diode Capacitance-Cd (pF)
0 200 400 600 800 1000
Forward Current-IF (mA)
10
100
50
0
1 0.1 1 10 100
Forward Voltage-VF (mV)
Reverse Biased Voltage-VR (V)
HBAT54, HBAT54A, HBAT54C, HBAT54S
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
SOT-23 Dimension
Marking:
A L
Series Code
(None,2,3,4)
Spec. No. : HE6854 Issued Date : 1997.04.28 Revised Date : 2004.08.26 Page No. : 3/4
L4
3
Pb Free Mark
BS
1 2
Pb-Free: " " (Note) Normal: None
HBAT54: (L4), HBAT54A: (L42), HBAT54C: (L43), HBAT54S: (L44) Note: Pb-free product can distinguish by the green label or the extra description on the right side of the label. Pin Style: 1.Anode 2.Cathode 3.Common Connection Material: * Lead solder plating: Sn60/Pb40 (Normal), Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free) * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
V
G
DIM A B C D G H J K L S V
Min. 2.80 1.20 0.89 0.30 1.70 0.013 0.085 0.32 0.85 2.10 0.25
Max. 3.04 1.60 1.30 0.50 2.30 0.10 0.177 0.67 1.15 2.75 0.65
*: Typical, Unit: mm
C D H
3-Lead SOT-23 Plastic Surface Mounted Package HSMC Package Code: N
K
J
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HBAT54, HBAT54A, HBAT54C, HBAT54S
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Soldering Methods for HSMC's Products
1. Storage environment: Temperature=10oC~35oC Humidity=65%15% 2. Reflow soldering of surface-mount devices Figure 1: Temperature profile
tP TP Ramp-up TL Tsmax Temperature tL
Spec. No. : HE6854 Issued Date : 1997.04.28 Revised Date : 2004.08.26 Page No. : 4/4
Critical Zone TL to TP
Tsmin tS Preheat
Ramp-down
25 t 25oC to Peak Time
Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Tsmax to TL - Ramp-up Rate Time maintained above: - Temperature (TL) - Time (tL) Peak Temperature (TP) Time within 5oC of actual Peak Temperature (tP) Ramp-down Rate Time 25oC to Peak Temperature 3. Flow (wave) soldering (solder dipping) Products Pb devices. Pb-Free devices.
Sn-Pb Eutectic Assembly <3 C/sec 100oC 150oC 60~120 sec <3oC/sec 183oC 60~150 sec 240 C +0/-5 C 10~30 sec <6oC/sec <6 minutes
o o o
Pb-Free Assembly <3oC/sec 150oC 200oC 60~180 sec <3oC/sec 217oC 60~150 sec 260oC +0/-5oC 20~40 sec <6oC/sec <8 minutes
Peak temperature 245 C 5 C
o o
Dipping time 5sec 1sec 5sec 1sec
260 C +0/-5 C
o
o
HBAT54, HBAT54A, HBAT54C, HBAT54S
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HBAT54X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X