Part Number Hot Search : 
LTC1643L S0436 15ETL06S 0015800 DG333ADW FF100 C1317 FF100
Product Description
Full Text Search
 

To Download HA1-5004883 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NS ESIG W D ter at NE (R) Ce n FOR c DED Support l.com/ts EN rsi MM hnical te O w.in ec RE C NOT act our T IL or ww cont -IN TERS 8 1-88
July 1998
HA-5004/883
100MHz Current Feedback Amplifier
Description
The HA-5004/883 current feedback amplifier is a video/wideband amplifier optimized for low gain applications. The design is based on current-mode feedback which allows the amplifier to achieve higher closed loop bandwidth than voltage-mode feedback operational amplifiers. Since feedback is employed, the HA-5004/883 can offer better gain accuracy and lower distortion than open loop buffers. Unlike conventional op amps, the bandwidth and rise time of the HA-5004/883 are nearly independent of closed loop gain. The 100MHz bandwidth at unity gain reduces to only 65MHz at a gain of 10. The HA-5004/883 may be used in place of a conventional op amp with a significant improvement in speed power product. Several features have been designed in for added value. A thermal overload feature protects the part against excessive junction temperature by shutting down the output. If this feature is not needed, it can be inhibited via a TTL input (TOI). A TTL chip enable/disable (OE) input is also provided; when the chip is disabled its output is high impedance. Finally, an open collector output flag (TOL) is provided to indicate the status of the chip. The status flag goes low to indicate when the chip is disabled due to either the internal Thermal Overload shutdown or the external disable. In order to maximize bandwidth and output drive capacity, internal current limiting is not provided. However, current limiting may be applied via the VC + and VC - pins which provide power separately to the output stage.
Features
* This Circuit is Processed in Accordance to MIL-STD883 and is Fully Conformant Under the Provisions of Paragraph 1.2.1. * Slew Rate . . . . . . . . . . . . . . . . . . . . . . 1000V/s (Min) 1200V/s (Typ) * Output Current . . . . . . . . . . . . . . . . . . . . 80mA (Min) 100mA (Typ) * Drives . . . . . . . . . . . . . . . . . . . 8.0V into 100 (Min) 9.5V into 100 (Typ) * VSUPPLY . . . . . . . . . . . . . . . . . . . . . . . . . 5V to 18V * Thermal Overload Protection and Output Flag * Bandwidth Nearly Independent of Gain * Output Enable/Disable
Applications
* Unity Gain Video/Wideband Buffer * Video Gain Block * High Speed Peak Detector * Fiber Optic Transmitters * Zero Insertion Loss Transmission Line Drivers * Current to Voltage Converter * Radar Systems
Ordering Information
PART NUMBER HA1-5004/883 TEMP. RANGE (oC) -55 to +125 PACKAGE 14 Lead CerDIP
Pinout
HA-5004/883 (CERDIP) TOP VIEW
VC + OUT +BAL -BAL V+
1 2 3 4 5 +
14 V C 13 V12 FB 11 IN 10 TOL 9 8 GND NC
TOI 6 OE 7
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright
(c) Harris Corporation 1998
Spec Number
1
File Number
511053-883 3706.1
HA-5004/883
Absolute Maximum Ratings
Voltage between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . . 40V Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Voltage at Either Input Terminal . . . . . . . . . . . . . . . . . . . . . . V+ to VPeak Output Current Pulsed at 1ms 10% Duty Cycle . . . . 300mA Continuous Output Current. . . . . . . . . . . . . . . . . . . . . . . . .120mA rms Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <2000V Lead Temperature (Soldering 10s). . . . . . . . . . . . . . . . . . . . +300oC
Thermal Information
JC Thermal Resistance JA CerDIP Package . . . . . . . . . . . . . . . . . . . 73oC/W 18oC/W Package Power Dissipation Limit at +75oC CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.37W Package Power Dissipation Derating Factor Above +75oC CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.7mW/oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Temperature Range. . . . . . . . . . . . . . . . -55oC to +125oC Operating Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 12V to 15V RL 100
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS Device Tested at: V+ = VC+ = +15V, V- = VC - = -15V, R L = 100, AV = +1, RF = 250, OE = 0.8V, TOI = 0.8V or 2.0V, Unless Otherwise Specified. LIMITS PARAMETERS Input Offset Voltage SYMBOL VIO CONDITIONS VIN = 0V GROUP A SUBGROUP 1 2, 3 Input Bias Current +IB VIN = 0V (Note 1) 1 2, 3 DC Gain Error (Small Signal) SSGE VIN = 100mV, RL = 100 VIN = 5.0V, RL = 1k VIN = 10V, RL = 1k 1 2, 3 DC Gain Error (Large Signal) LSGE1 1 2, 3 LSGE2 1 2, 3 DC Voltage Gain AV For All Gain Error Conditions (Note 2) 1 2, 3 DC Transimpedance AR For All Gain Error Conditions (Note 3) 1 2, 3 Output Voltage Swing VOUT1 VIN = 15V, RL = 1k VIN = 10V, RL = 100 VIN = 10V, RL = 100 1 2, 3 VOUT2 1 2, 3 Output Current IOUT 1 2, 3 TEMPERATURE +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC MIN -2.5 -20 -5 -20 233 133 58 33 11.5 10.5 9.0 8.0 90 80 MAX 2.5 20 5 20 0.43 0.75 0.43 0.75 0.43 0.75 -11.5 -10.5 -9.0 -8.0 -90 -80 UNITS mV mV A A % % % % % % V/V V/V V/mA V/mA V V V V mA mA
2
HA-5004/883
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued) Device Tested at: V+ = VC+ = +15V, V- = VC - = -15V, R L = 100, AV = +1, RF = 250, OE = 0.8V, TOI = 0.8V or 2.0V, Unless Otherwise Specified. LIMITS PARAMETERS Logic Input Voltage SYMBOL VIH CONDITIONS Pins OE, TOI (Note 4) GROUP A SUBGROUP 1 2, 3 VIL Pins OE, TOI 1 2, 3 Power Supply Rejection Ratio PSRR1 V+ = +10V, +20V V- = -15V 1 2, 3 PSRR2 V- = -10V, -20V V+ = +15V 1 2, 3 Power Supply Current +ICC VIN = 0V, RL = 1k 1 2, 3 -ICC VIN = 0V, RL = 1k 1 2, 3 NOTES: 1. Inverting (FB) input is a low impedance point; Bias Current and Offset Current are not specified for this terminal. 2. DC Voltage Gain = 1 -------------------------Gain Error , for all Gain Error conditions. TEMPERATURE +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC MIN 2.0 2.0 50 50 50 50 -16 -22 MAX 0.8 0.8 16 22 UNITS V V V V dB dB dB dB mA mA mA mA
R F -------------------------- , RF = 250, for all Gain Error conditions. Gain Error 4. Please refer to the Truth Table in the Applications Information section. 3. DC Transimpedance =
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS Table 2 Intentionally Left Blank. See AC Specifications in Table 3
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS Device Characterized at: V+ = VC+ = +15V, V- = VC - = -15V, R L = 1k , AV = +1, R F = 250, CL 10pF, OE = 0.8V, TOI = 0.8V or 2.0V, Unless Otherwise Specified. LIMITS PARAMETERS Slew Rate SYMBOL +SR -SR Rise and Fall Time TR TF Full Power Bandwidth FPBW CONDITIONS VOUT = 0V to +10V VOUT = 0V to -10V VOUT = 0V to +200mV, VOUT = 0V to -200mV VPEAK = 2V NOTES 1, 2 1, 2 1, 2 1, 2 1, 3 TEMPERATURE +25oC +25oC +25oC +25oC +25oC MIN 1000 1000 79.5 MAX 7.0 7.0 UNITS V/s V/s ns ns MHz
3
HA-5004/883
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued) Device Characterized at: V+ = VC+ = +15V, V- = VC - = -15V, R L = 1k , AV = +1, R F = 250, CL 10pF, OE = 0.8V, TOI = 0.8V or 2.0V, Unless Otherwise Specified. LIMITS PARAMETERS Quiescent Power Consumption NOTES: 1. Parameters listed in Table 3 are controlled via design or process parameters and are not directly tested at final production. These parameters are lab characterized upon initial design release, or upon design changes. These parameters are guaranteed by characterization based upon data from multiple production runs which reflect lot to lot and within lot variation. 2. Measured between 10% and 90% points. 3. Full Power Bandwidth guarantee based on Slew Rate measurement using FPBW = Slew Rate/(2VPEAK). 4. Power Consumption based upon Quiescent Supply Current test maximum. SYMBOL PC CONDITIONS VIN = 0V NOTES 1, 4 TEMPERATURE -55oC to +125oC MIN MAX 660 UNITS mW
TABLE 4. ELECTRICAL TEST REQUIREMENTS MIL-STD-883 TEST REQUIREMENTS Interim Electrical Parameters (Pre Burn-In) Final Electrical Test Parameters Group A Test Requirements Groups C & D Endpoints NOTE: 1. PDA applies to Subgroup 1 only. SUBGROUPS (SEE TABLE 1) 1 1 (Note 1), 2, 3 1, 2, 3 1
4
HA-5004/883 Die Characteristics
DIE DIMENSIONS: 63 x 93 x 19 mils 1 mils 1600 x 2370 x 483m 25.4m METALLIZATION: Type: Al, 1% Cu Thickness: 16kA 2kA GLASSIVATION: Type: Nitride (Si3N4) over (Silox, 5% Phos.) Silox Thickness: 12kA 2kA Nitride Thickness: 3.5kA 1.5kA WORST CASE CURRENT DENSITY: 6.6 x 104A/cm 2 SUBSTRATE POTENTIAL (Powered Up): VEE TRANSISTOR COUNT: 64 PROCESS: Bipolar Dielectric Isolation
Metallization Mask Layout
HA-5004/883
OE
TOI GND
TOL
V+ -BAL
IN
FB
+BAL
V-
VC-
VC+
OUT
5


▲Up To Search▲   

 
Price & Availability of HA1-5004883

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X