Part Number Hot Search : 
NCP1399 01362 2N4878 KA2982D WS57C191 KA2982D SP721AB PD638B
Product Description
Full Text Search
 

To Download GNR14D821K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATIONS
PRODUCT TYPE MODEL CITATION REVISION TOTAL PAGES RELEASED DATE
VARISTOR GNR14D K
B01 5 Oct. 13, 2001
PAGE1/5
REVISION HISTORY
NO 1 2 3 4 5 6 7 8 9 10 11 12 REV. DATE Oct. 15, 2001 DCR NO. DESCRIPTION OF CHANGE NEW RELEASE REV. B01
Approved by
Checked by
Edited by
Yu-Chang Huang
Cloud Chen
Andy Chiang
TYPE CITATION SUBJECT
GNR14D K
MODEL DATE
PAGE
2/5
QUALITY APPROVAL and STRUCTURE
REV.
Oct. 13, 2001 B01
1. QUALITY SYSTEM APPROVAL
ISO9001 Certificate of approval No.97-HOU-AQ-1382
2. SAFETY STANDARDS APPROVAL
Standard No. File No. 180K680K 820K181K 201K471K 511K 561K821K 911K182K Approved Approved Approved Approved Approved Approved UL 1414 E181368 UL 1449 E166389 UL 497B E187844 Approved Approved Approved Approved Approved Approved Approved Approved Approved Approved Approved Approved Approved Approved Approved CUL E166389
CSA C22.2 No.1
VDE 42000 5938
LR105317
3. STRUCTURE
NO. 3.1 3.2 3.3 3.4 ITEM Main Material Zinc Oxide GNR, Part number, UL, CSA(or CUL) and VDE recognized component mark, Date code Without dirt and crack, marking should be clear
D(max.) H(max.) T(max.) F 16.5 20.0
DESCRIPTION
Coating Material Epoxy Resin Marking Appearance
(1)
7.5 1.0 0.8 0.1 25.0 3.0
3.5
Dimensions
d L(min.) k(max.)
Unit: mm
(1) See Page 3, Dimensions Table
TYPE CITATION SUBJECT
GNR14D K DIMENSIONS
Part No. 14D180K 14D220K 14D270K 14D330K 14D390K 14D470K 14D560K 14D680K 14D820K 14D101K 14D121K 14D151K 14D181K 14D201K 14D221K 14D241K 14D271K 14D301K 14D331K 14D361K 14D391K 14D431K 14D471K 14D511K 14D561K 14D621K 14D681K 14D751K 14D781K 14D821K 14D911K 14D102K 14D112K 14D182K
MODEL DATE
PAGE
3/5
TABLE
Tmax. 3.9 4.1 4.4 3.7 3.9 4.1 4.3 4.1 3.7 3.9 4.1 4.4 3.8 3.9 4.0 4.1 4.2 4.4 4.5 4.7 4.8 5.0 5.2 5.3 5.4 5.7 6.0 6.3 6.4 6.6 6.7 6.9 7.3 11.4 Unit:mm
REV.
Oct. 13, 2001 B01
TYPE CITATION SUBJECT
GNR14D K
MODEL DATE
PAGE
4/5
ELECTRICAL CHARACTERISTICS
REV.
Oct. 13, 2001 B01
4. ELECTRICAL CHARACTERISTICS
N0. ITEM PERFORMANCE TEST METHODS Unless otherwise specified, all tests are made under environmental conditions as given below: Temperature: 535 Relative humidity: 4585 % RH Maximum continuous sine wave(RMS) or DC voltage which may be applied. Voltage across the varistor measured at CmA DC.
VCmA at 85 VCmA at 25 VCmA at 25 x 1 60 x 100
4.0
Standard Conditions
4.1 4.2 4.3
Maximum Allowable Voltage Varistor Voltage Varistor Voltage Temperature Coefficient Max. Clamping Voltage
AC : (2) Vrms DC : (2) V V1mA : (2) V 0 -0.05 %/
4.4
4.5
Rated Power
4.6
Withstanding Surge Current
4.7
Energy
4.8
Surge Life
Peak voltage across the varistor with a specified (2) V at (2) A peak impulse current of 8x 20s waveform. Maximum 5060Hz power which may be loaded (2) W for 1,000 hrs at 85 2 with VCmA/ VCmA 10%. The max. current within the varistor voltage change of less than 10% when one impulse current (8x 20s) applied. (2) A The max. current with a varistor voltage change of less than 10% when two times impulse current (8x 20s) are applied at intervals of 5 minutes. The max. energy absorbed with a varistor voltage (2) Joule change of less than 10% when one impulse(10 x 1000s) is applied. The max. current with a varistor voltage change of less than 10% when 10,000 times impulse (2) A current (8x 20s) are applied at intervals of 20 seconds at room temperature.
(2) See Page 5
TYPE CITATION SUBJECT
GNR14D K
MODEL DATE
PAGE
5/5
ELECTRICAL CHARACTERISTICS
MAXIMUM VARISTOR CLAMPING VOLTAGE VOLTAGE VOLTAGE (MAX.) (V) 1620 2024 2430 3036 3543 4252 5062 6175 7490 90110 108132 135165 162198 185225 198242 216264 247303 270330 297363 324396 351429 387473 423517 459561 504616 558682 612748 675825 702858 738902 8191001 9001100 9901210 17001980 (V) 36 43 53 65 77 93 110 135 135 165 200 250 300 340 360 395 455 505 545 595 650 710 775 845 920 1025 1120 1240 1290 1355 1500 1650 1815 2970 Ip(A) (MAX.) (W) RATED SURGE (8/20s) Itm(A)
1 TIME 2 TIMES
REV.
Oct. 13, 2001 B01
MAXIMUM SURGE ENERGY (10/1000s) Wtm(joule) 5.2 6.3 7.8 9.5 11.0 14.0 16.0 20.0 28.0 35.0 42.0 53.0 65.0 70.0 78.0 84.0 99.0 105.0 115.0 130.0 140.0 155.0 175.0 190.0 190.0 190.0 190.0 210.0 225.0 235.0 255.0 280.0 310.0 510.0 LIFE
PART NUMBER
ALLOWABLE
WATTAGE CURRENT
ACrms(V) DC(V) 14D180K 14D220K 14D270K 14D330K 14D390K 14D470K 14D560K 14D680K 14D820K 14D101K 14D121K 14D151K 14D181K 14D201K 14D221K 14D241K 14D271K 14D301K 14D331K 14D361K 14D391K 14D431K 14D471K 14D511K 14D561K 14D621K 14D681K 14D751K 14D781K 14D821K 14D911K 14D102K 14D112K 14D182K 11 14 17 20 25 30 35 40 50 60 75 95 115 130 140 150 175 190 210 230 250 275 300 320 350 385 420 460 485 510 550 625 680 1000 14 18 22 26 31 38 45 56 65 85 100 125 150 170 180 200 225 250 275 300 320 350 385 410 460 505 560 615 640 670 745 825 895 1465
(A)
10
0.1
2000 1000
90
6000
50
0.6
4500
200
5000
150


▲Up To Search▲   

 
Price & Availability of GNR14D821K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X