Part Number Hot Search : 
G1000 P0300EA MCM2128 FF600 BR13003 ES9008S LG3630 1N756D
Product Description
Full Text Search
 

To Download FP1510SOT89 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Data Sheet
* FEATURES 28 dBm Output Power at 1-dB Compression at 1.8 GHz 19 dB Power Gain at 1.8 GHz 1.0 dB Noise Figure 45 dBm Output IP3 at 1.8 GHz 50% Power-Added Efficiency
FP1510SOT89
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
*
DESCRIPTION AND APPLICATIONS The FP1510SOT89 is a packaged Aluminum Gallium Arsenide / Indium Gallium Arsenide (AlGaAs/InGaAs) pseudomorphic High Electron Mobility Transistor (pHEMT). It utilizes a 0.10 m x 1500 m Schottky barrier gate, defined by electron-beam photolithography. The recessed "mushroom" gate structure minimizes parasitic gate-source and gate resistance. The epitaxial structure and processing have been optimized for reliable high-power applications. The FP1510 also features Si3N4 passivation and is available in die form or in other packages. Typical applications include drivers or output stages in PCS/Cellular amplifiers, WLL and WLAN systems, and other types of wireless infrastructure systems.
*
ELECTRICAL SPECIFICATIONS @ TAmbient = 25C
Parameter Saturated Drain-Source Current LP1510SOT89-1 LP1510SOT89-2 LP1510SOT89-3 Power at 1-dB Compression Power Gain at 1-dB Compression Power-Added Efficiency Noise Figure Output Third-Order Intercept Point Maximum Drain-Source Current Transconductance Gate-Source Leakage Current Pinch-Off Voltage Gate-Source Breakdown Voltage Magnitude Gate-Drain Breakdown Voltage Magnitude frequency=1.8 GHz P-1dB G-1dB PAE NF IP3 IMAX GM IGSO VP |VBDGS| |VBDGD| VDS = 5 V; IDS = 50% IDSS VDS = 5 V; IDS = 50% IDSS VDS = 5 V; IDS = 50% IDSS; PIN = 15 dBm VDS = 5 V; IDS = 50% IDSS VDS = 5V; IDS = 50% IDSS; PIN = -1 dBm VDS = 2 V; VGS = 1 V VDS = 2 V; VGS = 0 V VGS = -5 V VDS = 2 V; IDS = 8 mA IGS = 8 mA IGD = 8 mA -0.25 10 10 300 Symbol IDSS Test Conditions VDS = 2 V; VGS = 0 V 375 451 527 26.5 17 420 490 560 28 19 50 1.0 45 925 400 10 -1.2 12 13 100 -2.0 450 526 600 mA mA mA dBm dB % dB dBm mA mS A V V V Min Typ Max Units
Phone: (408) 988-1845 Fax: (408) 970-9950
http:// www.filss.com
Revised: 2/26/02 Email: sales@filss.com
Preliminary Data Sheet
* ABSOLUTE MAXIMUM RATINGS
Parameter Drain-Source Voltage Gate-Source Voltage Drain-Source Current Gate Current RF Input Power Channel Operating Temperature Storage Temperature Total Power Dissipation Symbol VDS VGS IDS IG PIN TCH TSTG PTOT Test Conditions TAmbient = 22 3 C TAmbient = 22 3 C TAmbient = 22 3 C TAmbient = 22 3 C TAmbient = 22 3 C TAmbient = 22 3 C -- TAmbient = 22 3 C
FP1510SOT89
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
Min
Max 7 -3 IDSS 7 220 175
Units V V mA mA mW C C W
-65
175 2.3
Notes: * Operating conditions that exceed the Absolute Maximum Ratings could result in permanent damage to the device. * Power Dissipation defined as: PTOT (PDC + PIN) - POUT, where PDC: DC Bias Power PIN: RF Input Power POUT: RF Output Power * Absolute Maximum Power Dissipation to be de-rated as follows above 25C: PTOT= 2.3W - (0.015W/C) x TPACK where TPACK = source tab lead temperature.
This PHEMT is susceptible to damage from Electrostatic Discharge. Proper precautions should be used when handling these devices.
*
HANDLING PRECAUTIONS To avoid damage to the devices care should be exercised during handling. Proper Electrostatic Discharge (ESD) precautions should be observed at all stages of storage, handling, assembly, and testing. These devices should be treated as Class 1A (0-500 V). Further information on ESD control measures can be found in MIL-STD-1686 and MIL-HDBK-263. APPLICATIONS NOTES & DESIGN DATA Applications Notes are available from your local Filtronic Sales Representative or directly from the factory. Complete design data, including S-parameters, noise data, and large-signal models are available on the Filtronic web site.
*
Phone: (408) 988-1845 Fax: (408) 970-9950
http:// www.filss.com
Revised: 2/26/02 Email: sales@filss.com
Preliminary Data Sheet
* PACKAGE OUTLINE
(dimensions in inches)
FP1510SOT89
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
All information and specifications are subject to change without notice. Phone: (408) 988-1845 Fax: (408) 970-9950 http:// www.filss.com Revised: 2/26/02 Email: sales@filss.com


▲Up To Search▲   

 
Price & Availability of FP1510SOT89

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X