Part Number Hot Search : 
PS4011 C3788 SD101 DSS5320T S30S90CR 2SC3649 S30S90CR Z32RD751
Product Description
Full Text Search
 

To Download FDG326P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDG326P
January 2001
FDG326P
P-Channel 1.8V Specified PowerTrench MOSFET
General Description
This P-Channel 1.8V specified MOSFET uses Fairchild's advanced low voltage PowerTrench process. It has been optimized for battery power management applications.
Features
* -1.5 A, -20 V. RDS(ON) = 140 m @ VGS = -4.5 V RDS(ON) = 180 m @ VGS = -2.5 V RDS(ON) = 250 m @ VGS = -1.8 V
Applications
* Battery management * Load switch
* Low gate charge * High performance trench technology for extremely low RDS(ON) * Compact industry standard SC70-6 surface mount package
1
6
2
5
3
4
SC70-6
Absolute Maximum Ratings
Symbol
VDSS VGSS ID PD TJ, TSTG Drain-Source Voltage Gate-Source Voltage Drain Current - Continuous - Pulsed
TA=25oC unless otherwise noted
Parameter
Ratings
-20 8
(Note 1a)
Units
V V A W C
-1.5 -6 0.75 0.48 -55 to +150
Power Dissipation for Single Operation
(Note 1a) (Note 1b)
Operating and Storage Junction Temperature Range
Thermal Characteristics
RJA Thermal Resistance, Junction-to-Ambient
Note 1b)
260
C/W
Package Marking and Ordering Information
Device Marking .26 Device FDG326P Reel Size 7'' Tape width 8mm Quantity 3000 units
2001 Fairchild Semiconductor Corporation
FDG326P Rev D(W)
FDG326P
Electrical Characteristics
Symbol
BVDSS BVDSS TJ IDSS IGSSF IGSSR
TA = 25C unless otherwise noted
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage, Forward Gate-Body Leakage, Reverse
(Note 2)
Test Conditions
VGS = 0 V, ID = -250 A ID = -250 A, Referenced to 25C VDS = -16 V, VGS = 0 V VGS = 8 V, VDS = 0 V VGS = -8 V, VDS = 0 V VDS = VGS, ID = -250 A ID = -250 A, Referenced to 25C VGS = -4.5 V, ID = -1.5 A VGS = -2.5 V, ID = -1.3 A VGS = -1.8 V, ID = -0.8 A VGS = -4.5 V, ID = -1.5 A, TJ = 125C VGS = -4.5 V, VDS = -5 V VDS = -5 V, ID = -1.5 A
Min
-20
Typ
Max Units
V
Off Characteristics
-12 -1 100 -100 mV/C A nA nA
On Characteristics
VGS(th) VGS(th) TJ RDS(on)
Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient Static Drain-Source On-Resistance
-0.4
-0.9 2 105 140 210 125
-1.5
V mV/C
140 180 250 200
m
ID(on) gFS
On-State Drain Current Forward Transconductance
-6 5.3
A S
Dynamic Characteristics
Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance
(Note 2)
VDS = -10 V, V GS = 0 V, f = 1.0 MHz
467 85 38
pF pF pF
Switching Characteristics
td(on) tr td(off) tf Qg Qgs Qgd IS VSD Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
VDD = -10 V, ID = 1 A, VGS = -4.5 V, RGEN = 6
8 13 18 8
16 23 32 16 7
ns ns ns ns nC nC nC
VDS = -10 V, ID = -1.5 A, VGS = -4.5 V
4.4 1.0 0.8
Drain-Source Diode Characteristics and Maximum Ratings
Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage VGS = 0 V, IS = -0.62 A
(Note 2)
-0.62 -0.75 -1.2
A V
Notes: 1. RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RJC is guaranteed by design while RCA is determined by the user's board design. a.) b.) 170C/W when mounted on a 1 in2 pad of 2 oz. copper. 260C/W when mounted on a minimum pad.
2. Pulse Test: Pulse Width < 300s, Duty Cycle < 2.0%
FDG326P Rev D(W)
FDG326P
Typical Characteristics
6 -3.0V -2.5V RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE VGS = -4.5V 5 -ID, DRAIN CURRENT (A) 4 3 -1.8V 2 1 0 0 0.5 1 1.5 2 2.5 -VDS, DRAIN-SOURCE VOLTAGE (V)
2.5 2.25 VGS = -1.8V 2 1.75 1.5 1.25 1 0.75 0 1 2 3 4 5 6 -ID, DRAIN CURRENT (A) -2.0V
-2.0V
-2.5V -3.0V -4.5V
-1.5V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with Drain Current and Gate Voltage.
0.35 RDS(ON), ON-RESISTANCE (OHM)
1.4 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE 1.3 1.2 1.1 1 0.9 0.8 0.7 -50 -25 0 25 50 75 100
o
ID = -1.5A VGS = -4.5V
ID = -0.8 A 0.3
0.25
0.2 TA = 25oC
TA = 125oC
0.15 0.1
125
150
0.05 1 2 3 4 5 -VGS, GATE TO SOURCE VOLTAGE (V)
TJ, JUNCTION TEMPERATURE ( C)
Figure 3. On-Resistance Variation with Temperature.
6 VDS = -5V 5 -ID, DRAIN CURRENT (A) 4 3 2 1 0 0.5 1 1.5 2 2.5 -VGS, GATE TO SOURCE VOLTAGE (V) -IS, REVERSE DRAIN CURRENT (A) TA = -55oC 125oC 25 C
o
Figure 4. On-Resistance Variation with Gate-to-Source Voltage.
10 VGS = 0V 1 TA = 125oC 25oC 0.1 -55oC
0.01
0.001 0.2 0.4 0.6 0.8 1 1.2 -VSD, BODY DIODE FORWARD VOLTAGE (V)
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature.
FDG326P Rev D(W)
FDG326P
Typical Characteristics
5 -VGS, GATE-SOURCE VOLTAGE (V) ID = -1.5A 4 CAPACITANCE (pF) -15V 3 VDS = -5V -10V
700 600 500 400 300 200 100 COSS CRSS CISS f = 1MHz VGS = 0 V
2
1
0 0 1 2 3 4 5 6 Qg, GATE CHARGE (nC)
0 0 5 10 15 20 -VDS, DRAIN TO SOURCE VOLTAGE (V)
Figure 7. Gate Charge Characteristics.
100 30
Figure 8. Capacitance Characteristics.
SINGLE PULSE RJA = 260oC/W -ID, DRAIN CURRENT (A) 10 RDS(ON) LIMIT 1ms POWER (W) 1 VGS = -4.5V SINGLE PULSE RJA = 260oC/W TA = 25oC 0.01 0.1 1 10 100 -VDS, DRAIN-SOURCE VOLTAGE (V) 0 0.0001 DC 10ms 100ms 1s 0.1 18 100s 24 TA = 25oC
12
6
0.001
0.01
0.1
1
10
100
SINGLE PULSE TIME (SEC)
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum Power Dissipation.
r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE
1
D = 0.5 0.2
RJA(t) = r(t) + RJA RJA = 260 C/W P(pk)
0.1
0.1 0.05 0.02 0.01
0.01
SINGLE PULSE
t1 t2 TJ - TA = P * RJA(t) Duty Cycle, D = t1 / t2
0.001 0.0001
0.001
0.01
0.1
1
10
100
1000
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b. Transient themal response will change depending on the circuit board design.
FDG326P Rev D(W)
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
DISCLAIMER
FAST (R) FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM
OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench (R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER (R)
SMART STARTTM STAR*POWERTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET (R)
VCXTM
STAR*POWER is used under license
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life systems which, (a) are intended for surgical implant into support device or system whose failure to perform can the body, or (b) support or sustain life, or (c) whose be reasonably expected to cause the failure of the life failure to perform when properly used in accordance support device or system, or to affect its safety or with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. H4


▲Up To Search▲   

 
Price & Availability of FDG326P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X