Part Number Hot Search : 
QS3390 CM683 LM2904DT 215DH HZK11A 1A313 00BGC 2SC18
Product Description
Full Text Search
 

To Download DMO063 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series DO, DMO
1-3.0 Amp * 60 Vdc * DC Output MINI-SIP
* Compact for High Density PCB M ount * DC Control, DC Output * Bipolar (DO) or M OSFET (DM O) Output * 3-10 Vdc Logic Compatible Input * Crydom's Patented Design
CURRENT DERATING CURVES
LOAD CURRENT (AMPS) 1.0 0.8 0.6 0.4 0.2 0 20 40 60 80
AMBIENT TEMPERATURE (1/4C)
SPST-NO DC output relays in epoxycoated packages utilize the popular .10" grid lead spacing. They are available with either bipolar transistor output (DO), or the DMO063 with MOSFET output rated at 3A/60 VDC. Manufactured in Crydom's ISO 9002 Certified facility for optimum product performance and reliability.
MODEL NO. INPUT SPECIFICATIONS
Control Voltage Range Nominal Input Impedance Typical Input Current @ 5 Vdc Must Turn On Voltage Must Turn Off Voltage
DO061A
DO061B
DM O063
3.0-9.0 Vdc 270 Ohm 15 mAdc 3.0 Vdc 1.0 Vdc 3-60 Vdc
1.7-9.0 Vdc 270 Ohm 15 mAdc 1.7 Vdc 0.8 Vdc 3-60 Vdc
3.0-10.0 Vdc 200 Ohm 20 mAdc 3.0 Vdc 1.0 Vdc 0-60 Vdc 0-3.0 Adc 12.0 Adc(10 ms) 100 Adc 0.4 Vdc
OUTPUT SPECIFICATIONS
Operating Voltage Range Load Current Range Max. Surge Current
DO Max. Load Current vs. Temp.
3 LOAD CURRENT (AMPS)
.02-1.0 Adc 5.0 Adc (1 Sec) 200 Adc 1.5 Vdc 50 sec 150 sec
2
Max.Off-State Leakage @ Rated Voltage Max. On-State Voltage Drop @ Rated Current
1
Max.Turn-On Time Max. Turn-Off TIme
50 sec 50 sec
50 sec 300 sec 2500 Vrms 109 Ohm 8.0 pF -30 to 80C -30 to 125C
0 20 40 60 80
AMBIENT TEMPERATURE (1/4C)
GENERAL SPECIFICATIONS
Dielectric Strength
DMO Max. Load Current vs. Temp.

Insulation Resistance (Min.) @ 500 Vdc DO
.950 (24.1) .400 (10.2) MAX. .200 (5.1)
4000 Vrms 109 Ohm 8.0 pF -30 to 80C -30 to 125C 0.15 oz. (4.3 g)
DMO
Max. Capacitance (Input/Output) Ambient Operating Temperature Range Ambient Storage Temperature Range
.500 (12.7) LOAD CONTROL .250 (6.3)
M ECHANICAL SPECIFICATIONS
Weight: (typical) Encapsulation:
Thermally Conductive Epoxy
(c)2002 CRYDOM CORP, Specifications subject to change without notice.
1
2
3
4
GENERAL NOTES
.015 (0.4) .015 (0.4)
.030 (0.8)
.100 (2.5) .500 (12.7) .700 (17.8)
PIN PIN PIN PIN
1: 2: 3: 4:
+DC LOAD -DC LOAD +DC CONTROL -DC CONTROL

All parameters at 25C unless otherwise specified. Typical On-State Resistance = .13 Dielectric and insulation resistance are measured between input and output. Inductive loads should be diode suppressed.
FastFax Document No. 104 SERIES DO, DMO Rev. 021202 PAGE 1 OF 1
For recommended applications and more information contact: USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540 Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154 Email: sales@crydom.com WEB SITE: http://www.crydom.com UK: +44 (0)1202 365070 * FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com. GERMANY: +49 (0)180 3000 506


▲Up To Search▲   

 
Price & Availability of DMO063

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X