Part Number Hot Search : 
CPC5611 8631ZBD3 70N04 LC5556LD FS8308 QPF7N65C TD62503F 1805517
Product Description
Full Text Search
 

To Download DF1510S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Genenal Purpose Bridge Rectifier
COMCHIP
www.comchip.com.tw
DF15005S Thru DF1510S
Glass Passivated Type Reverse Voltage: 50 - 1000 Volts Forward Current: 1.5 Amp
Features
Ideal for surface mount applications Easy pick and place Plastic package has Underwriters Lab. flammability classification 94V-0 Low forward voltage drop Glas passivated junction
DF-S
0.310(7.9) + 0.255(6.5) ~ ~ 0.245(6.2) 0.290(7.4)
0.013(0.33) 0.047(1.2) 0.039(1.0) 0.003(0.08) 0.425(10.8) 0.400(10.2) 0.347(8.8) 0.60(1.5) 0.40(1.0) 0.134(3.4) 0.118(3.0)
Mechanical data
Case: Molded plastic, DF-S Terminals: solderable per MIL-STD-750, method 2026 Polarity: Marked on body Mounting position: Any Approx. Weight:1.0 gram
0.322(8.2)
0.205(5.2) 0.197(5.0) Dimension in inches and (millimeters)
Maximum Ratings and Electrical Characterics
Parameter Max. Repetitive Peak Reverse Voltage Max. DC Blocking Voltage Max. RMS Voltage Peak Surge Forward Current 8.3ms single half sine-wave superimposed on rate load ( JEDEC method ) Max. Average Forward Current Max. Instantaneous Forward Current at 1.5 A Max. DC Reverse Current at Rated DC Blocking Voltage Ta=25 C Ta=125 C Max. Thermal Resistance (Note 1) Operating Junction Temperature Storage Temperature Symbol DF15005S DF1501S DF1502S DF1504S DF1506S DF1508S DF1510S VRRM VDC VRMS IFSM 50 50 35 100 100 70 200 200 140 400 400 280 600 600 420 800 800 560 1000 1000 700
Unit
V V V A
50
Io VF IR R
1.5 1.1
A V uA
10 500 40 -55 to +150 -55 to +150
JA
C/W C C
Tj TSTG
Note 1: Thermal resistance from junction to ambient.
MDS0301001A
Page 1
SMD Genenal Purpose Bridge Rectifier
COMCHIP
www.comchip.com.tw
Rating and Characteristic Curves (DF15005S thru DF1510S)
Fig. 1 - Reverse Characteristics
100 10
Fig.2 - Forward Characteristics
Reverse Current ( uA )
10
Forward Current ( A )
Tj=25 C
1.0
1.0
0.1
0.1
0.01
0.01
0
20
40
60
80
100
120
140
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Percent of Rated Peak Reverse Voltage (%)
Forward Voltage (V)
Fig. 3 - Non Repetitive Forward Surge Current
50
2.1
8.3mS Single Half Sine Wave JEDEC methode
Fig. 4 - Current Derating Curve
Peak Surge Forward Current ( A )
40
Average Forward Current ( A )
1.8 1.5 1.2 0.9 0.6 0.3 0
Single Phase Half wave 60Hz Resistive or inductive Load
30 Tj=25 C 20
10
0
1
5
10
50
1 00
0
25
50
75
100
125
150
175
Number of Cycles at 60Hz
Ambient Temperature ( C)
Fig. 5 - Typical Juction Capacitance
100
Capacitance ( pF )
10
1 0.1 1.0 10 100
Reverse Voltage (V)
MDS0302001A
Page 2


▲Up To Search▲   

 
Price & Availability of DF1510S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X