Part Number Hot Search : 
C105Z ENA13 D720112 2SD314D MMBT5401 2SA838 C105Z D4448
Product Description
Full Text Search
 

To Download CDRH8D43 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS

CDRH8D28
8.3MAX.
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONSTRUCTION
3.0MAX.
6.3
1.2
8.3MAX.
2.5
6.1 10.1
2.0
( 2.5H - 100H )
CDRH8D38
8.3MAX.
DIMENSIONS (mm)
LAND PATTERNS (mm)
2.8
CONSTRUCTION
4.0MAX.
6.3
1.2
8.3MAX.
2.5
2
1
6.1 10.1
2.0
( 1.8H - 100H )
CDRH8D43
8.3MAX.
DIMENSIONS (mm)
LAND PATTERNS (mm)
2.8
CONSTRUCTION
4.5MAX.
6.3
1.2
8.3MAX.
2.5
6.1 10.1
2.0
( 2.0H - 100H )
CDRH8D43/HP
8.3MAX.
DIMENSIONS (mm)
LAND PATTERNS (mm)
2.8
CONSTRUCTION
4.7MAX.
6.3
1.2
8.3MAX.
2.5
6.1 10.1
2.0
( 1.2H - 68H )
CDRH8D58/LD
8.3MAX.
DIMENSIONS (mm)
LAND PATTERNS (mm)
2.8
CONSTRUCTION
6.0MAX.
(11.0) 6.3
1.2
8.3MAX.
2.5
6.1 10.1
2.0
( 2.8H - 100H )
2.8
POWER INDUCTORS

TYPE : CDRH8D28, CDRH8D38
CDRH8D28
Parts No. L (H) D.C.R.() : Max.(Typ.) 1R8 2R5 3R3 3R5 4R7 6R0 7R3 100 150 220 330 470 680 101 1.8 2.5 3.3 3.5 4.7 6.0 7.3 10 15 22 33 47 68 100 39.0m( 30m) 47.0m( 36m) 69.0m( 53m) 99.0m( 76m) 156m(120m) 195m(150m) 286m(220m) 430m(330m) 2.80 2.50 1.90 1.60 1.30 1.15 920m 750m 3.40 3.20 2.35 1.85 1.45 1.30 980m 800m 48m( 38 m) 67m( 53 m) 105m( 84 m) 157m(125 m) 189m(151 m) 290m(232 m) 410m(328 m) 3.00 2.75 2.30 1.75 1.52 1.30 1.05 2.60 2.30 1.88 1.52 1.28 1.10 880m 3.20 2.50 2.00 1.60 1.42 1.08 880m 24.7m( 19m) 3.40 4.50 15.6m( 12m) 18.2m( 14m) 4.50 4.00 6.40 6.00 24m( 19 m) 29m( 23 m) 32m( 25 m) 5.00 4.60 4.20 4.40 4.00 3.50 5.20 4.40 4.00 Saturation Rated Current (A) *C Temperature Rise Current (Typ.)(A) *IV D.C.R.() : Max.(Typ.) 15.6m( 12.5m) 17.5m( 14 m)
CDRH8D38
Saturation Rated Current (A) *C 20 c 7.00 6.50 105 c 6.20 5.50 Temperature Rise Current (Typ.)(A) *IV 6.80 6.00
Tolerance of Inductance Measuring Freq. (L) CDRH8D28 2.5H - 100H 30% (N) CDRH8D28 100kHz CDRH8D38 1.8H - 100H 30% (N) CDRH8D38 100kHz Other *C Saturation Rated Current : The current when the inductance becomes 35% lower than its nominal value.(Ta=20 C) *C *IV Temperature Rise Current (Typ.) : The actual current when temperature of coil becomes T=40 C. (Ta=20 C) *IV About Lead-free products Lead-free products are now available for sale To order a lead-free product, please add"NP" after the product type:
e.g. Ordering code of lead product: Type nameOrdering code of lead-free product: Type name NP
TYPE : CDRH8D43, CDRH8D43/HP, CDRH8D58/LD
CDRH8D43
Parts No. L (H) D.C.R.() : Max.(Typ.) Saturation Rated Current (A) *C Temperature Rise Rated Current (A) * I D.C.R.() : Max.(Typ.) 16.5m(12.3m) 14m( 11m) 7.0 5.5 19.5m(15.9m) 8.6 7.0 5.1 15.0m( 12m) 19m( 15m) 22m( 17m) 5.9 5.6 4.5 4.1 27.0m(20.7m) 6.2 5.2 3.9 17.5m( 14m) 20.0m( 16m) 25m( 20m) 36m( 29m) 53m( 42m) 75m( 60m) 125m(100m) 150m(120m) 240m(190m) 360m(290m) 4.4 4.0 2.9 2.6 2.2 1.8 1.5 1.3 3.9 3.2 2.3 1.8 1.4 1.3 1.0 800m 36.0m(31.2m) 53.0m(44.4m) 75.0m(64.4m) 125m( 103m) 150m( 123m) 238m( 183m) 363m( 294m) 5.6 4.3 3.7 3.0 2.5 2.0 1.6 4.5 3.5 2.9 2.4 2.0 1.6 1.4 3.3 2.5 2.0 1.5 1.4 1.2 800m 25.6m(20.5m) 36.3m(29.0m) 45.3m(36.2m) 65.3m(52.2m) 90.5m(72.4m) 130m( 104m) 175m( 140m) 2.6 2.3 1.7 1.5 1.2 1.0 800m 2.2 1.9 1.4 1.3 1.0 900m 700m 4.5 3.6 3.3 2.7 2.2 1.7 1.4 3.8 3.3 3.1 2.7 6.0 5.5 16.3m( 13m) 4.7 4.1 4.0 3.5 6.9 6.3
CDRH8D43/HP
Saturation Rated Current (A) *C 20 c 12.6 100 c 10.8 Temperature Rise Current (Typ.)(A) *IV 5.6 D.C.R.() : Max.(Typ.)
CDRH8D58/LD
Saturation Rated Current (A) *C 20 c 100 c Temperature Rise Current (Typ.)(A) *IV
1R2 2R0 2R7 2R8 3R9 4R7 5R0 6R2 6R8 100 150 220 330 470 680 101
1.2 2.0 2.7 2.8 3.9 4.7 5.0 6.2 6.8 10 15 22 33 47 68 100
Measuring Freq. (L) 100kHz CDRH8D43 CDRH8D43/HP 100kHz CDRH8D58/LD 100kHz Tolerance of Inductance 2.0H - 100H 30% (N) CDRH8D43 CDRH8D43/HP 1.2H - 68H 30% (N) CDRH8D58/LD 2.8H - 100H 30% (N) Other *C Saturation Rated Current : The current when the inductance becomes 35% lower than its nominal value.(Ta=20 C) *C * I Temperature Rise Rated Current : The current when temperature of coil increases up to Max.T=40 C. (Ta=20 C) *I *IV Temperature Rise Current (Typ.) : The actual current when temperature of coil becomes T=40 C. (Ta=20 C) *IV About Lead-free products Lead-free products are now available for sale To order a lead-free product, please add"NP" after the product type:
e.g. Ordering code of lead product: Type nameOrdering code of lead-free product: Type name NP


▲Up To Search▲   

 
Price & Availability of CDRH8D43

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X