Part Number Hot Search : 
2SA111 NTE713 1N5938B PD040 ALFY455 MAX106 TISP314 HC404
Product Description
Full Text Search
 

To Download BZX6VX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 w
w
w Low reverse current level
Very high stability Low noise
0.5Max
Available with tighter tolerances
CATHODE MARK
Applications
Voltage stabilization
T j =25 C
Parameter Power dissipation Junction temperature Storage temperature range Symbol P Tj Value
TStg
Marking
Example:
COS
6V8
w
w
w
.D
t a
S a
500 175 -65~175
e h
Unit mW C C
0.5Max
Type Color Code
DO-35 Black
26.0Min
Absolute Maximum Rating
t e
U 4
.c
m o
3.9Max
26.0Min
2.0Max
ta Features: a D .Very sharp reverse characteristic
SILICON et he S
4U
.
om c
ZENER DIODE EPITAXIAL PLANAR TYPE
Unit in: mm
Zener Voltage at 6.8V normal
Cathode Mark
w
w
w
.D
at
Sh a
et e
4U
.
om c
TEL:(852) 23413351 FAX:(852)27978275 WEB SITE:http://www.daiwahk.com
ELECTRICAL CHARACTERISTICS(Ta=25 C)
Zener Volage at Iz=5mA Vz(v) MAX. MIN. BZX2V0 BZX2V2 BZX2V4 BZX2V7 BZX3V0 BZX3V3 BZX3V6 BZX3V9 BZX4V3 BZX4V7 BZX5V1 BZX5V6 BZX6V2 BZX6V8 BZX7V5 BZX8V2 BZX9V1 BZX10 BZX11 BZX12 BZX13 BZX15 BZX16 BZX18 BZX20 BZX22 BZX24 BZX27 BZX30 BZX33 BZX36 BZX39
Note:
1. Zener Voltage is measured 40ms after electricity charging. 2. Data valid provided that leads are kept at ambient temperature at a distance of 8mm from case. VF=1V MAX (at IF=100mA) 3. Special Voltage accuracy will be provided upon request at different pricing.
TEL:(852) 23413351 FAX:(852)27978275 WEB SITE:http://www.daiwahk.com
Dynamic resistance at Iz=5mA f=1KHz Rzj(W) MAX. 100 100 100 110 120 120 120 120 120 100 70 40 30 25 25 20 20 20 20 25 25 25 25 30 30 30 35 45 55 65 75 85 at Iz=5mA f=1KHz Rzj(W) MAX. 1000 1000 1000 1000 1000 1000 1100 1200 1200 1200 1200 900 500 150 120 120 120 120 120 110 110 110 150 150 200 200 200 250 250 250 250 250
Type
Temp coeff of Zener volt at Iz=5mA AVz(%/ C) Typ -0.075 -0.075 -0.070 -0.070 -0.070 -0.065 -0.055 -0.035 -0.030 -0.020 0.010 0.035 0.035 0.040 0.052 0.055 0.055 0.060 0.060 0.065 0.065 0.070 0.070 0.075 0.080 0.080 0.085 0.090 0.092 0.092 0.095 0.095
Reverse Current at Ta=25 C IR( A) MAX. VR(v)= 120 120 120 100 50 20 10 5 5 5 5 5 5 2 0.5 0.5 0.5 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.7 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.5 2.5 3.0 3.5 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 15.0 17.0 19.0 21.0 23.0 25.0 27.0 30.0
Admissible Zener current
Iz(mA) MAX. 165 155 145 135 130 120 110 100 90 85 78 70 64 58 53 48 43 40 36 33 30 26 25 22 20 18 16 14 13 12 11 10
2.10 2.31 2.52 2.83 3.15 3.46 3.78 4.09 4.51 4.93 5.35 5.88 6.51 7.14 7.87 8.61 9.55 10.50 11.55 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 31.50 34.65 37.80 40.90
1.90 2.09 2.28 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.89 6.46 7.13 7.79 8.65 9.50 10.45 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 25.65 28.50 31.35 34.20 37.05
Series
Main Characteristic
10-2 HZ12B2 HZ16-2 HZ9B2 HZ20-2 HZ24-2 HZ30-2 HZ2B2 HZ4B 2 HZ6B 2 HZ36-2 35
10-3
10-4
10-5
10-6
10-7
10-8 0
5
10
15
20
25
30
40
Zener Voltage V z (V) Fig.1 Zener current Vs. Zener voltage
0.10 0.08 0.06 0.04 0.02 0 Zener Voltage -0.02 -0.04 -0.06 -0.08 -0.10 0 5 10
50 40 30 20 10 Zener Voltage 0 -10 -20 -30 -40 -50 15 20 25 30 35 40
500
5mm
Power Dissipation Pb (mW)
2.5mm
400
3mm
Printed circuit board 100X180X1.6t mm Quality: paper phenol
300
200
100
0 0 50 100 150 200
Ambient Temperature Ta ( C) Fig.3 Power Dissipation Vs. Ambient Temperature
Zener Voltage Vz (V) Fig.2 Temperature Coefficient Vs. Zener voltage
TEL:(852) 23413351 FAX:(852)27978275 WEB SITE:http://www.daiwahk.com


▲Up To Search▲   

 
Price & Availability of BZX6VX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X