Part Number Hot Search : 
BR1060CT SMN7105 1N4936GP LC87F BDX53BG AP430 AAT250 AP430
Product Description
Full Text Search
 

To Download BL8506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL8506
High-precision Low Voltage Detector Outline:
BL8506 is a series of high precision voltage detector with ultra low current consumption (500nA typ. at Vdd=3.0V). It can work at very low voltage, which makes it perfect for system reset. BL8506 is composed of high precision voltage reference, comparator, output driver and resistor array. Internally preset detect voltage has a low temperature drift and requires no external trimming. Two type of output, CMOS and N-channel open-drain are available. BL8506 is available in SOT-89-3,SOT-23-3 TO92, SOT23-5 packages which is Pb free.
Features
* * * * * *
High-precision detection Voltage 2% Detection Voltage 0.9V~6.0V (in 0.1V steps) Precise hysteresis 4% typ. Operating Voltage range 0.7V~10V Ultra-low current consumption 500nA typ. (at VDD1/2 3.0V) Two Output forms CMOS and N-channel open-drain
Application
* * * * *
Power monitor for portable equipment such as PDA,DSC,Mobile phone,Notebook,MP3 CPU and Logic Circuit Reset Battery Checker Battery Back-up Circuit Power Failure Detector
Selection Guide BL8506-XX X XX
Pin Assignment
Package Type RM SOT-23-3 RN SOT-23-5 SM SOT-89-3 T TO-92 Default Pb Free(c)
Output Type N Nch Open-drain C CMOS
Detector Voltage 09- 0.9V 30- 3.0V 50- 5.0V 60- 6.0V www.belling.com.cn Ver1.1 1
BL8506
Pin Description:
PIN Number
SOT-89-3 1 2 3 TO-92 3 1 2 SOT-23-3 1 3 2 SOT-23-5 1 2 3 4 5
PIN Name
VOUT VDD VSS NC NC
Function
Voltage detection output Pin Voltage input Pin GND Pin No connection No connection
Product Classification:
Product Name BL8506-XXNRM BL8506-XXNRN BL8506-XXNSM BL8506-XXNT BL8506-XXCRM BL8506-XXCRN BL8506-XXCSM BL8506-XXCT Detector Voltage XX V XX V XX V XX V XX V XX V XX V XX V Output Type Nch Open-Drain Nch Open-Drain Nch Open-Drain Nch Open-Drain CMOS CMOS CMOS CMOS Package SOT-23-3 SOT-23-5 SOT-89-3 TO-92 SOT-23-3 SOT-23-5 SOT-89-3 TO-92
Product Mark Information:
Product NO. Mark
BL8506-09CSM BL8506-20CT BL8506-27CSM BL8506-30CT BL8506-09NRM BL8506-21NRN BL8506-27CRM BL8506-30CRM -
BL8506-09C BL8506-20C BL8506-27C BL8506-30C N609 N621 C627 C630 -
SOT-89-3 TO-92
Example BL8506-30NSM
SOT-23-5 SOT-23-3
Example BL8506-30CRM
BL8506 N30XX
C630
www.belling.com.cn
Ver1.1
2
BL8506
Block diagram:
N channel open-drain Absolute Maximum Ratings
CMOS output
Input Voltage range -------------------------------------------------------------------------------------0.3V~12V Output Voltage range-----------------------------------------------------------------------------------0.3V~12V Maximum Output current -----------------------------------------------------------------------------70mA Maximum power dissipation -------------------------------------------------------------------------150mW Ambient temperature ---------------------------------------------------------------------------------- -40~+70C Storage temperature----------------------------------------------------------------------------------- -40~125C Lead temperature and time --------------------------------------------------------------------------260C,10S
Recommended Work Conditions
Item Input Voltage range Ambient temperature Min 0.7 -40 Recommended 25 Max 10 70 unit V ae
Electrical Characteristics
*
BL8506-09C/NXX 0.9V(c) Parameter Detector Threshold Detector Threshold Hysteresis Current consumption Maximum operating voltage Minimum Operating voltage Output current Conditions
(Topt1/2 25ae
,Unless otherwise specified.) Reference data Typ. Max. 0.9 0.918 0.036 1 0.054 1.5 10 0.5 Unit V V uA V V mA
Symbol -VDET VHYS ISS VDDH VDDL IOUT
Min. 0.882 0.018
VDD=2.9V
Nch VDS=0.05V VDD=0.7V VDS=0.50V VDD=0.8V
0.01 0.05
0.05 0.50
www.belling.com.cn
Ver1.1
3
BL8506
Pch VDS=-2.1V VDD=4.50V TPLH Output Delay Time (Topt1/2 25ae Conditions mA 20 ,Unless otherwise specified.) Reference data Typ. Max. 2.7 2.754 0.108 0.5 0.162 1 10 0.5 Nch VDS=0.05V VDD=0.70V Pch VDS=-2.1V VDD=4.50V Unit V V uA V V mA 0.01 0.05 mA 1.0 2.0 20 (Topt1/2 25ae Conditions ,Unless otherwise specified.) Reference data Typ. Max. 3.0 3.06 0.12 0.5 0.18 1 10 0.5 Nch VDS=0.05V Unit V V uA V V mA 0.01 1.0 0.05 2.0 20 (Topt1/2 25ae Conditions ,Unless otherwise specified.) Reference data Typ. Max. 3.4 3.468 0.136 0.204 Unit V V mA uS uS uS
1.0
2.0
*
BL8506-27C/NXX 2.7V(c) Parameter Detector Threshold Detector Threshold Hysteresis Current consumption Maximum operating voltage Minimum Operating voltage
Symbol -VDET VHYS ISS VDDH VDDL
Min. 2.646 0.054
VDD=4.7V
IOUT
Output current
TPLH
Output Delay Time
*
BL8506-30C/NXX 3.0V(c) Parameter Detector Threshold Detector Threshold Hysteresis Current consumption Maximum operating voltage Minimum Operating voltage
Symbol -VDET VHYS ISS VDDH VDDL
Min. 2.94 0.060
VDD=5.0V
IOUT
Output current
VDD=0.7V
Pch VDS=-2.1V VDD=4.50V TPLH Output Delay Time
*
BL8506-34C/NXX 3.4V(c) Parameter Detector Threshold Detector Threshold
Symbol -VDET VHYS
Min. 3.332 0.068
www.belling.com.cn
Ver1.1
4
BL8506
Hysteresis Current consumption Maximum operating voltage Minimum Operating voltage
ISS VDDH VDDL
VDD=5.0V
0.5
1 10
uA V V mA
0.5 Nch VDS=0.05V
IOUT
Output current
VDD=0.7V
0.01 1.0
0.05 2.0 20 mA uS
Pch VDS=-2.1V VDD=4.50V TPLH Output Delay Time (Topt1/2 25ae Conditions
*
BL8506-44C/NXX 4.4V(c) Parameter Detector Threshold Detector Threshold Hysteresis Current consumption Maximum operating voltage Minimum Operating voltage
,Unless otherwise specified.) Unit V V uA V V mA 0.01 1.5 0.05 3.0 20 mA uS
Symbol -VDET VHYS ISS VDDH VDDL
Reference data Min. Typ. Max. 4.312 4.4 4.488 0.088 0.176 0.5 0.264 1 10 0.5
VDD=6.4V
IOUT
Output current
Nch VDS=0.05V Pch VDS=-2.1V
VDD=0.7V VDD=8.0V
TPLH
Output Delay Time
www.belling.com.cn
Ver1.1
5
BL8506
Electrical Characteristics By Detector Threshold
Detector Threshold Part Number Min. BL8506-09XXX BL8506-10XXX BL8506-11XXX BL8506-12XXX BL8506-13XXX BL8506-14XXX BL8506-15XXX BL8506-16XXX BL8506-17XXX BL8506-18XXX BL8506-19XXX BL8506-20XXX BL8506-21XXX BL8506-22XXX BL8506-23XXX BL8506-24XXX BL8506-25XXX BL8506-26XXX BL8506-27XXX BL8506-28XXX BL8506-29XXX BL8506-30XXX BL8506-31XXX BL8506-32XXX BL8506-33XXX BL8506-34XXX BL8506-35XXX BL8506-36XXX BL8506-37XXX BL8506-38XXX BL8506-39XXX BL8506-40XXX BL8506-41XXX BL8506-42XXX BL8506-43XXX BL8506-44XXX BL8506-45XXX BL8506-46XXX BL8506-47XXX BL8506-48XXX BL8506-49XXX BL8506-50XXX BL8506-51XXX BL8506-52XXX BL8506-53XXX BL8506-54XXX BL8506-55XXX BL8506-56XXX BL8506-57XXX BL8506-58XXX BL8506-59XXX BL8506-60XXX 0.882 0.980 1.078 1.176 1.274 1.372 1.470 1.568 1.666 1.764 1.862 1.960 2.058 2.156 2.254 2.352 2.450 2.548 2.646 2.744 2.842 2.940 3.038 3.136 3.234 3.332 3.430 3.528 3.626 3.724 3.822 3.920 4.018 4.116 4.214 4.312 4.410 4.508 4.606 4.704 4.802 4.900 4.998 5.096 5.194 5.292 5.390 5.488 5.586 5.684 5.782 5.880 -Vdet[V] Typ. 0.900 1.000 1.100 1.200 1.300 1.400 1.500 1.600 1.700 1.800 1.900 2.000 2.100 2.200 2.300 2.400 2.500 2.600 2.700 2.800 2.900 3.000 3.100 3.200 3.300 3.400 3.500 3.600 3.700 3.800 3.900 4.000 4.100 4.200 4.300 4.400 4.500 4.600 4.700 4.800 4.900 5.000 5.100 5.200 5.300 5.400 5.500 5.600 5.700 5.800 5.900 6.000 Max. 0.918 1.020 1.122 1.224 1.326 1.428 1.530 1.632 1.734 1.836 1.938 2.040 2.142 2.244 2.346 2.448 2.550 2.652 2.754 2.856 2.958 3.060 3.162 3.264 3.366 3.468 3.570 3.672 3.774 3.876 3.978 4.080 4.182 4.284 4.386 4.488 4.590 4.692 4.794 4.896 4.998 5.100 5.202 5.304 5.406 5.508 5.610 5.712 5.814 5.916 6.018 6.120 Min. 0.018 0.020 0.022 0.024 0.026 0.028 0.030 0.032 0.034 0.036 0.038 0.040 0.042 0.044 0.046 0.048 0.050 0.052 0.054 0.056 0.058 0.060 0.062 0.064 0.066 0.068 0.070 0.072 0.074 0.076 0.078 0.080 0.082 0.084 0.086 0.088 0.090 0.092 0.094 0.096 0.098 0.100 0.102 0.104 0.106 0.108 0.110 0.112 0.114 0.116 0.118 0.120 Detector Threshold Hysteresis Vhys[V] Typ. 0.036 0.040 0.044 0.048 0.052 0.056 0.060 0.064 0.068 0.072 0.076 0.080 0.084 0.088 0.092 0.096 0.100 0.104 0.108 0.112 0.116 0.120 0.124 0.128 0.132 0.136 0.140 0.144 0.148 0.152 0.156 0.160 0.164 0.168 0.172 0.176 0.180 0.184 0.188 0.192 0.196 0.200 0.204 0.208 0.212 0.216 0.220 0.224 0.228 0.232 0.236 0.240 Max. 0.054 0.060 0.066 0.072 0.078 0.084 0.090 0.096 0.102 0.108 0.114 0.120 0.126 0.132 0.138 0.144 0.150 0.156 0.162 0.168 0.174 0.180 0.186 0.192 0.198 0.204 0.210 0.216 0.222 0.228 0.234 0.240 0.246 0.252 0.258 0.264 0.270 0.276 0.282 0.288 0.294 0.300 0.306 0.312 0.318 0.324 0.330 0.336 0.342 0.348 0.354 0.360 0.5 1.0 Vdd= (-Vdet) +0.1V 0.5 1.0 Vdd= (-Vdet) +2V 1.0 1.5 Supply Current1 Iss1[uA] Condition Typ. Max. Supply Current2 Iss2[uA] Condition Typ. Max.
www.belling.com.cn
Ver1.1
6
BL8506
Output Minimum Detector Threshold Delay Operating Temperature Time Voltage Coefficient Iout1[mA] Iout2[mA] TPLH[us] VDDL[V] -VDET/Tppm/C Condition Min. Typ. Condition Min. Typ. Max. Typ. Max. Condition Typ. Output Current1 Output Current2
Vdd=0.85V Vdd=1.0V
0.1 0.2
0.5 1.0
NCH, VDS=0.05V, 0.01 0.05 VDD=0.7V
NCH, VDS=0.5V VDD=1.5V 1.0 2.0
20
0.5
0.7
-40C Topt 85C
100
www.belling.com.cn
Ver1.1
7
BL8506
Function description:
Comparator
High precision low temperature co-efficiency reference voltage is applied to the negative input of a comparator. Input voltage, divided by resistor array of Ra Rb and Rc, is applied to the positive input of the comparator. Output of the comparator controls a pair of NMOS and PMOS switches, generating the hysteresis. Output of the comparator passes a series of buffer to drive the output CMOS pair. + VDET - VDET VHYS can be calculated as follows:
- VDET =VREF*(1+Ra/(Rb+Rc)) + VDET =VREF*(1+(Ra+Rd)/Rb)= VREF *(1+(Ra+Rc)/Rb) VHYS=+ VDET -(- VDET)= VREF*(Ra+Rb+Rc)(1/Rb-1/(Rb+Rc))
www.belling.com.cn
Ver1.1
8
BL8506
No.
I II III IV V
Operation status
VDD>-VDET VDD drops below - VDET VDD drops further below VDDL VDD rises above VDDL VDD rises above + VDET
Output status Output voltage is equal to the supply voltage Output voltage equals to GND level Output voltage is undefined Output voltage equals to GND level Output voltage equals to supply voltage VHYS=(+
VDET)-(- VDET)
www.belling.com.cn
Ver1.1
9
BL8506
Test circuits
1(c) Supply current test circuit 2(c) Detector threshold test circuit
3(c)
NCH Drive Output Current Test Circuit
4(c)
PCH Drive Output Current Test Circuit
www.belling.com.cn
Ver1.1
10
BL8506
Typical Performance Characteristics
1) Output voltage VS. Input voltage
Detector threshold= 0.9V -40C(c) 1.4 Output voltage (V) 1.2 1 0.8 0.6 0.4 0.2 0 0.5 0.7 0.9 1.1 1.3 1.5 Input voltage (V)
Vin(high to low) Vin(low to high)
Detector threshold= 0.9V 25C(c) 1.4 Output voltage (V) 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.5 0.7 0.9 1.1 1.3 1.5 Input voltage (V)
Vin(high to low) Vin(low to high)
Detector threshold= 0.9V 70C(c) 1.4 Output voltage (V) 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.5 0.7 0.9 1.1 1.3 1.5 Input voltage (V)
Vin(high to low) Vin(low to high)
Detector threshold=2.7V
-40C(c)
Detector threshold=2.7V 25C(c) 3.0 Output voltage (V)
Detector threshold=2.7V 3.0 Output voltage (V) 2.5 2.0 1.5 1.0 0.5 0.0 2.3 2.5 2.7
70C(c)
3.0 Output voltage (V) 2.5 2.0 1.5 1.0 0.5 0.0 2.3
Vin(high to low) Vin(low to high)
2.5 2.0 1.5 1.0 0.5 0.0 2.3
Vin(high to low) Vin(low to high)
Vin(high to low) Vin(low to high)
2.5
2.7
2.9
3.1
2.5
2.7
2.9
3.1
2.9
3.1
Input voltage (V)
Input voltage (V)
Input voltage (V)
Detector threshold=3.0V
-40C(c)
Detector threshold=3.0V 25C(c)
Detector threshold=3.0V
70C(c)
Output voltage (V)
Output voltage (V)
2.5 2.0 1.5 1.0 0.5 0.0 2.6
Output voltage (V)
3.0
Vin(h igh to low) Vin(l ow to high)
3.0 2.5 2.0 1.5 1.0 0.5 0.0 2.6
Vin(hi gh to low) Vin(lo w to high)
3.0 2.5 2.0 1.5 1.0 0.5 0.0 2.6
Vin(hig h to low) Vin(low to high)
2.8
3.0
3.2
3.4
2.8
3.0
3.2
3.4
2.8
3.0
3.2
3.4
Input voltage (V)
Input voltage (V)
Input voltage (V)
www.belling.com.cn
Ver1.1
11
BL8506
Detector threshold=4.4V -40C(c) Detector threshold=4.4V 25C(c) Detector threshold=4.4V 70C(c)
Output voltage (V)
Output voltage (V)
Output voltage (V)
4.0 3.0 2.0 1.0 0.0 4.0
Vin(hi gh to low) Vin(lo w to high)
4.0 3.0 2.0 1.0 0.0
Vin(hi gh to low) Vin(lo w to high)
4.0 3.0 2.0 1.0 0.0
Vin(hi gh to low) Vin(lo w to high)
4.2
4.4
4.6
4.8
4.0
4.2
4.4
4.6
4.8
4.0
4.2
4.4
4.6
4.8
Input voltage (V)
Input voltage(V)
Input voltage (V)
2) Supply current VS. Input voltage
Detector threshold= 0.9V 1.E-05 Supply current (A) Supply current(A) 1.E-05 Detector threshold=2.7V
1.E-06 -40C 1.E-07 25C 70C 1.E-08 0 1 2 3 4 5 6 Input voltage (V)
1.E-06
1.E-07
-40C 25C 70C
1.E-08 0 1 2 3 4 5 6 Input voltage (V)
Detector threshold=3.0V 1.E-05
Detector threshold=4.4V 1.E-05 Supply current (A)
Supply current(A)
1.E-06
1.E-06
1.E-07
-40C 25C 70C
1.E-07
-40C 25C 70C
1.E-08 0 1 2 3 4 5 6 Input voltage (V)
1.E-08 0 1 2 3 4 5 6 Input voltage (V)
www.belling.com.cn
Ver1.1
12
BL8506
3) Detector Threshold Hysteresis VS. Temperature
Detector threshold= 0.9V 0.95 0.94 0.93 0.92 0.91 0.90 0.89 0.88 0.87 0.86 0.85 -50 -30 -10 10 30 50 70 90 Temperature (C) 2.78 Detector threshold(V) 2.74 2.70 2.66 2.62 2.58 2.54 -50 -30 -10 10 30 50 70 90 Temperature(C)
Detector threshold=2.7V
Detector threshold (V)
Detector threshold=3.0V
3.04 Detector threshold(V)
Detector threshold=4.4V 4.50 4.48 Detector threshold(V) 4.46 4.44 4.42 4.40 4.38 4.36 4.34 4.32 4.30 -50 -30 -10 10 30 50 70 90 Temperature(C)
3.02 3.00 2.98 2.96 2.94 2.92 2.90 -50 -30 -10 10 30 50 70 90 Temperature(C)
www.belling.com.cn
Ver1.1
13
BL8506
4(c) Nch Driver Output Current VS. VDS
BL8506-09CXX
BL8506-27CXX 1.20E-02 1.00E-02 Output current A) 8.00E-03 6.00E-03 4.00E-03 2.00E-03 0.00E+00 0.00 VDD=1.0V VDD=2.0V 0.50 1.00 1.50 2.00 2.50
8.00E-04 7.00E-04 Output current A) 6.00E-04 5.00E-04 4.00E-04 3.00E-04 2.00E-04 1.00E-04 0.00E+00 0.00 0.20 0.40 VDS (V) VDD=0.7V VDD=0.8V 0.60 0.80
VDS (V)
BL8506-30CXX 1.20E-02 1.00E-02 A) 8.00E-03 6.00E-03 4.00E-03 2.00E-03 0.00E+00 0.00 VDD=1.0V VDD=2.0V 0.50 1.00 1.50 2.00 2.50 A) 2.50E-02 2.00E-02 1.50E-02 1.00E-02 5.00E-03 0.00E+00 0.00
BL8506-44CXX
Output current
Output current
VDD=1.0V VDD=2.0V VDD=3.0V 1.00 2.00 VDS (V) 3.00 4.00
VDS (V)
www.belling.com.cn
Ver1.1
14
BL8506
5(c) NCH Driver Output Current vs. Input Voltage
Detector threshold=2.7V
1.E-02 Output Current Iout (A) -40C 25C 8.E-03 75C 1.E-02 Output Current Iout (A)
Detector threshold=3.0V
-40C 25C 8.E-03 75C
4.E-03
4.E-03
0.E+00 0 1 2 3 Input Voltage Vin (V)
0.E+00 0 1 2 3 Input Voltage Vin (V)
6(c)
PCH Driver Output Current vs. Input Current
Detector threshold=0.9V Detector threshold=2.7V
20.0 Output Current Iout mA(c) VDS=0.5V VDS=0.7V 15.0 10.0 5.0 0.0 0 2 4 Input Voltage Vin V(c) 6 8 0 1 2 3 4 V(c) 5 6 7 Input Voltage Vin VDS=0.5V VDS=1.0V VDS=1.5V VDS=2.0V
8.0 Output Current Iout(mA) 6.0 4.0 2.0 0.0
Detector threshold=4.4V
25.0 Output Current Iout mA(c) 20.0 15.0 10.0 5.0 0.0 0 2 4 6 V(c) 8 10 Input Voltage Vin VDS=0.5V VDS=1.0V VDS=1.5V VDS=2.0V
www.belling.com.cn
Ver1.1
15
BL8506
Typical applications Note
1. R0 is unnecessary for CMOS output products. 2. The value of R0 need to be selected in different application, Typical value is 470k|
www.belling.com.cn
Ver1.1
16


▲Up To Search▲   

 
Price & Availability of BL8506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X