Part Number Hot Search : 
NTX1N 224SH E91034 100LVE 26K035AT MP9942GJ 27FR2 SA532
Product Description
Full Text Search
 

To Download BC33825 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC337/338
BC337/338
Switching and Amplifier Applications
* Suitable for AF-Driver stages and low power output stages * Complement to BC327/BC328 TO-92
1
1. Collector 2. Base 3. Emitter
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings Ta=25C unless otherwise noted
Symbol VCES Parameter Collector-Emitter Voltage : BC337 : BC338 Collector-Emitter Voltage : BC337 : BC338 Emitter-Base Voltage Collector Current (DC) Collector Power Dissipation Junction Temperature Storage Temperature Value 50 30 45 25 5 800 625 150 -55 ~ 150 Units V V V V V mA mW C C
VCEO
VEBO IC PC TJ TSTG
Electrical Characteristics Ta=25C unless otherwise noted
Symbol BVCEO Parameter Collector-Emitter Breakdown Voltage : BC337 : BC338 Collector-Emitter Breakdown Voltage : BC337 : BC338 Emitter-Base Breakdown Voltage Collector Cut-off Current : BC337 : BC338 DC Current Gain Collector-Emitter Saturation Voltage Base Emitter On Voltage Current Gain Bandwidth Product Output Capacitance Test Condition IC=10mA, IB=0 Min. 45 25 IC=0.1mA, VBE=0 50 30 IE=0.1mA, IC=0 VCE=45V, IB=0 VCE=25V, IB=0 VCE=1V, IC=100mA VCE=1V, IC=300mA IC=500mA, IB=50mA VCE=1V, IC=300mA VCE=5V, IC=10mA, f=50MHz VCB=10V, IE=0, f=1MHz 100 12 100 60 5 2 2 100 100 630 0.7 1.2 V V MHz pF V V V nA nA Typ. Max. Units V V
BVCES
BVEBO ICES
hFE1 hFE2 VCE (sat) VBE (on) fT Cob
hFE Classification
Classification hFE1 hFE2 16 100 ~ 250 6025 160 ~ 400 10040 250 ~ 630 170-
(c)2002 Fairchild Semiconductor Corporation
Rev. A2, August 2002
BC337/338
Package Dimensions
TO-92
4.58 -0.15
+0.25
0.46
14.47 0.40
0.10
4.58 0.20
1.27TYP [1.27 0.20] 3.60
0.20
1.27TYP [1.27 0.20]
0.38 -0.05
+0.10
3.86MAX
1.02 0.10
0.38 -0.05
+0.10
(R2.29)
(0.25)
Dimensions in Millimeters
(c)2002 Fairchild Semiconductor Corporation Rev. A2, August 2002
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FACTTM ActiveArrayTM FACT Quiet seriesTM BottomlessTM FAST(R) FASTrTM CoolFETTM CROSSVOLTTM FRFETTM GlobalOptoisolatorTM DOMETM EcoSPARKTM GTOTM E2CMOSTM HiSeCTM EnSignaTM I2CTM Across the board. Around the world.TM The Power FranchiseTM Programmable Active DroopTM DISCLAIMER
ImpliedDisconnectTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM
PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SILENT SWITCHER(R) SMART STARTTM
SPMTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET(R) VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2002 Fairchild Semiconductor Corporation
Rev. I1


▲Up To Search▲   

 
Price & Availability of BC33825

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X